Part Number Hot Search : 
WP711 B1322BG1 D1005 AD8110 34PN100 W78LE516 5545G LA2730
Product Description
Full Text Search
 

To Download OA180AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  o o a a 1 1 8 8 0 0 a a p p s s e e r r i i e e s s frame diecast aluminum oper ating t emper atur e b al l b earing -20c ~ +80c li f e expectancy ball bearing 60,000 hours (l10 at 40c) impeller pbt , ul94v -o plastic connection 2x lead wires 20 awg or terminals motor capacitor drive, impedance and thermally protected bearing system dual ball i nsulation resistance >100m ohm between lead - wire and frame (500vdc) dielectric strength 1 min at 1500 v ac, 50/60hz rohs compliant 10557 metric drive dal las, texas 75243 214-340-0265 orionfans.com information and data is subject to change without prior notification. ac fan - 115v, 230v 180 x 89mm (7.1x 3.5? part number OA180AP-11-1 * OA180AP-22-1 * nominal ac v ol tage 115 230 v ol tage range 60 ~ 130 v ac 120 ~ 260 v ac r ated power (50/60 hz) 70 w 70 w rpm (50/60 hz) 3350 3350 airflow - cfm (50/60 hz) 375 375 noise lev el - db (50/60 hz) 62 62 max. static pressure 0.86 2 o 0.86 2 o * indicate b?or terminal or ?bfo wire leads www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of OA180AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X