Part Number Hot Search : 
2SA1774 RU206G LTC3808 RS1A02 BD910 MCL10 PT821 DSW96213
Product Description
Full Text Search
 

To Download LRGSCK515-CW-B-E024V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c arling t echnologies ? 11 www.carlingtech.com dielectric strength ul/csa: 1000v - live to dead metal parts & opposite polarity electrical life 50,000 cycles mechanical life 100,000 cycles operating temperature -40? to 185? (-40? to 85?) lrg-series double pole rocker & paddle switches the double pole version of the r-series incorporates the same sleek lines as the original curvette, in a double pole envelope. this illuminated version features silver-plated butt-action contacts with ratings to 20a/125, 15a 250vac and withstand peak inrush currents up to 100 amps. clear or translucent style rocker actuators and a choice of solder lug, .250 tab and wire lead terminations enable this switch to adapt to high current applications within the power supply, appliance, exercise equipment and music equipment industries. lrg-series double pole rocker & paddle switches 1 base part number: series/circuitry/rating 1 /termination 15a 250 vac, 20a 125 vac, 3/4 hp 125-250 vac solder lugs .250 tabs wire leads standard base off-none on lrgsck610 lrgsck611 lrgsck615 european base (22 x 30 mm cutout) off-none on (single pole) lrgsek610 lrgsek611 lrgsek615 15a 6-24 v 3 standard base off-none on lrgsck510 lrgsck511 lrgsck515 european base (22 x 30 mm cutout) off-none on (single pole) lrgsek510 lrgsek511 lrgsek515 r b 250n / 4 bezel color/style 4 bezel color/style 4 bezel color 1 b black w white 2 actuator style r rocker (translucent) c rocker (clear) 6 lamp voltage 4 bezel color/style lrgsck611 1 base part number s notes 1 additional ratings, colors and clear style actuators are available. consult factory. 2 incandescent lamps must specify 15a 24v rating only. 3a vailable with incandescent lamps only. 4 clear color provided where specified with clear style rocker. 5a vailable with clear style rocker only. terminal type solder lug wire lead .275[6.99] 1.125[28.58] .500[12.70] 6.000[152.40] .187[4.75] .125[3.18] x .150[3.81] .784[19.91] 1.072[27.23] .866[22.00] test cut hole in a ctual material test cut hole in a ctual material +.004[.10] -.000[.00] lrgsc lrgse mounting hole p anel thickness: .025 min - .187 max. specific cutout dimension range dependent on panel thickness and material. rgse rgsc 1.176[29.87] 1.070[27.17] 1.180[29.97] .725[18.42] .375[9.53] 1.086[27.58] 1.145[29.08] .080[2.03] 1.240[31.50] .215[5.46] 1.181[30.00] .872[22.15] 1.000[25.4] +.000[.00] -.004[.10] .250[6.35] .250 tab (q.c.) 3 actuator color a amber b 3,5 blue c 4 white/clear g 5 green l 3 lime green p yellow r red (clear) s red w pale red 6 lamp voltage 2 006v 6v incandescent 012v 12v incandescent 018v 18v incandescent 024v 24v incandescent 125n 125v neon 250n 250v neon 3 actuator color 2 actuator style b - - - 5 rocker legend 5 rocker legend hot stamp no legend 0 off-on vertical a off-on horizontal b i-o horizontal d i-o vertical e dual off-on , i-o vertical h dual off-on , i-o horizontal j


▲Up To Search▲   

 
Price & Availability of LRGSCK515-CW-B-E024V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X