http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.4.30 inductors (coils) > chip inductor (chip coil) > for high frequency film type 0.6 0.03 0.3 0.03 0.3 0.03 0.15 0.05 (in mm) polarity marking 0.6 to 56nh 68 to 120nh colored side polarity marking colored side 0.6 0.03 0.3 0.03 0.3 0.03 0.15 0.05 chip inductor (chip coil) for high frequency film type lqp03t_02 series (0201 size) dimensions packaging code packaging minimum quantity d 180mm paper tape 15000 j 330mm paper tape 50000 b bulk(bag) 500 rated value ( p : packaging code) part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) operating temperature range lqp03tn0n6b02 p 0.6nh 0.1nh 500mhz 850ma 0.07ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn0n6c02 p 0.6nh 0.2nh 500mhz 850ma 0.07ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn0n7b02 p 0.7nh 0.1nh 500mhz 800ma 0.08ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn0n7c02 p 0.7nh 0.2nh 500mhz 800ma 0.08ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn0n8b02 p 0.8nh 0.1nh 500mhz 800ma 0.08ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn0n8c02 p 0.8nh 0.2nh 500mhz 800ma 0.08ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn0n9b02 p 0.9nh 0.1nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn0n9c02 p 0.9nh 0.2nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n0b02 p 1.0nh 0.1nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n0c02 p 1.0nh 0.2nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n1b02 p 1.1nh 0.1nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n1c02 p 1.1nh 0.2nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n2b02 p 1.2nh 0.1nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n2c02 p 1.2nh 0.2nh 500mhz 750ma 0.10ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n3b02 p 1.3nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n3c02 p 1.3nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n4b02 p 1.4nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n4c02 p 1.4nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n5b02 p 1.5nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n5c02 p 1.5nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n6b02 p 1.6nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n6c02 p 1.6nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n7b02 p 1.7nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n7c02 p 1.7nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.4.30 inductors (coils) > chip inductor (chip coil) > for high frequency film type part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) operating temperature range lqp03tn1n8b02 p 1.8nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n8c02 p 1.8nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n9b02 p 1.9nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn1n9c02 p 1.9nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n0b02 p 2.0nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n0c02 p 2.0nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n1b02 p 2.1nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n1c02 p 2.1nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n2b02 p 2.2nh 0.1nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n2c02 p 2.2nh 0.2nh 500mhz 600ma 0.15ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n3b02 p 2.3nh 0.1nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n3c02 p 2.3nh 0.2nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n4b02 p 2.4nh 0.1nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n4c02 p 2.4nh 0.2nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n5b02 p 2.5nh 0.1nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n5c02 p 2.5nh 0.2nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n6b02 p 2.6nh 0.1nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n6c02 p 2.6nh 0.2nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n7b02 p 2.7nh 0.1nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n7c02 p 2.7nh 0.2nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n8b02 p 2.8nh 0.1nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n8c02 p 2.8nh 0.2nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n9b02 p 2.9nh 0.1nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn2n9c02 p 2.9nh 0.2nh 500mhz 500ma 0.20ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n0b02 p 3.0nh 0.1nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n0c02 p 3.0nh 0.2nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n1b02 p 3.1nh 0.1nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n1c02 p 3.1nh 0.2nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n2b02 p 3.2nh 0.1nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n2c02 p 3.2nh 0.2nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n3b02 p 3.3nh 0.1nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n3c02 p 3.3nh 0.2nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n4b02 p 3.4nh 0.1nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n4c02 p 3.4nh 0.2nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n5b02 p 3.5nh 0.1nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n5c02 p 3.5nh 0.2nh 500mhz 450ma 0.25ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n6b02 p 3.6nh 0.1nh 500mhz 400ma 0.30ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n6c02 p 3.6nh 0.2nh 500mhz 400ma 0.30ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n7b02 p 3.7nh 0.1nh 500mhz 400ma 0.30ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n7c02 p 3.7nh 0.2nh 500mhz 400ma 0.30ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n8b02 p 3.8nh 0.1nh 500mhz 400ma 0.30ohm 14 500mhz 6000mhz -55 to +125 c lqp03tn3n8c02 p 3.8nh 0.2nh 500mhz 400ma 0.30ohm 14 500mhz 6000mhz -55 to +125 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 3 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.4.30 inductors (coils) > chip inductor (chip coil) > for high frequency film type part number inductance test frequency rated current max. of dc resistance q (min.) test frequency self resonance frequency (min.) operating temperature range lqp03tn3n9b02 p 3.9nh 0.1nh 500mhz 400ma 0.30ohm 14 500mhz 5700mhz -55 to +125 c lqp03tn3n9c02 p 3.9nh 0.2nh 500mhz 400ma 0.30ohm 14 500mhz 5700mhz -55 to +125 c lqp03tn4n3h02 p 4.3nh 3% 500mhz 350ma 0.40ohm 14 500mhz 5300mhz -55 to +125 c lqp03tn4n3j02 p 4.3nh 5% 500mhz 350ma 0.40ohm 14 500mhz 5300mhz -55 to +125 c lqp03tn4n7h02 p 4.7nh 3% 500mhz 350ma 0.40ohm 14 500mhz 4400mhz -55 to +125 c lqp03tn4n7j02 p 4.7nh 5% 500mhz 350ma 0.40ohm 14 500mhz 4400mhz -55 to +125 c lqp03tn5n1h02 p 5.1nh 3% 500mhz 350ma 0.40ohm 14 500mhz 4200mhz -55 to +125 c lqp03tn5n1j02 p 5.1nh 5% 500mhz 350ma 0.40ohm 14 500mhz 4200mhz -55 to +125 c lqp03tn5n6h02 p 5.6nh 3% 500mhz 350ma 0.40ohm 14 500mhz 4000mhz -55 to +125 c lqp03tn5n6j02 p 5.6nh 5% 500mhz 350ma 0.40ohm 14 500mhz 4000mhz -55 to +125 c lqp03tn6n2h02 p 6.2nh 3% 500mhz 300ma 0.60ohm 14 500mhz 4000mhz -55 to +125 c lqp03tn6n2j02 p 6.2nh 5% 500mhz 300ma 0.60ohm 14 500mhz 4000mhz -55 to +125 c lqp03tn6n8h02 p 6.8nh 3% 500mhz 300ma 0.60ohm 14 500mhz 3900mhz -55 to +125 c lqp03tn6n8j02 p 6.8nh 5% 500mhz 300ma 0.60ohm 14 500mhz 3900mhz -55 to +125 c lqp03tn7n5h02 p 7.5nh 3% 500mhz 300ma 0.60ohm 14 500mhz 3700mhz -55 to +125 c lqp03tn7n5j02 p 7.5nh 5% 500mhz 300ma 0.60ohm 14 500mhz 3700mhz -55 to +125 c lqp03tn8n2h02 p 8.2nh 3% 500mhz 250ma 0.70ohm 14 500mhz 3600mhz -55 to +125 c lqp03tn8n2j02 p 8.2nh 5% 500mhz 250ma 0.70ohm 14 500mhz 3600mhz -55 to +125 c lqp03tn9n1h02 p 9.1nh 3% 500mhz 250ma 0.70ohm 14 500mhz 3300mhz -55 to +125 c lqp03tn9n1j02 p 9.1nh 5% 500mhz 250ma 0.70ohm 14 500mhz 3300mhz -55 to +125 c lqp03tn10nh02 p 10nh 3% 500mhz 250ma 0.70ohm 14 500mhz 3200mhz -55 to +125 c lqp03tn10nj02 p 10nh 5% 500mhz 250ma 0.70ohm 14 500mhz 3200mhz -55 to +125 c lqp03tn12nh02 p 12nh 3% 500mhz 250ma 0.70ohm 12 500mhz 2900mhz -55 to +125 c lqp03tn12nj02 p 12nh 5% 500mhz 250ma 0.70ohm 12 500mhz 2900mhz -55 to +125 c lqp03tn15nh02 p 15nh 3% 500mhz 250ma 0.70ohm 12 500mhz 2600mhz -55 to +125 c lqp03tn15nj02 p 15nh 5% 500mhz 250ma 0.70ohm 12 500mhz 2600mhz -55 to +125 c lqp03tn18nh02 p 18nh 3% 500mhz 200ma 0.80ohm 12 500mhz 2200mhz -55 to +125 c lqp03tn18nj02 p 18nh 5% 500mhz 200ma 0.80ohm 12 500mhz 2200mhz -55 to +125 c lqp03tn22nh02 p 22nh 3% 500mhz 150ma 1.90ohm 12 500mhz 2200mhz -55 to +125 c lqp03tn22nj02 p 22nh 5% 500mhz 150ma 1.90ohm 12 500mhz 2200mhz -55 to +125 c lqp03tn27nh02 p 27nh 3% 500mhz 140ma 2.30ohm 12 500mhz 2000mhz -55 to +125 c lqp03tn27nj02 p 27nh 5% 500mhz 140ma 2.30ohm 12 500mhz 2000mhz -55 to +125 c lqp03tn33nj02 p 33nh 5% 300mhz 120ma 2.95ohm 9 300mhz 1700mhz -55 to +125 c lqp03tn39nj02 p 39nh 5% 300mhz 120ma 3.00ohm 9 300mhz 1500mhz -55 to +125 c lqp03tn47nj02 p 47nh 5% 300mhz 100ma 3.60ohm 9 300mhz 1300mhz -55 to +125 c lqp03tn56nj02 p 56nh 5% 300mhz 100ma 3.90ohm 9 300mhz 1200mhz -55 to +125 c lqp03tn68nj02 p 68nh 5% 300mhz 50ma 8.00ohm 8 300mhz 1100mhz -40 to +85 c lqp03tn82nj02 p 82nh 5% 300mhz 50ma 10.0ohm 8 300mhz 1000mhz -40 to +85 c lqp03tnr10j02 p 100nh 5% 300mhz 40ma 10.0ohm 8 300mhz 900mhz -40 to +85 c lqp03tnr12j02 p 120nh 5% 300mhz 40ma 12.0ohm 8 300mhz 800mhz -40 to +85 c only for reflow soldering. continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 4 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.4.30 0 20 40 60 80 100 1000 10000 frequency (mhz) q 120nh 82nh 56nh 27nh 3.0nh 10nh 1 10 100 1000 100 1000 10000 frequency (mhz) inductance (nh) 10nh 3nh 56nh 27nh 82nh 120nh inductors (coils) > chip inductor (chip coil) > for high frequency film type q-frequency characteristics (typ.) inductance-frequency characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use. ! caution/notice
|