Part Number Hot Search : 
LG1030 2SB1018A 4X337M00 IS42S164 BCR3AS CT100 12K8EC PER100
Product Description
Full Text Search
 

To Download HYS64T256020EDL-25C4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hys64t128020edl?2.5c4 hys64t256020edl?2.5c4 200-pin so-dimm ddr2 sdram modules so-dimm sdram eu rohs compliant internet data sheet rev. 1.01 november 2008
internet data sheet hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module qag_techdoc_a4, 4.20, 2008-01-25 2 07252008-p1pd-6iz0 we listen to your comments any information within this document that yo u feel is wrong, unclear or missing at all? your feedback will help us to continuous ly improve the quality of this document. please send your proposal (including a reference to this document) to: techdoc@qimonda.com hys64t128020edl?2.5c4, hys64t256020edl?2.5c4 revision history: 2008-11, rev. 1.01 page subjects (major chang es since last revision) 23 updated idd values and adapted to internet edition. previous revision: rev. 1.00, 2008-11 23 added idd values. previous revision: rev. 0.50, 2008-07 all new document.
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 3 07252008-p1pd-6iz0 1 overview this chapter gives an overview of the 200-pin small-outli ne ddr2 sdram modules product family and describes its main characteristics. 1.1 features ? 200-pin pc2-6400 ddr2 sdram memory modules. ? two rank 128m 64, 256m 64 module organization, and 64m 16, 128m 8 chip organization. ? 2-gb, 1-gb modules built with 1-gbit ddr2 sdrams in chipsize packages pg-tfbga-84, pg-tfbga-60. ? standard double-data-rate-two synchronous drams (ddr2 sdram) with a single + 1.8 v ( 0.1 v) power supply. ? all speed grades faster than ddr2-400 comply with ddr2-400 timing specifications. ? programmable cas latencies (3, 4, 5, 6 and 7), burst length (8 & 4). ? auto refresh (cbr) and self refresh. ? auto refresh for temperatures above 85 c t refi = 3.9 s. ? programmable self refres h rate via emrs2 setting. ? programmable partial array refresh via emrs2 settings. ? dcc enabling via emrs2 setting. ? all inputs and outputs sstl_1.8 compatible. ? off-chip driver impedance adjustment (ocd) and on-die termination (odt). ? serial presence detect with e 2 prom. ? so-dimm dimensions (nominal): 30 mm high, 67.6 mm wide ? based on standard reference layouts raw cards 'a' and 'f'. ? rohs compliant products 1) . table 1 performance table 1) rohs compliant product: restriction of the use of certain hazar dous substances (rohs) in el ectrical and electronic equipment as defined in the directive 2002/95/ec issued by the european parliament and of the council of 27 january 2003. these substances include m ercury, lead, cadmium, hexavalent chromium, pol ybrominated biphenyls and polybro minated biphenyl ethers. for more information please vi sit www.qimonda.com/green_products . qag speed code ?2.5 unit note dram speed grade ddr2 ?800e module speed grade pc2 ?6400e cas-rcd-rp latencies 6?6?6 t ck max. clock frequency cl3 f ck3 200 mhz cl4 f ck4 266 mhz cl5 f ck5 333 mhz cl6 f ck6 400 mhz min. ras-cas-delay t rcd 15 ns min. row precharge time t rp 15 ns min. row active time t ras 40 ns min. row cycle time t rc 55 ns precharge-all (8 banks) command period t prea 17.5 ns 1)2) 1) this t prea value is the minimum value at wh ich this chip will be functional.
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 4 07252008-p1pd-6iz0 1.2 description the qimonda hys64t[128/256]020edl?2.5c4 module family are small-outline dimm modules ?so-dimms? with 30 mm height based on ddr2 technology. dimms are available as non-ecc modules in128m 64 (1gb), 256m 64 (2gb) in organization and density, intended for mounting into 200- pin connector sockets. the memory array is designed with 1 gbit double-data- rate-two (ddr2) synchronous drams. decoupling capacitors are mounted on the pcb board. the dimms feature serial presence detect based on a serial e 2 prom device using the 2-pin i 2 c protocol. the first 128 bytes are programmed with configuration da ta and are write protected; the second 128 bytes are available to the customer. table 2 ordering information table 3 address format table 4 components on modules 2) precharge-all command for an 8 bank device will equal to t rp + 1 t ck or t nrp + 1 nck, depending on the speed bin, where t nrp = ru{ t rp / t ck(avg) } and t rp is the value for a single bank precharge. product type 1) 1) for detailed information regarding product type of qimonda pleas e see chapter "product type nomenclature" of this data sheet . compliance code 2) 2) the compliance code is printed on the module label and descr ibes the speed grade, for example "pc2?6400s?666?12?a0" where 640 0s means small-outline dimm modules with 6.40 gb/sec module bandwidth and "666?12" means column address strobe (cas) latency =6, row column delay (rcd) latency = 6 and row precharge (rp) latency = 6 using the industr y standard spd revision 1.2 and produced on the raw card "a". description sdram technology pc2-6400 (6-6-6) hys64t256020edl-2.5c4 2gb 2r 8 pc2?6400s?666?12?f0 2 ranks, non-ecc 1gbit ( 8) hys64t128020edl-2.5c4 1gb 2r 16 pc2?6400s?666?12?a0 2 ranks, non-ecc 1gbit ( 16) dimm density module organization memory ranks ecc/ non-ecc # of sdrams # of row/bank/column bits raw card 2gb 256m 64 2 non-ecc 16 14/3/10 f 1gb 128m 64 2 non-ecc 8 13/3/10 a product type 1)2) 1) green product 2) for a detailed description of all functionalities of the dram components on these modules see the component data sheet. dram components 1) dram density dram organisation hys64t256020edl hyb18t1g800c4f 1gbit 128m 8 hys64t128020edl hyb18t1g160c4f 1gbit 64m 16
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 5 07252008-p1pd-6iz0 2 pin configurations 2.1 pin configurations the pin configuration of the small outline ddr2 sdram dimm is listed by function in table 5 (200 pins). the abbreviations used in columns pin type and buffer type are explained in table 6 and table 7 respectively. the pin numbering is depicted in figure 1 table 5 pin configuration of so-dimm pin no. name pin type buffer type function clock signals 30 ck0 i sstl clock signals 1:0, comple ment clock signals 1:0 the system clock inputs. all address and command lines are sampled on the cross point of the rising edge of ck and the falling edge of ck . a delay locked loop (dll) circuit is driven from the clock inputs and output timing for read operations is synchronized to the input clock. 164 ck1 i sstl 32 ck0 isstl 166 ck1 isstl 79 cke0 i sstl clock enable rank 1:0 activates the ddr2 sdram ck signal when high and deactivates the ck signal when low. by deactivating the clocks, cke low initiates th e power down mode or the self refresh mode. note: 2 ranks module 80 cke1 i sstl nc nc ? not connected note: 1-rank module control signals 110 s0 isstl chip select rank 1:0 enables the associated ddr2 sdram command decoder when low and disables the command decoder when high. when the command decoder is disabled, new commands are ignored but previous operations continue. rank 0 is selected by s0 ; rank 1 is selected by s1 . ranks are also called "physica l banks".2 ranks module 115 s1 isstl nc nc ? not connected note: 1-rank module 108 ras isstl row address strobe when sampled at the cross point of the rising edge of ck, and falling edge of ck , ras , cas and we define the operation to be executed by the sdram. 113 cas isstl column addr ess strobe
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 6 07252008-p1pd-6iz0 109 we isstl write enable address signals 107 ba0 i sstl bank address bus 2:0 selects which ddr2 sdram internal bank of four or eight is activated. 106 ba1 i sstl 85 ba2 i sstl bank address bus 2 greater than 512mb ddr2 sdrams nc nc sstl less than 1gb ddr2 sdrams 102 a0 i sstl address bus 12:0 during a bank activate comma nd cycle, defines the row address when sampled at the cross-point of the rising edge of ck and falling edge of ck . during a read or write command cycle, defines the co lumn address when sampled at the cross point of the risi ng edge of ck and falling edge of ck . in addition to the column address, ap is used to invoke autoprecharge operation at the end of the burst read or write cycle. if ap is high, autoprecharge is selected and ba0-ban defines the bank to be precharged. if ap is low, autoprecharge is disabled. during a precharge command cycle, ap is used in conjun ction with ba0-ban to control which bank(s) to precharge. if ap is high, all banks will be precharged regardless of the st ate of ba0-ban inputs. if ap is low, then ba0-ban are used to define which bank to precharge. 101 a1 i sstl 100 a2 i sstl 99 a3 i sstl 98 a4 i sstl 97 a5 i sstl 94 a6 i sstl 92 a7 i sstl 93 a8 i sstl 91 a9 i sstl 105 a10 i sstl ap isstl 90 a11 i sstl 89 a12 i sstl address signal 12 note: module based on 256 mbit or larger dies 116 a13 i sstl address signal 13 note: 1 gbit based module nc nc ? not connected note: module based on 512 mbit or smaller dies 86 a14 i sstl address signal 14 note: 2 gbit based module nc nc ? not connected note: module based on 1 gbit or smaller dies data signals 5 dq0 i/o sstl data bus 63:0 note: data input / output pins 7 dq1 i/o sstl 17 dq2 i/o sstl 19 dq3 i/o sstl 4 dq4 i/o sstl 6 dq5 i/o sstl 14 dq6 i/o sstl 16 dq7 i/o sstl 23 dq8 i/o sstl pin no. name pin type buffer type function
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 7 07252008-p1pd-6iz0 25 dq9 i/o sstl data bus 63:0 note: data input / output pins 35 dq10 i/o sstl 37 dq11 i/o sstl 20 dq12 i/o sstl 22 dq13 i/o sstl 36 dq14 i/o sstl 38 dq15 i/o sstl 43 dq16 i/o sstl 45 dq17 i/o sstl 55 dq18 i/o sstl 57 dq19 i/o sstl 44 dq20 i/o sstl 46 dq21 i/o sstl 56 dq22 i/o sstl 58 dq23 i/o sstl 61 dq24 i/o sstl 63 dq25 i/o sstl 73 dq26 i/o sstl 75 dq27 i/o sstl 62 dq28 i/o sstl 64 dq29 i/o sstl 74 dq30 i/o sstl 76 dq31 i/o sstl 123 dq32 i/o sstl 125 dq33 i/o sstl 135 dq34 i/o sstl 137 dq35 i/o sstl 124 dq36 i/o sstl 126 dq37 i/o sstl 134 dq38 i/o sstl 136 dq39 i/o sstl 141 dq40 i/o sstl 143 dq41 i/o sstl 151 dq42 i/o sstl 153 dq43 i/o sstl 140 dq44 i/o sstl 142 dq45 i/o sstl 152 dq46 i/o sstl 154 dq47 i/o sstl 157 dq48 i/o sstl pin no. name pin type buffer type function
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 8 07252008-p1pd-6iz0 159 dq49 i/o sstl data bus 63:0 note: data input / output pins 173 dq50 i/o sstl 175 dq51 i/o sstl 158 dq52 i/o sstl 160 dq53 i/o sstl 174 dq54 i/o sstl 176 dq55 i/o sstl 179 dq56 i/o sstl 181 dq57 i/o sstl 189 dq58 i/o sstl 191 dq59 i/o sstl 180 dq60 i/o sstl 182 dq61 i/o sstl 192 dq62 i/o sstl 194 dq63 i/o sstl data strobe signals 13 dqs0 i/o sstl data strobe bus 7:0 and complementary data strobe bus 7:0 the data strobes, associated with one data byte, sourced with data transfers. in writ e mode, the data strobe is sourced by the controller and is centered in the data window. in read mode the data strobe is sourced by the ddr2 sdram and is sent at the leading edge of the data window. dqs signals are complements, and timing is relative to the cross-point of respective dqs and dqs . if the module is to be operated in single ended strobe mode, all dqs signals must be tied on the system board to v ss and ddr2 sdram mode registers programmed appropriately. 11 dqs0 i/o sstl 31 dqs1 i/o sstl 29 dqs1 i/o sstl 51 dqs2 i/o sstl 49 dqs2 i/o sstl 70 dqs3 i/o sstl 68 dqs3 i/o sstl 131 dqs4 i/o sstl 129 dqs4 i/o sstl 148 dqs5 i/o sstl 146 dqs5 i/o sstl 169 dqs6 i/o sstl 167 dqs6 i/o sstl 188 dqs7 i/o sstl 186 dqs7 i/o sstl data mask signals 10 dm0 i sstl data mask bus 7:0 the data write masks, associated with one data byte. in write mode, dm operates as a byte mask by allowing input data to be written if it is low but blocks th e write operation if it is high. in read mode , dm lines have no effect. 26 dm1 i sstl 52 dm2 i sstl 67 dm3 i sstl 130 dm4 i sstl 147 dm5 i sstl 170 dm6 i sstl pin no. name pin type buffer type function
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 9 07252008-p1pd-6iz0 185 dm7 i sstl data mask bus 7:0 eeprom 197 scl i cmos serial bus clock this signal is used to clock data into and out of the spd eeprom and thermal sensor. 195 sda i/o od serial bus data this is a bidirectional pin use to transfer data into and out of the spd eeprom and thermal sensor. a resistor must be connected from sda to v ddspd on the motherboard to act as a pull-up. 198 sa0 i cmos serial address select bus 1:0 address pins used to select the spd and thermal sensor base address. 200 sa1 i cmos 50 event ood event the optional event pin is reserv ed for use to flag critical module temperature and is used in conjunction with thermal sensor. nc - - not connected not connected on modules wi thout temperature sensors. power supplies 1 v ref ai ? i/o reference voltage reference voltage for the sstl-18 inputs. 199 v ddspd pwr ? eeprom power supply power supplies for serial presence detect, thermal sensor and ground for the module. 81,82,87,88,95 ,96,103,104, 111,112,117,118 v dd pwr ? power supply power supplies for core, i/o and ground for the module. 2,3,8,9,12,15,18,21,24,27,28, 33,34,39,40,41, 42,47,48,53, 54,59,60,65,66, 71,72,77,78, 121,122,127,128, 132,133,138,13 9,144,145,149, 150,155,156, 161,162,165,168, 171,172,177, 178,183,184,18 7,190,193,196 v ss gnd ? ground plane power supplies for core, i/o, serial presence detect, thermal sensor and ground for the module. other pins 114 odt0 i sstl on-die termination control 1:0 119 odt1 i sstl on-die termination control 1 asserts on-die termination for dq, dm, dqs, and dqs signals if enabled via the ddr2 sdram mode register. note: 2 rank modules nc nc ? not connected note: 1 rank modules 69,83,84,120,163 nc nc ? not connected pins not connected on qimonda so-dimms pin no. name pin type buffer type function
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 10 07252008-p1pd-6iz0 table 6 abbreviations for pin type table 7 abbreviations for buffer type abbreviation description i standard input-only pin. digital levels. o output. digital levels. i/o i/o is a bidirectional input/output signal. ai input. analog levels. pwr power gnd ground nc not connected abbreviation description sstl serial stub terminated logic (sstl_18) lv-cmos low voltage cmos cmos cmos levels od open drain. the corresponding pin has 2 opera tional states, active lo w and tri-state, and allows multiple devices to share as a wire-or.
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 11 07252008-p1pd-6iz0 figure 1 pin configuration so-dimm (200 pin) 0 3 3 7   3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq              3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q           9 66 '4  '0  '4  9 66 '4   '0  &. 9 66 '4   9 66 9 66 '4 '4  9 66 9 66 &. '4  9 66 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q 3 l q '4  9 66 '0  '4  9 66 '4  '46 9 66 '4  1&&.( 1& 9 '' $ 9 '' $ 9 '' 5$6 9 '' 1&$ 1& '4  9 66 9 66 '4  '4  9 66 '46 '4  9 66 '4  &. 9 66 9 66 '4  '4  9 66 '46 '4  9 66 6$                                         3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    9 66 '4   1& ( 9(17 9 66 '4   '4   9 66 '4 6  '4   9 66 9 '' 1& $  $  $ $ $ %$ 6 2' 7  9 '' 9 66 '4   '0  '4   9 66 '4   '4 6  9 66 '4   '4   9 66 &. '0  '4   9 66 '4   '4 6  9 66 '4   6$                                         3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq              3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq              9 5( ) '4 9 66 '46 '4 9 66 '4 '46 9 66 '4   '4 '46 9 66 '4 '4 9 66 '46 '4   9 66 3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    '4  9 66 '4 6 '4  9 66 '4  '0  9 66 '4  &.( 1& 9 '' $ 9 '' $ 9 '' %$ 9 '' 1& 6 1&2 ' 7  '4  9 66 '4 6 '4  9 66 '4  '0  '4  9 66 '4  1& '4 6 9 66 '4  '4  9 66 9 66 '4  6'$ 9 '' 63'                                         3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    3lq    9 66 '4   '46 9 66 '4   '4   9 66 1& '4   9 66 9 '' 1& % $ $  $ $ $ $   $3 :( &$6 9 '' 9 66 '4   '46 9 66 '4    '4   9 66 9 66 '4   '4   9 66 9 66 '46 '4   9 66 '4   '0  '4   9 66 6&/                                         9 66 ) 5 2 1 7 6 , ' ( % $ & . 6 , ' ( '4 9 66
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 12 07252008-p1pd-6iz0 3 electrical characteristics this chapter contains speed grade definition, ac timing parameter and odt tables. 3.1 absolute maximum ratings attention: stresses greater than those listed under ?abs olute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functi onal operation of the device at these or any other conditions above those indicated in the operational sect ions of this specification is not implied. exposure to absolute maximum rating conditions fo r extended periods may affect reliability. table 8 absolute maximum ratings table 9 environmental requirements symbol parameter rating unit note min. max. v dd voltage on v dd pin relative to v ss ?1.0 +2.3 v 1) 1) when v dd and v ddq and v ddl are less than 500 mv; v ref may be equal to or less than 300 mv. v ddq voltage on v ddq pin relative to v ss ?0.5 +2.3 v v ddl voltage on v ddl pin relative to v ss ?0.5 +2.3 v v in , v out voltage on any pin relative to v ss ?0.5 +2.3 v parameter symbol values unit note min. max. operating temperature (ambient) t opr 0+65 c storage temperature t stg ? 50 +100 c 1) 1) storage temperature is the case surface temperature on the center/top side of the dram. barometric pressure (operating & storage) pbar +69 +105 kpa 2) 2) up to 3000 m. operating humidity (relative) h opr 10 90 % storage humidity (without condensation) h stg 595%
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 13 07252008-p1pd-6iz0 table 10 dram component operating temperature range 3.2 ac & dc operating conditions table 11 dc operating conditions table 12 input and output leakage currents symbol parameter rating unit note min. max. t case operating temperature 0 95 c 1)2)3)4) 1) operating temperature is the case surface te mperature on the center / top side of the dram. 2) the operating temperature range are the temperatures where al l dram specification will be supported. during operation, the dr am case temperature must be maintained between 0 - 95 c under all other specification parameters. 3) above 85 c the auto-refresh command interval has to be reduced to t refi = 3.9 s 4) when operating this product in the 85 c to 95 c t case temperature range, the high temperature self refresh has to be enabled by setting emr(2) bit a7 to ?1?. when the high temperatur e self refresh is enabled there is an increase of i dd6 by approximately 50% symbol parameter rating unit note min. typ. max. v dd supply voltage 1.7 1.8 1.9 v 1) 1) v ddq tracks with v dd . ac parameters are measured with v dd and v ddq tied together. v ddq supply voltage for output 1.7 1.8 1.9 v 1) v ref input reference voltage 0.49 v ddq 0.5 v ddq 0.51 v ddq v 2)3) 2) the value of v ref may be selected by the user to provide optimum noi se margin in the system. typically the value of v ref is expected to be about 0.5 v ddq of the transmitting device and v ref is expected to track variations in v ddq . 3) peak to peak ac noise on v ref may not exceed 2% v ref (dc) v tt termination voltage v ref ? 0.04 v ref v ref + 0.04 v 4) 4) v tt is not applied directly to the device. v tt is a system supply for signal terminati on resistors, is expected to be set equal to v ref , and must track variations in die dc level of v ref . symbol parameter / condi tion min. max. unit note i il input leakage current; any input 0 v < v in < v dd ?2 +2 a 1) 1) all other pins not under test = 0 v i ol output leakage current; 0 v < v out < v ddq ?5 +5 a 2) 2) dq?s, ldqs, ldqs , udqs, udqs , dqs, dqs , rdqs, rdqs are disabled and odt is turned off
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 14 07252008-p1pd-6iz0 table 13 dc & ac logic input levels 3.3 speed grade definitions table 14 speed grade definition 1) timings are guaranteed with ck/ck differential slew rate of 2.0 v/ns. for dqs si gnals timings are guaranteed with a differential slew rate of 2.0 v/ns in differential strobe mode and a slew rate of 1 v/ns in single ended mode. 2) the ck/ck input reference level (for timing reference to ck/ck ) is the point at which ck and ck cross. the dqs / dqs , rdqs / rdqs , input reference level is the crosspoint when in differential strobe mode. 3) inputs are not recognized as valid until v ref stabilizes. during the period before v ref stabilizes, cke = 0.2 x v ddq 4) the output timing reference voltage level is v tt . 5) t ras.max is calculated from the maximum amount of time a ddr2 devic e can operate without a refresh command which is equal to 9 x t refi . symbol parameter ddr2-800 units min. max. v ih.dc dc input logic high v ref + 0.125 v ddq + 0.3 v v il.dc dc input low ?0.3 v ref ? 0.125 v v ih.ac ac input logic high v ref + 0.200 v ddq + v peak v v il.ac ac input low v ssq ? v peak v ref ? 0.200 v speed grade ddr2?800e unit note qag sort name ?2.5 cas-rcd-rp latencies 6?6?6 t ck parameter symbol min. max. ? clock period @ cl = 3 t ck 58ns 1)2)3)4) @ cl = 4 t ck 3.75 8 ns 1)2)3)4) @ cl = 5 t ck 38ns 1)2)3)4) @ cl = 6 t ck 2.5 8 ns 1)2)3)4)5) row active time t ras 40 70k ns 1)2)3)4) row cycle time t rc 55 ? ns 1)2)3)4) ras-cas-delay t rcd 15 ? ns 1)2)3)4) row precharge time t rp 15 ? ns 1)2)3)4)
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 15 07252008-p1pd-6iz0 3.4 component ac timing parameters table 15 dram component timing parameter by speed grade - ddr2?800 parameter symbol ddr2?800 unit note 1)2)3)4)5)6) 7) min. max. dq output access time from ck / ck t ac ?400 +400 ps 8) cas to cas command delay t ccd 2?nck average clock high pulse width t ch.avg 0.48 0.52 t ck.avg 9)10) average clock period t ck.avg 2500 8000 ps cke minimum pulse width ( high and low pulse width) t cke 3?nck 11) average clock low pulse width t cl.avg 0.48 0.52 t ck.avg 9)10) auto-precharge write recovery + precharge time t dal wr + t nrp ?nck 12)13) minimum time clocks remain on after cke asynchronously drops low t delay t is + t ck .avg + t ih ?? ns dq and dm input hold time t dh.base 125 ?? ps 14)18)19) dq and dm input pulse width for each input t dipw 0.35 ? t ck.avg dqs output access time from ck / ck t dqsck ?350 +350 ps 8) dqs input high pulse width t dqsh 0.35 ? t ck.avg dqs input low pulse width t dqsl 0.35 ? t ck.avg dqs-dq skew for dqs & associated dq signals t dqsq ? 200 ps 15) dqs latching rising transition to associated clock edges t dqss ? 0.25 + 0.25 t ck.avg 16) dq and dm input setup time t ds.base 50 ?? ps 17)18)19) dqs falling edge hold time from ck t dsh 0.2 ? t ck.avg 16) dqs falling edge to ck setup time t dss 0.2 ? t ck.avg 16) four activate window for 1kb page size products t faw 35 ? ns 34) four activate window for 2kb page size products t faw 45 ? ns 34) ck half pulse width t hp min( t ch.abs , t cl.abs ) __ ps 20) data-out high-impedance time from ck / ck t hz ? t ac.max ps 8)21) address and control input hold time t ih.base 250 ? ps 22)24) control & address input pulse width for each input t ipw 0.6 ? t ck.avg address and control input setup time t is.base 175 ? ps 23)24)
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 16 07252008-p1pd-6iz0 1) v ddq = 1.8 v 0.1v; v dd = 1.8 v 0.1 v. 2) timing that is not specified is ille gal and after such an event, in order to guarantee proper operation, the dram must be pow ered down and then restarted through the specified initializa tion sequence before normal operation can continue. 3) timings are guaranteed with ck/ck differential slew rate of 2.0 v/ns. for dqs si gnals timings are guaranteed with a differential slew rate of 2.0 v/ns in differential strobe mode and a slew rate of 1 v/ns in single ended mode. 4) the ck / ck input reference level (for timing reference to ck / ck ) is the point at which ck and ck cross. the dqs / dqs , rdqs / rdqs , input reference level is the crosspoint when in differential strobe mode. 5) inputs are not recognized as valid until v ref stabilizes. during the period before v ref stabilizes, cke = 0.2 x v ddq is recognized as low. 6) the output timing reference voltage level is v tt . dq low impedance time from ck/ck t lz.dq 2x t ac.min t ac.max ps 8)21) dqs/dqs low-impedance time from ck / ck t lz.dqs t ac.min t ac.max ps 8)21) mrs command to odt update delay t mod 012ns 34) mode register set command cycle time t mrd 2?nck ocd drive mode output delay t oit 012ns 34) dq/dqs output hold time from dqs t qh t hp ? t qhs ?ps 25) dq hold skew factor t qhs ? 300 ps 26) average periodic refresh interval t refi ?7.8 s 27)28) ?3.9 s 27)29) auto-refresh to active/auto-refresh command period t rfc 127.5 ? ns 30) read preamble t rpre 0.9 1.1 t ck.avg 31)32) read postamble t rpst 0.4 0.6 t ck.avg 31)33) active to active command period for 1kb page size products t rrd 7.5 ? ns 34) active to active command period for 2kb page size products t rrd 10 ? ns 34) internal read to precharge command delay t rtp 7.5 ? ns 34) write preamble t wpre 0.35 ? t ck.avg write postamble t wpst 0.4 0.6 t ck.avg write recovery time t wr 15 ? ns 34) internal write to read command delay t wtr 7.5 ? ns 34)35) exit power down to read command t xard 2?nck exit active power-down mode to read command (slow exit, lower power) t xards 8 ? al ? nck exit precharge power-down to any valid command (other than nop or deselect) t xp 2?nck exit self-refresh to a non-read command t xsnr t rfc +10 ? ns 34) exit self-refresh to read command t xsrd 200 ? nck write command to dqs associated clock edges wl rl?1 nck parameter symbol ddr2?800 unit note 1)2)3)4)5)6) 7) min. max.
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 17 07252008-p1pd-6iz0 7) new units, ? t ck.avg ? and ?nck?, are introduced in ddr2?667 and ddr2?800. unit ? t ck.avg ? represents the actual t ck.avg of the input clock under operation. unit ?nck? represents one clock cycle of the i nput clock, counting the actual clock edges. note that in ddr2?4 00 and ddr2?533, ? t ck ? is used for both concepts. example: t xp = 2 [nck] means; if power down exit is registered at tm, an active command may be registered at tm + 2, even if (tm + 2 - tm) is 2 x t ck.avg + t err.2per(min) . 8) when the device is operated with input clock jitter, this parameter needs to be derated by the actual t err(6-10per) of the input clock. (output deratings are relative to the sdram input clock.) for example, if the measured jitter into a ddr2?667 sdram has t err(6-10per).min = ? 272 ps and t err(6- 10per).max = + 293 ps, then t dqsck.min(derated) = t dqsck.min ? t err(6-10per).max = ? 400 ps ? 293 ps = ? 693 ps and t dqsck.max(derated) = t dqsck.max ? t err(6-10per).min = 400 ps + 272 ps = + 672 ps. similarly, t lz.dq for ddr2?667 derates to t lz.dq.min(derated) = - 900 ps ? 293 ps = ? 1193 ps and t lz.dq.max(derated) = 450 ps + 272 ps = + 722 ps. (caution on the min/max usage!) 9) input clock jitter spec parameter. the jitter specified is a random ji tter meeting a gaussian distribution. 10) these parameters are specified per their average values. 11) t cke.min of 3 clocks means cke must be registered on three consecutive po sitive clock edges. cke must rema in at the valid input level t he entire time it takes to achieve the 3 cloc ks of registration. thus, after any cke trans ition, cke may not transition from its v alid level during the time period of t is + 2 x t ck + t ih . 12) dal = wr + ru{ t rp (ns) / t ck (ns)}, where ru stands for round up. wr refers to the twr parameter stored in the mrs. for t rp , if the result of the division is not already an integer, round up to the next highest integer. t ck refers to the application clock period. example: for ddr2?533 at t ck = 3.75 ns with t wr programmed to 4 clocks. t dal = 4 + (15 ns / 3.75 ns) clocks = 4 + (4) clocks = 8 clocks. 13) t dal.nck = wr [nck] + t nrp.nck = wr + ru{ t rp [ps] / t ck.avg [ps] }, where wr is the value programmed in the emr. 14) input waveform timing t dh with differential data strobe enabled mr[bit10] = 0, is refe renced from the differential data strobe crosspoint to the input signal crossing at the v ih.dc level for a falling signal and from the differential data strobe crosspoint to the input signal crossing at the v il.dc level for a rising signal applied to the device under test. dqs, dqs signals must be monotonic between v il.dc.max and v ih.dc.min . see figure 3 . 15) t dqsq : consists of data pin skew and output pattern effects, and p-c hannel to n-channel variation of the output drivers as well as o utput slew rate mismatch between dqs / dqs and associated dq in any given cycle. 16) these parameters are measured from a data strobe signal ((l/u/r)dqs / dqs ) crossing to its respec tive clock signal (ck / ck ) crossing. the spec values are not affected by t he amount of clock jitter applied (i.e. t jit.per , t jit.cc , etc.), as these are relative to the clock signal crossing. that is, these param eters should be met whether clock jitter is present or not. 17) input waveform timing t ds with differential data strobe enabled mr[bit10] = 0, is re ferenced from the input signal crossing at the v ih.ac level to the differential data strobe crosspoint for a ri sing signal, and from the inpu t signal crossing at the v il.ac level to the differential data strobe crosspoint for a falling signal appli ed to the device under test. dqs, dq s signals must be monotonic between v il(dc)max and v ih(dc)min . see figure 3 . 18) if t ds or t dh is violated, data corruption may occur and the data must be re -written with valid data before a valid read can be executed. 19) these parameters are measured from a data signal ((l/u)dm, (l/u )dq0, (l/u)dq1, etc.) transition edge to its respective data strobe signal ((l/u/r)dqs / dqs ) crossing. 20) t hp is the minimum of the absolute hal f period of the actual input clock. t hp is an input parameter but not an input specification parameter. it is used in conjunction with t qhs to derive the dram output timing t qh . the value to be used for t qh calculation is determined by the following equation; t hp = min ( t ch.abs , t cl.abs ), where, t ch.abs is the minimum of the actual instantaneous clock high time; t cl.abs is the minimum of the actual in stantaneous clock low time. 21) t hz and t lz transitions occur in the same access time as valid data trans itions. these parameters are referenced to a specific voltage lev el which specifies when the device output is no longer driving ( t hz ), or begins driving ( t lz ) . 22) input waveform timing is referenced from the input signal crossing at the v il.dc level for a rising signal and v ih.dc for a falling signal applied to the device under test. see figure 4 . 23) input waveform timing is referenced from the input signal crossing at the v ih.ac level for a rising signal and v il.ac for a falling signal applied to the device under test. see figure 4 . 24) these parameters are measured from a comm and/address signal (cke, cs, ras, cas, we, odt, ba0, a0, a1, etc.) transition edge to its respective clock signal (ck / ck ) crossing. the spec values are not affect ed by the amount of cl ock jitter applied (i.e. t jit.per , t jit.cc , etc.), as the setup and hold are relative to the clock signal crossing that latches the command/address. that is, these paramet ers should be met whether clock jitter is present or not. 25) t qh = t hp ? t qhs , where: t hp is the minimum of the absolute half period of the actual input clock; and t qhs is the specification value under the max column. {the less half-pulse width distortion present, the larger the t qh value is; and the larger the valid data eye will be.} examples: 1) if the system provides t hp of 1315 ps into a ddr2?667 sdram, the dram provides t qh of 975 ps minimum. 2) if the system provides t hp of 1420 ps into a ddr2?667 sdram, the dram provides t qh of 1080 ps minimum. 26) t qhs accounts for: 1) the pulse duration distortion of on-chip clock circuits, which represents how well the actual t hp at the input is transferred to the output; and 2) the worst case push-out of dq s on one transition followed by the worst case pull-in of dq on the next transition, both of which are independent of each other, due to da ta pin skew, output pattern effects, and pchannel to n-channe l variation of the output drivers. 27) the auto-refresh command interval has be reduced to 3.9 s when operating the ddr2 dram in a temperature range between 85 c and 95 c. 28) 0 c t case 85 c.
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 18 07252008-p1pd-6iz0 29) 85 c < t case 95 c. 30) a maximum of eight refresh commands can be posted to any giv en ddr2 sdram, meaning that the maximum absolute interval betwe en any refresh command and the next refresh command is 9 x t refi . 31) t rpst end point and t rpre begin point are not referenced to a specific voltage leve l but specify when the device output is no longer driving ( t rpst ), or begins driving ( t rpre ). figure 2 shows a method to calculate these point s when the device is no longer driving ( t rpst ), or begins driving ( t rpre ) by measuring the signal at two different voltages. the actual voltage measurement points are not critical as long as the calculation is consistent. 32) when the device is operated with i nput clock jitter, this parameter needs to be derated by the actual t jit.per of the input clock. (output deratings are relative to the sdram input clock.) for example, if the measured jitter into a ddr2?667 sdram has t jit.per.min = ? 72 ps and t jit.per.max = + 93 ps, then t rpre.min(derated) = t rpre.min + t jit.per.min = 0.9 x t ck.avg ? 72 ps = + 2178 ps and t rpre.max(derated) = t rpre.max + t jit.per.max = 1.1 x t ck.avg + 93 ps = + 2843 ps. (caution on the min/max usage!). 33) when the device is operated with i nput clock jitter, this parameter needs to be derated by the actual t jit.duty of the input clock. (output deratings are relative to the sdram input clock.) for ex ample, if the measured jitter into a ddr2?667 sdram has t jit.duty.min = ? 72 ps and t jit.duty.max = + 93 ps, then t rpst.min(derated) = t rpst.min + t jit.duty.min = 0.4 x t ck.avg ? 72 ps = + 928 ps and t rpst.max(derated) = t rpst.max + t jit.duty.max = 0.6 x t ck.avg + 93 ps = + 1592 ps. (caution on the min/max usage!). 34) for these parameters, the ddr2 sdram device is characterized and verified to support t nparam = ru{ t param / t ck.avg }, which is in clock cycles, assuming all input cl ock jitter specifications are satisfied. for example, the device will support t nrp = ru{ t rp / t ck.avg }, which is in clock cycles, if all input clock jitter specifications are met. this means: for ddr2?667 5?5?5, of which t rp = 15 ns, the device will support t nrp = ru{ t rp / t ck.avg } = 5, i.e. as long as the input cloc k jitter specifications are met, prechar ge command at tm and active command at tm + 5 is valid even if (tm + 5 - tm) is less than 15 ns due to input clock jitter. 35) t wtr is at lease two clocks (2 x t ck ) independent of operation frequency. 36) this timing parameter is relaxed than industry standard figure 2 method for calculating transitions and endpoint                                        
    
   
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 19 07252008-p1pd-6iz0 figure 3 differential input waveform timing t ds and t dh figure 4 differential input waveform timing t ls and t lh 9 ''4 9 ,+$&0,1 9 ,+'&0,1 9 5() 9 ,/'&0$; 9 ,/$&0$; 9 66 03(7 w '6 w '+ w '6 w '+ '46 '46 '4 9 ''4 9 ,+$&0,1 9 ,+'&0,1 9 5() 9 ,/'&0$; 9 ,/$&0$; 9 66 03(7 w ,6 w ,+ w ,6 w ,+ &. &. &0' $gguhvv
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 20 07252008-p1pd-6iz0 3.5 odt ac electrical characteristics this chapter describes the odt ac electrical characteristics. table 16 odt ac characteristics and operating conditions for ddr2?800 symbol parameter / condition values unit note min. max. t aond odt turn-on delay 2 2 n ck 1) 1) new units, ? t ck.avg ? and ? n ck ?, are introduced in ddr2-667 and ddr2-800 unit ? t ck.avg ? represents the actual t ck.avg of the input clock under operation. unit ? n ck ? represents one clock cycle of the input clock, count ing the actual clock edges. note that in ddr2-400 and ddr2-533, ? t ck ? is used for both concepts. example: t xp = 2 [ n ck ] means; if power down exit is registered at t m , an active command may be registered at t m + 2, even if ( t m + 2 - t m ) is 2 x t ck.avg + t err.2per.min . t aon odt turn-on t ac.min t ac.max +0.7 ns 1)2) 2) odt turn on time min is when the device leaves high impedance and odt resistance begins to turn on. odt turn on time max is w hen the odt resistance is fully on. both are measured from t aond , which is interpreted differently per speed bin. for ddr2-667/800 t aond is 2 clock cycles after the clock edge that registered a first odt high counting the actual input clock edges. t aonpd odt turn-on (power-down modes) t ac.min +2 2 t ck + t ac.max +1 ns 1) t aofd odt turn-off delay 2.5 2.5 n ck 1) t aof odt turn-off t ac.min t ac.max +0.6 ns 1)3) 3) odt turn off time min is when the device starts to turn off od t resistance. odt turn off time max is when the bus is in high impedance. both are measured from t aofd , which is interpreted differently per speed bin. for ddr2-667/800, if t ck.avg = 3 ns is assumed, t aofd is 1.5 ns (= 0.5 x 3 ns) after the se cond trailing clock edge counting from the cl ock edge that registered a first odt low and by counting the actual input clock edges. t aofpd odt turn-off (power-down modes) t ac.min +2 2.5 t ck + t ac.max +1 ns 1) t anpd odt to power down mode entry latency 3 ? n ck 1) t axpd odt power down exit latency 8 ? n ck 1)
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 21 07252008-p1pd-6iz0 3.6 i dd specifications and conditions list of tables defining i dd specifications and conditions. table 17 i dd measurement conditions parameter symbol note 1)2) 3)4)5) operating current 0 one bank active - precharge; t ck = t ck.min , t rc = t rc.min , t ras = t ras.min , cke is high, cs is high between valid commands. address and control inputs are switching, databus inputs are switching. i dd0 operating current 1 one bank active - read - precharge; i out = 0 ma, bl = 4, t ck = t ck.min , t rc = t rc.min , t ras = t ras.min , t rcd = t rcd.min , al = 0, cl = cl min ; cke is high, cs is high between valid commands. address and control inputs are switching, databus inputs are switching. i dd1 6) precharge standby current all banks idle; cs is high; cke is high; t ck = t ck.min ; other control and address inputs are switching, databus inputs are switching. i dd2n precharge power-down current other control and address inputs are st able, data bus inputs are floating. i dd2p precharge quiet standby current all banks idle; cs is high; cke is high; t ck = t ck.min ; other control and address inputs are stable, data bus inputs are floating. i dd2q active standby current burst read: all banks open; continuous burst reads; bl = 4; al = 0, cl = cl min ; t ck = t ck.min ; t ras = t ras.max , t rp = t rp.min ; cke is high, cs is high between valid commands. address inputs are switching; data bus inputs are switching; i out = 0 ma. i dd3n active power-down current all banks open; t ck = t ck.min , cke is low; other control and addres s inputs are stable, data bus inputs are floating. mrs a12 bit is se t to low (fast power-down exit); i dd3p(0) active power-down current all banks open; t ck = t ck.min , cke is low; other control and address inputs are stable, data bus inputs are floating. mrs a12 bit is set to high (slow power-down exit); i dd3p(1) operating current - burst read all banks open; continuous burst re ads; bl = 4; al = 0, cl = cl min ; t ck = t ckmin ; t ras = t rasmax ; t rp = t rpmin ; cke is high, cs is high between valid co mmands; address inputs are switching; data bus inputs are switching; i out = 0ma. i dd4r 6) operating current - burst write all banks open; continuous burst wr ites; bl = 4; al = 0, cl = cl min ; t ck = t ck.min ; t ras = t ras.max. , t rp = t rp.max ; cke is high, cs is high between valid commands. address inputs are switching; data bus in puts are switching; i dd4w burst refresh current t ck = t ck.min ., refresh command every t rfc = t rfc.min interval, cke is high, cs is high between valid commands, other control and address inputs ar e switching, data bus inputs are switching. i dd5b distributed refresh current t ck = t ck.min. , refresh command every t rfc = t refi interval, cke is low and cs is high between valid commands, other control and address inputs ar e switching, data bus inputs are switching. i dd5d
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 22 07252008-p1pd-6iz0 table 18 definitions for i dd self-refresh current cke 0.2 v; external clock off, ck and ck at 0 v; other control and address inputs are floating, data bus inputs are floating. i dd6 current values are guaranteed up to t case of 85 c max. i dd6 all bank interleave read current all banks are being interleaved at minimum t rc without violating t rrd using a burst length of 4. control and address bus inputs are stable during deselects. i out = 0 ma. i dd7 6) 1) v ddq = 1.8 v 0.1 v; v dd = 1.8 v 0.1 v 2) i dd specifications are tested after t he device is properly initialized and i dd parameter are specified with odt disabled. 3) definitions for i dd see table 18 4) for two rank modules: all active current measurements in the same i dd current mode. the other rank is in i dd2p precharge power-down mode. 5) for details and notes see the relevant qimonda component data sheet. 6) i dd1 , i dd4r and i dd7 current measurements are defined with the outputs disabled ( i out = 0 ma). to achieve this on module level the output buffers can be disabled using an emrs(1) (extended m ode register command) by setting a12 bit to high. parameter description low v in v il(ac).max , high is defined as v in v ih(ac).min stable inputs are stable at a high or low level. floating inputs are v ref = v ddq /2 switching inputs are changing between high and low ever y other clock (once per 2 cycles) for address and control signals, and inputs changing between high and lo w every other data transfer (once per cycle) for dq signals not including mask or strobes. parameter symbol note 1)2) 3)4)5)
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 23 07252008-p1pd-6iz0 table 19 i dd specification for hys64t[128/256]020edl?2.5c4 1) calculated values from component data. odt disabled. i dd1, i dd4r and i dd7 are defined with the outputs disabled. 2) i ddx (rank) = number of components x i ddx (component) 3) i ddx = i ddx (rank) + i dd2p (rank) 4) i ddx = 2 x i ddx (rank) 5) fast: mrs(12)=0 6) slow: mrs(12)=1 7) i dd5d and i dd6 values are for 0 c t case 85 c product type hys64t128020edl-2.5c4 hys64t256020edl-2.5c4 unit note 1)2) organization 1-gb 2-gb 2 ranks ( 16) 2 ranks ( 8) 64 64 -2.5 -2.5 symbol max. max. i dd0 284 528 ma 3) i dd1 300 560 ma 3) i dd2n 336 672 ma 4) i dd2p 56 112 ma 4) i dd2q 320 640 ma 4) i dd3n 352 704 ma 4) i dd3p_0 (fast) 120 240 ma 4)5) i dd3p_1 (slow) 120 240 ma 4)6) i dd4r 472 776 ma 3) i dd4w 488 784 ma 3) i dd5b 452 904 ma 3) i dd5d 136 272 ma 4)7) i dd6 48 96 ma 4)7) i dd7 768 1416 ma 3)
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 24 07252008-p1pd-6iz0 4 spd codes this chapter lists all hexadecimal byte values stored in the eeprom of the products described in this data sheet. spd stands for serial presence detect. all values with xx in the table are module specific bytes which are defined during production. list of spd code tables ? table 20 ?hys64t[128/256]020edl-2.5c4? on page 24 table 20 hys64t[128/256]020edl-2.5c4 product type hys64t128020edl?2.5c4 hys64t256020edl?2.5c4 organization 1 gbyte 2 gbyte 64 64 2 ranks ( 16) 2 ranks ( 8) label code pc2?6400s?666 pc2?6400s?666 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex 0 programmed spd bytes in eeprom 80 80 1 total number of bytes in eeprom 08 08 2 memory type (ddr2) 08 08 3 number of row addresses 0d 0e 4 number of column addresses 0a 0a 5 dimm rank and stacking information 61 61 6 data width 40 40 7 not used 00 00 8 interface voltage level 05 05 9 t ck @ cl max (byte 18) [ns] 25 25 10 t ac sdram @ cl max (byte 18) [ns] 40 40 11 error correction supp ort (non-ecc, ecc) 00 00 12 refresh rate and type 82 82 13 primary sdram width 10 08 14 error checking sdram width 00 00 15 not used 00 00 16 burst length supported 0c 0c 17 number of banks on sdram device 08 08 18 supported cas latencies 70 70 19 dimm mechanical characteristics 01 01 20 dimm type information 04 04
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 25 07252008-p1pd-6iz0 21 dimm attributes 00 00 22 component attributes 07 07 23 t ck @ cl max -1 (byte 18) [ns] 30 30 24 t ac sdram @ cl max -1 [ns] 45 45 25 t ck @ cl max -2 (byte 18) [ns] 3d 3d 26 t ac sdram @ cl max -2 [ns] 50 50 27 t rp.min [ns] 3c 3c 28 t rrd.min [ns] 28 1e 29 t rcd.min [ns] 3c 3c 30 t ras.min [ns] 28 28 31 module density per rank 80 01 32 t as.min and t cs.min [ns] 17 17 33 t ah.min and t ch.min [ns] 25 25 34 t ds.min [ns] 05 05 35 t dh.min [ns] 12 12 36 t wr.min [ns] 3c 3c 37 t wtr.min [ns] 1e 1e 38 t rtp.min [ns] 1e 1e 39 analysis characteristics 00 00 40 t rc and t rfc extension 06 06 41 t rc.min [ns] 37 37 42 t rfc.min [ns] 7f 7f 43 t ck.max [ns] 80 80 44 t dqsq.max [ns] 14 14 45 t qhs.max [ns] 1e 1e 46 pll relock time 00 00 47 t case.max delta / t 4r4w delta 51 50 48 psi(t-a) dram 6a 76 49 t 0 (dt0) 33 37 50 t 2n (dt2n, udimm) or t 2q (dt2q, rdimm) 2a 2f 51 t 2p (dt2p) 2f 34 52 t 3n (dt3n) 1e 21 53 t 3p.fast (dt3p fast) 1e 22 product type hys64t128020edl?2.5c4 hys64t256020edl?2.5c4 organization 1 gbyte 2 gbyte 64 64 2 ranks ( 16) 2 ranks ( 8) label code pc2?6400s?666 pc2?6400s?666 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 26 07252008-p1pd-6iz0 54 t 3p.slow (dt3p slow) 3c 43 55 t 4r (dt4r) / t 4r4w sign (dt4r4w) 38 32 56 t 5b (dt5b) 15 18 57 t 7 (dt7) 25 26 58 psi(ca) pll 00 00 59 psi(ca) reg 00 00 60 t pll (dtpll) 00 00 61 t reg (dtreg) / toggle rate 00 00 62 spd revision 12 12 63 checksum of bytes 0-62 9a 2f 64 manufacturer?s jedec id code (1) 7f 7f 65 manufacturer?s jedec id code (2) 7f 7f 66 manufacturer?s jedec id code (3) 7f 7f 67 manufacturer?s jedec id code (4) 7f 7f 68 manufacturer?s jedec id code (5) 7f 7f 69 manufacturer?s jedec id code (6) 51 51 70 manufacturer?s jedec id code (7) 00 00 71 manufacturer?s jedec id code (8) 00 00 72 module manufacturer location xx xx 73 product type, char 1 36 36 74 product type, char 2 34 34 75 product type, char 3 54 54 76 product type, char 4 31 32 77 product type, char 5 32 35 78 product type, char 6 38 36 79 product type, char 7 30 30 80 product type, char 8 32 32 81 product type, char 9 30 30 82 product type, char 10 45 45 83 product type, char 11 44 44 84 product type, char 12 4c 4c 85 product type, char 13 32 32 86 product type, char 14 2e 2e product type hys64t128020edl?2.5c4 hys64t256020edl?2.5c4 organization 1 gbyte 2 gbyte 64 64 2 ranks ( 16) 2 ranks ( 8) label code pc2?6400s?666 pc2?6400s?666 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 27 07252008-p1pd-6iz0 87 product type, char 15 35 35 88 product type, char 16 43 43 89 product type, char 17 34 34 90 product type, char 18 20 20 91 module revision code 2x 2x 92 test program revision code xx xx 93 module manufacturing date year xx xx 94 module manufacturing date week xx xx 95 - 98 module serial number xx xx 99 - 127 not used 00 00 128 - 255 blank for customer use ff ff product type hys64t128020edl?2.5c4 hys64t256020edl?2.5c4 organization 1 gbyte 2 gbyte 64 64 2 ranks ( 16) 2 ranks ( 8) label code pc2?6400s?666 pc2?6400s?666 jedec spd revision rev. 1.2 rev. 1.2 byte# description hex hex
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 28 07252008-p1pd-6iz0 5 package outlines figure 5 package outline l-dim-200-31 raw card a notes 1. thermal sensor (optional) 2. spd or combidevice (if used then no thermal sensor needed) )32b/b',0bbbb ?             ?    ?                    ?             ?            ?            ?     ?         ?    ?                         0 , 1   ?    ?                   ' h w d l o r i f r q w d f w v    0 $ ;    ?     ?            ?        ' u d z l q j d f f r u g l q j w r , 6 2     * h q h u d o w r o h u d q f h v ?     ' l p h q v l r q v l q p p
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 29 07252008-p1pd-6iz0 figure 6 package outline l-dim-200-34 raw card f notes 1. spd or combidevice(if used then no thermal sensor needed). 2. thermal sensor (optional) )32b/b',0bbbb ?             ?    ?                    ?            ?            ?            ?     ?         ?    ?                         0 , 1   ?    ?                   ' h w d l o r i f r q w d f w v    0 $ ;    ?     ?            ?        ' u d z l q j d f f r u g l q j w r , 6 2     * h q h u d o w r o h u d q f h v ?     ' l p h q v l r q v l q p p
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 30 07252008-p1pd-6iz0 6 product type nomenclature qimonda?s nomenclature uses simple coding combined with some proprietary coding. table 21 provides examples for module and component product type number as well as the field number. the detailed field description together with possible values and coding explanation is listed for modules in table 22 and for components in table 23 . table 21 nomenclature fields and examples table 22 ddr2 dimm nomenclature example for field number 1234567891011 micro-dimm hys 64 t 64/128 0 2 0 k m ?5 ?a ddr2 dram hyb 18 t 512/1g 16 0 a c ?5 field description values coding 1 qimonda module prefix hys constant 2 module data width [bit] 64 non-ecc 72 ecc 3 dram technology t ddr2 4 memory density per i/o [mbit]; module density 1) 32 256 mbyte 64 512 mbyte 128 1 gbyte 256 2 gbyte 512 4 gbyte 5 raw card generation 0 .. 9 look up table 6 number of module ranks 0, 2, 4 1, 2, 4 7 product variations 0 .. 9 look up table 8 package, lead-free status a .. z look up table 9 module type d so- d imm m m icro-dimm r r egistered u u nbuffered f f ully buffered n / y mini-registered dimm
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 31 07252008-p1pd-6iz0 table 23 ddr2 dram nomenclature 10 speed grade ?19f pc2?8500 6?6?6 ?1.9 pc2?8500 7?7?7 ?25f pc2?6400 5?5?5 ?2.5 pc2?6400 6?6?6 ?3 pc2?5300 4?4?4 ?3s pc2?5300 5?5?5 ?3.7 pc2?4200 4?4?4 ?5 pc2?3200 3?3?3 11 die revision ?a first ?b second 1) multiplying ?memory density per i/o? with ?module data width? and dividing by 8 for non-ecc and 9 for ecc modules gives the o verall module memory density in mbytes as listed in column ?coding?. field description values coding 1 qimonda component prefix hyb constant 2 interface voltage [v] 18 sstl_18 3 dram technology t ddr2 4 component density [mbit] 256 256 mbit 512 512 mbit 1g 1 gbit 2g 2 gbit 5+6 number of i/os 40 4 80 8 16 16 7 product variations 0 .. 9 look up table 8 die revision a first b second 9 package, lead-free stat us c fbga, lead-containing f fbga, lead-free 10 speed grade ?19f pc2?8500 6?6?6 ?1.9 pc2?8500 7?7?7 ?25f pc2?6400 5?5?5 ?2.5 pc2?6400 6?6?6 ?3 pc2?5300 4?4?4 ?3s pc2?5300 5?5?5 ?3.7 pc2?4200 4?4?4 ?5 pc2?3200 3?3?3 field description values coding
hys64t[128/256]020edl?2.5c4 so-dimm ddr2 sdram module internet data sheet rev. 1.01, 2008-11 32 07252008-p1pd-6iz0 contents 1 overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 1.2 description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2 pin configurations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.1 pin configurations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 3.1 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 3.2 ac & dc operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3.3 speed grade definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 3.4 component ac timing parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 3.5 odt ac electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 3.6 i dd specifications and conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 4 spd codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 5 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 6 product type nomenclature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
edition 2008-11 published by qimonda ag gustav-heinemann-ring 212 d-81739 mnchen, germany ? qimonda ag 2008. all rights reserved. legal disclaimer the information given in this internet data sheet shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein an d/or any information regarding the application of the device, qimonda hereby disclaims any and all warranties and liabilities of any ki nd, including without limitation warranties of non-infringement of in tellectual property righ ts of any third party. information for further information on technology, delivery terms and conditio ns and prices please contact your nearest qimonda office. warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest qimonda office. qimonda components may only be used in life-support devices or systems with the express writte n approval of qimonda, if a failure of such components can reasonably be expected to cause the failure of that life-support devi ce or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is re asonable to assume that the he alth of the user or other persons may be endangered. www.qimonda.com internet data sheet


▲Up To Search▲   

 
Price & Availability of HYS64T256020EDL-25C4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X