Part Number Hot Search : 
IRF370 NTXV2N6 C705SP7S P15N05 FDN5630 74HC540P 80000 80SYI
Product Description
Full Text Search
 

To Download HDLP290UM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hdlp series july 2008 part number configurator hdlp four high density standard confgurations from 30 to 118 ways ? high density confgurations with simple mating hardware ? 2000 mating cycles ? lightweight ? polarised and scoop proof insulator ? low component count ? low insertion force ? interfacial seal and backpotted contacts as standard ? surface mount, plated through hole & 90 options ? as standard pick and place compatible ? series hdlp 0p0 0px 0pc np0 npx npc back potted terminations and ftted with interfacial seal (preferred) tinned and back potted and ftted with interfacial seal back potted and conformally coated and ftted with interfacial seal back potted terminations (preferred) tinned and back potted back potted and conformally coated 030, 058, 090, 118 pcb connectors standard male & female pcb variations guide hardware alignment pips contact plating insulator height/style contact termination * contact hypertac for more information no. of ways aa b* d* f* h* j* l* o* p* q* 1 2 9 c d e h j k q no guide hardware locking socket locking post polarising socket polarising pin connector to board fxing guide socket guide pin guide pin transverse mounting polarised transverse mounting * single double 90 default is 9 for 90 contact termination through board solderstraight pc tail 2,26mm long through board solderstraight pc tail 3,16mm long through board solderstraight pc tail 3,86mm long through board solder90 pc tails 2,26mm long through board solder90 pc tails 3,16mm long through board solder90 pc tails 3,86mm long surface mountstraight * hdlp 1 030 aa 0p0 u f x 1 m f male female u s 1 2 standard gold plating gold plate with tin dipped terminations (pc tail only) with without default is 2 if insulator style=9 contact gender
connector dim x 30 way 20,20 58 way 30,70 90 way 42,70 118 way 53,20 connector dim x 30 way 16,70 58 way 27,20 90 way 39,20 118 way 49,70 connector dim x 30 way 16,70 58 way 27,20 90 way 39,20 118 way 49,70 guide style dim d min j* 2,20 h* 2,20 f* 2,20 o* 2,20 l* 2,90 d* 2,20 b1 & ba n/a b2 2,90 hdlp series july 2008 diagrams are not to scale. all dimensions are in mm. preparation detail circuit board surface mount vertical mount pc tail connectors 90 pc tail connectors
no. of positions 30 58 90 118 dim a 16,70 27,20 39,20 49,70 dim b 23,45 33,95 45,95 56,45 no. of positions 30 58 90 118 dim a 16,70 27,20 39,20 49,70 dim b 21,80 32,30 44,30 54,80 dim e 20,20 30,70 42,70 53,20 no. of positions 30 58 90 118 single double single double single double single double dim a 16,70 27,20 39,20 49,70 dim b 23,45 33,95 45,95 56,45 dim c 2,28 6,85 2,28 6,85 2,28 6,85 2,28 6,85 dim d 6,18 10,75 6,18 10,75 6,18 10,75 6,18 10,75 dim e 20,20 30,70 42,70 53,20 hdlp series july 2008 hdlp insulators diagrams are not to scale. all dimensions are in mm. straight connectors male (single & double height) male 90 female
no. of positions dim a h 2,26 j 3,16 k 3,86 no. of positions dim a c 2,26 d 3,16 e 3,86 no. of positions dim a c 2,26 d 3,16 e 3,86 hdlp series july 2008 diagrams are not to scale. all dimensions are in mm. hdlp terminations male smt male 90 pcb male vertical pcb female smt female vertical pcb
style board thickness dim a max ja 1.0C2.0mm 5.5 jb 2.1C4.0mm 7.5 style board thickness dim a max ha 1.0C2.0mm 5.5 hb 2.1C4.0mm 7.5 style board thickness dim a max ja 1.0C2.0mm 5.0 jb 2.1C4.0mm 7.0 style board thickness dim a max oa 1.0C2.0mm 5.0 ob 2.1C4.0mm 7.0 style board thickness dim a max la 1.5C2.0mm 5.0 lb 2.1C4.0mm 7.0 style board thickness dim a max fa 1.0C2.0mm 5.0 fb 2.1C4.0mm 7.0 hdlp series july 2008 diagrams are not to scale. all dimensions are in mm. guides malepolarising pin style h* malefixing screw style j* maleguide pin style o* femalepolarising pin style f* femalefixing screw style j* femaleguide socket style l*
style board thickness pa 1.0C2.0mm pb 2.1C4.0mm style board thickness dim a max oa 1.0C2.0mm 5.1 ob 2.1C4.0mm 7.1 style board thickness dim a max d1 1.0C2.0mm 5.1 d2 2.1C4.0mm 7.1 hdlp series july 2008 diagrams are not to scale. all dimensions are in mm. guides malefixed jacking post style da & db malefixed locking post style d1 & d2 male 90guide pin style p* femalerotating jacking socket free connector style ba femalerotating locking socket free connector style b1 femalerotating locking socket pcb mounted style b2


▲Up To Search▲   

 
Price & Availability of HDLP290UM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X