Part Number Hot Search : 
CXA35 44001 Q6511 WA400 BT139 NTE16 GSM090D RT9808
Product Description
Full Text Search
 

To Download FW-06-04-L-D-250-350-425-075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,27mm) 050" pitch variable board spacing low pro le or skyscraper styles www.samtec.com fw?16?01?l?d?350?100 fw?30?02?f?d?425?075 fw?10?04?f?d?250?100 processing: max processing temp: 230c for 60 seconds, or 260c for 20 seconds 3x lead-free solderable: ye s mates with: clp, ffsd, fle for complete speci? cations see www.samtec.com?fw insulator ma te ri al: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50" (1,27m) ni current rating: 1.75a @ 80c ambient operating temp range: -55c to +125c rohs compliant: ye s note: this series is non-standard, non-returnable. stacker height (5,08) .200 min (20,32) .800 max overall length b post height (1,65) .065 min (3,42) .135 (0,41) .016 sq (1,27) .050 (1,27) .050 (2,51) .099 no. of positions x (1,27) .050 100 99 02 01 (3,05) .120 (1,91) .075 dia (4,27) .168 (4,76) .188 lead style ?01 ?02 ?04 tail (b) (1,14) .045 (1,91) .075 (2,29) .090 www.samtec.com f-209-1 stacker height post height lead style plating option fw no. pins per row d option specify lead style from chart ??xxx? = post height (in inches) (1,65mm) .065" minimum example: ?065 = (1,65mm) .065" ?g = 10" (0,25m) gold on post, gold ? ash on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?f = gold ? ash on post, matte tin on tail ?es = end shroud (?075 post height only. mate only with clp.) (5,46mm) .215" to (15,49mm) .610" stacker height only 9 pins/row minimum ?ep = end shroud with guide post (?075 post height only. mate only with clp) (5,46mm) .215" to (15,49mm) .610" stacker height only 9 pins/row minimum 02 thru 50 ??xxx? = stacker height (in inches) example: ?250 = (6,35mm) .250" ?es ?ep .050" board stacker fw series through t/ h hole specifications


▲Up To Search▲   

 
Price & Availability of FW-06-04-L-D-250-350-425-075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X