Part Number Hot Search : 
IRFZ4 AFS2400 IC16F 20T3G AD7537TQ 2SK551 72728A AOZ1110
Product Description
Full Text Search
 

To Download EXBD10P103J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip resistor networks design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. & 1 9 2 # 3 & 4  5  6 $ 7  8  9  10 + 11 12 product code thick film resistor network number of terminals 10(exbd,e,a) 16(exbq) circuit con?guration code c common terminal position the ?rst two digits are signi?cant ?gures of resistance value and the third one denotes the number of zeros following. resistance value resistance tolerance j suf?x for special requirements dimension code of chip resistor network type: inches dimensions 4.0 mm l2.1 mm 6.4 mm l3.1 mm 3.8 mm l1.6 mm p p e center common circuit (exbd, exbe) diagonal common circuit (terminal 5 and terminal 10) (exba) d : 1206 e : 1608 a : 2512 q : 1506 3.2 mm l1.6 mm one side common circuit (terminal 16) (exbq) diagonal common circuit (terminal 1 and terminal 6) (exba) 5 % no through hole thr ough holes pull up resistors 0.4 mm pitch 0.635 mm pitch exbe10c exba10p direct placement on the bus line ic ic v cc ic ic v cc ic ic v cc chip resistor networks type: exbd:1206 exbe:1608 exba:2512 exbq:1506 explanation of part numbers features high density placing for digital signal circuits bussed 8 or 15 resistors for pull up/down circuits exbd: 3.2 mm 1.6 mm 0.55 mm, 0.635 mm pitch exbe: 4.0 mm 2.1 mm 0.55 mm, 0.8 mm pitch exba: 6.4 mm 3.1 mm 0.55 mm, 1.27 mm pitch exbq: 3.8 mm 1.6 mm 0.45 mm, 0.5 mm pitch available direct placing on the bus line by means of half pitch spacing without through-holes on pwb ( high density placing is shown below) high speed mounting using conventional placing machine reference standard iec 60115-9, jis c 5201-9, eiaj rc-2130 rohs compliant  packaging methods, land pattern, soldering conditions and safety precautions please see data files aug. 2012 01 36
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. chip resistor networks * 0.30.2 0.50.2 f0.3 +0.1 C0.2 0.30.2 0.250.20 0.50.2 0.80.1 4.00.2 0.250.20 0.350.20 0.40.2 0.350.20 0.40.2 0.50.2 0.40.2 2.10.2 0.550.10 f0.3 +0.1 C0.2 0.70.2 0.30.2 0.30.2 6.40.2 1.270.10 0.50.2 0.50.2 0.50.2 3.10.2 0.550.10 * exba10e * * exba10p 0.250.10 0.30.1 0.250.10 0.350.15 0.35 0.15 0.400.15 1.600.15 0.550.10 0.20.1 0.330.15 0.20.1 0.20.1 0.2 0.1 f0.20.1 3.200.15 0.6350.10 0.400.15 0.15 +0.15 C0.05 0.15 +0.20 C0.05 0.15 +0.15 C0.05 0.30.1 0.20.1 0.250.15 3.80.2 0.50.1 0.300.15 1.60.2 0.450.10  10987 2345 6 1 10 6 15 987 234 10 6 15 987 234 10 15 9 234 678 111213141516 protective coating thick ?lm resistive element electrode (inner) electrode (between) electrode (outer) alumina substrate alumina substrate protective coating electrode (inner) thick ?lm resistive element 0 20 40 60 80 100 C60 C40 C20 0 20406080 100 120 140 160 180 C55 c 70 c 125 c rated load (%) ambient temperature (c) exbd exbe exba exbq mass (weight)[1000 pcs.] : 10 g mass (weight)[1000 pcs.] : 16 g mass (weight)[1000 pcs.] : 40 g mass (weight)[1000 pcs.] : 9 g exbd, exbe exba exbq item speci? cations se ries exbd exbe exba exbq resistance range 47 to 1 m (e12) 100 to 470 k (e6 series) resistance tolerance 5% number of terminals 10 terminals 16 terminals number of resistors 8 element 15 element power rating at 70 c 0.05 w/element 0.063 w/element 0.025 w/element limiting element voltage (1) 25v 50 v 25v maximum overload voltage (2) 50 v 100 v 50 v t. c. r. 200 10 C6 / c category temperature range C55 c to +125 c exba10p exba10e construction (example : exbd) dimensions in mm (not to scale) circuit confi guration power derating curve for resistors operated in ambient temperature above 70 c, power rating shall be derated in accordance with the ? gure on the right. (1) rated continuous working voltage (rcwv) shall be determined from rcwv= power rating resistance value, or limiting element voltage listed above, whichever less. (2) overload (short-time overload) test voltage (sotv) shall be determined from sotv=2.5 rcwv ? or maximum overload voltage list ed above which ev er less. ratings aug. 2012 01 37


▲Up To Search▲   

 
Price & Availability of EXBD10P103J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X