Part Number Hot Search : 
KA78L24A 50222 MC3399 TSC695F SM5103 SMCJ28 MDC140A 4AA08
Product Description
Full Text Search
 

To Download EMRC100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.sunled.com part number: EMRC100M 8.89mmx8.89mm led light bar apr 20,2011 sdsa3863 v4 layout: maggie l. p. 1/3 features robust package uniform light disbursement ideal for backlighting logos or icons excellent for flush mounting rohs compliant absolute maximum ratings (t a =25c) mr (gaalas) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 155 ma power dissipation p d 75 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3-5 seconds package schematics notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subjec t to change without notice. mr (gaalas) unit forward voltage (typ.) (i f =20ma) v f 1.85 v forward voltage (max.) (i f =20ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =20ma) p 660 nm wavelength of dominant emission (typ.) (i f =20ma) d 640 nm spectral line full width at half-maximum (typ.) (i f =20ma) 20 nm capacitance (typ.) (v f =0v, f=1mhz) c 45 pf operating characteristics (t a =25c) part number emitting color emitting material wavelength nm p lens min. typ. EMRC100M red gaalas 120 258 660 white diffused luminous intensity (i f =20ma) mcd
www.sunled.com part number: EMRC100M 8.89mmx8.89mm led light bar apr 20,2011 sdsa3863 v4 layout: maggie l. p. 2/3 ? mr remarks: if special sorting is required (e.g . binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
www.sunled.com part number: EMRC100M 8.89mmx8.89mm led light bar apr 20,2011 sdsa3863 v4 layout: maggie l. p. 3/3 packing & label specifications


▲Up To Search▲   

 
Price & Availability of EMRC100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X