Part Number Hot Search : 
56F8357 60820 5925B WRB2412 011IST5X C0603 60N15 B8806
Product Description
Full Text Search
 

To Download DLH1-22-045-5000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21 linear chokes case 48-1 typical curves application dlh and dlnp series, vertical housing nominal current: 0.6 - 7 a @ j j j j j a 70c nominal inductance: 20 - 5500 h /tol. 15% max. working voltage: 600 vdc application range: up to 20 khz isolation voltage: 2 kv eff. / wdg.-ambient climatic category: 40/125/21 acc. to iec 60068-1 plastic case: ul 94 v-0 potting resin: ul 94 v-0 all types of chokes correspond to the international specifications for radio interference chokes (en 138100). this range of chokes enables vertical mounting, thus reducing the area of the pc board used. finest quality core materials allow the highest electrical performance with minimum component volume. good design with easy assembly allows good cost/performance ra- tio. this type of choke is essential in the field of power electronics, e.g. switching power supplies, chopper amplifiers, dc drives and stepper motor controls. dlh linear chokes are mainly used as smoothing or rfi sup- dlnp pression circuits. environmental rating: the dlh and dlnp chokes can only be used with direct current or with low frequency alternating current (max. 400 hz) and up to max. 1.1 i n . they operate only as attenuation devices for hf-interference with reduced amplitute ( d i << i n ) up to the range of their self-reso- nance ( ~ f res ). smd-version upon request. technical data also available in open version (dlo1). mountings for chokes in open version see page 23. type i n (1) l n (2) r cu (3) ~ f res case [a] [h] [m w ] [mhz] dlnp-6148-d6d1 0.6 100 600 9 48-1 dlnp-6148-01c5 1.0 50 280 15 48-1 dlh1-14-0.6-500/a 0.6 500 750 1.6 01-1 dlh1-14-1.0-200/a 1.0 200 220 6 01-1 dlh1-14-2.0-50/a 2.0 50 50 9 01-1 dlh1-22-0.45-5000/a 0.45 5000 2600 0.2 09-1 dlh1-22-0.6-3000/a 0.6 3000 1550 0.3 09-1 dlh1-22-1.5-500/a 1.5 500 280 1 09-1 dlh1-22-1.8-300/a 1.8 300 180 1.5 09-1 dlh1-22-3.0-100/a 3.0 100 70 4 09-1 dlh1-22-4.5-50/a 4.5 50 30 6 09-1 dlh1-22-7.0-20/a 7.0 20 12 15 09-1 dlh1-31-0.6-5500/a 0.6 5500 3600 0.2 19-1 dlh1-31-1.6-800/a 1.6 800 470 1.5 19-1 dlh1-31-2.5-300/a 2.5 300 160 3 19-1 dlh1-31-4.0-130/a 4.0 130 53 6 19-1 dlh1-31-6.3-50/a 6.3 50 23 9.5 19-1 case 01-1 09-1 19-1 (1) @ j a 70c; current derating over 70c: i = i n x (125- j a)/55 (2) nominal inductance measured according to en 138100, see introduction of this catalog, paragraph 3.4 (3) resistance @ j a 25c


▲Up To Search▲   

 
Price & Availability of DLH1-22-045-5000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X