Part Number Hot Search : 
A480T01 TLZ6V2 SRC1212 Q68000 SBT10100 M5201 84155C 50120
Product Description
Full Text Search
 

To Download CNB1304H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  reflective photosensors (photo reflectors) 1 publication date: april 2004 shg00049bed CNB1304H (on2175) reflective photosensor tape end sensor for dat overview CNB1304H is a sensor which consists of a high efficiency gaas infrared light emitting diode and a high sensitivity si phototransistor which are arranged together in the same direction. it detects the beginning and end of a tape based on changes in the amount of light reflected from a prism which is situated outside of the sensor. features ? fast response ? small size and light weight absolute maximum ratings t a = 25 c unit: mm parameter symbol rating unit input (light reverse voltage v r 3v emitting diode) forward current i f 50 ma power dissipation * 1 p d 75 mw output (photo collector-emitter voltage v ceo 30 v transistor) (base open) emitter-collector voltage v eco 5v (base open) collector current i c 20 ma collector power dissipation * 2 p c 100 mw temperature operating ambient temperature t opr ? 20 to + 85 c storage temperature t stg ? 30 to + 100 c parameter symbol conditions min typ max unit input forward voltage v f i f = 50 ma 1.5 v characteristics reverse current i r v r = 3 v 10.0 a output collector-emitter cutoff current i ceo v ce = 10 v 200 na characteristics (base open) transfer collector current * 1 i c v ce = 5 v, i f = 20 ma 100 1 500 a characteristics collector-emitter saturation voltage v ce(sat) i f = 50 ma, i c = 0.1 ma 0.5 v rise time t r v cc = 10 v, i c = 0.5 ma, r l = 100 ? 6 s fall time t f 6 (note) ( ) dimension is reference CNB1304H prism 2.5 1 1 2- 1.5 (unit: mm) (input pulse) (output pulse) t r : rise time t f : fall time sig. out 10% 90% t r t f 50 ? r l v cc sig. in 3.75 0.15 8.3 0.3 6.0 0.15 2.2 0.3 (r2.3) 5.0 +0 - 0.3 6.5 0.3 7 0.3 5.0 min. 4.0 0.3 1.0 0.3 (c0.2) 3.0 0.3 8.0 7.0 0.3 +0 - 0.3 + 0 ? 0.3 4.0 0.3 2- 1.2 0.15 (3.75) (3.75) 2-0.4 0.2 1.2 +0.2 - 0.1 2-0.15 42 31 (4-r0.3) 2- 1.2 0.15 (c0.3) 1: anode 2: cathode 3: collector 4: emitter prstr104-005 package electrical-optical characteristics t a = 25 c 3 c note) * 1: input power derating ratio is 1.0 mw/ c at t a 25 c. * 2: output power derating ratio is 1.33 mw/ c at t a 25 c. note) 1. input and output are handled electrically. 2. this product is not designed to withstand radiation 3. * 1: i c measurement circuit * 2: switching time measurement circuit note) the part number in the parenthesis shows conventional part number. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://panasonic.net/sc/en
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. caution for safety danger this product contains gallium arsenide (gaas). gaas powder and vapor are hazardous to human health if inhaled or ingested. do not burn, destroy, cut, cleave off, or chemically dissolve the product. follow related laws and ordinances for disposal. the product should be excluded from general industrial waste or household garbage. if you have any inquiries or questions about this book or our semiconductor products, please contact one of our sales offices listed on the back or semiconductor company's department.


▲Up To Search▲   

 
Price & Availability of CNB1304H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X