Part Number Hot Search : 
1170H HRW02 ON0102 TS024 TS024 89LPC9 100M1 FM1233D
Product Description
Full Text Search
 

To Download CL21B105KBFNNNF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification ? supplier : samsung electro-mechanics ? samsung p/n : CL21B105KBFNNNF ? product : multi-layer ceramic capacitor ? description : cap, 1 ? , 50v, 10%, x7r, 0805 cl 21 b 105 k b f n n n f ? ???? series samsung multi-layer ceramic capacitor size 0805 (inch code) l: 2.0 0.1 mm w: 0.1 mm dielectric x7r inner electrode capacitance 1 ? termination capacitance 10 % plating (pb free) tolerance product normal rated voltage 50 v special reserved for future use thickness 1.25 0.1 mm ? packaging embossed type,13"reel (10,000ea) a. samsung part number 1.25 ni cu sn 100% b. samsung reliability test and judgeme nt condition capacitance within specified tolerance 1 ? 10% 1.00.2vrms tan (df) 0.1 max. insulation more than 100mohm ? ? rated voltage 60~120 sec. resistance appearance no abnormal exterior appearance visual inspection withstanding no dielectric breakdown or of the rated voltage voltage mechanical breakdown temperature x7r characteristics (from -55 to 125 , capacitance change should be within 15%) adhesive strength no peeling shall be occur on the 500g ? f, for 101 sec. of termination terminal electrode bending strength capacitance change : within 12.5% bending to the limit (1mm) with 1.0mm/sec. solderability more than 75% of terminal surface snag3.0cu0.5 solder is to be soldered newly 2455 , 30.3sec. (preheating : 80~120 for 10~30sec.) resistance to capacitance change : within 7.5% solder pot : 2705 , 101sec. soldering heat tan , ir : initial spec. 250% performance test condition
vibration test capacitance change : within 5% amplitude : 1.5mm tan , ir : initial spec. from 10 ? to 55 ? (return : 1min.) 2hours ? 3 direction (x, y, z) moisture capacitance change : within 12.5% with rated voltage resistance tan : 0.125 max 402 , 90~95%rh, 500+12/-0 hour ir : more than 12.5 ? ? high temperature capacitance change : within 12.5% wit h of the rated voltage resistance tan : 0.125 max max. operating temperature ir : more than 25 ? ? 1000+48/-0 hour temperature capacitance change : within 7.5% 1 cycle condition cycling tan , ir : initial spec. min. operating temperature 25 max. operating temperature 25 5 cycles test c. recommended soldering method : reflow ( reflow peak temperature : 260+0/-5 , 10sec. max ) * for the more detail specification, please refer to the samsung mlcc catalogue. performance test condition 150%


▲Up To Search▲   

 
Price & Availability of CL21B105KBFNNNF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X