Part Number Hot Search : 
RSN24 SB1080CT AD526JNZ E5017NL PCF857 0C511 LSM315 LTC1742
Product Description
Full Text Search
 

To Download AT25160AY1-10YU-27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? serial peripheral interface (spi) compatible  supports spi modes 0 (0,0) and 3 (1,1) ? datasheet describes mode 0 operation  low-voltage and standard-voltage operation ? 2.7 (v cc = 2.7v to 5.5v) ? 1.8 (v cc = 1.8v to 5.5v)  20 mhz clock rate (5v)  32-byte page mode  block write protection ? protect 1/4, 1/2, or entire array  write protect (wp ) pin and write disable instructions for both hardware and software data protection  self-timed write cycle (5 ms max)  high reliability ? endurance: one million write cycles ? data retention: 100 years  automotive grade, extended temperature, and lead-free/halogen-free devices available  8-lead pdip, 8-lead jedec soic, 8-lead map, and 8-lead tssop packages  die sales: wafer form, waffle pack, and bumped wafers description the at25080a/160a/320a/640a provides 8192/16384/32768/65536 bits of serial electrically-erasable programmable read-only memory (eeprom) organized as 1024/2048/4096/8192 words of 8 bits each. the device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. the at25080a/160a/320a/640a is available in space-saving 8-lead pdip, 8-lead jedec soic, 8-lead map, and 8-lead tssop packages. the at25080a/160a/320a/640a is enabled through the chip select pin (cs ) and accessed via a three-wire interface consisting of serial data input (si), serial data output (so), and serial clock (sck). all programming cycles are completely self- timed, and no separat e erase cycle is r equired before write. table 1 . pin configuration pin name function cs chip select sck serial data clock si serial data input so serial data output gnd ground vcc power supply wp write protect hold suspends serial input nc no connect dc don?t connect spi serial eeproms 8k (1024 x 8) 16k (2048 x 8) 32k (4096 x 8) 64k (8192 x 8) at25080a at25160a at25320a at25640a 3347i?seepr?1/05 1 2 3 4 8 7 6 5 c s s o wp gnd vcc hold s ck s i 8 -le a d pdip 1 2 3 4 8 7 6 5 c s s o wp gnd vcc hold s ck s i 8 -le a d s oic 1 2 3 4 8 7 6 5 c s s o wp gnd vcc hold s ck s i 8 -le a d t ss op 1 2 3 4 8 7 6 5 vcc hold s ck s i c s s o wp gnd 8 -le a d map bottom view
2 at25080a/160a/320a/640a 3347i?seepr?1/05 block write protection is enabled by programming the status register with one of four blocks of write protection. separate program enable and program disable instructions are provided for additional data protection. hardware data protection is provided via the wp pin to protect against inadvertent write attempts to the status register. the hold pin may be used to sus- pend any serial communication without resetting the serial sequence. figure 1. block diagram absolute maximum ratings* operating temperature ..................................?55 c to +125 c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature .....................................?65 c to +150 c voltage on any pin with respect to ground .................................... ?1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma
3 at25080a/160a/320a/640a 3347i?seepr?1/05 table 2 . pin capacitance (1) note: 1. this parameter is characterized and is not 100% tested. table 3 . dc characteristics note: 1. v il min and v ih max are reference only and are not tested. 2. worst case measured at 85 c applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +5.0v (unless otherwise noted) symbol test conditions max units conditions c out output capacitance (so) 8 pf v out = 0v c in input capacitance (cs , sck, si, wp , hold )6pfv in = 0v applicable over recommended operating range from: t ai = ? 40 c to +85 c, v cc = +1.8v to +5.5v (unless otherwise noted) symbol parameter test condition min typ max units v cc1 supply voltage 1.8 5.5 v v cc2 supply voltage 2.7 5.5 v v cc3 supply voltage 4.5 5.5 v i cc1 supply current v cc = 5.0v at 20 mhz, so = open, read 7.5 10.0 ma i cc2 supply current v cc = 5.0v at 20 mhz, so = open, read, write 4.0 10.0 ma i cc3 supply current v cc = 5.0v at 5 mhz, so = open, read, write 4.0 6.0 ma i sb1 standby current v cc = 1.8v, cs = v cc < 0.1 6.0 (2) a i sb2 standby current v cc = 2.7v, cs = v cc 0.3 7.0 (2) a i sb3 standby current v cc = 5.0v, cs = v cc 2.0 10.0 (2) a i il input leakage v in = 0v to v cc ?3.0 3.0 a i ol output leakage v in = 0v to v cc , t ac = 0c to 70c ?3.0 3.0 a v il (1) input low-voltage ?0.6 v cc x 0.3 v v ih (1) input high-voltage v cc x 0.7 v cc + 0.5 v v ol1 output low-voltage 4.5v v cc 5.5v i ol = 3.0 ma 0.4 v v oh1 output high-voltage i oh = ? 1.6 ma v cc - 0.8 v v ol2 output low-voltage 1.8v v cc 3.6v i ol = 0.15 ma 0.2 v v oh2 output high-voltage i oh = ? 100 a v cc - 0.2 v
4 at25080a/160a/320a/640a 3347i?seepr?1/05 table 4. ac characteristics applicable over recommended operating range from t ai = ? 40 c to +85 c, v cc = as specified, cl = 1 ttl gate and 30 pf (unless otherwise noted) symbol parameter voltage min max units f sck sck clock frequency 4.5?5.5 2.7?5.5 1.8?5.5 0 0 0 20 10 5 mhz t ri input rise time 4.5?5.5 2.7?5.5 1.8?5.5 2 2 2 s t fi input fall time 4.5?5.5 2.7?5.5 1.8?5.5 2 2 2 s t wh sck high time 4.5?5.5 2.7?5.5 1.8?5.5 20 40 80 ns t wl sck low time 4.5?5.5 2.7?5.5 1.8?5.5 20 40 80 ns t cs cs high time 4.5?5.5 2.7?5.5 1.8?5.5 25 50 100 ns t css cs setup time 4.5?5.5 2.7?5.5 1.8?5.5 25 50 100 ns t csh cs hold time 4.5?5.5 2.7?5.5 1.8?5.5 25 50 100 ns t su data in setup time 4.5?5.5 2.7?5.5 1.8?5.5 5 10 20 ns t h data in hold time 4.5?5.5 2.7?5.5 1.8?5.5 5 10 20 ns t hd hold setup time 4.5?5.5 2.7?5.5 1.8?5.5 5 10 20 t cd hold hold time 4.5?5.5 2.7?5.5 1.8?5.5 5 10 20 ns t v output valid 4.5?5.5 2.7?5.5 1.8?5.5 0 0 0 20 40 80 ns t ho output hold time 4.5?5.5 2.7?5.5 1.8?5.5 0 0 0 ns
5 at25080a/160a/320a/640a 3347i?seepr?1/05 note: 1. this parameter is characterized and is not 100% tested. t lz hold to output low z 4.5?5.5 2.7?5.5 1.8?5.5 0 0 0 25 50 100 ns t hz hold to output high z 4.5?5.5 2.7?5.5 1.8?5.5 40 80 200 ns t dis output disable time 4.5?5.5 2.7?5.5 1.8?5.5 40 80 200 ns t wc write cycle time 4.5?5.5 2.7?5.5 1.8?5.5 5 5 5 ms endurance (1) 5.0v, 25c, page mode 1m write cycles table 4 . ac characteristics (continued) applicable over recommended operating range from t ai = ? 40 c to +85 c, v cc = as specified, cl = 1 ttl gate and 30 pf (unless otherwise noted) symbol parameter voltage min max units
6 at25080a/160a/320a/640a 3347i?seepr?1/05 serial interface description master: the device that generates the serial clock. slave: because the serial clock pin (sck) is always an input, the at25080a/160a/320a/640a always operates as a slave. transmitter/receiver: the at25080a/160a/320a/640a has separate pins designated for data transmission (so) and reception (si). msb: the most significant bit (msb) is the first bit transmitted and received. serial op-code: after the device is selected with cs going low, the first byte will be received. this byte contains the op-code that defines the operations to be performed. invalid op-code: if an invalid op-code is received, no data will be shifted into the at25080a/160a/320a/640a, and the serial output pin (so) will remain in a high impedance state until the falling edge of cs is detected again. this will reinitialize the serial communication. chip select: the at25080a/160a/320a/640a is selected when the cs pin is low. when the device is not selected, data will not be accepted via the si pin, and the serial output pin (so) will remain in a high impedance state. hold: the hold pin is used in conjunction with the cs pin to select the at25080a/160a/320a/640a. when the device is selected and a serial sequence is underway, hold can be used to pause the serial communication with the master device without resetting the serial sequence. to pause, the hold pin must be brought low while the sck pin is low. to resume serial communication, the hold pin is brought high while the sck pin is low (sck may still toggle during hold ). inputs to the si pin will be ignored while the so pin is in the high impedance state. write protect: the write protect pin (wp ) will allow normal read/write operations when held high. when the wp pin is brought low and wpen bit is ?1?, all write operations to the sta- tus register are inhibited. wp going low while cs is still low will interrupt a write to the status register. if the internal write cycle has already been initiated, wp going low will have no effect on any write operation to the status register. the wp pin function is blocked when the wpen bit in the status register is ?0?. this will allow the user to install the at25080a/160a/320a/640a in a system with the wp pin tied to ground and still be able to write to the status register. all wp pin functions are enabled when the wpen bit is set to ?1?.
7 at25080a/160a/320a/640a 3347i?seepr?1/05 figure 2. spi serial interface at25080a/160a/320a/640a
8 at25080a/160a/320a/640a 3347i?seepr?1/05 functional description the at25080a/160a/320a/640a is designed to interface directly with the synchronous serial peripheral interface (spi) of the 6805 and 68hc11 series of microcontrollers. the at25080a/160a/320a/640a utilizes an 8-bit instruction register. the list of instructions and their operation codes are contained in table 5. all instructions, addresses, and data are transferred with the msb first and start with a high-to-low cs transition. write enable (wren): the device will power up in the write disable state when v cc is applied. all programming instructions must therefore be preceded by a write enable instruction. write disable (wrdi): to protect the device against inadvertent writes, the write disable instruction disables all programming modes. the wrdi instruction is independent of the sta- tus of the wp pin. read status register (rdsr): the read status register instruction provides access to the status register. the ready/busy and write enable status of the device can be deter- mined by the rdsr instruction. similarly, the block write protection bits indicate the extent of protection employed. these bits are set by using the wrsr instruction. table 5 . instruction set for the at25080a/160a/320a/640a instruction name instruction format operation wren 0000 x110 set write enable latch wrdi 0000 x100 reset write enable latch rdsr 0000 x101 read status register wrsr 0000 x001 write status register read 0000 x011 read data from memory array write 0000 x010 write data to memory array table 6 . status register format bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 wpen x x x bp1 bp0 wen rdy table 7 . read status register bit definition bit definition bit 0 (rdy )bit 0 = ?0? (rdy ) indicates the device is ready. bit 0 = ?1? indicates the write cycle is in progress. bit 1 (wen) bit 1= ?0? indicates the device is not write enabled. bit 1 = ?1? indicates the device is write enabled. bit 2 (bp0) see table 8 on page 9. bit 3 (bp1) see table 8 on page 9. bits 4?6 are ?0?s when device is not in an internal write cycle. bit 7 (wpen) see table 9 on page 9. bits 0?7 are ?1?s during an internal write cycle.
9 at25080a/160a/320a/640a 3347i?seepr?1/05 write status register (wrsr): the wrsr instruction allows the user to select one of four levels of protection. the at25080a/160a/320a/640a is divided into four array segments. one-quarter, one-half, or all of the memory segments can be protected. any of the data within any selected segment will therefore be read only. the block write protection levels and corre- sponding status register control bits are shown in table 8. the three bits bp0, bp1, and wpen are nonvolatile cells that have the same properties and functions as the regular memory cells (e.g., wren, t wc , rdsr). the wrsr instruction also allows the user to enable or disable the write protect (wp ) pin through the use of the write protect enable (wpen) bit. hardware write protection is enabled when the wp pin is low and the wpen bit is ?1?. hardware write protection is disabled when either the wp pin is high or the wpen bit is ?0?. when the device is hardware write protected, writes to the status register, including the block protect bits and the wpen bit, and the block- protected sections in the memory array are disabled. writes are only allowed to sections of the memory that are not block-protected. note: when the wpen bit is hardware write protected, it cannot be changed back to ?0? as long as the wp pin is held low. table 8 . block write protect bits level status register bits array addresses protected bp1 bp0 at25080a at25160a at25320a at25640a 0 0 0 none none none none 1(1/4) 0 1 0300 ? 03ff 0600 ? 07ff 0c00 ? 0fff 1800 ? 1fff 2(1/2) 1 0 0200 ? 03ff 0400 ? 07ff 0800 ? 0fff 1000 ? 1fff 3(all) 1 1 0000 ? 03ff 0000 ? 07ff 0000 ? 0fff 0000 ? 1fff table 9 . wpen operation wpen wp wen protected blocks unprotected blocks status register 0 x 0 protected protected protected 0 x 1 protected writeable writeable 1 low 0 protected protected protected 1 low 1 protected writeable protected x high 0 protected protected protected x high 1 protected writeable writeable
10 at25080a/160a/320a/640a 3347i?seepr?1/05 read sequence (read): reading the at25080a/160a/320a/640a via the serial output (so) pin requires the following sequence. after the cs line is pulled low to select a device, the read op-code is transmitted via the si line followed by the byte address to be read (a15 ? a0, see table 10). upon completion, any data on the si line will be ig nored. the data (d7 ? d0) at the specified address is then shifted out onto the so line. if only one byte is to be read, the cs line should be driven high after the data comes out. the read sequence can be continued since the byte address is automatically incremented and data will continue to be shifted out. when the highest address is reached, the address counter will roll over to the lowest address allowing the entire memory to be read in one continuous read cycle. write sequence (write): in order to program the at25080a/160a/320a/640a, two sep- arate instructions must be executed. first, the device must be write enabled via the wren instruction. then a write (write) instruction may be executed. also, the address of the mem- ory location(s) to be programmed must be outside the protected address field location selected by the block write protection level. during an internal write cycle, all commands will be ignored except the rdsr instruction. a write instruction requires the following sequence. after the cs line is pulled low to select the device, the write op-code is transmitted via the si line followed by the byte address (a15 ? a0) and the data (d7 ? d0) to be programmed (see table 10). programming will start after the cs pin is brought high. the low-to-high transition of the cs pin must occur during the sck low-time immediately after clocking in the d0 (lsb) data bit. the ready/busy status of the device can be determined by initiating a read status register (rdsr) instruction. if bit 0 = ?1?, the write cycle is still in progress. if bit 0 = ?0?, the write cycle has ended. only the rdsr instruction is enabled during the write programming cycle. the at25080a/160a/320a/640a is capable of a 32-byte page write operation. after each byte of data is received, the five low-order address bits are internally incremented by one; the high- order bits of the address will remain constant. if more than 32 bytes of data are transmitted, the address counter will roll over and the previously written data will be overwritten. the at25080a/160a/320a/640a is automatically returned to the write disable state at the comple- tion of a write cycle. note: if the device is not write-enabled (wren), the device will ignore the write instruction and will return to the standby state, when cs is brought high. a new cs falling edge is required to reinitiate the serial communication. table 1 0. address key address at25080a at25160a at25320a at25640a a n a 9 ?a 0 a 10 ?a 0 a 11 ?a 0 a 12 ?a 0 don?t care bits a 15 ?a 10 a 15 ?a 11 a 15 ?a 12 a 15 ?a 13
11 at25080a/160a/320a/640a 3347i?seepr?1/05 timing diagrams figure 3. synchronous data timing (for mode 0) figure 4. wren timing figure 5. wrdi timing s o v oh v ol hi-z hi-z t v valid in s i v ih v il t h t s u t di s s ck v ih v il t wh t c s h c s v ih v il t c ss t c s t wl t ho
12 at25080a/160a/320a/640a 3347i?seepr?1/05 figure 6. rdsr timing figure 7. wrsr timing figure 8. read timing cs sck 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 si instruction so 76543210 data out msb high impedance 15 high impedance in s truction data in 0 0 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 9 1011121 3 14 15 c s s ck s i s o cs sck si so 0 0 0 1 1 1 2 2 2 3 3 3 ... 4 4 5 5 6 6 7 7 8910 15 14 13 11 20 21 22 23 24 25 26 27 28 29 30 high impedance instruction byte address msb data out 31
13 at25080a/160a/320a/640a 3347i?seepr?1/05 figure 9. write timing hold timing 0 0 0 1 1 1 2 2 2 3 3 3 ... 4 4 5 5 6 6 7 7 8 910 15 14 1 3 11 20 21 22 2 3 24 25 26 27 2 8 29 3 0 3 1 high impedance c s s ck s i s o in s truction byte addre ss data in s o s ck ho ld t cd t hd t hz t lz t cd t hd c s
14 at25080a/160a/320a/640a 3347i?seepr?1/05 notes: 1. for 2.7v devices used in the 4.5 to 5.5v range, please refer to performance values in the ac and dc characteristics tab les. 2. ?u? designates green package + rohs compliant. 3. available in waffle pack and wafer form; order as sl719 for wafer form. bumped die available upon request. please contact serial eeprom marketing. at25080a ordering information (1) ordering code package operation range at25080a-10pi-2.7 at25080an-10si-2.7 at25080a-10ti-2.7 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25080a-10pi-1.8 at25080an-10si-1.8 at25080a-10ti-1.8 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25080a-10pu-2.7 (2) at25080a-10pu-1.8 (2) at25080an-10su-2.7 (2) at25080an-10su-1.8 (2) at25080a-10tu-2.7 (2) at25080a-10tu-1.8 (2) at25080ay1-10yu-2.7 (2) at25080ay1-10yu-1.8 (2) at25080ay5-10yu-2.7 (2) at25080ay5-10yu-1.8 (2) 8p3 8p3 8s1 8s1 8a2 8a2 8y1 8y1 8y5 8y5 lead-free/halogen-free/ industrial temperature ( ? 40 to 85 c) at25080a-w2.7-11 (3) at25080a-w1.8-11 (3) die sale die sale industrial temperature ( ? 40 to 85 c) package type 8p3 8-lead, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) 8y1 8-lead, 4.90 mm x 3.00 mm body, dual footprint, non-leaded, miniature array package (map) 8y5 8-lead, 2.00 mm x 3.00 mm body, dual footprint, non-leaded, miniature array package (map) options ? 2.7 low voltage (2.7 to 5.5v) ? 1.8 low voltage (1.8 to 5.5v)
15 at25080a/160a/320a/640a 3347i?seepr?1/05 notes: 1. for 2.7v devices used in the 4.5 to 5.5v range, please refer to performance values in the ac and dc characteristics tab les. 2. ?u? designates green package + rohs compliant. 3. available in waffle pack and wafer form; order as sl719 for wafer form. bumped die available upon request. please contact serial eeprom marketing. at25160a ordering information (1) ordering code package operation range at25160a-10pi-2.7 at25160an-10si-2.7 at25160a-10ti-2.7 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25160a-10pi-1.8 at25160an-10si-1.8 at25160a-10ti-1.8 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25160a-10pu-2.7 (2) at25160a-10pu-1.8 (2) at25160an-10su-2.7 (2) at25160an-10su-1.8 (2) at25160a-10tu-2.7 (2) at25160a-10tu-1.8 (2) at25160ay1-10yu-2.7 (2) at25160ay1-10yu-1.8 (2) at25160ay5-10yu-2.7 (2) at25160ay5-10yu-1.8 (2) 8p3 8p3 8s1 8s1 8a2 8a2 8y1 8y1 8y5 8y5 lead-free/halogen-free/ industrial temperature ( ? 40 to 85 c) at25160a-2.7-11 (3) at25160a-1.8-11 (3) die sale die sale industrial temperature ( ? 40 to 85 c) package type 8p3 8-lead, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) 8y1 8-lead, 4.90 mm x 3.00 mm body, dual footprint, non-leaded, miniature array package (map) 8y5 8-lead, 2.00 mm x 3.00 mm body, dual footprint, non-leaded, miniature array package (map) options ? 2.7 low voltage (2.7 to 5.5v) ? 1.8 low voltage (1.8 to 5.5v)
16 at25080a/160a/320a/640a 3347i?seepr?1/05 notes: 1. for 2.7v devices used in the 4.5 to 5.5v range, please refer to performance values in the ac and dc characteristics tab les. 2. ?u? designates green package + rohs compliant. 3. available in waffle pack and wafer form; order as sl719 for wafer form. bumped die available upon request. please contact serial eeprom marketing. at25320a ordering information (1) ordering code package operation range at25320a-10pi-2.7 at25320an-10si-2.7 at25320a-10ti-2.7 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25320a-10pi-1.8 at25320an-10si-1.8 at25320a-10ti-1.8 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25320a-10pu-2.7 (2) at25320a-10pu-1.8 (2) at25320an-10su-2.7 (2) at25320an-10su-1.8 (2) at25320a-10tu-2.7 (2) at25320a-10tu-1.8 (2) at25320ay1-10yu-2.7 (2) at25320ay1-10yu-1.8 (2) 8p3 8p3 8s1 8s1 8a2 8a2 8y1 8y1 lead-free/halogen-free/ industrial temperature ( ? 40 to 85 c) at25320a-w2.7-11 (3) at25320a-w1.8-11 (3) die sale die sale industrial temperature ( ? 40 to 85 c) package type 8p3 8-lead, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) 8y1 8-lead, 4.90 mm x 3.00 mm body, dual footprint, non-leaded, miniature array package (map) options ? 2.7 low voltage (2.7 to 5.5v) ? 1.8 low voltage (1.8 to 5.5v)
17 at25080a/160a/320a/640a 3347i?seepr?1/05 notes: 1. for 2.7v devices used in the 4.5 to 5.5v range, please refer to performance values in the ac and dc characteristics tab les. 2. ?u? designates green package + rohs compliant. 3. available in waffle pack and wafer form; order as sl719 for wafer form. bumped die available upon request. please contact serial eeprom marketing. at25640a ordering information (1) ordering code package operation range at25640a-10pi-2.7 at25640an-10si-2.7 at25640a-10ti-2.7 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25640a-10pi-1.8 at25640an-10si-1.8 at25640a-10ti-1.8 8p3 8s1 8a2 industrial temperature ( ? 40 to 85 c) at25640a-10pu-2.7 (2) at25640a-10pu-1.8 (2) at25640an-10su-2.7 (2) at25640an-10su-1.8 (2) at25640a-10tu-2.7 (2) at25640a-10tu-1.8 (2) at25640ay1-10yu-2.7 (2) at25640ay1-10yu-1.8 (2) 8p3 8p3 8s1 8s1 8a2 8a2 8y1 8y1 lead-free/halogen-free/ industrial temperature ( ? 40 to 85 c) at25640a-w2.7-11 (3) at25640a-w1.8-11 (3) die sale die sale industrial temperature ( ? 40 to 85 c) package type 8p3 8-lead, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) 8y1 8-lead, 4.90 mm x 3.00 mm body, dual footprint, non-leaded, miniature array package (map) options ? 2.7 low voltage (2.7 to 5.5v) ? 1.8 low voltage (1.8 to 5.5v)
18 at25080a/160a/320a/640a 3347i?seepr?1/05 packaging information 8p3 ? pdip 2 3 25 orch a rd p a rkw a y sa n jo s e, ca 951 3 1 title drawing no. r rev. 8 p 3 , 8 -le a d, 0. 3 00" wide body, pl as tic d ua l in-line p a ck a ge (pdip) 01/09/02 8 p 3 b note s : 1. thi s dr a wing i s for gener a l inform a tion only; refer to jedec dr a wing m s -001, v a ri a tion ba, for a ddition a l inform a tion. 2. dimen s ion s a a nd l a re me asu red with the p a ck a ge s e a ted in jedec s e a ting pl a ne g au ge g s - 3 . 3 . d, d1 a nd e1 dimen s ion s do not incl u de mold fl as h or protr us ion s . mold fl as h or protr us ion s s h a ll not exceed 0.010 inch. 4. e a nd ea me asu red with the le a d s con s tr a ined to b e perpendic u l a r to d a t u m. 5. pointed or ro u nded le a d tip s a re preferred to e as e in s ertion. 6. b 2 a nd b3 m a xim u m dimen s ion s do not incl u de d a m ba r protr us ion s . d a m ba r protr us ion s s h a ll not exceed 0.010 (0.25 mm). common dimen s ion s (unit of me asu re = inche s ) s ymbol min nom max note d d1 e e1 e l b 2 b a2 a 1 n ea c b3 4 plc s a ? ? 0.210 2 a2 0.115 0.1 3 0 0.195 b 0.014 0.01 8 0.022 5 b 2 0.045 0.060 0.070 6 b3 0.0 3 0 0.0 3 9 0.045 6 c 0.00 8 0.010 0.014 d 0. 3 55 0. 3 65 0.400 3 d1 0.005 ? ? 3 e 0. 3 00 0. 3 10 0. 3 25 4 e1 0.240 0.250 0.2 8 0 3 e 0.100 b s c ea 0. 3 00 b s c 4 l 0.115 0.1 3 0 0.150 2 top view s ide view end view
19 at25080a/160a/320a/640a 3347i?seepr?1/05 8s1 ? jedec soic 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 title drawing no. r rev. note: 10/7/03 8s1 , 8-lead (0.150" wide body), plastic gull wing small outline (jedec soic) 8s1 b common dimensions (unit of measure = mm) symbol min nom max note a1 0.10 ? 0.25 these drawings are for general information only. refer to jedec drawing ms-012, variation aa for proper dimensions, tolerances, datums, etc. a 1.35 ? 1.75 b 0.31 ? 0.51 c 0.17 ? 0.25 d 4.80 ? 5.00 e1 3.81 ? 3.99 e 5.79 ? 6.20 e 1.27 bsc l 0.40 ? 1.27 ? 0? ? 8? ? top view end view side view e b d a a1 n e 1 c e1 l
20 at25080a/160a/320a/640a 3347i?seepr?1/05 8a2 ? tssop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 5/30/02 common dimensions (unit of measure = mm) symbol min nom max note d 2.90 3.00 3.10 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 a ? ? 1.20 a2 0.80 1.00 1.05 b 0.19 ? 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref 8a2 , 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) notes: 1. this drawing is for general information only. refer to jedec drawing mo-153, variation aa, for proper dimensions, tolerances, datums, etc. 2. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension e1 does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and adjacent lead is 0.07 mm. 5. dimension d and e1 to be determined at datum plane h. 8a2 b side view end view top view a2 a l l1 d 1 2 3 e1 n b pin 1 indicator this corner e e
21 at25080a/160a/320a/640a 3347i?seepr?1/05 8y1 ? map a ? ? 0.90 a1 0.00 ? 0.05 d 4.70 4.90 5.10 e 2.80 3.00 3.20 d1 0.85 1.00 1.15 e1 0.85 1.00 1.15 b 0.25 0.30 0.35 e 0.65 typ l 0.50 0.60 0.70 pin 1 index area d e a a1 b 8 7 6 e 5 l d1 e1 pin 1 index area 1 2 34 a top view end view bottom view side view 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8y1, 8-lead (4.90 x 3.00 mm body) msop array package (map) y1 c 8y1 2/28/03 common dimensions (unit of measure = mm) symbol min nom max note
22 at25080a/160a/320a/640a 3347i?seepr?1/05 8y5 ? mini map 2 3 25 orch a rd p a rkw a y sa n jo s e, ca 951 3 1 title drawing no. r rev. 8 y5 , 8 -le a d 2.0 x 3 .0 mm body, 0.50 mm pitch, mini-m a p, d ua l no le a d p a ck a ge (dfn) a 8 y5 11/12/0 3 note s : 1. thi s dr a wing i s for gener a l inform a tion only. refer to jedec dr a wing mo-229, for proper dimen s ion s , toler a nce s , d a t u m s , etc. 2. dimen s ion b a pplie s to met a llized termin a l a nd i s me asu red b etween 0.15 mm a nd 0. 3 0 mm from the termin a l tip. if the termin a l h as the option a l r a di us on the other end of the termin a l, the dimen s ion s ho u ld not b e me asu red in th a t r a di us a re a . common dimen s ion s (unit of me asu re = mm) s ymbol min nom max note d 2.00 b s c e 3 .00 b s c d2 1.40 1.50 1.60 e2 1.75 1. 8 5 1.95 a ? ? 0.90 a1 0.0 0.02 0.05 a2 ? ? 0. 8 5 a 3 0.20 ref l 0.20 0. 3 0 0.40 e 0.50 b s c b 0.20 0.25 0. 3 0 2 pin 1 index are a e d a 3 a a2 a1 d2 b ( 8 x) pin 1 id e2 l ( 8 x) e (6x) 1.50 ref. bottom view top view s ide view
printed on recycled paper. 3347i?seepr?1/05 disclaimer: the information in this document is provided in connection with atmel products. no license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no liability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, consequential, punitive, special or i nciden- tal damages (including, without limitation, damages for loss of profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the rig ht to make changes to specifications and product descriptions at any time without notice. atmel does not make any commitment to update the information contained her ein. atmel?s products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature ? atmel corporation 2004 . all rights reserved. atmel ? , logo and combinations thereof, are registered trademarks, and everywhere you are sm is the trademark of atmel corporation or its subsidiaries. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT25160AY1-10YU-27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X