Part Number Hot Search : 
LVG32643 FP205 BGY88 SB1020 7808V 29152 80N6F M5321
Product Description
Full Text Search
 

To Download ASFLM2-100MHZ-L-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | asflm applications: features: pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . ab r acon.co m revised: 11.19.08 visit www.abracon.com for terms & conditions of sale t m ultra miniature plastic package ? ccd clock for vtr camera ? equipment connected to pcs ? low profile equipment ? lower cost crystal oscillator replacement ? computers and peripherals ? portable electronics (mp3 players, games) ? consumer electronics such as tv?s, dvr?s, etc. ? vibrant, shock-prone & humid environments for industrial equipment ? demanding military & automotive electronics life siz e 5 . 0 x 3 . 2 x 0.8 5 m m pure silicon clock oscillator standard specifications: asflm p arameters abracon p/n asflm series frequency range 1.000 mhz - 150 mhz operating temperature 0c to + 70c (see options) storage temperature -40c to +155c supply current (no load) supply current: (full load) overall frequency stablilty 100 ppm max. (see options) supply voltage (vdd) 3.0 v 0.3 v (see options) symmetry 45/55 % max.@ 1/2vdd rise and fall time (tr/tf) 5ns max. (+25c, 15pf output load, 10/90% vdd.) output load start-up time 10ms max. 5ms max. disable time 100ns max. stand-by current 1ua max. (t= +25c, vdd=3.0 0.3v, 2.5 0.2v, 1.8 0.2v) aging at +25c/year 5ppm max. 6.0ma max (1.0 to 39.9999mhz) 7.0ma max (40.0 to 79.9999mhz) 10.0ma max (80.0 to 125mhz) 9.0ma max (1.0 to 39.9999mhz) 10.0ma max (40.0 to 79.9999mhz) 16.0ma max (80.0 to 125mhz) (t=-40 to +85c, vdd=3.3 0.3v, 3.0 0.3v, 2.5 0.2v, 1.8 0.15v cl=15pf, rl=10k) output voltage: voh = 0.9* vdd min. ; vol = 0.1* vdd max. input voltage: vih = 0.9* vdd min. ; vil = 0.1* vdd max. tri-state function (stand-by) "1" or open: oscillation; "0" : no oscillation/hi z (t=-40 to +85c, vdd=3.3 0.3v, 3.0 0.3v, 2.5 0.2v, 1.8 0.15v cl=15pf, rl=10k) 15 pf max., 10kohms min. enable time 1mhz: 181ps typ.(rsm jitter); 1.6ns typ.(pk-pk jitter) 26mhz: 17.8ps typ.(rsm jitter); 138ps typ.(pk-pk jitter) 100mhz: 8.4ps typ.(rsm jitter); 106ps typ.(pk-pk jitter) 150mhz: 9.9ps typ.(rsm jitter); 82ps typ.(pk-pk jitter) jitter ? ult r a miniature pure silicon clo c k oscillator ? mems t echnolog y b y disce r a ? l o w p o w er consumption <10ma ? low stand by current <1ua ? exceptional stability over temp. at 40 to +85c ? available over extended temp range ? available in 30kg shock resistance configuration ? low cost-compact qfn plastic packaging ? compact package design tm tm available now!
| | | | | | | | | | | | | | | asflm pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . ab r acon.co m revised: 11.19.08 visit www.abracon.com for terms & conditions of sale t m ultra miniature plastic package life siz e 5 . 0 x 3 . 2 x 0.8 5 m m pure silicon clock oscillator asflm options and part identification: (left blank if standard) * please contact abracon for temperature option availability. ** blank un-programmed oscillators and our low cost portable programmer is available for quick turn engineering requirements. please visit call or visit www.abracon.com for more information. please contact abracon for order assistance for high shock application. asflm - frequency - - - p r o g r a m m a b l e s u p p l y v o l t age f r e q u e n cy o p e r ati n g t e m p . f r e q . s t a b ili t y p a c kagi n g b l an k p r o g r a mm ed 1 xxx . xxx m h z b l an k 0 c t o + 7 0 c b l a n k 100 p p m b * * u n p r o g r a m m e d 2 3.3 0. 3 v m - 20 c t o + 85 c c 5 0 p p m b l an k t ub e ( 7 3 p cs /t u be ) 3 2.5 0. 2 v l * - 40 c t o + 85 c 4 1.8 0.15 v t t ap e a n d r e e l ( 1 0 0 0p c s / r e e l ) outline drawing: dimensions: inches (mm) note: recommend using an approximately 0.01uf bypass capacitor between pin 2 and 4. n o . p i n t e r m i na l g n d v d d o u t pu t 1 2 3 4 t ri- st a t e 3 . 0 0 . 3 v (std) tm our new memspeed pro clock oscillator programmer allows you to program parts to any frequency between 1 and 150 mhz in 1 second! order online now at www.abracon.com.
| | | | | | | | | | | | | | | asflm pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 3033 2 espe r anza, ran c ho santa m a r g a r ita, califo r nia 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . ab r acon.co m revised: 11.18.08 visit www.abracon.com for terms & conditions of sale t m ultra miniature plastic package life siz e 5 . 0 x 3 . 2 x 0.8 5 m m pure silicon clock oscillator tape & reel: tape and reel 1,000pcs/reel dimensions: mm tube packaging: tube (77 pcs/tube). asflm dimensions: mm


▲Up To Search▲   

 
Price & Availability of ASFLM2-100MHZ-L-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X