Part Number Hot Search : 
2SC2964 824DH ADUC8 1N5258 SA1276 ALVC16 TOP234 IC16F6
Product Description
Full Text Search
 

To Download 8688990000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pcb relay rch ii/1 ?1 pole 8 / 12 / 16 a 8 1 c/o contact or 1 n/o contact single contact 8 a 12 a 16 a 250 vac / 440 vac 2000 va 3000 va 4000 va 16 a 20 a 25 a agni 0.15 agcdo agcdo load 8 a, 250 vac, cos d =1, 50% duty cycle 8 a, 250 vac, cos d =1, 50% duty cycle 18.2 a, 250 vac, cos d =1, 600/h, 15% duty cycle 96 a on, 16 a off, 250 vac, cos d =0.6, 450/h 5...110 vdc / 12?30 vac 500 mw 2 / b technical data configuration type of contact rated current rated voltage / max.breaking voltage ac maximum breaking capacity ac make current contact material contact ratings type operations standard rch411 10 5 ac 1 rch412 10 5 ac 1 rch330 1.1x10 5 ac 1 rch330 > 3x10 4 vde 0630 coil data nominal voltage nominal coil power operate category dimensions in mm 1 c/o or 1 n/o contact 4 kv / 8 mm coil-contact pinning 3.5 or 5 mm (8 / 12 a) and 5 mm (16 a) applications power supplies, domestic appliances, heating control, installation approvals: m { ordering data type version contacts cont. material coil part no. rch310006 16 a 1 c/o contact agcdo 6 vdc 8692490000 rch310012 pinning 5mm 12 vdc 8689150000 rch310024 24 vdc 4064580000 rch310048 48 vdc 8689440000 rch310512 12 vac 8689450000 rch310524 24 vac 8689460000 rch310548 48 vac 8689470000 rch310615 115 vac 8689480000 rch310730 230 vac 8689490000 rch330006 1 n/o contact 6 vdc 8692360000 rch330012 12 vdc 8689500000 rch330024 24 vdc 8689510000 rch330730 230 vac 8692320000 rch411006 8a 1 c/o contact agni 0,15 6 vdc 8689520000 rch411012 pinning 5mm 12 vdc 8689540000 rch411024 24 vdc 8689570000 rch411048 48 vdc 8689550000 rch411110 110 vdc 8689560000 rch411524 24 vac 8689570000 rch411615 115 vac 8689580000 rch411730 230 vac 8689590000 rch412006 6 vdc 8689020000 rch412012 8 a 12 vdc 8689040000 rch412024 pinning 3,5mm 24 vdc 8689050000 rch412048 48 vdc 8689060000 rch412110 110 vdc 8689070000 rch412512 12 vac 8688500000 rch412524 24 vac 8688970000 rch412548 48 vac 8688980000 rch412560 60 vac 8688990000 rch412615 115 vac 8689000000 rch412730 230 vac 8689010000
pcb relay rch ii/1 ?1 pole 8 / 12 / 16 a 9 coil versions, dc-coil coil nominal pull-in release maximum coil coil code voltage voltage voltage voltage resistance current vdc vdc vdc vdc ? ma 006 6 4.2 0.6 10.8 68?0% 88.2 012 12 8.4 1.2 21.6 270?0% 44.4 024 24 16.8 2.4 43.2 1100?5% 21.8 048 48 33.6 4.8 86.4 4400?5% 10.9 060 60 42.0 6.0 108.0 6540?5% 9.2 110 110 77.0 11.0 198.0 23100?5% 4.8 all figures are given for coil without preenergization, at ambient temperature +20 other coil voltages on request coil versions, ac-coil coil nominal pull-in release coil coil code voltage voltage voltage resistance current vac vac vac ? ma 512* 12 9.6 3.6 60?0% 81.0 524 24 19.2 7.2 280?0% 39.7 548* 48 38.4 14.4 960?5% 20.1 615 110-115 92.0 34.5 5600?5% 9.9 730 230 184.0 69.0 27386?5% 4.0 all figures are given for coil without preenergization, at ambient temperature +20 * coils without approvals insulation dielectric strength coil-contacts open contact circuit clearance / creepage insulation to vde 0110b (2/79) insulation category / reference voltage other data ambient temperature mechanical life max. switching rate at rated- / minimum load operate- / release time bounce time n/o contact/n/c contact vibration resistance n/o / n/c contact shock resistance (destruction) protection category relay weight packaging unit accessories 4000 v rms 1000 v rms 8 / 8 mm c / 250 -40...+70 ? 30x10 6 operations 10 min -1 / 1200 min -1 typ. 8 / 2 ms typ. 2 / 4 ms >10 / 2 g, 30...300 hz 100 g ip40 / ip67 18 g 20 / 500 pcs. see accessories rch pcb layout / terminal assigment view on solder pins dimensions in mm 8/ 12 a, pinning 3.5 mm 1 c/o 1 n/o 8/ 12 a, pinning 5 mm 1 c/o 1 n/o 16 a, pinning 5 mm 1 c/o 1 n/o


▲Up To Search▲   

 
Price & Availability of 8688990000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X