Part Number Hot Search : 
IRFP254B 85102 8143V70M C15006 ERIES MC3336 BU606 2SC2634R
Product Description
Full Text Search
 

To Download 36WDOSJ50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 for product datasheets, visit www.cooperbussmann.com medium voltage din fuses 3.6 kv - a & w range fuse-links 3.6 kv, current limiting back-up fuse-links, 6.3a to 200a specifications description: a range of medium voltage din fuses, complete with striker, suitable for transformer protection. the fuses can be used even when there is no secondary lv protection, provided they are used with fuse switches fitted with instantaneous striker tripping. r atings: v olts: 3.6kv amps: 6.3a - 200a breaking capacity: 40ka - 50ka agency information: comply with din dimensional standard din 43625, vde 0670 part 4 and with iec 60282-1 (2005) suitable for indoor use. dimensions (mm): fuse reference a c d weight (kg) adosj 192 54 51 1.1 wdosj 192 5 4 51 1.1 w fosj 1 92 7 6 7 6 2 .1 table of ratings: part number current rating i n (a) breaking capacity i 1 (ka) minimum breaking capacity i 3 (a) cold resistance & watts loss in free air joule integral (i 2 t) length mm diameter mm w eight kg m w minimum pre- arcing maximum operating 3.6adosj6.3 6.3 40 13 158 9 4.5 x 10 1 1.9 x 10 2 192 51 1.1 3.6adosj10 10 40 31 79.2 1 1 2.3 x 10 2 9.7 x 10 2 192 51 1.1 3.6adosj16 16 40 49 50.8 18 5.5 x 10 2 2.4 x 10 3 192 5 1.1 3.6adosj20 20 40 49 38.1 21 9.8 x 10 2 4.2 x 10 3 192 51 1.1 3.6adosj25 25 40 106 28.9 25 1.3 x 10 2 1.2 x 10 3 192 51 1.1 3.6adosj31.5 31.5 40 106 19.2 26 2.9 x 10 2 2.7 x 10 3 192 51 1.1 3.6adosj40 40 40 106 1 1.6 26 8.0 x 10 2 7.5 x 10 3 192 51 1.1 3.6wdosj50 50 50 180 5.36 20 1.8 x 10 3 2.4 x 10 4 192 51 1.1 3.6wdosj63 63 50 225 3.68 21 3.8 x 10 3 4.5 x 10 4 192 51 1.1 3.6wdosj80 80 50 288 2.88 27 6.3 x 10 3 8.0 x 10 4 192 51 1.1 3.6wdosj100 100 50 360 2.16 31 9.8 x 10 3 1.1 x 10 5 192 51 1.1 3.6wdosj125 125 50 450 1.73 39 1.5 x 10 4 2.2 x 10 5 192 51 1.1 3.6wfosj160 160 50 600 1.28 47 3.1 x 10 4 6.2 x 10 5 192 76 2.1 3.6wfosj200 200 50 600 0.938 52 5.7 x 10 4 1.1 x 10 6 192 76 2.1


▲Up To Search▲   

 
Price & Availability of 36WDOSJ50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X