Part Number Hot Search : 
NTE1919 011IST5X 25002 AT1142 P2430 5929A TW0259A AN12942B
Product Description
Full Text Search
 

To Download 1812CS-103XKBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 1812cs series (4532) document 105-1 specifications subject to change without notice. document 105-1 revised 11/13/03 coilcraft 1812cs ceramic chip inductors are ideal for applications requiring mid-range inductance. the srfs of the parts in this series are up to 3 times higher than those of commonly available 1812 chip inductors made on ferrite cores. these parts can be ordered with ag/pd/pt terminations that make them compliant with rohs lead free standards. to request free evaluation samples, contact coilcraft or visit www.coilcraft.com . inductance 2 percent srf min 5 dcr max 6 i rms 7 part number 1 (h) tolerance 3 q min 4 (mhz) (ohms) (ma) 1812cs-102x_b_ 1.0 @ 7.9 mhz 10, 5 60 @ 50 mhz 310 1.2 480 1812cs-122x_b_ 1.2 @ 7.9 mhz 10, 5 62 @ 50 mhz 230 1.2 480 1812cs-152x_b_ 1.5 @ 7.9 mhz 10, 5,2 65 @ 50 mhz 210 1.6 430 1812cs-182x_b_ 1.8 @ 7.9 mhz 10, 5 68 @ 50 mhz 190 2.0 380 1812cs-222x_b_ 2.2 @ 7.9 mhz 10, 5 63 @ 50 mhz 170 2.2 340 1812cs-272x_b_ 2.7 @ 7.9 mhz 10, 5 63 @ 50 mhz 160 3.2 300 1812cs-332x_b_ 3.3 @ 7.9 mhz 10, 5 65 @ 50 mhz 145 3.8 270 1812cs-392x_b_ 3.9 @ 7.9 mhz 10, 5,2 69 @ 50 mhz 130 5.0 240 1812cs-472x_b_ 4.7 @ 7.9 mhz 10, 5 63 @ 50 mhz 115 5.4 230 1812cs-562x_b_ 5.6 @ 7.9 mhz 10, 5 59 @ 50 mhz 100 5.7 220 1812cs-682x_b_ 6.8 @ 7.9 mhz 10, 5 60 @ 50 mhz 90 6.6 210 1812cs-822x_b_ 8.2 @ 7.9 mhz 10, 5 47 @ 50 mhz 80 7.0 200 1812cs-103x_b_ 10.0 @ 7.9 mhz 10, 5 36 @ 50 mhz 70 7.7 190 1812cs-123x_b_ 12.0 @ 2.5 mhz 10, 5 35 @ 10 mhz 60 8.7 180 1812cs-153x_b_ 15.0 @ 2.5 mhz 10, 5 34 @ 10 mhz 50 9.6 170 1812cs-183x_b_ 18.0 @ 2.5 mhz 10, 5 30 @ 10 mhz 45 10.5 160 1812cs-223x_b_ 22.0 @ 2.5 mhz 10, 5,2 32 @ 10 mhz 40 11.5 155 1812cs-273x_b_ 27.0 @ 2.5 mhz 10, 5 29 @ 10 mhz 30 12.5 150 1812cs-333x_b_ 33.0 @ 2.5 mhz 10, 5,2 20 @ 10 mhz 20 13.5 145 2. inductance measured using a coilcraft smd-a fixture in an agilent/hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fixture. 5. srf measured using an agilent/hp 8753d network analyzer and a coilcraft smd-d test fixture. 6. dcr measured on a cambridge technology micro-ohmmeter and a coilcraft ccf859 test fixture. 7. average current for a 15c rise above 25c ambient. 8. operating temperature range ? 40c to +125c. 9. electrical specifications at 25c. see qualification standards section for environmental and test data. for part marking data see color coding section. 1. when ordering, specify tolerance, termination and packaging codes: 1812cs-333x gbc tolerance: g =2% j = 5% k = 10% (table shows stock tolerances in bold.) termination: b = standard l = rohs compliant ag/pd/pt packaging: c =7 machine-ready reel. eia-481 embossed plastic tape (600 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d =13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (2200 parts per full reel).
chip inductors C 1812cs series (4532) document 105-2 specifications subject to change without notice. document 105-2 revised 11/13/03 typical q vs frequency typical l vs frequency i i j h a b overall f g e terminal f c d terminal wraparound: approx 0.015/0,38 both ends recommended land pattern a max b max c max d ref e f g h i j 0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 4,95 3,81 3,43 1,78 2,54 0,64 3,25 3,05 1,14 3,00 0 10 20 30 40 110 1000 100 inductance (h) frequency (mhz) 1.8 h 8.2 h 3.9 h 15.0 h 22.0 h 33.0 h 80 70 60 50 40 30 20 10 0 1 10 100 q factor frequency (mhz) 1.8 h 3.9 h 8.2 h 15.0 h 22.0 h 33.0 h weight: 109 ? 128 mg tape and reel: 600/7 reel; 2200/13 reel 12 mm tape width for packaging data see tape and reel specifications section.


▲Up To Search▲   

 
Price & Availability of 1812CS-103XKBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X