Part Number Hot Search : 
IRFZ3 MX7847BQ SCD55104 TMEGA1 350GE321 A13DC FBR610 IRFZ3
Product Description
Full Text Search
 

To Download 0015911361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 12/07/2009 please check www.molex.com for latest part information part number: 0015911361 status: active description: 2.54mm (.100") pitch c-grid? header, surface mount, dual row, vertical, 36 circuits, tin (sn) plating, with 3.30mm (.130") pcb locator pegs documents: 3d model product specification ps-71308 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 71308 application board-to-board application wire-to-board product name c-grid? physical breakaway yes circuits (loaded) 36 circuits (maximum) 36 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c termination interface: style surface mount electrical csa lr19980 current - maximum 3a ul e29179 voltage - maximum 250v solder process data lead-free process capability reflow capable (smt only) process temperature max. c 260 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 71308 series
material info reference - drawing numbers product specification ps-71308 product specification rps-71308-001 sales drawing sd-71308-001 this document was generated on 12/07/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0015911361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X