Part Number Hot Search : 
S30740 SN431AM AD148IV MV53622 28010 AU6850 AD5201 TAP1213
Product Description
Full Text Search
 

To Download TS321AIYLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  may 2010 doc id 6298 rev 7 1/15 15 ts321 low-power single operational amplifier features large output voltage swing: 0 to 3.5 v min. (v cc = 5 v) low supply current: 500 a low input bias current: 20 na low input offset voltage: ? 2 mv max for ts321a ? 4 mv max for ts321 wide power supply range: ? single supply: +3 to +30 v ? dual supplies: 1.5 to 15 v stable with high capacitive loads description the ts321 is intended for cost-sensitive applications where space saving is of great importance. this bipolar op-amp offers the benefits of a reduced component size (sot23-5 package) with specifications that match (or are better than) industry standard devices (such as the popular lm358a, lm324, and as such). the ts321 has an input common-mode range (v icm ) that includes ground and therefore can be employed in single-supply applications. so-8 (plastic micropackage) sot23-5 (plastic package) pin connections (top view)      
  
   
                 
             
  www.st.com
circuit schematics ts321 2/15 doc id 6298 rev 7 1 circuit schematics figure 1. schematic diagram                       
                         ! "     # $
ts321 absolute maximum rati ngs and operating conditions doc id 6298 rev 7 3/15 2 absolute maximum ratings and operating conditions table 1. absolute maximum ratings symbol parameter value unit v cc + supply voltage 16 to 32 v v i input voltage -0.3 to +32 v v id differential input voltage +32 v output short-circuit duration (1) infinite i in input current (2) 50 ma t stg storage temperature range -65 to +150 c t j maximum junction temperature +150 c r thja thermal resistance junction to ambient (3) sot23-5 so-8 250 125 c/w r thjc thermal resistance junction to case (3) sot23-5 so-8 81 40 c/w esd hbm: human body model (4) 300 v mm: machine model (5) 200 cdm: charged device model (6) sot23-5 so-8 1000 1500 1. short-circuits from the output to v cc can cause excessive heating if v cc > 15 v. the maximum output current is approximately 40 ma independent of the magnitude of v cc . 2. this input current only exists when the voltage at any of t he input leads is driven negative. it is due to the collector-base junction of the input pnp transistor becomi ng forward biased and thereby ac ting as input diodes clam ps. in addition to this diode action, there is also npn parasitic action on the ic chip. this transistor ac tion can cause the output voltages of the op-amps to go to the v cc voltage level (or to ground for a large overdriv e) for the time during which an input is driven negative. this is not destructive and normal output is restored when the input voltage goes back above -0.3v. 3. short-circuits can cause ex cessive heating. destructive di ssipation can result from si multaneous short-circuits on all amplifiers. all values are typical. 4. human body model: a 100 pf capacitor is charged to the specified voltage, then discharged through a 1.5 k resistor between two pins of the device. this is done for all couples of connected pin combinat ions while the other pins are floating. 5. machine model: a 200 pf capacitor is charged to the specifie d voltage, then discharged directly between two pins of the device with no external series resistor (i nternal resistor < 5 ). this is done for all couples of connected pin combinations while the other pins are floating. 6. charged device model: all pins and the pac kage are charged together to the specifi ed voltage and then discharged directly to the ground through only one pin. this is done fo r all pins. the cdm value applies to so-8 only.
absolute maximum ratings and operating conditions ts321 4/15 doc id 6298 rev 7 table 2. operating conditions symbol parameter value unit v cc + supply voltage 3 to 30 v v icm common mode input voltage range (v cc + = 30 v) t amb = +25c t min t amb t max 0 to v cc + -1.5 0 to v cc + -2 v t oper operating free-air temperature range -40 to +125 c
ts321 electrical characteristics doc id 6298 rev 7 5/15 3 electrical characteristics table 3. v cc + = +5 v, v cc - = ground, v o = 1.4 v, t amb = +25c (unless otherwise specified) symbol parameter conditions min. typ. max. unit v io input offset voltage (1) ts321 ts321a t min t amb t max ts321 ts321a 0.5 4 2 5 3 mv i io input offset current t min t amb t max 230 50 na i ib input bias current (2) t min t amb t max 20 150 200 na a vd large signal voltage gain v cc + = +15v, r l = 2k , v o = 1.4v to 11.4v t min t amb t max 50 25 100 v/mv svr supply voltage rejection ratio rs 10k , v cc + = 5 to 30v 65 110 db i cc supply current, no load v cc + = +5v v cc + = +30v t min t amb t max v cc + = +5v v cc + = +30v 500 600 600 800 900 900 1000 a cmr common mode rejection ratio r s 10k 65 85 db i source output current source v id = +1v v cc + = +15v, v o = +2v 20 40 ma i sink output sink current v id = -1v v cc + = +15v, v o = +2v v cc + = +15v, v o = +0.2v 10 12 20 50 ma a i o short-circuit to ground v cc + = +15v 40 60 ma v oh high level output voltage v cc + = +30v, r l = 2k t min t amb t max v cc + = +30v, r l = 10k t min t amb t max v cc + = +5v, r l = 2k t min t amb t max 26 25.5 27 26.5 3.5 3 27 28 v v ol low level output voltage r l = 10k t min t amb t max 515 20 mv sr slew rate v cc + = +15v, v i = 0.5 to 3v, r l = 2k , c l = 100pf, unity gain 0.4 v/ s gbp gain bandwidth product v cc + = 30v, f = 100khz, v in = 10mv, r l = 2k , c l = 100pf 0.8 mhz m phase margin 60 degrees
electrical characteristics ts321 6/15 doc id 6298 rev 7 thd total harmonic distortion f = 1khz, a v = 20db, r l = 2k , v o = 2v pp , c l = 100pf, v cc + = +30v 0.015 % en equivalent input noise voltage f = 1khz, r s = 100 , v cc + = +30v 40 1. v o = 1.4 v, r s = 0 , 5 v < v cc + < 30 v, 0 < v icm < v cc + - 1.5 v. 2. the direction of the input current is out of the ic. this current is essentially constant and independent of the state of the output, therefore there is no change in the load on the input lines. table 3. v cc + = +5 v, v cc - = ground, v o = 1.4 v, t amb = +25c (unless otherwise specified) (continued) symbol parameter conditions min. typ. max. unit nv hz ----------- -
ts321 electrical characteristics doc id 6298 rev 7 7/15 figure 2. current consumption versus temperature figure 3. ac-coupled inverting amplifier v cc = 5 v, 0 v no lo a d %    && ! '  (     !  '  ) ! '  * ! '        ! '     + ! '  ,
 ! !  * -.//01,
2  figure 4. non-inverting dc gain figure 5. ac-coupled non-inverting amplifier figure 6. dc summing amplifier ! '  ! 3  4 5" '          -  2 -6  2    ,  ! ! -//  1,2   %    ! '  (     !  '       +     -.//  1,2  ,  ! !  ! '  ! 3    ! 3  ! '  ! '     +           '  '  '  '  '  ' 
macromodel ts321 8/15 doc id 6298 rev 7 4 macromodel 4.1 important note concerning this macromodel note the following remarks before using the macromodel. all models are a trade-off between accuracy and complexity (that is, simulation time). macromodels are not a substitute to breadboarding; rather, they confirm the validity of a design approach and help to select surrounding component values. a macromodel emulates the nominal performance of a typical device within specified operating conditions (temperature, supply voltage, for example). thus the macromodel is often not as ex haustive as the datasheet, it s purpose is to illustrate the main parameters of the product. data derived from macromodels used ou tside of the specified conditions (v cc , temperature, for example) or even worse, outside of the device?s operating conditions (v cc , v icm , for example), is not reliable in any way. 4.2 macromodel code ** standard linear ics macromodels, 1993. ** connections : * 1 inverting input * 2 non-inverting input * 3 output * 4 positive power supply * 5 negative power supply .subckt ts321 1 2 3 4 5 *************************** .model mdth d is=1e-8 kf=3.104131e-15 cjo=10f * input stage cip 2 5 1.000000e-12 cin 1 5 1.000000e-12 eip 10 5 2 5 1 ein 16 5 1 5 1 rip 10 11 2.600000e+01 rin 15 16 2.600000e+01 ris 11 15 2.003862e+02 dip 11 12 mdth 400e-12 din 15 14 mdth 400e-12 vofp 12 13 dc 0 vofn 13 14 dc 0 ipol 13 5 1.000000e-05 cps 11 15 3.783376e-09 dinn 17 13 mdth 400e-12 vin 17 5 0.000000e+00 dinr 15 18 mdth 400e-12 vip 4 18 2.000000e+00 fcp 4 5 vofp 3.400000e+01 fcn 5 4 vofn 3.400000e+01 fibp 2 5 vofn 2.000000e-03
ts321 macromodel doc id 6298 rev 7 9/15 fibn 5 1 vofp 2.000000e-03 * amplifying stage fip 5 19 vofp 3.600000e+02 fin 5 19 vofn 3.600000e+02 rg1 19 5 3.652997e+06 rg2 19 4 3.652997e+06 cc 19 5 6.000000e-09 dopm 19 22 mdth 400e-12 donm 21 19 mdth 400e-12 hopm 22 28 vout 7.500000e+03 vipm 28 4 1.500000e+02 honm 21 27 vout 7.500000e+03 vinm 5 27 1.500000e+02 eout 26 23 19 5 1 vout 23 5 0 rout 26 3 20 cout 3 5 1.000000e-12 dop 19 25 mdth 400e-12 vop 4 25 2.242230e+00 don 24 19 mdth 400e-12 von 24 5 7.922301e-01 .ends 4.3 electrical characteristics of the macromodel table 4. v cc + = +3 v, v cc - = 0 v, r l , c l connected to v cc /2, t amb = 25c (unless otherwise specified) symbol conditions value unit v io 0mv a vd r l = 2 k 100 v/mv i cc no load, per operator 300 a v icm 0 to +3.5 v v oh r l = 2 k 3.5 v v ol r l = 2 k 5mv i os v o = 0 v 40 ma gbp r l = 2 k , c l = 100 pf 0.8 mhz sr r l = 2 k , c l = 100 pf 0.4 v/ s ? mr l = 2 k , c l = 100 pf 60 degrees
package information ts321 10/15 doc id 6298 rev 7 5 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
ts321 package information doc id 6298 rev 7 11/15 5.1 sot23-5 package information figure 7. sot23-5 package mechanical drawing table 5. sot23-5 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.90 1.20 1.45 0.035 0.047 0.057 a1 0.15 0.006 a2 0.90 1.05 1.30 0.035 0.041 0.051 b 0.35 0.40 0.50 0.013 0.015 0.019 c 0.09 0.15 0.20 0.003 0.006 0.008 d 2.80 2.90 3.00 0.110 0.114 0.118 d1 1.90 0.075 e 0.95 0.037 e 2.60 2.80 3.00 0.102 0.110 0.118 f 1.50 1.60 1.75 0.059 0.063 0.069 l 0.10 0.35 0.60 0.004 0.013 0.023 k 0 degrees 10 degrees
package information ts321 12/15 doc id 6298 rev 7 5.2 so-8 package information figure 8. so-8 package mechanical drawing table 6. so-8 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a1.750.069 a1 0.10 0.25 0.004 0.010 a2 1.25 0.049 b 0.28 0.48 0.011 0.019 c 0.17 0.23 0.007 0.010 d 4.80 4.90 5.00 0.189 0.193 0.197 h 5.80 6.00 6.20 0.228 0.236 0.244 e1 3.80 3.90 4.00 0.150 0.154 0.157 e 1.27 0.050 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 l1 k0 81 8 ccc 0.10 0.004
ts321 ordering information doc id 6298 rev 7 13/15 6 ordering information table 7. order codes part number temperature range package packaging marking ts321ilt -40c, +125c sot23-5l tape & reel k401 ts321ailt k402 ts321id/idt so-8 tube or tape & reel 321i ts321aid/aidt 321ai ts321iylt (1) 1. qualification and characterizati on according to aec q100 and q003 or equivalent, advanced screening according to aec q001 & q002 or equivalent are on-going. sot23-5l (automotive grade level) tape & reel k406 TS321AIYLT (1) k407
revision history ts321 14/15 doc id 6298 rev 7 7 revision history table 8. document revision history date revision changes 30-jun-2001 1 initial release. 04-jul-2005 2 ppap references inserted in the datasheet, see order codes table. esd protection inserted in table 1: absolute maximum ratings . 06-sep-2005 3 correction of errors in package names and markings in order codes table. minor grammatical and formatting corrections. 12-dec-2005 4 missing ppap references inserted, see order codes table. thermal resistance junction to ambient and thermal resistance junction to case information added in table 1: absolute maximum ratings . macromodel updated see section 4: macromodel . 08-nov-2007 5 added cdm value for so-8 in table 1: absolute maximum ratings . added t j value in table 1: absolute maximum ratings . macromodel updated see section 4: macromodel . reformatted package information. added footnote in table 7: order codes . removed ts321iyd/iydt and ts321aiyd/aiydt order codes. 08-jul-2008 6 added cdm value for sot23-5 package in table 1: absolute maximum ratings . 10-may-2010 7 updated package information in chapter 5 .
ts321 doc id 6298 rev 7 15/15 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of TS321AIYLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X