Part Number Hot Search : 
259155 1EBF111 ZMM5230 USA49WG CMI8787 BCW29R D5SB80 Z1021
Product Description
Full Text Search
 

To Download PB61CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21201 itasca st. chatsworth, ca 91311 phone: (818) 701-4933 fax: (818) 701-4939 pb605ca thru pb610ca 6 amp bridge rectifier controlled avalanche 50 to 1000 volts pb-6 features ? mounting hole for #6 screw ? low forward voltage ? any mounting position ? silver plated copper leads ? surge overload rating of 125 amps dimensions inches mm dim min max min max note a --- .610 --- 15.50 2pl b --- .250 --- 6.33 c --- .750 --- 19.20 d .405 .444 10.30 11.30 2pl e .040 --- 1.00 --- 4pl/typ g .145 --- 3.70 --- ? maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c microsemi catalog number maximu m dc blocking voltage maximum rms voltage minimum controlled avalanche voltage maximum controlled avalanche voltage pb605ca 50v 35v 100v 550v PB61CA 100v 70v 150v 600v pb62ca 200v 140v 250v 700v pb64ca 400v 280v 450v 900v pb66ca 600v 420v 650v 1100v pb68ca 800v 560v 850v 1300v pb610ca 1000v 700v 1050v 1500v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 6.0a t j = 50 c peak forward surge current i fsm 125a 8.3ms, half sine maximum forward voltage drop per element v f 1.0v i fm = 3.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 a 0.2ma t j = 25 c t j = 100 c *pulse test: pulse width 300 sec, duty cycle 1% b c e d a ac + - a ac g
instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 20 40 80 100 120 0 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 60 8 10 12 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2 typical reverse characteristics volts .4 .6 2 1 amps 20 120 40 60 80 100 .001 .002 .00 4 .00 6 .0 1 .02 .04 .06 .1 .2 4 6 10 140 t j =25 c 1 100 4 0 50 100 150 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 200 250 300 pb605ca thru pb610ca


▲Up To Search▲   

 
Price & Availability of PB61CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X