Part Number Hot Search : 
SSF4004 02205 BR206 CY7C136 RT1P24BC 313004 SSF4004 SLF6025
Product Description
Full Text Search
 

To Download P4SMAJ530CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features l for surface mount applications in in order to optimize boar d space l l ow pr ofil e package l fast response time: typical less than 1.0ps from 0 volts to v br minimum l low inductance mechanical data l case: jedec do - 214ac l terminals: solderable per mil - std - 750, method 2026 l polarity: color band denotes posit ive end (cathode) except bidirectional l maximum soldering temperature: 250 o c for 10 seconds maximum ratings @ 25 o c unless otherwise specified peak puls e current on 10/1000us waveform i pp see table 1 note: 1 peak pulse power dissipation p pp 400w note: 1, peak forward surge current i fsm) 40a note: 3 operation and storage temperature range t j , t st g - 55 o c to +150 o c notes: 1. non-repetitive current pulse, per fig.3 and derated above t a =25 o c per fig.2. 2. mounted on 5.0mm 2 copper pads to each terminal. 3. 8.3ms, single half sine wave duty cycle=4 pulses per. minute maximum. p4smaj 6.8(c)a thru p4smaj550(c)a transient voltage suppressor 6.8 to 550 volts 400 watt www. mccsemi .com l excellent clamping capability         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: 1 2004/06/24 0.05 5? 0.0 85 ? 0.0 58 ? suggested solder pad layout ma x 5? min 5? min 5? do-214ac (smaj)( lead frame)       dimensions inches mm dim min max min max note a .079 .096 2.00 2.44 b .050 .064 1.27 1.63 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 f .065 .091 1.65 2.32 g .189 .220 4.80 5.59 h .157 .181 4.00 4.60 j .090 .115 2.25 2.92 h j e f g a b d c
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) p4smaj6.8a 5.80 6.45 7.14 10 10.5 39.0 1000 6v8a p4smaj7.5a 6.40 7.13 7.88 10 11.3 36.3 500 7v5a p4smaj8.2a 7.02 7.79 8.61 10 12.1 33.9 200 8v2a p4smaj9.1a 7.78 8.65 9.55 1 13.4 30.6 50 9v1a p4smaj10a 8.55 9.50 10.50 1 14.5 28.3 10 10a p4smaj11a 9.40 10.50 11.60 1 15.6 26.3 5 11a p4smaj12a 10.20 11.40 12.60 1 16.7 24.6 5 12a p4smaj13a 11.10 12.40 13.70 1 18.2 22.5 5 13a p4smaj15a 12.80 14.30 15.80 1 21.2 19.3 5 15a p4smaj16a 13.60 15.20 16.80 1 22.5 18.2 5 16a p4smaj18a 15.30 17.10 18.90 1 25.5 16.1 5 18a p4smaj20a 17.10 19.00 21.00 1 27.7 14.8 5 20a p4smaj22a 18.80 20.90 23.10 1 30.6 13.4 5 22a p4smaj24a 20.50 22.80 25.20 1 33.2 12.3 5 24a p4smaj27a 23.10 25.70 28.40 1 37.5 10.9 5 27a p4smaj30a 25.60 28.50 31.50 1 41.4 9.9 5 30a p4smaj33a 28.20 31.40 34.70 1 45.7 9.0 5 33a p4smaj36a 30.80 34.20 37.80 1 49.9 8.2 5 36a p4smaj39a 33.30 37.10 41.00 1 53.9 7.6 5 39a p4smaj43a 36.80 40.90 45.20 1 59.3 6.9 5 43a p4smaj47a 40.20 44.70 49.40 1 64.8 6.3 5 47a p4smaj51a 43.60 48.50 53.60 1 70.1 5.8 5 51a p4smaj56a 47.80 53.20 58.80 1 77.0 5.3 5 56a p4smaj62a 53.00 58.90 65.10 1 85.0 4.8 5 62a p4smaj68a 58.10 64.60 71.40 1 92.0 4.5 5 68a p4smaj75a 64.10 71.30 78.80 1 103.0 4.0 5 75a p4smaj82a 70.10 77.90 86.10 1 113.0 3.6 5 82a p4smaj91a 77.80 86.50 95.50 1 125.0 3.3 5 91a p4smaj100a 85.50 95.00 105.00 1 137.0 3.0 5 100a p4smaj110a 94.00 105.00 116.00 1 152.0 2.7 5 110a p4smaj120a 102.00 114.00 126.00 1 165.0 2.5 5 120a p4smaj130a 111.00 124.00 137.00 1 179.0 2.3 5 130a p4smaj150a 128.00 143.00 158.00 1 207.0 2.0 5 150a p4smaj160a 136.00 152.00 168.00 1 219.0 1.9 5 160a p4smaj170a 145.00 162.00 179.00 1 234.0 1.8 5 170a p4smaj180a 154.00 171.00 189.00 1 246.0 1.7 5 180a p4smaj200a 171.00 190.00 210.00 1 274.0 1.5 5 200a p4smaj220a 185.00 209.00 231.00 1 328.0 1.3 5 220a p4smaj250a 214.00 237.00 263.00 1 344.0 1.2 5 250a p4smaj300a 256.00 285.00 315.00 1 414.0 1.0 5 300a p4smaj350a 300.00 332.00 368.00 1 482.0 0.9 5 350a p4smaj400a 342.00 380.00 420.00 1 548.0 0.8 5 400a p4smaj440a 376.00 418.00 462.00 1 602.0 0.7 5 440a p4smaj480a 408.00 456.00 504.00 1 658.0 0.6 5 480a p4smaj510a 434.00 485.00 535.00 1 698.0 0.6 5 510a p4smaj530a 477.00 503.50 556.50 1 725.0 0.6 5 530a p4smaj540a 459.00 513.00 567.00 1 740.0 0.5 5 540a p4smaj550a 495.00 522.50 577.50 1 760.0 0.5 5 550a mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is 10%) is not available. www. mccsemi .com revision: 1 2004/06 /24 p 4 sm a j 6. 8 ( c ) a thru p 4 sm a j 55 0 ( c ) a mcc
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) p4smaj6.8ca 5.80 6.45 7.14 10 10.5 39.0 1000 6v8c p4smaj7.5ca 6.40 7.13 7.88 10 11.3 36.3 500 7v5c p4smaj8.2ca 7.02 7.79 8.61 10 12.1 33.9 200 8v2c p4smaj9.1ca 7.78 8.65 9.55 1 13.4 30.6 50 9v1c p4smaj10ca 8.55 9.50 10.50 1 14.5 28.3 10 10c p4smaj11ca 9.40 10.50 11.60 1 15.6 26.3 5 11c p4smaj12ca 10.20 11.40 12.60 1 16.7 24.6 5 12c p4smaj13ca 11.10 12.40 13.70 1 18.2 22.5 5 13c p4smaj15ca 12.80 14.30 15.80 1 21.2 19.3 5 15c p4smaj16ca 13.60 15.20 16.80 1 22.5 18.2 5 16c p4smaj18ca 15.30 17.10 18.90 1 25.5 16.1 5 18c p4smaj20ca 17.10 19.00 21.00 1 27.7 14.8 5 20c p4smaj22ca 18.80 20.90 23.10 1 30.6 13.4 5 22c p4smaj24ca 20.50 22.80 25.20 1 33.2 12.3 5 24c p4smaj27ca 23.10 25.70 28.40 1 37.5 10.9 5 27c p4smaj30ca 25.60 28.50 31.50 1 41.4 9.9 5 30c p4smaj33ca 28.20 31.40 34.70 1 45.7 9.0 5 33c p4smaj36ca 30.80 34.20 37.80 1 49.9 8.2 5 36c p4smaj39ca 33.30 37.10 41.00 1 53.9 7.6 5 39c p4smaj43ca 36.80 40.90 45.20 1 59.3 6.9 5 43c p4smaj47ca 40.20 44.70 49.40 1 64.8 6.3 5 47c p4smaj51ca 43.60 48.50 53.60 1 70.1 5.8 5 51c p4smaj56ca 47.80 53.20 58.80 1 77.0 5.3 5 56c p4smaj62ca 53.00 58.90 65.10 1 85.0 4.8 5 62c p4smaj68ca 58.10 64.60 71.40 1 92.0 4.5 5 68c p4smaj75ca 64.10 71.30 78.80 1 103.0 4.0 5 75c p4smaj82ca 70.10 77.90 86.10 1 113.0 3.6 5 82c p4smaj91ca 77.80 86.50 95.50 1 125.0 3.3 5 91c p4smaj100ca 85.50 95.00 105.00 1 137.0 3.0 5 100c p4smaj110ca 94.00 105.00 116.00 1 152.0 2.7 5 110c p4smaj120ca 102.00 114.00 126.00 1 165.0 2.5 5 120c p4smaj130ca 111.00 124.00 137.00 1 179.0 2.3 5 130c p4smaj150ca 128.00 143.00 158.00 1 207.0 2.0 5 150c p4smaj160ca 136.00 152.00 168.00 1 219.0 1.9 5 160c p4smaj170ca 145.00 162.00 179.00 1 234.0 1.8 5 170c p4smaj180ca 154.00 171.00 189.00 1 246.0 1.7 5 180c p4smaj200ca 171.00 190.00 210.00 1 274.0 1.5 5 200c p4smaj220ca 185.00 209.00 231.00 1 328.0 1.3 5 220c p4smaj250ca 214.00 237.00 263.00 1 344.0 1.2 5 250c p4smaj300ca 256.00 285.00 315.00 1 414.0 1.0 5 300c p4smaj350ca 300.00 332.00 368.00 1 482.0 0.9 5 350c p4smaj400ca 342.00 380.00 420.00 1 548.0 0.8 5 400c p4smaj440ca 376.00 418.00 462.00 1 602.0 0.7 5 440c p4smaj480ca 408.00 456.00 504.00 1 658.0 0.6 5 480c p4smaj510ca 434.00 485.00 535.00 1 698.0 0.6 5 510c P4SMAJ530CA 477.00 503.50 556.50 1 725.0 0.6 5 530c p4smaj540ca 459.00 513.00 567.00 1 740.0 0.5 5 540c p4smaj550ca 495.00 522.50 577.50 1 760.0 0.5 5 550c for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is  10%) is not available. www. mccsemi .com revision: 1 2004/06/24 p 4 sm a j 6. 8 ( c ) a thru p 4 sm a j 55 0 ( c ) a mcc


▲Up To Search▲   

 
Price & Availability of P4SMAJ530CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X