12 www.ittcannon.com dimensions shown in mm specifications and dimensions subject to change mil-dtl-38999 series ii connectors cannon kj box mounting receptacle m s27513e ( ms service class e) k j2r shell size 8 1 0 1 2 1 4 1 6 18 202 2 24 . 474 (12.04) . 591 (15.01) . 751 (19.08) . 876 (22.25) 1 .001 (25.43) 1.126 (28.60) 1.251 (31.78)1 .376 (33.95) 1.501 (38.13) . 421 (10.69) . 542 (13.77) . 667 (16.94) . 791 (20.09) . 916 (23.27) 1.034 (26.26) 1.158 (29.41)1 .283 (32.59) 1.408 (35.76) . 563 (14.30) . 680 (17.27) . 859 (21.82) . 984 (24.99) 1 .108 (28.14) 1.233 (31.32) 1.358 (34.49)1 .483 (27.67) 1.610 (40.89) n ote: this connector does not accommodate backshells blue band (indic ates re ar release con tac t retention system) .463 (1 1.76) max. .322 (8.17) max. l p dia. polarizing key way j max. m n .069 (1.74) max. g dia. a dia. . 312 (7.92) . 312 (7.92) . 312 (7.92) . 312 (7.92) . 312 (7.92) .312 (7.92) .312 (7.92). 312 (7.92) .312 (7.92) . 828 (21.03) . 954 (24.23) 1 .047 (26.59) 1 .141 (28.98) 1 .234 (31.34) 1.328 (33.73) 1.453 (36.81)1 .578 (40.08) 1.703 (43.26) .594 (15.09) .719 (18.26) .812 (20.62) .906 (23.01) . 969 (24.61) 1 .062 (26.97) 1 .156 (27.36) 1.250 (31.75) 1.375 (34.93) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) . 125 (3.18) . 125 (3.18) . 125 (3.18) .125 (3.18) .152 (3.85) a d ia . ma x. g dia. ma x. j dia. max. l max. m ma x. n t .p. p + .00 5 ( 0.13) - .0 1 0 (0.25) wall mounting receptacle shell size a dia. max. c dia. max. m max. n t.p t th read e straight overall length with backshells f cable clamp p potting max. p +.005 (0.13) -.010 (0.25) ms27497 (ms service class e, p, t) 8 10 12 14 16 18 20 22 24 .474 (12.04) .591 (15.01) .751 (19.08) .876 (22.25) 1.001 (25.43) 1.126 (28.60) 1.251 (31.78) 1.376 (34.95) 1.501 (38.13) .563 (14.30) .680 (17.27) .859 (21.82) .984 (24.99) 1.108 (28.14) 1.233 (31.32) 1.358 (34.49) 1.483 (37.67) 1.610 (40.89) .522 (13.26) .639 (16.23) .808 (20.52) .935 (23.75) 1.058 (26.87) 1.183 (30.05) 1.308 (33.22) 1.433 (36.40) 1.568 (39.83) .828 (21.03) .954 (24.23) 1.047 (26.59) 1.141 (28.98) 1.234 (31.34) 1.328 (33.73) 1.453 (36.91) 1.578 (40.08) 1.703 (43.26) note: for backshell dimensions and configurations, see page 26 and 27 blue band (indic ates rear release con tac t retention system) .477 ( 1 1.35) max. .322 (8.17) max. t thread p dia. polarizing key way j dia. m n .142 (3.01) max. panel thickness (including mounting hardware) .069 (1.74) max. c dia. a dia. .594 (15.09) .719 (18.26) .812 (20.62) .906 (23.01) .969 (24.61) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.375 (34.93) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .125 (3.18) .152 (3.86) 7/ 16 -28 u nef- 2 a 9/ 16 -24 u nef- 2 a 11/ 16 -24 u nef- 2 a 13/ 16 -20 u nef- 2 a 15/ 16 -20 u nef- 2 a 1 - 1 /16 -18u nef- 2a 1 - 3 /16 -18u nef- 2a 1 - 5 /16 -18u nef- 2a 1 - 7 /16 -18u nef- 2a .855 (21.72) .855 (21.72) .855 (21.72) .855 (21.72) .855 (21.72) .855 (21.72) .855 (21.72) .855 (21.72) .855 (21.72) 1.570 (39.88) 1.570 (39.88) 1.570 (39.88) 1.780 (45.21) 1.780 (45.21) 1.780 (45.21) 1.780 (45.21) 1.960 (49.78) 1.960 (49.78) 1.020 (25.91) 1.020 (25.91) 1.020 (25.91) 1.020 (25.91) 1.020 (25.91) 1.020 (25.91) 1.020 (25.91) 1.020 (25.91) 1.080 (27.43) j dia. max. kj 3 performance s pecifications -pages 3 - 4 c ontacts, sealing plugs, a ssembl y tools - pages 22, 27 - 28 c ontact a rrangements - pages 20 - 21
|