Part Number Hot Search : 
M7S24FCJ P270N04 MICAL10 MBRF1660 M51V1 4VHC1G 4VHC1G TFH160A
Product Description
Full Text Search
 

To Download IHLP4040DZEB220M11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 34192 for technical questions, contact: magnetics@vishay.com www.vishay.com revision: 22-may-07 47 ihlp-4040dz-11 vishay dale low profile, high current inductor manufactured under one or more of the following: us patents; 6,198,375/6,2 04,744/6,449,829/6,460,244. several foreign patents, and other patents pending. notes: 1. all test data is referenced to 25 c ambient 2. operating temperature range - 55 c to + 125 c 3. dc current (a) that will cause an approximate t of 40 c 4. dc current (a) that will cause lo to drop approximately 20 % 5. the part temperature (ambient + temp rise) should not exceed 125 c under worst case operati ng conditions. ci rcuit design, component placement, pwb trace size and thickness, airflow and other cooling provis ions all affect the part temperature. part temperature should be veri fied in the end application. features ? shielded construction ? frequency range up to 1.0 mhz ? lowest dcr/h, in this package size ? handles high transient current spikes without saturation ? ultra low buzz noise, due to composite construction ? 100 % lead (pb)-free and rohs compliant applications ? pda/notebook/desktop/server applications ? high current pol converters ? low profile, high current power supplies ? battery powered devices ? dc/dc converters in distributed power systems ? dc/dc converter for field programmable gate array (fpga) standard electrical specifications lo inductance h 20 % at 100 khz, 0.25 v, 0 a dcr m typical 25 c dcr m max 25 c heat rating current dc amps 3 typical saturation current dc amps 4 typical 0.19 0.70 0.80 40 46 0.24 0.85 0.95 33 44 0.36 1.05 1.15 32 30 0.47 1.53 1.68 30 30 0.56 1.55 1.70 32 22 0.78 1.80 1.90 27 22 1.0 2.30 2.50 25 20 1.8 4.50 5.00 17 16 2.0 5.20 5.80 16 14 4.7 12.90 14.20 9.5 7.6 6.8 17.50 19.30 9.0 7.5 10.0 27.80 30.50 7.5 7.1 15 40.90 45.00 6.25 6.0 22 60.40 66.00 5.0 4.5 47 174.0 191.0 3.3 3.0 100 249.0 270.0 2.5 2.25 dimensions in inches [millimeters] rohs compliant 0.405 [10.3] max 0.15 8 [4.0] [2.2 0.3] 0.0 8 5 0.01 max 0.453 [11.5] max typical pad layout the dia g ram above applies to values 1. 8 h and above. 0.512 [13.0] 0.236 [6.0] 0.15 8 [4.0] max 0.11 8 0.01 [3.0 0.3] 0.405 [10.3] max 0.15 8 [4.0] [2.2 0.3] 0.0 8 5 0.01 max 0.453 [11.5] max the dia g ram above applies to values 1.0 h and below. 0.512 [13.0] 0.236 [6.0] 0.195 [4.95] max 0.1 8 5 0.01 [4.7 0.3] model size i n ducta n ce v alue package code series ihlp4 0 0 0 21 1 dzer r m 4 i n ducta n ce tolera n ce ihlp-4040dz-11 2.0 h 20 % er e3 model i n ducta n ce i n ducta n ce package jedec lead (p b )-free v alue tolera n ce code sta n dard global part number description
www.vishay.com for technical question s, contact: magnetics@vishay.com document number: 34192 48 revision: 22-may-07 ihlp-4040dz-11 vishay dale low profile, high current inductor performance graphs ihlp-4040dz-11 0.19 h 0.00 0.05 0.10 0.15 0.20 0.25 0 10203040506070 0 20 40 60 8 0 100 t c dc bias (amps) inductance (h) temperature (c) l ihlp-4040dz-11 0.24 h 0.00 0.05 0.10 0.15 0.20 0.25 0 5 10 15 20 25 30 35 40 45 50 55 60 65 0 20 40 60 8 0 100 t c dc bias (amps) inductance (h) temperature (c) l ihlp-4040dz-11 0.36 h 0.0 0.1 0.2 0.3 0.4 0.5 0 5 10 15 20 25 30 35 40 45 50 55 0 20 40 60 8 0 100 t c dc bias (amps) inductance (h) temperature (c) l ihlp-4040dz-11 0.47 h 0.00 0.10 0.20 0.30 0.40 0.50 0 5 10 15 20 25 30 35 40 45 50 0 20 40 60 8 0 100 dc current (amps) inductance (h) temperature (c) t c l ihlp-4040dz-01 0.56 h 0.00 0.15 0.30 0.45 0.60 0.75 01020304050 0 20 40 60 8 0 100 t c dc bias (amps) inductance (h) temperature (c) l ihlp-4040dz-11 0.7 8 h 0.0 0.2 0.4 0.6 0. 8 1.0 0 5 10 15 20 25 30 35 40 45 0 20 40 60 8 0 100 t c dc bias (amps) inductance (h) temperature (c) l ihlp-4040dz-11 1.0 h 20 % 0.0 0.2 0.4 0.6 0. 8 1.0 0 5 10 15 20 25 30 35 40 0 20 40 60 8 0 100 t c dc bias (amps) inductance (h) temperature (c) l ihlp-4040dz-11 1. 8 h 20 % 0.0 0.5 1.0 1.5 2.0 2.5 0246 8 10 12 14 16 1 8 20 22 24 26 0 20 40 60 8 0 100 dc bias (amps) inductance (h) temperature (c) l t c
ihlp-4040dz-11 low profile, high current inductor vishay dale document number: 34192 for technical questions, contact: magnetics@vishay.com www.vishay.com revision: 22-may-07 49 performance graphs ihlp-4040dz-11 2.0 h 0.0 0.5 1.0 1.5 2.0 2.5 0 5 10 15 20 25 0 20 40 60 8 0 100 t c dc bias (amps) inductance (h) temperature (c) l ihlp-4040dz-11 4.7 h 0 1 2 3 4 5 0246 8 10 12 14 16 0 20 40 60 8 0 100 t c dc current (amps) inductance (h) temperature (c) l ihlp-4040dz-11 6. 8 h 0 1.5 3.0 4.5 6.0 7.5 01234 567 8 91011121314 0 20 40 60 8 0 100 dc current (amps) inductance (h) temperature (c) l t c ihlp-4040dz-11 10 h 0 2 4 6 8 10 01 234567 8 9101112 0 20 40 60 8 0 100 dc current (amps) inductance (h) temperature (c) l t c ihlp-4040dz-11 22 h 0 5 10 15 20 25 01 234 56 7 8 0 20 40 60 8 0 100 t c dc current (amps) inductance (h) temperature (c) l ihlp-4040dz-11 47 h 0 10 20 30 40 50 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0 20 40 60 8 0 100 t c dc current (amps) inductance (h) temperature (c) l ihlp-4040dz-11 100 h 0 20 40 60 8 0 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0 20 40 60 8 0 100 t c dc current (amps) inductance (h) temperature (c) l
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.
packaging methods vishay dale document number: 34150 for technical questions, contact: magnetics@vishay.com www.vishay.com revision: 28-feb-07 197 smd magnetics packaging methods tape and reel in inches [millimeters] model package code reel size carrier tape width (w) component pitch (p) units/ reel package code units/ bulk previous code global code lead bearing global code lead (pb)-free previous code global code lead bearing global code lead (pb)-free ihlp-1616ab-01 - - er 13 0. 630 [16.0] 0.315 [8.0] 4000 - - eb 100 ihlp-1616ab-11 - - er 13 0. 630 [16.0] 0.315 [8.0] 4000 - - eb 100 ihlp-1616bz-01 - - er 13 0. 630 [16.0] 0.315 [8.0] 4000 - - eb 100 ihlp-1616bz-11 - - er 13 0. 630 [16.0] 0.315 [8.0] 4000 - - eb 100 ihlp-2525ah - - er 13 0.630 [16.0] 0.315 [8.0] 2000 - - eb 100 ihlp-2525bd - - er 13 0.630 [16.0] 0.315 [8.0] 2000 - - eb 100 ihlp-2525cz - - er 13 0.630 [16.0] 0.315 [8.0] 2000 - - eb 100 ihlp-2525ez - - er 13 0.630 [16.0] 0.472 [12.0] 500 - - eb 100 ihlp-4040dz - - er 13 0.945 [24.0] 0.630 [16.0] 500 - - eb 100 ihlp-5050ce - - er 13 0.945 [24.0] 0.630 [16.0] 500 - - eb 100 ihlp-5050ez - - er 13 0.945 [24.0] 0.630 [16.0] 250 - - eb 100 ihlp-5050fd - - er 13 0.945 [24.0] 0.630 [16.0] 250 - - eb 100 ihlm-2525cz - - er 13 0.630 [16.0] 0.315 [8.0] 2000 - - eb 100 ihsm-3825 rc2 re er 13 0.945 [24.0] 0.472 [12.0] 750 p09 pj eb 100 ihsm-4825 rc2 re er 13 0.945 [24.0] 0.472 [12.0] 750 p09 pj eb 100 ihsm-5832 rc3 rf er 13 1.26 [32.0] 0.472 [12.0] 500 p09 pj eb 100 ihsm-7832 rc4 rg er 13 1.73 [44.0] 0.472 [12.0] 500 p09 pj eb 100 idc-2512 r96 nb er 13 0.630 [16.0] 0.315 [8.0] 2000 - - - - idc-5020 r96 nb er 13 0.630 [16.0] 0.472 [12.0] 500 - - - - idc-7328 r96 nb er 13 0.945 [24.0] 0.945 [24.0] 250 - - - - idcs-2512 r96 nb er 13 0.630 [16.0] 0.315 [8.0] 2000 - - - - idcs-5020 r96 nb er 13 0.630 [16.0] 0.472 [12.0] 500 - - - - idcs-7328 r96 nb er 13 0.945 [24.0] 0.945 [24.0] 250 - - - - idcp-1813 r96 nb er 13 0.472 [12.0] 0.315 [8.0] 2000 - - - - idcp-2218 r96 nb er 13 0.472 [12.0] 0.315 [8.0] 1500 - - - - idcp-3114 r96 nb er 13 0.630 (16.0) 0.472 [12.0] 1000 - - - - idcp-3020 r96 nb er 13 0.630 (16.0) 0.472 [12.0] 1000 - - - - idcp-3722 r96 nb er 13 0.945 [24.0] 0.472 [12.0] 800 - - - - idcp-3916 r96 nb er 13 0.945 [24.0] 0.472 [12.0] 800 - - - - ifc-0603 - - er 7 0.315 [8.0] 0.157 [4.0] 5000 - - - - ifc-0805 - - er 7 0.315 [8.0] 0.157 [4.0] 5000 - - - - ifcb-0402 - - er 7 0.315 [8.0] 0.079 [2.0] 10 000 - - - - ifcb-0603 - - er 7 0.315 [8.0] 0.157 [4.0] 5000 - - - - ilc-0402 - - er 7 0.315 [8.0] 0.079 [2.0] 10 000 - - - - ilc-0603 - - er 7 0.315 [8.0] 0.157 [4.0] 4000 - - - - imc-0402 - - er 7 0.315 [8.0] 0.079 [2.0] 10 000 - - - - imc-0402-01 - - er 7 0.315 [8.0] 0.079 [2.0] 10 000 - - - - imc-0603 - - er 7 0.315 [8.0] 0.157 [4.0] 3000 - - - - imc-0603-01 - - er 7 0.315 [8.0] 0.079 [2.0] 3000 - - - - imc-0805 - - er 7 0.315 [8.0] 0.157 [4.0] 3000 - - - - imc-0805-01 - - er 7 0.315 [8.0] 0.157 [4.0] 2000 - - - - user direction of feed tape and reel carrier dimensions p w
packaging methods vishay dale smd magnetics packaging methods www.vishay.com for technical questi ons, contact: magnetics@vishay.com document number: 34150 198 revision: 28-feb-07 tape and reel in inches [millimeters] model package code reel size carrier tape width (w) component pitch (p) units/ reel package code units/ bulk previous code global code lead bearing global code lead free previous code global code lead bearing global code lead free imc-1008 - - er 7 0.315 [8.0] 0.157 [4.0] 2000 - - - - imc-1210 r98/rb3 r99/rb4 sy/an sz/r9 er/et es/eu 7 13 0.315 [8.0] 0.315 [8.0] 0.157 [4.0] 0.157 [4.0] 2000 7500 b13 bn eb 500 imc-1210-100 r98/rb3 r99/rb4 sy/an sz/r9 er/et es/eu 7 13 0.315 [8.0] 0.315 [8.0] 0.157 [4.0] 0.157 [4.0] 2000 7500 b13 bn eb 500 imc-1812 r73/r92 r13/r91 rv/rx rq/rw er/et es/eu 7 13 0.472 [12.0] 0.472 [12.0] 0.315 [8.0] 0.315 [8.0] 500 2000 b13 bn eb 500 imch-1812 - - er 7 0.472 [12.0] 0.315 [8.0] 500 - - - - imc-2220 - - er 13 0.630 [16.0] 0.472 [12.0] 1000 - - - - isc-1008 - - er 13 0.472 [12.0] 0.157 [4.0] 750 - - - - isc-1210 r98/rb3 r99/rb4 sy/an sz/r9 er/et es/eu 7 13 0.315 [8.0] 0.315 [8.0] 0.157 [4.0] 0.157 [4.0] 2000 7500 b13 bn eb 500 isc-1812 r73/r92 r13/r91 rv/rx rq/rw er/et es/eu 7 13 0.472 [12.0] 0.472 [12.0] 0.315 [8.0] 0.315 [8.0] 500 2000 b13 bn eb 500 icm-0805 - - er 7 0.315 [8.0] 0.157 [4.0] 2000 - - - - icm-1206 - - er 7 0.315 [8.0] 0.157 [4.0] 2000 - - - - ilsb-0603 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 4000 - - - - ilsb-0805 (0.047 - 2.2 h) rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 4000 - - - - ilsb-0805 (2.7 - 33 h) rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 3000 - - - - ilsb-1206 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 3000 - - - - ilbb-0402 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 10 000 - - - - ilbb-0603 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 4000 - - - - ilbb-0805 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 4000 - - - - ilb-1206 rc8 rt4 rk nd er es 7 13 0.315 [8.0] 0.315 [8.0] 0.157 [4.0] 0.157 [4.0] 3000 10 000 - - - - ilbb-1210 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 2000 - - - - ilbb-1806 rc8 rk er 7 0.472 [12.0] 0.157 [4.0] 2000 - - - - ilbb-1812 rc8 rk er 7 0.472 [12.0] 0.157 [4.0] 1000 - - - - ilhb-0603 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 4000 - - - - ilhb-0805 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 4000 - - - - ilhb-1206 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 3000 - - - - ilhb-1806 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 2000 - - - - ilhb-1812 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 1000 - - - - ilas-1206 rc8 rk er 7 0.315 [8.0] 0.157 [4.0] 3000 - - - - lpe-3325 r94 ry er 13 0.945 [24.0] 0.472 [12.0] 1000 s51 sm eb 10 lpe-4841 r94 ry er 13 0.945 [24.0] 0.630 [16.0] 600 s51 sm eb 10 lpe-5047 r94 ry er 13 0.945 [24.0] 0.630 [16.0] 600 s51 sm eb 10 lpe-6562 r94 ry er 13 1.26 [32.0] 0.787 [20.0] 300 s51 sm eb 10 lpe-6855 r94 ry er 13 1.26 [32.0] 0.787 [20.0] 450 s51 sm eb 10 lpe-3325-cst - - er 13 0.945 [24.0] 0.472 [12.0] 1000 - - eb 10 lpt-3535 rc5 rh er 13 0.945 [24.0] 0.630 [16.0] 600 s51 sm eb 10 lpt-4545 rc5 rh er 13 0.945 [24.0] 0.630 [16.0] 600 s51 sm eb 10


▲Up To Search▲   

 
Price & Availability of IHLP4040DZEB220M11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X