Part Number Hot Search : 
CDRH5D28 752B0 AI4100 ACT2804 OM5222SW 20TC15M T218010 M81731FP
Product Description
Full Text Search
 

To Download DDTC144ECA-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30329 rev. 5 - 2 1 of 3 ddtc (r1 = r2 series) ca www.diodes.com  diodes incorporated ddtc (r1 = r2 series) ca npn pre-biased small signal sot-23 surface mount transistor  epitaxial planar die construction  complementary pnp types available (ddta)  built-in biasing resistors, r1 = r2  available in lead free/rohs compliant version (note 2) characteristic symbol value unit supply voltage, (3) to (1) v cc 50 v input voltage, (2) to (1) ddtc123eca ddtc143eca ddtc114eca ddtc124eca ddtc144eca ddtc115eca v in -10 to +12 -10 to +30 -10 to +40 -10 to +40 -10 to +40 -10 to +40 v output current ddtc123eca ddtc143eca ddtc114eca ddtc124eca ddtc144eca ddtc115eca i o 100 100 50 30 100 20 ma output current all i c (max) 100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a e j l top view m b c h g d k out in gnd mechanical data  case: sot-23  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: see diagram  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 4, on page 2  marking: date code and marking code (see table below & page 2)  ordering information (see page 2)  weight: 0.008 grams (approximate) t c u d o r p w e n in in r 1 r 2 gnd schematic diagram out gnd o ut p/n r1, r2 (nom) type code ddtc123eca ddtc143eca ddtc114eca ddtc124eca ddtc144eca ddtc115eca 2.2k  4.7k  10k  22k  47k  100k  n04 n08 n13 n17 n20 n24 note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm
ds30329 rev. 5 - 2 2 of 3 ddtc (r1 = r2 series) ca www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) 0.5 1.1  v v cc = 5v, i o = 100  a v l(on)  1.9 3 v o = 0.3v, i o = 20ma, ddtc123eca v o = 0.3v, i o = 20ma, ddtc143eca v o = 0.3v, i o = 10ma, ddtc114eca v o = 0.3v, i o = 5ma, ddtc124eca v o = 0.3v, i o = 2ma, ddtc144eca v o = 0.3v, i o = 1ma, ddtc115eca output voltage v o(on)  0.1 0.3 v i o /i l =10ma/0.5ma, ddtc123eca i o /i l =10ma/0.5ma, ddtc143eca i o /i l =10ma/0.5ma, ddtc114eca i o /i l =10ma/0.5ma, ddtc124eca i o /i l =10ma/0.5ma, ddtc144eca i o /i l =5ma/0.25ma, ddtc115eca input current ddtc123eca ddtc143eca ddtc114eca ddtc124eca ddtc144eca ddtc115eca i l  3.8 1.8 0.88 0.36 0.18 0.15 ma v i = 5v output current i o(off)  0.5  a v cc = 50v, v i = 0v dc current gain ddtc123eca ddtc143eca ddtc114eca ddtc124eca ddtc144eca ddtc115eca g l 20 20 30 56 68 82  v o = 5v, i o = 20ma v o = 5v, i o = 10ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma v o = 5v, i o = 5ma input resistor (r 1 ) tolerance r 1 -30  +30 %  resistance ratio r 2 /r 1 0.8 1 1.2   gain-bandwidth product* f t  250  mhz v ce = 10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxx ym marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part numbers, please add "-f" suffix to the part numbers above. examp le: ddtc115eca-7-f. ordering information device packaging shipping ddtc123eca-7 sot-23 3000/tape & reel ddtc143eca-7 sot-23 3000/tape & reel ddtc114eca-7 sot-23 3000/tape & reel ddtc124eca-7 sot-23 3000/tape & reel ddtc144eca-7 sot-23 3000/tape & reel ddtc115eca-7 sot-23 3000/tape & reel (note 3) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key
ds30329 rev. 5 - 2 3 of 3 ddtc (r1 = r2 series) ca www.diodes.com 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e 75 c -25c 5 67 25c 0 1 2 3 4 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 5 10 5 15 25 i=0ma e 10 1000 100 1 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (milliwatts) d typical curves - ddtc143eca t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DDTC144ECA-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X