Part Number Hot Search : 
AZ2940 74HC80 15J100 BP104S01 5962F9 MR851G 109D5P R3B60
Product Description
Full Text Search
 

To Download CY62136CV33LL-55BAIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2m (128k x 16) static ram cy62136cv30/33 mobl ? cy62136cv mobl ? cypress semiconductor corporation ? 3901 north first street  san jose  ca 95134  408-943-2600 document #: 38-05199 rev. *d revised september 20, 2002 features ? very high speed: 55 ns and 70 ns  voltage range: ? cy62136cv30: 2.7v?3.3v ? cy62136cv33: 3.0v?3.6v ? cy62136cv: 2.7v?3.6v  pin-compatible with the cy62136v  ultra-low active power ? typical active current: 1.5 ma @ f = 1 mhz ? typical active current: 5.5 ma @ f = f max (70-ns speed)  low standby power  easy memory expansion with ce and oe features  automatic power-down when deselected  cmos for optimum speed/power  packages offered in a 48-ball fbga functional description [1] the and cy62136cv are high-performance cmos static ram organized as 128k words by 16 bits. this device features advanced circuit design to provide ultra-low active current. this is ideal for providing more battery life ? (mobl ? ) in portable applications such as cellular telephones. the device also has an automatic power-down feature that significantly reduces power consumption by 80% when addresses are not toggling. the device can also be put into standby mode reducing power consumption by more than 99% when deselected (ce high). the input/output pins (i/o 0 through i/o 15 ) are placed in a high-impedance state when: deselected (ce high), outputs are disabled (oe high), both byte high enable and byte low enable are disabled (bhe , ble high), or during a write operation (ce low, and we low). writing to the device is accomplished by taking chip enable (ce ) and write enable (we ) inputs low. if byte low enable (ble ) is low, then data from i/o pins (i/o 0 through i/o 7 ), is written into the location specified on the address pins (a 0 through a 16 ). if byte high enable (bhe ) is low, then data from i/o pins (i/o 8 through i/o 15 ) is written into the location specified on the address pins (a 0 through a 16 ). reading from the device is accomplished by taking chip enable (ce ) and output enable (oe ) low while forcing the write enable (we ) high. if byte low enable (ble ) is low, then data from the memory location specified by the address pins will appear on i/o 0 to i/o 7 . if byte high enable (bhe ) is low, then data from memory will appear on i/o 8 to i/o 15 . see the truth table at the back of this data sheet for a complete description of read and write modes. note: 1. for best practice recommendations, please refer to the cypress application note ? system design guidelines ? on http://www.cypress.com. logic block diagram 128k x 16 ram array i/o 0 ? i/o 7 row decoder a 8 a 7 a 6 a 5 a 2 column decoder a 11 a 12 a 13 a 14 a 15 2048 x 1024 sense amps data in drivers oe a 4 a 3 i/o 8 ? i/o 15 ce we ble bhe a 16 a 0 a 1 a 9 a 10 [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 2 of 13 pin configuration [2, 3] maximum ratings (above which the useful life may be impaired. for user guide- lines, not tested.) storage temperature ................................. ? 65 c to +150 c ambient temperature with power applied............................................. ? 55 c to +125 c supply voltage to ground potential ? 0.5v to v ccmax + 0.5v dc voltage applied to outputs in high-z state [4] .................................... ? 0.5v to v cc + 0.3v dc input voltage [4] ................................. ? 0.5v to v cc + 0.3v output current into outputs (low) .............................20 ma static discharge voltage.......................................... > 2001v (per mil-std-883, method 3015) latch-up current.................................................... > 200 ma notes: 2. nc pins are not connected to the die. 3. e3 (dnu) can be left as nc or v ss to ensure proper application. 4. v il(min.) = ? 2.0v for pulse durations less than 20 ns. 5. typical values are included for reference only and are not guaranteed or tested. typical values are measured at v cc = v cc(typ.) , t a = 25 c. we a 11 a 10 a 6 a 0 a 3 ce i/o 10 i/o 8 i/o 9 a 4 a 5 i/o 11 i/o 13 i/o 12 i/o 14 i/o 15 v ss a 9 a 8 oe v ss a 7 i/o 0 bhe nc a 2 a 1 ble v cc i/o 2 i/o 1 i/o 3 i/o 4 i/o 5 i/o 6 i/o 7 a 15 a 14 a 13 a 12 nc nc nc 3 2 6 5 4 1 d e b a c f g h fbga (top view) a 16 dnu v cc nc operating range device range ambient temperature v cc cy62136cv30 industrial ? 40 c to +85 c 2.7v to 3.3v cy62136cv33 3.0v to 3.6v cy62136cv 2.7v to 3.6v product portfolio product v cc range (v) speed (ns) power dissipation operating, i cc (ma) standby, i sb2 ( a) f = 1 mhz f = f max v cc(min.) v cc(typ.) [5] v cc(max.) typ. [5] max. typ. [5] max. typ. [5] max. cy62136cv30ll 2.7 3.0 3.3 55 1.5 3 7 15 2 10 70 1.5 3 5.5 12 cy62136cv33ll 3.0 3.3 3.6 55 1.5 3 7 15 5 15 70 1.5 3 5.5 12 cy62136cvll 2.7 3.3 3.6 70 1.5 3 5.5 12 5 15 [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 3 of 13 electrical characteristics over the operating range parameter description test conditions cy62136cv30-55 cy62136cv30-70 unit min. typ. [5] max. min. typ. [5] max. v oh output high voltage i oh = ? 1.0 ma v cc = 2.7v 2.4 2.4 v v ol output low voltage i ol = 2.1 ma v cc = 2.7v 0.4 0.4 v v ih input high voltage 2.2 v cc + 0.3v 2.2 v cc + 0.3v v v il input low voltage ? 0.3 0.8 ? 0.3 0.8 v i ix input leakage current gnd < v i < v cc ? 1 +1 ? 1 +1 a i oz output leakage current gnd < v o < v cc , output disabled ? 1 +1 ? 1 +1 a i cc v cc operating supply current f = f max = 1/t rc v cc = 3.3v i out = 0 ma cmos levels 7 15 5.5 12 ma f = 1 mhz 1.5 3 1.5 3 i sb1 automatic ce power-down current ? cmos inputs ce > v cc ? 0.2v v in > v cc ? 0.2v or v in < 0.2v, f = f max (address and data only), f = 0 (oe , we , bhe , and ble ) 2 10 2 10 a i sb2 automatic ce power-down current ? cmos inputs ce > v cc ? 0.2v v in > v cc ? 0.2v or v in < 0.2v, f = 0, v cc = 3.3v parameter description test conditions cy62136cv33-55 cy62136cv33-70 cy62136cv-70 unit min. typ. [5] max. min. typ. [5] max. v oh output high voltage i oh = ? 1.0 ma v cc = 3.0v 2.4 2.4 v v cc = 2.7v 2.4 v v ol output low voltage i ol = 2.1 ma v cc = 3.0v 0.4 0.4 v v cc = 2.7v 0.4 v v ih input high voltage 2.2 v cc + 0.3v 2.2 v cc + 0.3v v v il input low voltage ? 0.3 0.8 ? 0.3 0.8 v i ix input leakage current gnd < v i < v cc ? 1+1 ? 1+1 a i oz output leakage current gnd < v o < v cc , output disabled ? 1+1 ? 1+1 a i cc v cc operating supply current f = f max = 1/t rc v cc = 3.6v i out = 0 ma cmos levels 715 5.512ma f = 1 mhz 1.5 3 1.5 3 i sb1 automatic ce power-down current ? cmos inputs ce > v cc ? 0.2v v in > v cc ? 0.2v or v in < 0.2v, f = f max (address and data only), f = 0 (oe , we , bhe , and ble ) 515 5 15 a i sb2 automatic ce power-down current ? cmos inputs ce > v cc ? 0.2v v in > v cc ? 0.2v or v in < 0.2v, f = 0, v cc = 3.6v capacitance [6] parameter description test conditions max. unit c in input capacitance t a = 25 c, f = 1 mhz, v cc = v cc(typ.) 6 pf c out output capacitance 8 pf [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 4 of 13 thermal resistance parameter description test conditions bga unit ja thermal resistance (junction to ambient) [6] still air, soldered on a 3 x 4.5 inch, two-layer printed circuit board 55 c/w jc thermal resistance (junction to case) [6] 16 c/w ac test loads and waveforms parameters 3.0v 3.3v unit r1 1105 1216 ? r2 1550 1374 ? r th 645 645 ? v th 1.75 1.75 v data retention characteristics (over the operating range) parameter description conditions min. typ. [5] max. unit v dr v cc for data retention 1.5 v ccmax v i ccdr data retention current v cc = 1.5v ce > v cc ? 0.2v, v in > v cc ? 0.2v or v in < 0.2v 1 6 a t cdr [6] chip deselect to data retention time 0 ns t r [7] operation recovery time t rc ns data retention waveform notes: 6. tested initially and after any design or process changes that may affect these parameters. 7. full device ac operation requires linear v cc ramp from v dr to v cc(min.) > 100 s or stable at v cc(min.) > 100 s. v cc typ v cc output r2 30 pf including jig and scope gnd 90% 10% 90% 10% output v th equivalent to: th venin equivalent all input pulses r th r1 rise time: 1 v/ns fall time: 1 v/ns v cc(min) v cc(min) t cdr v dr > 1.5 v data retention mode t r ce v cc [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 5 of 13 switching characteristics over the operating range [8] parameter description 55 ns 70 ns unit min. max. min. max. read cycle t rc read cycle time 55 70 ns t aa address to data valid 55 70 ns t oha data hold from address change 10 10 ns t ace ce low to data valid 55 70 ns t doe oe low to data valid 25 35 ns t lzoe oe low to low-z [9] 5 5 ns t hzoe oe high to high-z [9, 10] 20 25 ns t lzce ce low to low-z [9] 10 10 ns t hzce ce high to high-z [9, 10] 20 25 ns t pu ce low to power-up 0 0 ns t pd ce high to power-down 55 70 ns t dbe bhe /ble low to data valid 25 35 ns t lzbe bhe /ble low to low-z [9] 5 5 ns t hzbe bhe /ble high to high-z [9, 10] 20 25 ns write cycle [11] t wc write cycle time 55 70 ns t sce ce low to write end 45 60 ns t aw address set-up to write end 45 60 ns t ha address hold from write end 0 0 ns t sa address set-up to write start 0 0 ns t pwe we pulse width 40 45 ns t bw bhe /ble pulse width 50 60 ns t sd data set-up to write end 25 30 ns t hd data hold from write end 0 0 ns t hzwe we low to high-z [9, 10] 20 25 ns t lzwe we high to low-z [9] 10 10 ns switching waveforms notes: 8. test conditions assume signal transition time of 5 ns or less, timing reference levels of v cc(typ.) /2, input pulse levels of 0 to v cc(typ.) , and output loading of the specified i ol /i oh and 30-pf load capacitance. 9. at any given temperature and voltage condition, t hzce is less than t lzce , t hzbe is less than t lzbe , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 10. it hzoe , t hzce , t hzbe , and t hzwe transitions are measured when the outputs enter a high-impedance state. 11. the internal write time of the memory is defined by the overlap of we , ce = v il , bhe and/or ble = v il . all signals must be active to initiate a write and any of these signals can terminate a write by going inactive. the data input set-up and hold timing should be referenced to the edg e of the signal that terminates the write. 12. device is continuously selected. oe , ce = v il , bhe , ble = v il . 13. we is high for read cycle. address data out previous data valid data valid t rc t aa t oha read cycle no. 1 (address transition controlled) [12, 13] [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 6 of 13 notes: 14. address valid prior to or coincident with ce , bhe , ble transition low. 15. data i/o is high-impedance if oe = v ih . 16. if ce goes high simultaneously with we high, the output remains in a high-impedance state. 17. during this period, the i/os are in output state and input signals should not be applied. switching waveforms (continued) read cycle no. 2 (oe controlled) [13, 14] 50% 50% data valid t rc t ace t lzbe t lzce t pu data out high impedance impedance i cc i sb t hzoe t hzce t pd oe ce high v cc supply current t hzbe bhe /ble t lzoe address t doe t lzoe t dbe t hd t sd t pwe t sa t ha t aw t wc data i/o address ce we oe t hzoe data in valid note write cycle no. 1 (we controlled) [11, 15, 16] 17 bhe /ble t bw t sce [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 7 of 13 switching waveforms (continued) t hd t sd t pwe t ha t aw t sce t wc t hzoe data in valid ce address we data i/o oe note 17 write cycle no. 2 (ce controlled) bhe /ble t bw [11, 15, 16] t sa data in valid t hd t sd t lzwe t pwe t sa t ha t aw t sce t wc t hzwe ce address we data i/o note 17 write cycle no. 3 (we controlled, oe low) t bw bhe /ble [16] [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 8 of 13 switching waveforms (continued) data i/o address t hd t sd t sa t ha t aw t wc ce we data in valid write cycle no. 4 (bhe /ble controlled, oe low) [16] note 17 t bw bhe /ble t sce t pwe [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 9 of 13 typical dc and ac parameters 12.0 10.0 6.0 4.0 2.7 0 8.0 supply voltage (v) 3.6 2.0 3.3 12.0 10.0 6.0 4.0 3.0 0 8.0 i sb ( a) standby current vs. supply voltage supply voltage (v) mobl 2.0 2.7 3.3 50 30 20 10 supply voltage (v) access time vs. supply voltage 0 40 t aa (ns) 60 3.0 2.7 3.3 mobl operating current vs. supply voltage mobl (typical values are included for reference only and are not guaranteed or tested. typical values are measured at v cc = v cc(typ.) , t a = 25 c) 50 30 20 10 2.7 3.6 supply voltage (v) 0 40 t aa (ns) 60 3.3 mobl i sb ( a) 12.0 10.0 6.0 4.0 2.0 2.7 3.6 0.0 8.0 i cc (ma) supply voltage (v) 14.0 3.3 mobl (f = 1 mhz) (f = f max , 70 ns) (f = f max , 55 ns) 12.0 10.0 6.0 4.0 2.0 2.7 3.3 0.0 8.0 i cc (ma) supply voltage (v) mobl (f = 1 mhz) 14.0 3.0 (f = f max , 70 ns) (f = f max , 55 ns) 3.0 3.0 3.0 truth table ce we oe bhe ble inputs/outputs mode power h x x x x high-z deselect/power-down standby (i sb ) l x x h h high-z output disabled active (i cc ) l h l l l data out (i/o o ? i/o 15 ) read active (i cc ) l h l h l data out (i/o o ? i/o 7 ); i/o 8 ? i/o 15 in high-z read active (i cc ) l h l l h data out (i/o 8 ? i/o 15 ); i/o 0 ? i/o 7 in high-z read active (i cc ) l h h l l high-z output disabled active (i cc ) [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 10 of 13 l h h h l high-z output disabled active (i cc ) l h h l h high-z output disabled active (i cc ) l l x l l data in (i/o o ? i/o 15 ) write active (i cc ) l l x h l data in (i/o o ? i/o 7 ); i/o 8 ? i/o 15 in high-z write active (i cc ) l l x l h data in (i/o 8 ? i/o 15 ); i/o 0 ? i/o 7 in high-z write active (i cc ) truth table (continued) ce we oe bhe ble inputs/outputs mode power ordering information speed (ns) ordering code voltage range (v) package name package type operating range 70 cy62136cv30ll-70bai 2.7 ? 3.3 ba48a 48-ball fine pitch bga (7 mm x 7 mm x 1.2 mm) industrial cy62136cv30ll-70bvi 2.7 ? 3.3 bv48a 48-ball fine pitch bga (6 mm x 8 mm x 1 mm) cy62136cv33ll-70bai 3.0 ? 3.6 ba48a 48-ball fine pitch bga (7 mm x 7 mm x 1.2 mm) cy62136cv33ll-70bvi 3.0 ? 3.6 bv48a 48-ball fine pitch bga (6 mm x 8 mm x 1 mm) cy62136cvll-70bai 2.7 ? 3.6 ba48a 48-ball fine pitch bga (7 mm x 7 mm x 1.2 mm) cy62136cvll-70bvi 2.7 ? 3.6 bv48a 48-ball fine pitch bga (6 mm x 8 mm x 1 mm) 55 cy62136cv30ll-55bai 2.7 ? 3.3 ba48a 48-ball fine pitch bga (7 mm x 7 mm x 1.2 mm) cy62136cv30ll-55bvi 2.7 ? 3.3 bv48a 48-ball fine pitch bga (6 mm x 8 mm x 1 mm) cy62136cv33ll-55bai 3.0 ? 3.6 ba48a 48-ball fine pitch bga (7 mm x 7 mm x 1.2 mm) cy62136cv33ll-55bvi 3.0 ? 3.6 bv48a 48-ball fine pitch bga (6 mm x 8 mm x 1 mm) [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 11 of 13 package diagrams 48-ball (7.00 mm x 7.00 mm x 1.2 mm) fbga ba48a 51-85096-*e [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 12 of 13 ? cypress semiconductor corporation, 2002. the information contained herein is subject to change without notice. cypress semico nductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress semiconductor product. nor does it convey or imply any license unde r patent or other rights. cypress semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in do ing so indemnifies cypress semiconductor against all charges. mobl is a registered trademark and more battery life is a trademark of cypress semiconductor corporation. all product and company names mentioned in this document may be the trademarks of their respective holders. package diagrams (continued) 48-ball vfbga (6 x 8 x 1 mm) bv48a 51-85150-*a [+] feedback
cy62136cv30/33 mobl ? cy62136cv mobl ? document #: 38-05199 rev. *d page 13 of 13 document history page document title: cy62136cv30/33/cy62136cv/cy62136cv30/33 2m (128k x 16) static ram document number: 38-05199 rev. ecn no. issue date orig. of change description of change ** 112379 02/19/02 gav new data sheet (advance information) *a 114023 04/25/02 jui added bv package diagram changed advance information to preliminary *b 117063 07/12/02 mgn changed preliminary to final *c 118121 08/26/02 mgn added new part numbers: cy62136cv with wider voltage (2.7v ? 3.6v); cy62136cv33 narrower voltage range (3.0v ? 3.6v) for t aa = 55 ns, improved t pwe min from 45 ns to 40 ns for t aa = 70 ns, improved t pwe min from 50 ns to 45 ns for t aa = 70 ns, improved t lzwe min from 5 ns to 10 ns *d 118622 10/3/02 mgn improved typ. i cc spec. to 7 ma (for 55 ns) and 5.5 ma (for 70 ns) improved max i cc spec. to 15 ma (for 55 ns) and 12 ma (for 70 ns) for t aa = 55 ns, improved t lzwe min. from 5 ns to 10 ns changed upper spec. for supply voltage to ground potential to v ccmax + 0.5v changed upper spec. for dc voltage applied to outputs in high-z state and dc input voltage to v cc + 0.3v [+] feedback


▲Up To Search▲   

 
Price & Availability of CY62136CV33LL-55BAIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X