Part Number Hot Search : 
ATTINY4 C8051 PMD5001K MC54H 16LT1 UC1113F YGM3C514 B8H09R
Product Description
Full Text Search
 

To Download CS22210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CS22210 pci/usb wireless controller 1 of 31 d556pp2 rev. 3.0 www.cirrus.com 1 description the cirrus logic CS22210 wireless network controller enables high speed, 11 mbps digital wireless data connectivity for wireless data connectivity for pci, mobile, embedded systems and other cost sensitive applications . the CS22210 is a highly integrated single-chip pci / usb solution for wireless networks supporting video, audio, voice, and data traffic. the programmable controller executes cirrus logic?s whitecap?2 networking protocol that provides wi-fi? (802.11b) compliance as well as multimedia and quality of service (qos) support. the device includes several high performance components including an arm7tdmi risc processor core, a forward error correction (fec) codec and a wireless radio mac supporting up to11 mbps throughput. the CS22210 is designed to support both a standard pci 2.1 or pci 2.2 compliant interface or usb 1.1 compliant device interface making it an ideal choice for cost effective standalone and embedded high-speed wireless networking products . the CS22210 utilizes state-of-the-art 0.18um cmos process and is housed in a 208 mqfp package designed to provide integrated low cost ieee 802.11 standard compliant system solutions. the core is powered at 1.8 v to reduce overall power consumption. in addition, the CS22210 supports various power management modes for host, mac, baseband, and radio interfaces. figure 1. example system block diagram CS22210 data sheet wireless pci/usb controller 2.4 ghz direct sequence s p read s p ectru m 11 mbps wireless baseband i/f CS22210 wireless network controller 802.11b compatible 2.4 ghz digital radio phy transceiver system memory sdram (up to 4mb) sram (up to 256kb) pciorusbhost boot rom/flash (upto1mb) networking data
CS22210 pci/usb wireless controller 2 of 31 d556pp2 rev. 3.0 www.cirrus.com 2 features embedded arm core and system support logic ? high performance arm7tdmi risc processor core at 77mhz ? 4kb integrated, one-way set associative, unified, write through cache ? individual interrupt for each functional block ? two 23-bit programmable (periodic or one-shot) general purpose timers ? 8 dword (32-bits) memory write and read buffers for high system performance ? abort cycle detection and reporting for debugging ? arm performance monitoring function for system fine-tuning ? programmable performance improvement logic based on system configuration ? flexible independent dma engines for pci, usb and digital radio functional units enhanced memory controller unit ? programmable memory controller unit supporting sdram /async sram/boot rom interface ? 16-bit data bus with 12-bit address supporting up to 4mb at up to 103mhz sdram ? 8-bit data bus with addressing support up to 1mb of boot rom/flash ? programmable sdram timing and size parameters such as cas latencies and number of banks columns and rows fec codec ? high performance reed-solomon coding for error correction (255:239 block coding) ? reduces symbol error probability of a typical 10e-3 error rate environment to 10e-9 ? programmable rate fec engine to optimize channel efficiency ? low latency, fully pipelined hardware encoding and decoding. support byte wise single cycle throughput up to 77mhz, with a sustain rate of 77mbps. ? double buffering (64 dword read/write buffer) to enhance system performance ? on the fly configuration of encoder and decoder digital wireless radio mac ? standard interface to 802.11b radio baseband transceiver ? 11mbps data rate ? 32 dword transmit/receive fifo ? supports clear channel assessment (cca) power management ? host (pci or usb) acpi compliant ? remote usb host wakeup ? supports variable rate radio transmit, receive and standby radio power modes through two dacs clock and pll interface ? single 44mhz crystal oscillator reference clock for pci version; 48mhz reference clock required in usb option ? internal pll to generate internal and on board clocks
CS22210 pci/usb wireless controller 3 of 31 d556pp2 rev. 3.0 www.cirrus.com pci controller interface ? 33mhz 5v/3.3v pci 2.1 and pci 2.2 compliant master/target 32-bit data interface ? arm communication with pci controller through simple mailbox scheme ? generic pci controller programming interface ? flexible configuration programming via eeprom usb controller interface ? 12 mbps usb 1.1 compliant device ? supports 1 to 16 endpoints; endpoints can be bulk, isochronous or interrupt ? variable endpoint buffer depths providing maximum flexibility for endpoint configurations ? flexible configuration programming via eeprom or firmware download ? remote host wakeup chip processing and packaging ? 208 mqfp package and 0.18 um state of the art cmos process ? 1.8 v core for low power consumption; 3.3v i/o and 5v tolerant important notice "preliminary" product information describes products that are in production, but for which full characterization data is not yet available. "advance" product information describes products that are in development and subject to development changes. cirrus logic, inc. and its subsidiaries ("cirrus") believe that the information contained in this document is accurate and reliable. however, the information is subject to change without notice and is provided "as is" without warranty of any kind (express or implied). customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, patent infringement, and limitation of liability. no responsibility is assumed by cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. this document is the property of cirrus and by furnishing this information, cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. cirrus owns the copyrights of the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to cirrus integrated circuits or other parts of cirrus. this consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. an export license and/or quota needs to be obtained from the competent authorities of the chinese government if any of the products or technologies described in this material is subject to the prc foreign trade law and is to be exported or taken out of the prc. certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage ("critical applications"). cirrus products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical applications. inclusion of cirrus products in such applications is understood to be fully at the customer's risk. cirrus logic, cirrus, and the cirrus logic logo designs are trademarks of cirrus logic, inc. all other brand and product names in this document may be trademarks or service marks of their respective owners. use of this product in any manner that complies with the mpeg-2 video standard as defined in iso documents is 13818-1 (including annexes c, d, f, j, and k), is 13818-2 (including annexes a, b, c, and d, but excluding scalable extensions), and is 13818-4 (only as it is needed to clarify is 13818-2) is expressly prohibited without a license under applicable patents in the mpeg-2 patent portfolio, which license is available from mpeg la, l.l.c. 250 steele street, suite 300, denver, colorado 80296.
CS22210 pci/usb wireless controller 4 of 31 d556pp2 rev. 3.0 www.cirrus.com 3 functional description figure 2. block diagram of major functional units s y stem memor y radio interface fec codec comm buffer pci interface usb interface dma ctrl usb or pci host interface misc. config. clock/pll crystal or oscillator memory/boot rom controller arbiter dual radio mac w/ dma ctrl dma dma 48mhz / 44 mhz 12mhz or 33 mhz arm 7tdmi 4kb cache timer (2) interrupt controller read/write buffer 77mhz system control bus sleep timer jtag/test interface 44mhz system memory
CS22210 pci/usb wireless controller 5 of 31 d556pp2 rev. 3.0 www.cirrus.com 3.1 embedded arm core and system support logic the processing elements of the CS22210 include the arm7tdmi core and its associated system control logic. the arm processor and system controller consist of a memory management unit, 4-kb write through cache controller, 20 irq and 4 firq interrupt controller, and 2 general purpose timers. the arm processor and integrated system support logic provide the necessary execution engine to support a real time multi-tasking operating system, the network protocol stack, and firmware services. in addition, system performance monitor logic is included to aid in system performance fine-tuning (e.g. cache hit, cpi numbers). memory management unit arm instructions and data are fetched from system memory a cache-line (4/8 ? dwords /programmable) at a time when caching is turned on. during a cache line fill, critical word data, i.e., the access that caused the miss, is forwarded to the arm and also written into the data ram cache. the non-critical words in the line fetched following the critical word are then written to the cache on a dword basis, as they become available. memory writes are posted to dual 4-dwords (32-bit) memory write posting buffers. write posts use the sequential addressing feature on the memory bus. with dual buffering an out of sequence write will post to one write buffer while the other buffer is flushed to memory. there is one 8dword read buffer in the mem block. the buffer is used for both cacheable and non-cacheable memory space. interrupt controller the interrupt controller provides two interrupt channels to the arm processor. one interrupt channel is presented to the arm on its nfiq , and the other channel is presented on its nirq pin. these are referred to as the fiq channel and the irq channel. both channels operate in identical but independent fashion. the fiq channel has a higher priority on the arm processor than the irq channel. the interrupt controller includes a control register for each logical interrupt in the arm complex. the control register serves the following main purposes: ? provides the mapping between the ext_int inputs (physical interrupts) and the logical interrupt ? selects the particular type of signaling expected on the ext_int inputs: level, edge, active level high/low etc. ? enables or disable a logical interrupt
CS22210 pci/usb wireless controller 6 of 31 d556pp2 rev. 3.0 www.cirrus.com 3.2 digital wireless radio interface the CS22210 digital radio mac i/f supports multiple radio baseband and rf interfaces. the baseband registers can be programmed during the configuration time using the control port interface. the mac also provides the capability of programming the signal, service and length on per packet basis without arm intervention. this significantly improves the performance of the system. there are three primary digital interface ports for the CS22210 that are used for configuration and during normal operation. these ports are: ? the control port, which is used to configure, set power consumption modes, write and/or read the status of the radio base band registers. ? the tx port, which is used to output the data that needs to be transmitted from the network processor. ? the rx port, which is used to input the received demodulated data to the network processor. 3.3 fec codec the fec codec performs reed-solomon code encoding to protect the data before it is transmitted to a noisy channel. it is a similar code as employed by digital broadcast industry, such as itu-t j.83 for dvb. the rs(255, 239) code implemented by the swg2710 can reduce error probability to 1/10e-9 in a typical 1/10e-3 error rate environment. the encoder/decoder can be programmed to vary the coding block length ( n ) and correctable error ( t ) to optimize the tradeoff between channel utilization and data protection. the range of n iscurrentlysettobefrom50to255,andthe t is 8. the symbol size is fixed at 8 bits. coding parameters can be set real time, allowing maximum flexibility for the system to adjust the fec setting, such as block size, in order to optimize channel efficiency. the encoder also has a very low latency of two cycles. both the encoder and decoder are fully pipelined in structure to achieve single cycle throughput. the fec can be disabled in firmware.
CS22210 pci/usb wireless controller 7 of 31 d556pp2 rev. 3.0 www.cirrus.com 3.4 programmable memory controller the CS22210 incorporates a general purpose memory controller that supports a sdram/async sram memory and flash memory interface. in the ram configuration, the system memory interface supports up to 16-mbyte of 16-bit sdram running at a frequency up to 103 mhz single-state access cycles or 256kb of 16 bit async sram. the memory controller provides programming of sdram parameters such as cas latency, refresh rate etc; these registers are located in miscellaneous configuration registers. when there are no pending memory requests from any internal requester, the CS22210 will keep clock enable (cke) signal low to cause the sdram to stay in power down mode. once a memory request is active, the CS22210 will assert cke high to cause the sdram to come out of power down mode. typically, this can reduce memory power consumption by up to 50%. in rom configuration, firmware for CS22210 is stored in non-volatile memory and is accessed through the boot rom interface. the maximum addressable rom space supported is 1mb. rom read/write and output enable are shared with ram control pins. the rom can be re-flashed allowing for software upgrades. 3.5 pci controller interface embedded in the CS22210 is a pci 2.1 / pci 2.2 fully compliant master/target 32 bit data interface including power management support (pme signal). the communication buffer logic was designed to be flexible and generic to both the pc software and arm firmware. the control communication between pci and arm uses a mailbox mechanism. the pci writes data into a dword mailbox register whereby an interrupt is generated to the arm. the arm reads this register to get the control information whereby an interrupt is generated to the pci. the same is true from the arm writing to a arm mailbox register. pci data transfer is supported by a dma control block (dcb). the dcb is configured by the arm, allowing the arm to control how often it is interrupted. pci data transfers are done by the pci master and the dcb offloading cpu overhead. 3.6 usb interface embedded within the CS22210 is a full speed usb 1.1 compliant device interface. the device supports from 1 to 16 endpoints and is completely programmable via firmware download or external eeprom. all ?setup? commands are passed to the system processor for interpretation. the device also contains a dma engine to transfer arbitrary amounts of data to and from main memory before interrupting the system processor.
CS22210 pci/usb wireless controller 8 of 31 d556pp2 rev. 3.0 www.cirrus.com 4 pinout and signal descriptions figure 3. CS22210 logical pin groupings (note: not all signals are shown) nrst nperr, nserr txclk txpe txd txrdy cca bbrnw nresetbb txpebb nbbcs bbas txpape bbsclk bbsdx synthle rxpebb nrpd rxd mdrdy rxcl k digital wireless radio CS22210 wireless network controller smclk sma[11:0] nsmcs[1:0] nsmras nsmcas smd[15:0] nsmwe smdqm[1:0] system memory interface smcke jtag interface xtalclkin xtalout tdo tdi tck ad[31:0] ncbe[3:0] idsel nframe nirdy ntrdy nrst nstop ndevsel ninta pclk pci controller interface tms ntrst nbrce clock interface xtraclk pllagnd pllavcc plldgnd plldvcc pllplus pll power interface nperr ngnt nrst nreq parx pme usbvpx usbvmx usb interface nserr system and pci reset ntest dacavcc & dacagnd synth_le1 synth_le2 usb_enum
CS22210 pci/usb wireless controller 9 of 31 d556pp2 rev. 3.0 www.cirrus.com this section provides detailed information on the CS22210 signals. the signal descriptions are useful for hardware designers who are interfacing the CS22210 with other devices. system memory interface the system memory interface supports standard sdram interface, async sram and flash. there are total of 37 signals in this interface. smclk output system mem clock for sdram. currently the interface supports 103 mhz for a maximum bandwidth of 200mbytes/sec. nsmcs0 output chip select bit 0. this signal is used to select or deselect the sdram for command entry. when smncs is low it qualifies the sampling of nsmras, nsmcas and nsmwe. also used as testmode(2) when ntest pin is '0'. nsmcs output chip select bit 1. nbrce output chip select for rom access. this signal is used to select or deselect the boot rom memory. nsmras output row address select. used in combination with nsmcas, nsmwe and nsmcs to specify which sdram page to open for access. also used during reset to latch in the strap value for clk_bypass; if set to a '1' implies bypassing clock module; whatever clk is applied on the input clock is used for memclk and ctlclk. also shared as the romoe signal. nsmcas output column address select. used in combination with nsmras, nsmwe and nsmcs to specify which piece of data to access in selected page. also used during reset to latch in the strap value for same_freq; if set to a '1' implies internal mem_clk and arm_clk are running at the same frequency and 180 degrees out of phase.
CS22210 pci/usb wireless controller 10 of 31 d556pp2 rev. 3.0 www.cirrus.com nsmwe output write enable is used in combination with nsmras, nsmcas, and nsmwe to specify whether the current cycle is a read or a write cycle. also used during reset to latch in the strap value for tst_bypass; if set to a '1' implies pll bypass. also shared as the romwe to do flash programming. smdqm[1:0] output data mask bit 1:0. these signals function as byte enable lines masking unwanted bytes on memory writes. also used as testmode(1:0) when ntest pin is '0'. smcke output clock enable. smcke is used to enable and disable clocking of internal ram logic. sma0 output address bit0. the address bus specifies either the row address or column address. also shared as boot-rom address bit0. this pin should be pull- down. sma1 output address bit1. also shared as boot-rom address bit1. also used during reset to latch in the strap value for pcisel; if set to a '1' implies pci mode. sma2 output address bit2. also shared as boot-rom address bit2. also used during reset to latch in the strap value for usbsel; if set to a '1' implies usb mode. sma3 output address bit3. also shared as boot-rom address bit3. this pin should be pull-down. sma4 output address bit4. also shared as boot-rom address bit4. also used during reset to latch in the strap value for romcfg; if set to a '1' implies pci configuration data should be downloaded from rom. sma5 output address bit5. also shared as boot-rom address bit5. also used during reset to latch in the strap value for test_rst_enb; if set to a '0' implies normal operation mode.
CS22210 pci/usb wireless controller 11 of 31 d556pp2 rev. 3.0 www.cirrus.com sma6 output address bit6. also shared as boot-rom address bit6. also used during reset to latch in the strap value for freq_sel(0). freq_sel(2:0) is used to select the multiplication factor for the internal pll (000=1x, and 111=8x). sma7 output address bit7. also shared as boot-rom address bit7. also used during reset to latch in the strap value for freq_sel(1). freq_sel(2:0) is used to select the multiplication factor for the internal pll (000=1x, and 111=8x). sma8 output address bit8. also shared as boot-rom address bit8. also used during reset to latch in the strap value for freq_sel(2). freq_sel(2:0) is used to select the multiplication factor for the internal pll (000=1x, and 111=8x). sma9 output address bit9. also shared as boot-rom address bit9. also used during reset to latch in the strap value for sdram_delay(0). sdram_delay(2:0) is used to select the delay factor for the internal memory clock (000=0ns, and 111=1.75ns with each .25ns increments). sma10 output address bit10. also shared as boot-rom address bit10. also used during reset to latch in the strap value for sdram_delay(1). sdram_delay(2:0) is used to select the delay factor for the internal memory clock (000=0ns, and 111=1.75ns with each .25ns increments). sma11 output address bit11. also shared as boot-rom address bit11. also used during reset to latch in the strap value for sdram_delay(2). sdram_delay(2:0) is used to select the delay factor for the internal memory clock (000=0ns, and 111=1.75ns with each .25ns increments). smd[7:0] bi-directional data bus. the data bus contains the data to be written to memory on a writecycleandthereadreturndataonareadcycle. smd[15:8] bi-directional shared data bus. the data bus contains the data to be written to ram memoryonawritecycleandthereadreturndataonareadcycle.databit [15:8] is also shared as boot rom address bit [19:12].
CS22210 pci/usb wireless controller 12 of 31 d556pp2 rev. 3.0 www.cirrus.com digital wireless radio interface all radio input buffers are schmitt triggered input buffers. there are total of 21 signals in this interface. txclk input transmit clock is a clock input from the radio baseband processor. this signal is used to clock out the transmit data on the rising edge of txclk. txpebb output baseband transmit power enable, an output from the mac to the radio baseband processor. when active, the baseband processor transmitter is configured to be operational, otherwise the transmitter is in standby mode. txd output it is the serial data output from the mac to the radio baseband processor. the data is transmitted serially with the lsb first. the data is driven by the mac on the rising edge of txclk and is sampled by the radio baseband processor on the falling edge of txclk (in 3824 mode) and rising edge of txclk (in 3860b mode). txrdy input transmit data ready is an input to the mac from the radio baseband processor to indicate that the radio baseband processor is ready to receive the data packet over the txd signal. the signal is sampled by the mac on the rising edge of txclk. cca input clear channel assessment is an input from the radio baseband processor to signal that the channel is clear to transmit. when this signal is a 0, the channel is clear to transmit. when this signal is a 1, the channel is not clear to transmit. this helps the mac to determine when to switch from receive to transmit mode. bbrnw output baseband read/write is an output from the mac to indicate the direction of the sd bus when used for reading or writing data. this signal has to be set up to the rising edge of bbsclk for the baseband processor and is driven on the falling edge of bbsclk. nresetbb output baseband reset is an output of the mac to reset the baseband processor.
CS22210 pci/usb wireless controller 13 of 31 d556pp2 rev. 3.0 www.cirrus.com bbas output baseband address strobe is used to envelop the address or the data on the bbsdx bus. logic 1 envelops the address and a logic 0 envelops the data. this signal has to be set up to the rising edge of bbsclk for the baseband processor and is driven on the falling edge of bbsclk. nbbcs output baseband chip select is an active low output to activate the serial control port. when inactive the sd, bbsclk, bbas and bbrnw signals are ?don?t cares?. txpape output radio power amplifier power enable is a software-controlled output. this signal is used to gate power to the power amplifier. txpe output radio transmit power enable indicates if transmit mode is enabled. when low, this signal indicates receive mode. rxpebb output baseband receive power enable is an output that indicates if the mac is in receive mode. this output to the baseband processor enables receive mode in baseband processor. bbsclk output baseband serial clock is a programmable output generated by dividing arm_clk by 14 (default). this clock is used for the serial control port to sample the control and data signals. bbsdx bi-directional baseband serial data is a bi-directional serial data bus, which is used to transfer address and data to/from the internal registers of the baseband processor. synthle output synthesizer latch enable is an active high signal used to send data to the synthesizer. synth_le1 output synthesizer latch enable is an active high signal used to send data to the synthesizer (rf le). synth_le2 output synthesizer latch enable is an active high signal used to send data to the synthesizer (if le).
CS22210 pci/usb wireless controller 14 of 31 d556pp2 rev. 3.0 www.cirrus.com nrpd output radio power down enable is an active low signal used for power management purposes for the radio circuitry. rxclk input this is an input from baseband processor. it is used to clock in received data from baseband processor. mdrdy input receive data ready is an input signal from the baseband processor, indicating a data packet is ready to be transferred to the mac. the signal returns to inactive state when there is no more receiver data or when the link has been interrupted. this signal is sampled on the falling edge of rxclk (in 3824 mode), and sampled at rising edge of rxclk (in 3860b mode). rxd input receive data is an input from the baseband processor transferring demodulated header information and data in a serial format. the data is frame aligned with md_rdy. this signal is sampled on the falling edge of rxclk (in 3824 mode), and sampled at rising edge of rxclk (in 3860b mode). dacavcc input analog power for dac. 3.3v input. dacagnd input analog ground for dac. rlq output radio link quality based on packet error rate. active low implies the packet was received without errors . note: lost packets are not detected.
CS22210 pci/usb wireless controller 15 of 31 d556pp2 rev. 3.0 www.cirrus.com pll and clock interface there are three clock pins and five pll power pins. total of 8 signals in this interface. xtal_clkin input 44 mhz reference clock input/crystal clock input for pci and 48 mhz for usb. xtalout output reference crystal clock output. xtraclk input second clock input to clock module. this input allows independent control for mem_clk and ctl_clk. the usage of this clock input is determined by the clk module configuration, which is determined by the three strapping input pin values. pllagnd input analog pll ground. pllavcc input analog pll power. 3.3v input. plldgnd input digital pll ground. plldvcc input digital pll power. 1.8v input. pllplus input analog pll ground. pci interface the pci interface is a standard 2.2 compliant interface. there are a total of 51 signals. ad[31:0] bi-directional pci address/data. this bus contains a physical address during the first clock of a pci transfer and data during subsequent clocks. the signals are inputs during the address and write data phases of a transaction, or outputs during the read data phase of a transaction.
CS22210 pci/usb wireless controller 16 of 31 d556pp2 rev. 3.0 www.cirrus.com ncbe[3:0] bi-directional control/byte enable. this bus defines the bus command during the first clock of a pci transaction and the data byte enables during subsequent clocks. idsel i/o od pci initialization device select. used as a chip select during configuration read and write cycles. nframe bi-directional pci cycle frame. this signal marks the beginning and duration of a current bus cycle. nirdy bi-directional pci initiator ready. irdy holds off the beginning of a write cycle and the completion of a read cycle until sampled active. ntrdy bi-directional pci target ready. this signal is driven active to indicate that write data has been sampled or that read data has been delivered. ndevsel bi-directional pci device select. as a medium speed device, this signal is driven active two pci clocks after nframe is sampled active, indicating a positive decode. it remains active until the end of the transaction. nstop bi-directional pci stop. this signal indicates a target initiated termination of the current cycle. ninta output/open drain pci interrupt request a. generates an interrupt on the pci bus. pclk i/o od pci clock. typically a 33 mhz. all CS22210 pci activity is synchronous to pclk. nperr bi-directional pci parity error. this signal is asserted two clocks after a data parity error is detected on the pci bus.
CS22210 pci/usb wireless controller 17 of 31 d556pp2 rev. 3.0 www.cirrus.com nserr output/open drain pci system error. this open drain signal is used to indicate a fatal parity error on pci address. nreq input pci master request. used by the pci master to indicate it needs to drive the pci bus. ngnt bi-directional pci master grant. used by the pci master to indicate ok to drive the pci bus. par bi-directional pci parity. this signal is asserted one clock after data transfer has occurred on the pci bus. pme output/open drain power management event. use to let the system knows a change in power management event has occurred. system reset nrst input system reset and pci reset. reset is an asynchronous signal that forces thechiptogotoaknownstate.thisisanactivelowsignal. usb interface usbvp bi-directional differential usb data plus. for high-speed mode, this signal is pull up to 5 volt during idle state (see usb_enum). . usbvm bi-directional differential usb data minus. usb_enum output usb enumeration. indicates a disconnect/connect event. usb_enum is used to pull the d+ line high, indicating to the host or hub a usb bus ?full rate? connection is active.
CS22210 pci/usb wireless controller 18 of 31 d556pp2 rev. 3.0 www.cirrus.com debug interface tdo output test data output. tdi input test data input. the input has an integral pull up. tck input test clock signal. tms input test mode select. the input has an integral pull up. ntrst input test interface reset. the input has an integral pull up. miscellaneous interface spio 8,9,12,13,16 bi-directional special purpose i/o reserved for supporting custom interfaces. * check with cirrus logic support for supported options and usage. ntest input chip test mode pin. used in conjunction with smncs0, smdqm[0:1]. pull up for normal operation. power and ground vcc (5v and 3.3v) 1 input 5v inputs. there are a total of 3 pins. vdd (3.3v) input 3.3v inputs. there are a total of 26 pins. vee (1.8v) input 1.8 inputs to the core. there are a total of 9 pins. vss input ground. there are a total of 33 pins. 1 5v or 3.3v depending on desired pci configuration
CS22210 pci/usb wireless controller 19 of 31 d556pp2 rev. 3.0 www.cirrus.com figure 4. CS22210 208 pin mqfp pinout diagram
CS22210 pci/usb wireless controller 20 of 31 d556pp2 rev. 3.0 www.cirrus.com table 1. pin listing by pin number pin name pin name pin name pin name 1 vcc 46 ad13 91 smd06 136 nresetbb 2 ad29 47 ad12 92 smd07 137 bbas 3 ad28 48 vss 93 smd08 138 vdd 4 ad27 49 ad11 94 vss 139 mdrdy 5 ad26 50 ad10 95 smd09 140 rxd 6 vdd 51 ad09 96 smd10 141 rxclk 7 ad25 52 vcc 97 smd11 142 vss 8 vss 53 vdd 98 vdd 143 rlq 9 ad24 54 ad08 99 smd12 144 usb_enum 10 ncbe03 55 ncbe00 100 smd13 145 rxpebb 11 idsel 56 vss 101 smd14 146 txpape 12 vdd 57 ad07 102 vss 147 txpebb 13 ad23 58 ad06 103 smd15 148 vdd 14 ad22 59 ad05 104 sma00 149 txclk 15 vss 60 vdd 105 sma01 150 txrdy 16 ad21 61 ad04 106 vss 151 txd 17 ad20 62 ad03 107 sma02 152 vss 18 ad19 63 vss 108 sma03 153 txpe 19 vdd 64 ad02 109 sma04 154 cca 20 ad18 65 ad01 110 vdd 155 vdd 21 ad17 66 ad00 111 sma05 156 rnpd 22 vss 67 smncs00 112 sma06 157 plldvcc 23 ad16 68 smncs01 113 sma07 158 plldgnd 24 vee 69 vdd 114 vss 159 pllavcc 25 ncbe02 70 smdqm00 115 sma08 160 pllagnd 26 vss 71 smdqm01 116 sma09 161 pllplus 27 vee 72 vss 117 vdd 162 vdd 28 vss 73 smncas 118 sma10 163 xtalclkin 29 vcc 74 smcke 119 sma11 164 xtalout 30 nframe 75 smd00 120 smnwe 165 vss 31 vdd 76 vdd 121 vss 166 xtraclk 32 nirdyx 77 vss 122 smnras 167 dacagnd 33 ntrdy 78 vee 123 nbrce 168 rsvd 34 vss 79 vee 124 ntest 169 rsvd 35 ndevsel 80 vss 125 vss 170 rsvd 36 nstop 81 vdd 126 vee 171 rsvd 37 nperr 82 smd01 127 vss 172 dacavdd 38 vdd 83 smd02 128 vee 173 vdd 39 nserr 84 vss 129 bbncs 174 vdd 40 par 85 smd03 130 bbsclk 175 ntrst 41 vss 86 smd04 131 vdd 176 tms 42 ncbe01 87 smd05 132 bbsdx 177 vss 43 ad15 88 smclk 133 synthle 178 tdi 44 ad14 89 vss 134 vss 179 tdo 45 vdd 90 vdd 135 bbrnw 180 vdd
CS22210 pci/usb wireless controller 21 of 31 d556pp2 rev. 3.0 www.cirrus.com ball name ball name ball name ball name 181 tck 188 vss 195 rsvd_0 202 nreq 182 vss 189 usbvp 196 pme 203 vdd 183 vee 190 rsvd 197 vdd 204 ad31 184 vss 191 usbvm 198 ninta 205 nrst 185 vee 192 rsvd 199 pclk 206 ad30 186 vee 193 synth_le1 200 vss 207 vss 187 vss 194 vdd 201 ngnt 208 synth_le2
CS22210 pci/usb wireless controller 22 of 31 d556pp2 rev. 3.0 www.cirrus.com table 2. pin listing by name pin name pin name pin name pin name 66 ad00 55 ncbe00 116 sma09 29 vcc 65 ad01 42 ncbe01 118 sma10 52 vcc 64 ad02 25 ncbe02 119 sma11 6 vdd 62 ad03 10 ncbe03 74 smcke 12 vdd 61 ad04 35 ndevsel 88 smclk 19 vdd 59 ad05 30 nframe 75 smd00 31 vdd 58 ad06 201 ngnt 82 smd01 38 vdd 57 ad07 198 ninta 83 smd02 45 vdd 54 ad08 32 nirdyx 85 smd03 53 vdd 51 ad09 37 nperr 86 smd04 60 vdd 50 ad10 202 nreq 87 smd05 69 vdd 49 ad11 136 nresetbb 91 smd06 76 vdd 47 ad12 205 nrst 92 smd07 81 vdd 46 ad13 39 nserr 93 smd08 90 vdd 44 ad14 36 nstop 95 smd09 98 vdd 43 ad15 124 ntest 96 smd10 110 vdd 23 ad16 33 ntrdy 97 smd11 117 vdd 21 ad17 175 ntrst 99 smd12 131 vdd 20 ad18 40 par 100 smd13 138 vdd 18 ad19 199 pclk 101 smd14 148 vdd 17 ad20 160 pllagnd 103 smd15 155 vdd 16 ad21 159 pllavcc 70 smdqm00 162 vdd 14 ad22 158 plldgnd 71 smdqm01 173 vdd 13 ad23 157 plldvcc 73 smncas 174 vdd 9 ad24 161 pllplus 67 smncs00 180 vdd 7 ad25 196 pme 68 smncs01 194 vdd 5 ad26 143 rlq 122 smnras 197 vdd 4 ad27 156 rnpd 120 smnwe 203 vdd 3 ad28 169 rsvd 193 synth_le1 24 vee 2 ad29 171 rsvd 208 synth_le2 27 vee 206 ad30 190 rsvd 133 synthle 78 vee 204 ad31 192 rsvd 181 tck 79 vee 137 bbas 195 rsvd_0 178 tdi 126 vee 129 bbncs 141 rxclk 179 tdo 128 vee 135 bbrnw 140 rxd 176 tms 183 vee 130 bbsclk 145 rxpebb 149 txclk 185 vee 132 bbsdx 104 sma00 151 txd 186 vee 154 cca 105 sma01 146 txpape 8 vss 167 dacagnd 107 sma02 153 txpe 15 vss 172 dacavdd 108 sma03 147 txpebb 22 vss 168 rsvd 109 sma04 150 txrdy 26 vss 170 rsvd 111 sma05 144 usb_enum 28 vss 11 idsel 112 sma06 191 usbvm 34 vss 139 mdrdy 113 sma07 189 usbvp 41 vss 123 nbrce 115 sma08 1 vcc 48 vss
CS22210 pci/usb wireless controller 23 of 31 d556pp2 rev. 3.0 www.cirrus.com ball name ball name ball name ball name 56 vss 94 vss 134 vss 187 vss 63 vss 102 vss 142 vss 188 vss 72 vss 106 vss 152 vss 200 vss 77 vss 114 vss 165 vss 207 vss 80 vss 121 vss 177 vss 163 xtalclkin 84 vss 125 vss 182 vss 164 xtalout 89 vss 127 vss 184 vss 166 xtraclk
CS22210 pci/usb wireless controller 24 of 31 d556pp2 rev. 3.0 www.cirrus.com 5 specifications table 3. absolute maximum ratings symbol parameter limits units v ee voltage at core 1.62 to 2.0 v v dd dc supply ( i/o) -0.3 to 3.9 v v in (pci) pci voltage -0.5 to 5.25 v v in input voltage -0.1 to vdd + 0.33 v i in dc input current +/- 10 a xtalin input frequency 0 to 60 mhz t stgp storage temperature range -40 to 125 c notes: 1. xtalin & xtalout pins have minimal esd protection. 2. this device may have esd sensitivity above 500v hbm per jesd22-a114. normal esd precautions need to be followed. table 4. recommended operating conditions symbol parameter limits units v dd vcc vee dcsupply 3.0to3.60(3vi/o) 4.5to5.5(5vi/o) 1.6 to 2.0 (core) v xtalclkin input frequency 44 or 48 mhz armclk internal arm clock frequency 44(4x11) to 77 mhz memclk internal memory clock frequency 72 to 103 mhz f tck jtag clock frequency 0 to 10 mhz t a ambient temperature 0 to +70 c t j junction temperature 0 to +105 c table 5. capacitance symbol parameter value units c in input capacitance 3.4 pf c out output capacitance 4.0 pf
CS22210 pci/usb wireless controller 25 of 31 d556pp2 rev. 3.0 www.cirrus.com table 6. dc characteristics symbol parameter condition min typ max units v il voltage input low (pci) -0.5 0.8 v v il voltage input low (non-pci) -0.33 0.3 * v dd v v ih voltage input high (pci) 2.0 vcc + 0.5 v v ih voltage input high (non-pci) 0.7 * v dd v dd +0.33 v v ol voltage output low (pci) i ol = 1500 a 0.55 v v ol voltage output low (non-pci) i ol = 800 a 0v ss +0.1 v v oh voltage output high (pci) i oh =-500 a 0.24 v v oh voltage output high (non-pci) i oh = 800 a v dd -0.1 vdd v i il input leakage current v in =v ss or v dd -10 10 a i oz 3-state output leakage current v oh =v ss or v dd -10 10 a i cc &i dd i ee dynamic supply current note 1 v cc & dd = 5v & 3.3v v dd =1.8v 35 135 ma 5.1 ac characteristics and timing table 7. system memory interface timing parameter parameter description min max units t d smd smclk to smd[31:0] output delay 7 ns t d sma smclk to sma[11:0] output delay 4.7 ns t d smdqm smclk to smdqm[3:0] output delay 5.1 ns t d smncs smclk to smncs[1:0] output delay 4.1 ns t d smnwe smclk to smnwe output delay 4.5 ns t d smcke smclk to smcke output delay 4.3 ns t d smncas smclk to smncas output delay 4.0 ns t d smnras smclk to smnras output delay 5.0 ns t per smclk smclk period 72 103 ns t su smd smd[31:0] setup to smclk 1.0 ns t h smd smd[31:0] hold from smclk 2.4 ns notes: 1. outputs are loaded with 35pf on smd, 25pf on sma, smdqm, smnras, and smncas and 20pf on smclk, smncs, and smcke. 2. an attempt has been made to balance the setup time needed by the sdram and the setup needed by CS22210 to read data. if there is a problem meeting setup on the sdram, there is a programmable delay line on smclk which can help meet the setup time. care must be taken, however, not to violate the setup on the return read data. the delay can be increased by a multiple of 0.25ns by using the sma[11:09] pins to selectively set the clock delay .
CS22210 pci/usb wireless controller 26 of 31 d556pp2 rev. 3.0 www.cirrus.com smclk smd[15:0] sma[13:0] smdqm[1:0] smncs[1:0] smnwe smcke smnras smncas write data write data row addr column addr row addr t d smcke t d smnras t d smncas t d smnwe t d sma t d smd t d smdqm t d smncs figure 5. system memory interface ?write? timing diagram smclk smd[15:0] sma[13:0] smdqm[1:0] smncs[1:0] smnwe smcke smnras smncas data data row addr column addr row addr active active t per smclk t d smcke t d smnras t d smncas t d sma t d smncs t su smd t h smd figure 6. system memory interface 'read' timing diagram
CS22210 pci/usb wireless controller 27 of 31 d556pp2 rev. 3.0 www.cirrus.com table 8. rom/flash memory read timing item symbol min max clock period (1) t per smclk 72 mhz 103 mhz ce to smd latched data (2) t id smd 221 ns oe de-asserted to oe asserted (3) t f smras 6(t per smclk ) rom address to output delay (4) t acc 220 ns smclk to sma output delay t d sma 4.0 ns smclk to brce output delay (ce) t d brce 4.5 ns smclk to smras output delay (oe) t d smras 5.0 ns smd setup to smclk t su smd 1.0 ns smd hold from smclk t h smd 2.4 ns notes: 1. the memclock timing is derived by bootstrap pll settings. synchronous modes at 77 mhz & 72 mhz are currently supported. 2. t id smd is based on the fm_romrdlat register settings ? default is 09h max. (77mhz ~ 17 times smclk = 221ns). 3. t f smras is the minimum time required before the next oe is active on the bus (6 times smclk). the rom device must release the bus within this time frame (77mhz ~ 78 ns). 4. based on default fm_romrdlat register settings (note: 09h translates to 11h) see fm_romrdlat register settings for more information). smclk smd[7:0] sma[11:0], smd[13:8] smnwe brce (ce) smras (oe) data address t per smclk t d t d smras t d t ld smd t d brce t d smras brce t acc sma t su smd t h smd t f smras figure 7. rom memory interface 'read' timing diagram
CS22210 pci/usb wireless controller 28 of 31 d556pp2 rev. 3.0 www.cirrus.com table 9. pci interface timings parameter parameter description min max units t d ad pclk to adx[31:0] output delay 10.93 ns t d ncbe pclk to ncbex[3:0] output delay 10.93 ns t d nframex pclk to nframex output delay 10.93 ns t d ndevselx pclk to ndevselx output delay 10.92 ns t d nirdyx pclk to nirdyx output delay 10.92 ns t d ntrdyx pclk to ntrdyx output delay 10.92 ns t d nstopx pclk to nstopx output delay 10.92 ns t d parx pclk to nparx output delay 10.92 ns t d nperrx pclk to nperrx output delay 10.93 ns t d nserr pclk to nserr output delay 10.93 ns t su all all inputs setup to pclk 5 ns t h all all inputs hold from pclk 1.1 ns notes: all outputs are loaded with 50pf. table 10. usb interface timings parameter description min max units usbvpx differential data positive 4 20 ns usbvpm differential data negative 4 20 ns
CS22210 pci/usb wireless controller 29 of 31 d556pp2 rev. 3.0 www.cirrus.com table 11. radio mac ac timings ? intersil modes parameter parameter description min max units t d bbas bbas output delay from falling bbsclk 8.2 ns t d bbrnw bbrnw output delay from falling bbsclk 8.0 ns t d nbbcs nbbcs output delay from falling bbsclk 59.0 ns t d bbsdx bbsdx output delay from falling bbsclk 7.0 ns t su bbsdx bbsdx setup to rising edge of bbsclk 14.8 ns t h bbsdx bbsdx hold from rising edge of bbsclk 0.0 ns t d txd txd output delay from rising txclk (smac mode) 33.5 ns t d txd txd output delay from rising txclk (rmac mode) 15.4 ns t su rxd rxdsetuptorisingedgeofrxclk 1.0 ns t h rxd rxd hold from rising edge of rxclk 1.8 ns t su mdrdy mdrdy setup to falling edge of rxclk 2 ns t h mdrdy mdrdy hold from falling edge of rxclk 1 ns t d txpebb txpebb output delay from rising txclk 15.0 ns t d rxpebb rxpebb output delay from rising rxclk 16.0 ns t su txrdy txrdy setup to falling edge of txclk 6.5 ns t h txrdy txrdy hold from falling edge of txclk 0 ns t duty rxclk 2 rxclk period see note ns t duty txclk 2 txclk period see note ns notes: 1. cca signal is double synchronized to armclkin. 2. armclk must be at least 4 times the txclk and rxclk frequency. 3. harris baseband (3824/3824a) generates rxclk and txclk of 4 mhz. the duty cycle varies between 33-40% with a high time of 90.9ns and low time that alternates between 136 and 182ns. the clock period varies between 227 and 272 ns, giving an effective period of 250ns. 4. txd delay in 802.11b mode is the result of sampling the txclk with the ctlclk, therefore the maximum delay is equal to two ctlclk periods plus the flop-to-output delay. in this table, ctlclk is assumed to have a 13 ns period. 5. bbncs output delay = [(1/armclk freq)*ceiling(ser_clk_div/2)] + 7ns, the specified value is based on armclk of 77 mhz and ser_clk_div=8.
CS22210 pci/usb wireless controller 30 of 31 d556pp2 rev. 3.0 www.cirrus.com table 12. radio mac ac timings ? rfmd modes parameter parameter description min max units t d bbrnw bbrnw output delay from falling bbsclk 6.7 ns t d nbbcs nbbcs output delay from falling bbsclk 110.79 ns t d bbsdx bbsdx output delay from falling bbsclk 7.0 ns t su bbsdx bbsdx setup to rising edge of bbsclk 14.5 ns t h bbsdx bbsdx hold from rising edge of bbsclk 0.0 ns t d txd txd output delay from rising txclk (smac mode) 33.5 ns t d txd txd output delay from rising txclk (rmac mode) 15.4 ns t su rxd rxdsetuptorisingedgeofrxclk 1.0 ns t h rxd rxd hold from rising edge of rxclk 1.8 ns t su mdrdy mdrdy setup to falling edge of rxclk 2 ns t h mdrdy mdrdy hold from falling edge of rxclk 1 ns t d txpebb txpebb output delay from rising txclk 15.0 ns t d rxpebb rxpebb output delay from rising rxclk 16.0 ns t su txrdy txrdy setup to falling edge of txclk 6.5 ns t h txrdy txrdy hold from falling edge of txclk 0 ns notes: 1. signal is double synchronized to armclkin. 2. armclk must be at least 4 times the txclk and rxclk frequency. 3. txd delay in 802.11b mode is the result of sampling the txclk with the ctlclk, therefore the maximum delay is equal to two ctlclk periods plus the flop-to-output delay. in this table, ctlclk is assumed to have a 13 ns period. 4. bbncs output delay = [(1/armclk freq)*ceiling(ser_clk_div/2)] + 7ns, the specified value is based on armclk of 77 mhz and ser_clk_div=8. 5.2 table 13. package specifications symbol parameter value units jc junction-to-case thermal resistance 5 c/w ja junction-to-open air thermal resistance 29.4 c/w p max max power dissipation 1.0 w t j_max max junction temperature 105 c notes: 1. armclk / memclk = 77mhz
CS22210 pci/usb wireless controller 31 of 31 d556pp2 rev. 3.0 www.cirrus.com 6 packaging the CS22210 controller is available in a 208 mqfp package. figure 8 contains the package mechanical drawing. figure 8. CS22210 208 mqfp-pin mechanical drawing


▲Up To Search▲   

 
Price & Availability of CS22210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X