Part Number Hot Search : 
SP706RCN 5225B D21P544 AM4922N 2STR2160 TPS180 1N4739 SMBJ58
Product Description
Full Text Search
 

To Download CNY17F-4SMTAMPR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  26/11/08 db92179 option g 7.62 0.26 0.5 1 34 6 dimensions in mm surface mount option sm 10.16 7.0 6.0 1.2 7.62 3.0 13 max 3.35 4.0 3.0 2.54 0.26 7.62 6.62 25 absolute maximum ratings (25c unless otherwise specified) storage temperature -55c to + 150c operating temperature -55c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 60ma reverse voltage 6v power dissipation 105mw output transistor collector-emitter voltage bv ceo 70v emitter-collector voltage bv eco 6v collector current 50ma power dissipation 160mw power dissipation total power dissipation 200mw (derate linearly 2.67mw/ c above 25c) non-base lead optically coupled isolator phototransistor output 0.5 approvals z ul recognised, file no. e91231 package code gg 'x' specification approvals z z z z z vde 0884 in 3 available lead forms : - - std - g form - smd approved to cecc 00802 z certified to en60950 by nemko - certificate no. p01102464 description the cny17f-1, cny17f-2, cny17f-3, cny17f-4 series of optically coupled isolators consist of infrared light emitting diode and npn silicon photo transistor in a standard 6 pin dual in line plastic package with the base pin unconnected. features z options :- 10mm lead spread - add g after part no. surface mount - add sm after part no. tape&reel - add smt&r after part no. z high bv ceo (70v min) z high isolation voltage (5.3kv rms ,7.5kv pk ) z base pin unconnected for improved noise immunity in high emi environment applications z dc motor controllers z industrial systems controllers z signal transmission between systems of different potentials and impedances cny17f-1x, cny17f-2x, cny17f-3x, cny17f-4x cny17f-1, cny17f-2, cny17f-3, cny17f-4 10.46 9.86 0.6 0.1 1.25 0.75 isocom components ltd unit 25b, park view road west, park view industrial estate, brenda road hartlepool, ts25 1ud england tel: (01429)863609 fax : (01429) 863581 e-mail sales@isocom.co.uk http://www.isocom.com
db92179 parameter min typ max units test condition input forward voltage (v f ) 1.2 1.65 v i f = 60ma reverse current (i r )10 av r = 6v output collector-emitter breakdown (bv ceo )70 v i c = 1ma ( note 2 ) emitter-collector breakdown (bv eco ) 6 v i e = 100 a collector-emitter dark current (i ceo )50nav ce = 10v coupled current transfer ratio (ctr) (note 2) cny17f-1 40 80 % 10ma i f , 5v v ce cny17f-2 63 125 % 10ma i f , 5v v ce cny17f-3 100 200 % 10ma i f , 5v v ce cny17f-4 160 320 % 10ma i f , 5v v ce collector-emitter saturation voltagev ce(sat) 0.4 v 10ma i f , 2.5ma i c input to output isolation voltage v iso 5300 v rms see note 1 7500 v pk see note 1 input-output isolation resistance r iso 5x10 10 v io = 500v (note 1) note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory. 26/11/08 electrical characteristics ( t a = 25c unless otherwise noted ) typical switching characteristics 1. linear operation ( without saturation) fig 1. i f = 10ma, v cc = 5v, r l = 75 t on t r t off t f f co units 2. switching operation (with saturation) fig 2 v cc = 5v, r l = 1k 4.2 3.0 23 14 6.0 4.6 25 15 s s s s v units < 0.4 group v cc = 5.0v v cc = 5.0v r l = 75 r l = 1k output output fig 2 fig 1 t on t off 10% 90% 90% turn-on time rise time turn-off time fall time cut-off frequency s s s s khz turn-on time rise time turn-off time fall time t on t r t off t f v cesat -2 and -3 (i f =10ma) - 4 (i f =5ma) t r t f input output 10% -1 (i f =20ma) 3.0 2.0 18 11 3.0 2.0 2.3 2.0 250
db92179 26/11/08 50 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 30 20 10 0 40 50 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature -30 0 25 50 75 100 100 0 0.5 1.0 1.5 i f = 10ma v ce = 5v forward current i f (ma) 0 80 120 160 200 240 40 280 320 forward current i f (ma) current transfer ratio vs. forward current relative current transfer ratio vs. ambient temperature relative current transfer ratio current transfer ratio ctr (%) v ce = 5v t a = 25c 70 80 1 2 5 10 20 50 collector current vs. collector-emitter voltage ( normalised to cny17f-3 ) collector-emitter voltage v ce ( v ) collector current i c (ma) 0 2 4 6 8 10 0 10 20 30 40 50 t a = 25c 10 15 20 30 50 -30 0 25 50 75 100 125 cny17f-3 cny17f-4 cny17f-2 cny17f-1 -30 0 25 50 75 100 ambient temperature t a ( c ) collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 0 0.04 0.08 0.12 0.16 0.20 0.24 0.28 i f = 10ma i c = 2.5ma ambient temperature t a ( c ) i f = 5ma


▲Up To Search▲   

 
Price & Availability of CNY17F-4SMTAMPR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X