Part Number Hot Search : 
H74C1 MC707LP 76877530 SD101 L9825 9L28025 486DX M948AP
Product Description
Full Text Search
 

To Download C2F-A393K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/2 c2f radial type choke coils dimensions (mm): * l 330 h ( ul tube used ), l 390 h ( pvc tube used ) * length of the terminal pins does not include solder tips. *pin pitch to be measured from the root of the terminal. electrical characteristics toko part no. inductance (h) te st freq. qu min. te st freq. dcr ( ? ? ? ? ) max. dci (a) max. srf (mhz) min. c2f-a2r2m 2.2 20% 100 khz 15 7.96 mhz 0.0095 6.8 84 c2f-a2r7m 2.7 20% 100 khz 15 7.96 mhz 0.0107 6.7 70 c2f-a3r3m 3.3 20% 100 khz 15 7.96 mhz 0.0122 5.8 58 c2f-a3r9m 3.9 20% 100 khz 15 7.96 mhz 0.0140 5.4 45 c2f-a4r7m 4.7 20% 100 khz 15 7.96 mhz 0.0155 5.1 35 c2f-a5r6m 5.6 20% 100 khz 15 7.96 mhz 0.0172 4.7 28 c2f-a6r8m 6.8 20% 100 khz 15 7.96 mhz 0.0185 4.3 21 c2f-a8r2m 8.2 20% 100 khz 15 7.96 mhz 0.0235 4.0 20 c2f-a100k 10 10% 1 khz 65 2.52 mhz 0.027 3.6 14 c2f-a120k 12 10% 1 khz 60 2.52 mhz 0.0315 3.1 12 c2f-a150k 15 10% 1 khz 60 2.52 mhz 0.036 2.8 11 c2f-a180k 18 10% 1 khz 60 2.52 mhz 0.0405 2.6 10 c2f-a220k 22 10% 1 khz 50 2.52 mhz 0.045 2.5 9.8 c2f-a270k 27 10% 1 khz 50 2.52 mhz 0.061 2.2 8.4 c2f-a330k 33 10% 1 khz 45 2.52 mhz 0.070 2.0 7.7 c2f-a390k 39 10% 1 khz 45 2.52 mhz 0.075 1.8 7.0 c2f-a470k 47 10% 1 khz 40 2.52 mhz 0.0865 1.7 6.0 c2f-a560k 56 10% 1 khz 40 2.52 mhz 0.12 1.5 5.6 c2f-a680k 68 10% 1 khz 35 2.52 mhz 0.13 1.4 5.0 c2f-a820k 82 10% 1 khz 35 2.52 mhz 0.15 1.2 4.3 c2f-a101k 100 10% 1 khz 35 796 khz 0.18 1.1 4.0 c2f-a121k 120 10% 1 khz 25 796 khz 0.20 1.0 3.6 c2f-a151k 150 10% 1 khz 25 796 khz 0.26 0.96 3.3 c2f-a181k 180 10% 1 khz 20 796 khz 0.30 0.88 3.1 c2f-a221k 220 10% 1 khz 20 796 khz 0.41 0.78 2.6 c2f-a271k 270 10% 1 khz 20 796 khz 0.46 0.72 2.4 c2f-a331k 330 10% 1 khz 15 796 khz 0.53 0.66 2.3 c2f-a391k 390 10% 1 khz 15 796 khz 0.63 0.62 2.2 c2f-a471k 470 10% 1 khz 15 796 khz 0.71 0.56 2.0 c2f-a561k 560 10% 1 khz 15 796 khz 0.88 0.50 1.8 5.0 0.5 * tube 9.0 max. 12 max. 10 min. 15 min. 0.6 0.1
2/2 toko part no. inductance (h) te st freq. qu min. te st freq. dcr ( ? ? ? ? ) max. dci (a) max. srf (mhz) ref. c2f-a681k 680 10% 1 khz 15 796 khz 1.1 0.46 1.5 c2f-a821k 820 10% 1 khz 15 796 khz 1.2 0.42 1.4 c2f-a102k 1000 10% 1 khz 25 252 khz 1.5 0.38 1.3 c2f-a122k 1200 10% 1 khz 30 252 khz 1.9 0.34 1.2 c2f-a152k 1500 10% 1 khz 30 252 khz 2.2 0.32 1.0 c2f-a182k 1800 10% 1 khz 30 252 khz 2.7 0.28 0.98 c2f-a222k 2200 10% 1 khz 30 252 khz 3.4 0.26 0.84 c2f-a272k 2700 10% 1 khz 45 252 khz 4.3 0.22 0.77 c2f-a332k 3300 10% 1 khz 45 252 khz 5.0 0.21 0.70 c2f-a392k 3900 10% 1 khz 45 252 khz 6.0 0.19 0.67 c2f-a472k 4700 10% 1 khz 45 252 khz 7.2 0.17 0.52 c2f-a562k 5600 10% 1 khz 45 252 khz 8.2 0.15 0.49 c2f-a682k 6800 10% 1 khz 45 252 khz 10 0.14 0.45 c2f-a822k 8200 10% 1 khz 45 252 khz 13 0.13 0.42 c2f-a103k 10000 10% 1 khz 90 79.6 khz 15 0.11 0.38 c2f-a123k 12000 10% 1 khz 90 79.6 khz 18 0.10 0.35 c2f-a153k 15000 10% 1 khz 90 79.6 khz 25 0.090 0.30 c2f-a183k 18000 10% 1 khz 90 79.6 khz 30 0.080 0.26 c2f-a223k 22000 10% 1 khz 90 79.6 khz 35 0.070 0.25 c2f-a273k 27000 10% 1 khz 90 79.6 khz 47 0.065 0.23 c2f-a333k 33000 10% 1 khz 90 79.6 khz 54 0.060 0.21 C2F-A393K 39000 10% 1 khz 65 79.6 khz 71 0.055 0.18 c2f-a473k 47000 10% 1 khz 65 79.6 khz 81 0.050 0.16 c2f-a563k 56000 10% 1 khz 65 79.6 khz 92 0.045 0.15 c2f-a683k 68000 10% 1 khz 50 79.6 khz 125 0.040 0.13 c2f-a823k 82000 10% 1 khz 50 79.6 khz 142 0.035 0.12 c2f-a104k 100000 10% 1 khz 50 79.6 khz 192 0.030 0.11  testing instrument inductance: hp4284 or equivalent. q: hp4285a or equivalent. d.c.r: keithley 580 micro ohm meter or equivalent. s.r.f.: hp4395a or equivalent. rated current: hp4284a, hp42841a, hpe3632a, hp34401a or equivalent. -idc 1: the current when the inductance decreases to 90% of initial value. (ta=25c) -idc 2: the current when the temperature of inductor increases by 40c. (ta=25c) the rated current indicates the smaller one between idc 1 & idc 2. * test conditions of inductance: 2.2h ~ 8.2h at 100khz / 1v 10h ~ 100000h at 1khz / 1v * test conditions of unloaded q: 2.2h ~ 8.2h at 7.96mhz / 1v 10h ~ 82h at 2.52mhz / 1v 100h ~ 820h at 796khz / 1v 1000h ~ 8200h at 252khz / 1v 10000h ~ 100000h at 79.6khz / 1v 45 hoi yuen road, yau lee centre, 7/f., kwun tong, kowloon, hong kong. tel: +852-2342 8131 fax: +852-2341 9570 hk coil division toko inc.


▲Up To Search▲   

 
Price & Availability of C2F-A393K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X