Part Number Hot Search : 
74ALVC74 F2015 FX202QAK SI7633DP SMFJ30A D2424 MC145143 BFR520T
Product Description
Full Text Search
 

To Download B43828F2474M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors single-ended capacitors series/type: b41828, b43828 date: december 2010 ? epcos ag 2011. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
general-purpose grade capacitors applications general-purpose applications semi-professional to professional application range for filtering, coupling and pulse circuits features miniaturized dimensions rohs-compatible useful life of 2000 h at 105 c construction radial leads charge-discharge proof, polar aluminum case with insulating sleeve minus pole marking on the insulating sleeve case with safety vent from diameter 8 mm delivery mode bulk taped, ammo pack cut (see chapter "single-ended  taping, packing and lead configurations, cut leads (chapter a)") kinked (see chapter "single-ended  taping, packing and lead configurations, kinked leads (chapter a)") refer to chapter "single-ended capacitors  taping, packing and lead configurations" for further details. single-ended capacitors b41828, b43828 standard series  105 c page 2 of 39 please read cautions and warnings and important notes at the end of this document.
specifications and characteristics in brief series b41828 b43828 rated voltage v r 6.3 ... 100 v dc 160 ... 450 v dc surge voltage v s v r 250 v dc: 1.15  v r (at room temperature) v r > 250 v dc: 1.1  v r (at room temperature) rated capacitance c r 0.47 ... 15000 f 0.47 ... 220 f capacitance tolerance 20%  m 20%  m dissipation factor (max.) (20 c, 120 hz) for capacitance higher than 1000 f add 0.02 for every increase of 1000 f. v r (v dc) 6.3 10 16 25 35 50 63 100 160 ... 250 315 ... 450 tan d 0.24 0.20 0.16 0.14 0.12 0.10 0.09 0.08 0.12 0.15 leakage current i leak (20 c, after 5 minutes) or 3 a, whichever is greater useful life 105 c; v r ; i ac,r > 2000 h requirements d c/c 20% of initial value tan d 2 times initial specified value i leak initial specified limit shelf life after storage for 1000 h at 105 c, the capacitors shall meet the requirement of load life test after reforming process. after test: v r to be applied for 30 minutes, 24 to 48 hours before measurement. vibration resistance test to iec 60068-2-6, test fc: frequency range 10 ... 55 hz, displacement amplitude 0.75 mm, acceleration max. 10 g, duration 3 0.5 h. if can size d <16 mm, capacitor is mounted by the leads if can size d 3 16 mm, capacitor rigidly clamped by the aluminum case iec climatic category to iec 60068-1: v r 200 v dc: 40/105/56 (  40 c/+105 c/56 days damp heat test) v r 3 250 v dc: 25/105/56 (  25 c/+105 c/56 days damp heat test) b41828, b43828 standard series  105 c page 3 of 39 please read cautions and warnings and important notes at the end of this document.
dimensional drawing safety vent for diameter 3 8 mm. case dimensions d l mm d max l max mm a mm b mm 5 11 5.5 12.5 2.0 0.5 0.50 0.1 6.3 11 6.8 12.5 2.5 0.5 0.50 0.1 8 11.5 8.5 13.0 3.5 0.5 0.60 0.1 10 12.5 11.0 14.0 5.0 0.5 0.60 0.1 10 16 11.0 17.5 5.0 0.5 0.60 0.1 10 20 11.0 22.0 5.0 0.5 0.60 0.1 12.5 20 13.5 22.0 5.0 0.5 0.60 0.1 12.5 25 13.5 27.0 5.0 0.5 0.60 0.1 16 25 17.0 27.0 7.5 0.5 0.80 0.1 16 31.5 17.0 33.5 7.5 0.5 0.80 0.1 16 35.5 17.0 37.5 7.5 0.5 0.80 0.1 18 35.5 19.0 37.5 7.5 0.5 0.80 0.1 b41828, b43828 standard series  105 c page 4 of 39 please read cautions and warnings and important notes at the end of this document.
overview of available types  b41828 v r (v dc) 6.3 10 16 25 case dimensions d l (mm) c r ( m f) 10 5 11 5 11 20 5 11 33 5 11 47 5 11 5 11 5 11 5 11 100 5 11 5 11 6.3 11 6.3 11 220 6.3 11 6.3 11 8 11.5 8 11.5 330 6.3 11 8 11.5 8 11.5 10 12.5 470 8 11.5 8 11.5 8 11.5 10 16 1000 10 12.5 10 16 10 20 10 20 2200 12.5 20 12.5 20 12.5 20 16 25 3300 12.5 20 12.5 25 16 25 16 31.5 4700 16 25 16 25 16 31.5 18 35.5 10000 16 31.5 18 35.5 15000 18 35.5 b41828 standard series  105 c page 5 of 39 please read cautions and warnings and important notes at the end of this document.
v r (v dc) 35 50 63 100 case dimensions d l (mm) c r ( m f) 0.47 5 11 1.0 5 11 5 11 2.2 5 11 3.3 5 11 4.7 5 11 5 11 10 5 11 5 11 5 11 6.3 11 22 5 11 5 11 6.3 11 8 11.5 33 5 11 6.3 11 6.3 11 10 12.5 47 6.3 11 6.3 11 8 11.5 10 16 100 6.3 11 8 11.5 10 12.5 12.5 20 220 10 12.5 10 16 12.5 20 16 25 330 10 16 10 20 12.5 20 16 25 470 10 20 12.5 20 12.5 25 16 31.5 1000 12.5 25 16 25 16 31.5 2200 16 31.5 18 35.5 3300 18 35.5 b41828 standard series  105 c page 6 of 39 please read cautions and warnings and important notes at the end of this document.
overview of available types  b43828 v r (v dc) 160 200 250 350 400 450 case dimensions d l (mm) c r ( m f) 0.47 5 11 6.3 11 1.0 5 11 6.3 11 6.3 11 6.3 11 8 11.5 8 11.5 1.5 10 12.5 2.2 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 12.5 3.3 8 11.5 8 11.5 10 12.5 10 12.5 10 16 10 16 4.7 8 11.5 10 12.5 10 12.5 10 16 10 20 10 20 6.8 12.5 20 10 10 12.5 10 16 10 20 12.5 20 12.5 20 12.5 20 15 12.5 25 22 10 16 10 20 12.5 25 16 25 16 25 16 25 33 12.5 20 12.5 25 12.5 25 16 25 16 31.5 16 31.5 47 12.5 25 12.5 25 16 25 16 35.5 18 35.5 16 35.5 18 35.5 68 18 35.5 100 16 25 16 31.5 18 35.5 220 18 35.5 18 40 b43828 standard series  105 c page 7 of 39 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b41828 c r 120 hz, 20 c m f case dimensions d l mm i ac,r 120 hz, 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk 002 = for cut leads, bulk 016 = for taped leads, ammo pack, lead spacing f = 2.0 mm (for ? 5 mm) 007 = for taped leads, ammo pack, lead spacing f = 2.5 mm (for ? 5 ... 6.3 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for ? 5 ... 12.5 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm, excluding d l = 16 35.5 mm) v r = 6.3 v dc 47 5 11 66 b41828a2476m*** 100 5 11 97 b41828a2107m*** 220 6.3 11 162 b41828a2227m*** 330 6.3 11 198 b41828a2337m*** 470 8 11.5 259 b41828a2477m*** 1000 10 12.5 454 b41828a2108m*** 2200 12.5 20 793 b41828a2228m*** 3300 12.5 20 939 b41828a2338m*** 4700 16 25 1378 b41828a2478m*** 10000 16 31.5 1852 b41828a2109m*** 15000 18 35.5 2131 b41828a2159m*** v r = 10 v dc 47 5 11 68 b41828a3476m*** 100 5 11 106 b41828a3107m*** 220 6.3 11 177 b41828a3227m*** 330 8 11.5 236 b41828a3337m*** 470 8 11.5 281 b41828a3477m*** 1000 10 16 520 b41828a3108m*** 2200 12.5 20 849 b41828a3228m*** 3300 12.5 25 1118 b41828a3338m*** 4700 16 25 1425 b41828a3478m*** 10000 18 35.5 2004 b41828a3109m*** b41828 standard series  105 c page 8 of 39 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b41828 c r 120 hz, 20 c m f case dimensions d l mm i ac,r 120 hz, 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk 002 = for cut leads, bulk 016 = for taped leads, ammo pack, lead spacing f = 2.0 mm (for ? 5 mm) 007 = for taped leads, ammo pack, lead spacing f = 2.5 mm (for ? 5 ... 6.3 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for ? 5 ... 12.5 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm, excluding d l = 16 35.5 mm) v r = 16 v dc 10 5 11 35 b41828a4106m*** 20 5 11 55 b41828a4226m*** 33 5 11 66 b41828a4336m*** 47 5 11 80 b41828a4476m*** 100 6.3 11 129 b41828a4107m*** 220 8 11.5 214 b41828a4227m*** 330 8 11.5 266 b41828a4337m*** 470 8 11.5 314 b41828a4477m*** 1000 10 20 626 b41828a4108m*** 2200 12.5 20 1028 b41828a4228m*** 3300 16 25 1323 b41828a4338m*** 4700 16 31.5 1661 b41828a4478m*** v r = 25 v dc 10 5 11 37 b41828a5106m*** 47 5 11 85 b41828a5476m*** 100 6.3 11 143 b41828a5107m*** 220 8 11.5 245 b41828a5227m*** 330 10 12.5 319 b41828a5337m*** 470 10 16 429 b41828a5477m*** 1000 10 20 680 b41828a5108m*** 2200 16 25 1233 b41828a5228m*** 3300 16 31.5 1571 b41828a5338m*** 4700 18 35.5 1925 b41828a5478m*** b41828 standard series  105 c page 9 of 39 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b41828 c r 120 hz, 20 c m f case dimensions d l mm i ac,r 120 hz, 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk 002 = for cut leads, bulk 016 = for taped leads, ammo pack, lead spacing f = 2.0 mm (for ? 5 mm) 007 = for taped leads, ammo pack, lead spacing f = 2.5 mm (for ? 5 ... 6.3 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for ? 5 ... 12.5 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm, excluding d l = 16 35.5 mm) v r = 35 v dc 4.7 5 11 28 b41828a7475m*** 10 5 11 42 b41828a7106m*** 22 5 11 62 b41828a7226m*** 33 5 11 76 b41828a7336m*** 47 6.3 11 104 b41828a7476m*** 100 6.3 11 169 b41828a7107m*** 220 10 12.5 278 b41828a7227m*** 330 10 16 395 b41828a7337m*** 470 10 20 514 b41828a7477m*** 1000 12.5 25 905 b41828a7108m*** 2200 16 31.5 1403 b41828a7228m*** 3300 18 35.5 1707 b41828a7338m*** v r = 50 v dc 1.0 5 11 14 b41828a6105m*** 10 5 11 48 b41828a6106m*** 22 5 11 70 b41828a6226m*** 33 6.3 11 101 b41828a6336m*** 47 6.3 11 118 b41828a6476m*** 100 8 11.5 193 b41828a6107m*** 220 10 16 369 b41828a6227m*** 330 10 20 458 b41828a6337m*** 470 12.5 20 535 b41828a6477m*** 1000 16 25 1085 b41828a6108m*** 2200 18 35.5 1559 b41828a6228m*** b41828 standard series  105 c page 10 of 39 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b41828 c r 120 hz, 20 c m f case dimensions d l mm i ac,r 120 hz, 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk 002 = for cut leads, bulk 016 = for taped leads, ammo pack, lead spacing f = 2.0 mm (for ? 5 mm) 007 = for taped leads, ammo pack, lead spacing f = 2.5 mm (for ? 5 ... 6.3 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for ? 5 ... 12.5 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm, excluding d l = 16 35.5 mm) v r = 63 v dc 10 5 11 50 b41828a8106m*** 22 6.3 11 79 b41828a8226m*** 33 6.3 11 103 b41828a8336m*** 47 8 11.5 135 b41828a8476m*** 100 10 12.5 217 b41828a8107m*** 220 12.5 20 374 b41828a8227m*** 330 12.5 20 570 b41828a8337m*** 470 12.5 25 715 b41828a8477m*** 1000 16 31.5 1043 b41828a8108m*** v r = 100 v dc 0.47 5 11 11 b41828a9474m*** 1.0 5 11 17 b41828a9105m*** 2.2 5 11 25 b41828a9225m*** 3.3 5 11 31 b41828a9335m*** 4.7 5 11 37 b41828a9475m*** 10 6.3 11 55 b41828a9106m*** 22 8 11.5 104 b41828a9226m*** 33 10 12.5 145 b41828a9336m*** 47 10 16 186 b41828a9476m*** 100 12.5 20 296 b41828a9107m*** 220 16 25 497 b41828a9227m*** 330 16 25 609 b41828a9337m*** 470 16 31.5 802 b41828a9477m*** b41828 standard series  105 c page 11 of 39 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b43828 c r 120 hz, 20 c m f case dimensions d l mm i ac,r 120 hz, 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk 002 = for cut leads, bulk 016 = for taped leads, ammo pack, lead spacing f = 2.0 mm (for ? 5 mm) 007 = for taped leads, ammo pack, lead spacing f = 2.5 mm (for ? 5 ... 6.3 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for ? 5 ... 12.5 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm, excluding d l = 16 35.5 mm) v r = 160 v dc 0.47 5 11 12 b43828a1474m*** 1.0 5 11 18 b43828a1105m*** 2.2 6.3 11 26 b43828a1225m*** 3.3 8 11.5 33 b43828a1335m*** 4.7 8 11.5 38 b43828a1475m*** 10 10 12.5 56 b43828a1106m*** 22 10 16 111 b43828a1226m*** 33 12.5 20 162 b43828a1336m*** 47 12.5 25 218 b43828a1476m*** 100 16 25 322 b43828a1107m*** 220 18 35.5 604 b43828a1227m*** v r = 200 v dc 1.0 6.3 11 18 b43828a2105m*** 2.2 6.3 11 26 b43828a2225m*** 3.3 8 11.5 33 b43828a2335m*** 4.7 10 12.5 43 b43828a2475m*** 10 10 16 73 b43828a2106m*** 22 10 20 122 b43828a2226m*** 33 12.5 25 178 b43828a2336m*** 47 12.5 25 218 b43828a2476m*** 100 16 31.5 376 b43828a2107m*** 220 18 40 610 b43828a2227m*** b43828 standard series  105 c page 12 of 39 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b43828 c r 120 hz, 20 c m f case dimensions d l mm i ac,r 120 hz, 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk 002 = for cut leads, bulk 016 = for taped leads, ammo pack, lead spacing f = 2.0 mm (for ? 5 mm) 007 = for taped leads, ammo pack, lead spacing f = 2.5 mm (for ? 5 ... 6.3 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for ? 5 ... 12.5 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm, excluding d l = 16 35.5 mm) v r = 250 v dc 0.47 6.3 11 12 B43828F2474M*** 1.0 6.3 11 18 b43828f2105m*** 2.2 8 11.5 29 b43828f2225m*** 3.3 10 12.5 36 b43828f2335m*** 4.7 10 12.5 43 b43828f2475m*** 10 10 20 82 b43828f2106m*** 22 12.5 25 132 b43828f2226m*** 33 12.5 25 178 b43828f2336m*** 47 16 25 237 b43828f2476m*** 100 18 35.5 410 b43828f2107m*** v r = 350 v dc 1.0 6.3 11 18 b43828a4105m*** 2.2 8 11.5 29 b43828a4225m*** 3.3 10 12.5 36 b43828a4335m*** 4.7 10 16 50 b43828a4475m*** 10 12.5 20 89 b43828a4106m*** 22 16 25 149 b43828a4226m*** 33 16 25 196 b43828a4336m*** 47 16 35.5 272 b43828a4476m*** b43828 standard series  105 c page 13 of 39 please read cautions and warnings and important notes at the end of this document.
technical data and ordering codes  b43828 c r 120 hz, 20 c m f case dimensions d l mm i ac,r 120 hz, 105 c ma ordering code (composition see below) composition of ordering code *** = version 000 = for standard leads, bulk 001 = for kinked leads, bulk 002 = for cut leads, bulk 016 = for taped leads, ammo pack, lead spacing f = 2.0 mm (for ? 5 mm) 007 = for taped leads, ammo pack, lead spacing f = 2.5 mm (for ? 5 ... 6.3 mm) 006 = for taped leads, ammo pack, lead spacing f = 3.5 mm (for ? 8 mm) 008 = for taped leads, ammo pack, lead spacing f = 5.0 mm (for ? 5 ... 12.5 mm) 009 = for taped leads, ammo pack, lead spacing f = 7.5 mm (for ? 16 mm, excluding d l = 16 35.5 mm) v r = 400 v dc 1.0 8 11.5 18 b43828a9105m*** 2.2 10 12.5 32 b43828a9225m*** 3.3 10 16 42 b43828a9335m*** 4.7 10 20 55 b43828a9475m*** 10 12.5 20 89 b43828a9106m*** 22 16 25 149 b43828a9226m*** 33 16 31.5 217 b43828a9336m*** 47 18 35.5 289 b43828a9476m*** v r = 450 v dc 1.0 8 11.5 18 b43828a5105m*** 1.5 10 12.5 26 b43828a5155m*** 2.2 10 12.5 32 b43828a5225m*** 3.3 10 16 42 b43828a5335m*** 4.7 10 20 55 b43828a5475m*** 6.8 12.5 20 73 b43828a5685m*** 10 12.5 20 89 b43828a5106m*** 15 12.5 25 120 b43828a5156m*** 22 16 25 149 b43828a5226m*** 33 16 31.5 217 b43828a5336m*** 47 16 35.5 273 b43828b5476m*** 47 18 35.5 289 b43828a5476m*** 68 18 35.5 351 b43828a5686m*** b43828 standard series  105 c page 14 of 39 please read cautions and warnings and important notes at the end of this document.
1) refer to chapter "general technical information, 5.3 calculation of useful life" for an explanation on how to interpret the useful life graphs. useful life depending on ambient temperature t a under ripple current operating conditions 1) b41828 useful life depending on ambient temperature t a under ripple current operating conditions 1) b43828 b41828, b43828 standard series  105 c page 15 of 39 please read cautions and warnings and important notes at the end of this document.
frequency factor of permissible ripple current i ac versus frequency f b41828, b43828 standard series  105 c page 16 of 39 please read cautions and warnings and important notes at the end of this document.
taping, packing and lead configurations taping single-ended capacitors are available taped in ammo pack from diameter 4 to 18 mm as follows: lead spacing f = 2.0 mm ( ? d = 4 ? 5 mm) lead spacing f = 2.5 mm ( ? d = 4 ? 6.3 mm) lead spacing f = 3.5 mm ( ? d = 8 mm) lead spacing f = 5.0 mm ( ? d = 4 ? 12.5 mm) lead spacing f = 7.5 mm ( ? d = 16 ... 18 mm). lead spacing 2.0 mm ( ? d = 4 ... 5 mm) last 3 digits of ordering code: 016 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d h d 0 4 ... 5 2.0 18.5 18.0 7.0 9.0 3.0 12.7 12.7 5.10 1.0 0.7 1 4.0 +0.8  0.2 0.75 0.5 min. 0.5 max. 1.0 0.3 0.7 max. 0.2 1.0 0.2 b41828, b43828 standard series  105 c page 17 of 39 please read cautions and warnings and important notes at the end of this document.
lead spacing 2.5 mm ( ? d = 4 ... 6.3 mm) last 3 digits of ordering code: 007 dimensions in mm ? d f h w w 0 w 1 w 2 h 0 p p 0 p 1 i 1 t d h d 0 4 ... 6.3 2.5 18.5 18.0 5.5 9.0 1.5 16.0 12.7 12.7 5.1 1.0 0.7 1.0 4.0 toler- rance +0.8  0.2 0.75 0.5 min. 0.5 max. 0.5 1.0 0.2 0.5 max. 0.2 max. 0.2 lead spacing 3.5 mm ( ? d = 8 mm) last 3 digits of ordering code: 006 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d h d 0 8 3.5 18.5 18.0 10 9.0 3.0 12.7 12.7 4.6 1.0 0.7 1.0 4.0 toler- ance +0.8  0.2 1.0 0.5 min. 0.5 max. 1.0 0.3 0.6 max. 0.2 max. 0.2 leads can also run straight through the taping area. taping is available up to dimensions d l = 8 15 mm. b41828, b43828 standard series  105 c page 18 of 39 please read cautions and warnings and important notes at the end of this document.
lead spacing 5.0 mm ( ? d = 4 ... 8 mm) last 3 digits of ordering code: 008 lead spacing 5.0 mm ( ? d = 10 ... 12.5 mm) last 3 digits of ordering code: 008 dimensions in mm ? d f h w w 0 w 1 w 2 h 0 p p 0 p 1 i 1 t d h d 0 4 ... 6.3 5.0 18.5 18.0 5.5 9.0 1.5 16.0 12.7 12.7 3.85 1.0 0.6 1.0 4.0 8 20.0 10.0 16.0 12.7 12.7 3.85 10 5.0 19.0 18.0 12.5 9.0 1.5  12.7 12.7 3.85 1.0 0.6 1.0 4.0 12.5 19.0 12.5  15.0 15.0 5.0 toler- ance +0.8  0.2 0.75 0.5 min. 0.5 max. 0.5 1.0 0.2 0.5 max. +0.3  0.2 max. 0.2 taping is available up to dimensions d l = 12.5 25 mm. taping is not available for d l = 8 20 mm. b41828, b43828 standard series  105 c page 19 of 39 please read cautions and warnings and important notes at the end of this document.
lead spacing 7.5 mm ( ? d = 16 ...18 mm) last 3 digits of ordering code: 009 dimensions in mm ? d f h w w 0 w 1 w 2 p p 0 p 1 i 1 t d p d h d 0 16 7.5 18.5 18.0 12.5 9.0 1.5 30.0 15.0 3.75 1.0 0.7 0 0 4.0 18 toler- ance 0.8  0.5 +0.75 0.5 min. 0.5 max. 1.0 0.2 0.5 max. 0.2 1.0 1.0 0.2 taping is available up to dimensions d l = 16 31.5 mm and 18 31.5 mm. b41828, b43828 standard series  105 c page 20 of 39 please read cautions and warnings and important notes at the end of this document.
cut or kinked leads single-ended capacitors are available with cut or kinked leads. other lead configurations also available upon request. cut leads (chapter a) available for series b41002, b41022, b41044, b41827, b41828, b43044, b43082, b43086, b43088, b43827, b43828. last 3 digits of ordering code: 002 case size d x l (mm) dimensions (mm) a 0.5 4 x 7 1.5 5 x 7 2.0 5 x 11 2.0 6.3 x 7 2.5 6.3 x 11 2.5 8 x 7 3.5 8 x 11.5 3.5 8 x 15 3.5 8 x 20 3.5 10 x 12.5 5.0 10 x 16 5.0 10 x 20 5.0 10 x 25 5.0 case size d x l (mm) dimensions (mm) a 0.5 12.5 x 16 5.0 12.5 x 20 5.0 12.5 x 25 5.0 12.5 x 31.5 5.0 12.5 x 35.5 5.0 12.5 x 40 5.0 16 x 20 7.5 16 x 25 7.5 16 x 31.5 7.5 16 x 35.5 7.5 16 x 40 7.5 18 x 20 7.5 18 x 25 7.5 18 x 31.5 7.5 18 x 35.5 7.5 18 x 40 7.5 b41828, b43828 standard series  105 c page 21 of 39 please read cautions and warnings and important notes at the end of this document.
cut leads (chapter b) available for series b41858, b41859, b41863, b41866, b41868, b41888, b41890, b41896, b42824, b42851, b43866, b43867, b43890, b43896. last 3 digits of ordering code: 002 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 12.5 5.0 10 16 5.0 10 20 5.0 12.5 20 5.0 12.5 25 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 16 35.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 with flat rubber seal b41828, b43828 standard series  105 c page 22 of 39 please read cautions and warnings and important notes at the end of this document.
kinked leads (chapter a) available for series b41002, b41022, b41044, b41827, b41828, b43044, b43082, b43086, b43088, b43827, b43828. last 3 digits of ordering code: 001 case size d x l (mm) dimensions (mm) a 0.5 4 x 7 1.5 5 x 7 2.0 5 x 11 2.0 6.3 x 7 2.5 6.3 x 11 2.5 8 x 7 3.5 8 x 11.5 3.5 8 x 15 3.5 8 x 20 3.5 10 x 12.5 5.0 10 x 16 5.0 10 x 20 5.0 10 x 25 5.0 case size d x l (mm) dimensions (mm) a 0.5 12.5 x 16 5.0 12.5 x 20 5.0 12.5 x 25 5.0 12.5 x 31.5 5.0 12.5 x 35.5 5.0 12.5 x 40 5.0 16 x 20 7.5 16 x 25 7.5 16 x 31.5 7.5 16 x 35.5 7.5 16 x 40 7.5 18 x 20 7.5 18 x 25 7.5 18 x 31.5 7.5 18 x 35.5 7.5 18 x 40 7.5 b41828, b43828 standard series  105 c page 23 of 39 please read cautions and warnings and important notes at the end of this document.
kinked leads (chapter b) available for series b41858, b41859, b41863, b41866, b41868, b41888, b41890, b41896, b42824, b42851, b43866, b43867, b43890, b43896. last 3 digits of ordering code: 001 with stand-off rubber seal case size dimensions (mm) d l (mm) a 0.5 10 20 5.0 12.5 20 5.0 12.5 25 5.0 16 20 7.5 16 25 7.5 16 31.5 7.5 16 35.5 7.5 18 20 7.5 18 25 7.5 18 31.5 7.5 18 35 7.5 18 40 7.5 with flat rubber seal b41828, b43828 standard series  105 c page 24 of 39 please read cautions and warnings and important notes at the end of this document.
papr leads (protection against polarity reversal) these lead configurations ensure correct placement of the capacitor on the pcb with regard to polarity. papr leads are available for diameters from 10 mm up to 18 mm. there are three configurations available: crimped leads, j leads, bent 90 leads available for series b41858, b41859, b41863, b41866, b41868, b41888, b41890, b41896, b42824, b42851, b43866, b43867, b43890, b43896. crimped leads last 3 digits of ordering code: 003 with stand-off rubber seal with flat rubber seal suggestion for pcb hole diameter case size dimensions (mm) d l (mm) b 0.2 c 0.5 d 0.1 e 0.1 a 0.5 ? b 16 20 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 25 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.05 16 35.5 1.5 3.0 1.3 0.3 7.5 0.8 0.05 18 20 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 25 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 31.5 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 35 1.5 3.0 1.3 0.3 7.5 0.8 0.1 18 40 1.5 3.0 1.3 0.3 7.5 0.8 0.1 b41828, b43828 standard series  105 c page 25 of 39 please read cautions and warnings and important notes at the end of this document.
j leads last 3 digits of ordering code: 004 suggestion for pcb hole diameter case size dimensions (mm) d l (mm) c 0.5 e 0.5 j 0.2 a 0.5 ? b 10 12.5 3.2 0.7 1.2 5.0 0.6 0.05 10 16 3.2 0.7 1.2 5.0 0.6 0.05 10 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 20 3.2 0.7 1.2 5.0 0.6 0.05 12.5 25 3.2 0.7 1.2 5.0 0.6 0.05 16 20 3.5 0.7 1.6 7.5 0.8 0.05 16 25 3.5 0.7 1.6 7.5 0.8 0.05 16 31.5 3.5 0.7 1.6 7.5 0.8 0.05 16 35.5 3.5 0.7 1.6 7.5 0.8 0.05 18 20 3.5 0.7 1.6 7.5 0.8 0.1 18 25 3.5 0.7 1.6 7.5 0.8 0.1 18 31.5 3.5 0.7 1.6 7.5 0.8 0.1 18 35 3.5 0.7 1.6 7.5 0.8 0.1 b41828, b43828 standard series  105 c page 26 of 39 please read cautions and warnings and important notes at the end of this document.
bent 90 leads for horizontal mounting pinning last 3 digits of ordering code: 012 case size dimensions (mm) d l (mm) c 0.5 e 0.5 f 0.5 a 0.5 ? b 16 20 4.0 4.0 12.0 7.5 0.8 0.05 16 25 4.0 4.0 12.0 7.5 0.8 0.05 16 31.5 4.0 4.0 12.0 7.5 0.8 0.05 16 35.5 4.0 4.0 12.0 7.5 0.8 0.05 18 20 4.0 4.0 13.0 7.5 0.8 0.1 18 25 4.0 4.0 13.0 7.5 0.8 0.1 18 31.5 4.0 4.0 13.0 7.5 0.8 0.1 18 35 4.0 4.0 13.0 7.5 0.8 0.1 18 40 4.0 4.0 13.0 7.5 0.8 0.1 bent leads for diameter 12.5 mm available upon request. b41828, b43828 standard series  105 c page 27 of 39 please read cautions and warnings and important notes at the end of this document.
packing units and box dimensions ammo pack valid for series b41002, b41022, b41044, b41827, b41828, b43044, b43082, b43086, b43088, b43827, b43828. case size d l dimensions (mm) packing units mm a max b max c max pcs. 4 7 330 50 196 2000 5 7 330 50 226 2000 5 11 330 50 226 2000 6.3 7 330 50 286 2000 6.3 11 330 50 286 2000 8 7 330 50 246 1000 8 11.5 330 50 246 1000 8 15 330 50 246 500 10 12.5 330 50 196 500 10 16 330 54 196 500 10 20 330 58 196 500 12.5 20 341 60 272 500 12.5 25 341 65 272 500 16 25 320 65 270 300 16 31.5 315 65 275 300 18 20 315 65 275 250 18 25 315 65 275 250 18 31.5 315 65 275 250 b41828, b43828 standard series  105 c page 28 of 39 please read cautions and warnings and important notes at the end of this document.
ammo pack valid for series b41858, b41859, b41863, b41866, b41868, b41888, b41890, b41896, b42824, b42851, b43866, b43867, b43890, b43896. case size d l dimensions (mm) packing units mm a max b max c max pcs. 8 11.5 345 55 240 1000 10 12.5 345 55 280 750 10 16 345 60 200 500 10 20 345 60 200 500 12.5 20 345 65 280 500 12.5 25 345 65 280 500 16 20 315 65 275 300 16 25 315 65 275 300 16 31.5 315 65 275 300 18 20 315 65 275 250 18 25 315 65 275 250 18 31.5 315 65 275 250 b41828, b43828 standard series  105 c page 29 of 39 please read cautions and warnings and important notes at the end of this document.
overview of packing units and code numbers for case sizes 4 x 7 ... 16 x 40 valid for series b41002, b41022, b41044, b41827, b41828, b43044, b43082, b43086, b43088, b43827, b43828. case size d x l mm standard, bulk pcs. taped, ammo pack pcs. kinked leads, bulk pcs. cut leads, bulk pcs. 4 x 7 10000 2000 15000 15000 5 x 7 7500 2000 10000 10000 5 x 11 5000 2000 10000 10000 6.3 x 7 5000 2000 10000 10000 6.3 x 11 5000 2000 5000 5000 8 x 7 5000 1000 5000 5000 8 x 11.5 2500 1000 4000 4000 8 x 15 2000 1000 2500 2500 8 x 20 1500  2000 2000 10 x 12.5 2000 500 2500 2500 10 x 16 1500 500 2000 2000 10 x 20 1000 500 1500 1500 10 x 25 1000 500 1250 1250 12.5 x 16 750 500 1000 1000 12.5 x 20 750 500 500 500 12.5 x 25 750 500 500 500 12.5 x 31.5 500  750 750 12.5 x 35.5 500  750 750 12.5 x 40 500  750 750 16 x 20 375 300 500 500 16 x 25 375 300 500 500 16 x 31.5 250 300 375 375 16 x 35.5 250  375 375 16 x 40 250  375 375 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 006 007 008 009 016 3.5 2.5 5.0 7.5 2.0 8 4 ... 6.3 4 ... 12.5 16 ... 18 4 ... 5 b41828, b43828 standard series  105 c page 30 of 39 please read cautions and warnings and important notes at the end of this document.
overview of packing units and code numbers for case sizes 18 x 20 ... 18 x 40 valid for series b41002, b41022, b41044, b41827, b41828, b43044, b43082, b43086, b43088, b43827, b43828. case size d x l mm standard, bulk pcs. taped, ammo pack pcs. kinked leads, bulk pcs. cut leads, bulk pcs. 18 x 20 250 250 100 100 18 x 25 250 250 100 100 18 x 31.5 250 250 100 100 18 x 35.5 250  100 100 18 x 40 250  100 100 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 009 7.5 16 ... 18 b41828, b43828 standard series  105 c page 31 of 39 please read cautions and warnings and important notes at the end of this document.
1) available upon request overview of packing units and code numbers for case sizes 8 11.5 ... 16 35.5 valid for series b41858, b41859, b41863, b41866, b41868, b41888, b41890, b41896, b42824, b42851, b43866, b43867, b43890, b43896. papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads, blister j leads, blister bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 8 11.5 1000 1000     10 12.5 1000 750  1000  675 10 16 1000 500  1000  675 10 20 500 500 500 500  500 12.5 20 350 500 350 350  300 1) 12.5 25 250 500 500 500  225 1) 12.5 30 200      12.5 35 175      12.5 40 175      16 20 250 300 200 200 200 200 120 16 25 250 300 200 200 200 200 120 16 31.5 200 300 250 250 344 344 120 16 35.5 100  100 100 150 150 150 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 006 008 009 3.5 5 7.5 8 5...12.5 16...18 b41828, b43828 standard series  105 c page 32 of 39 please read cautions and warnings and important notes at the end of this document.
overview of packing units and code numbers for case sizes 18 20 ... 18 40 valid for series b41858, b41859, b41863, b41866, b41868, b41888, b41890, b41896, b42824, b42851, b43866, b43867, b43890, b43896. papr case size d l stan- dard, bulk taped, ammo pack kinked leads, bulk cut leads, bulk crimped leads, blister j leads, blister bent 90 leads, blister mm pcs. pcs. pcs. pcs. pcs. pcs. pcs. 18 20 175 250 175 175 200 200 120 18 25 150 250 150 150 200 200 120 18 31.5 100 250 100 100 150 150 120 18 35 100  100 100 150 150 150 18 40 125  100 100 120  72 the last three digits of the complete ordering code state the lead configuration 000 code f (mm) d (mm) 001 002 003 004 012 009 7.5 16...18 b41828, b43828 standard series  105 c page 33 of 39 please read cautions and warnings and important notes at the end of this document.
cautions and warnings personal safety the electrolytes used by epcos have not only been optimized with a view to the intended application, but also with regard to health and environmental compatibility. they do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (dmf) or dimethyl acetamide (dmac). furthermore, part of the high-voltage electrolytes used by epcos are self-extinguishing. they contain flame-retarding substances which will quickly extinguish any flame that may have been ignited. as far as possible, epcos does not use any dangerous chemicals or compounds to produce operating electrolytes. however, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no safe substitute materials are currently known. however, the amount of dangerous materials used in our products has been limited to an absolute minimum. nevertheless, the following rules should be observed when handling aluminum electrolytic capacitors: any escaping electrolyte should not come into contact with eyes or skin. if electrolyte does come into contact with the skin, wash the affected parts immediately with running water. if the eyes are affected, rinse them for 10 minutes with plenty of water. if symptoms persist, seek medical treatment. avoid breathing in electrolyte vapor or mists. workplaces and other affected areas should be well ventilated. clothing that has been contaminated by electrolyte must be changed and rinsed in water. b41828, b43828 standard series  105 c page 34 of 39 please read cautions and warnings and important notes at the end of this document.
product safety the table below summarizes the safety instructions that must be observed without fail. a detailed description can be found in the relevant sections of chapter "general technical information". topic safety information reference chapter "general technical information" polarity make sure that polar capacitors are connected with the right polarity. 1 "basic construction of aluminum electrolytic capacitors" reverse voltage voltages polarity classes should be prevented by connecting a diode. 3.1.6 "reverse voltage" upper category temperature do not exceed the upper category temperature. 7.2 "maximum permissible operating temperature" maintenance make periodic inspections of the capacitors. before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. do not apply any mechanical stress to the capacitor terminals. 10 "maintenance" mounting position of screw- terminal capacitors do not mount the capacitor with the terminals (safety vent) upside down. 11.1. "mounting positions of capacitors with screw terminals" mounting of single-ended capacitors the internal structure of single-ended capacitors might be damaged if excessive force is applied to the lead wires. avoid any compressive, tensile or flexural stress. do not move the capacitor after soldering to pc board. do not pick up the pc board by the soldered capacitor. do not insert the capacitor on the pc board with a hole space different to the lead space specified. 11.4 "mounting considerations for single-ended capacitors" robustness of terminals the following maximum tightening torques must not be exceeded when connecting screw terminals: m5: 2 nm m6: 2.5 nm 11.3 "mounting torques" soldering do not exceed the specified time or temperature limits during soldering. 11.5 "soldering" b41828, b43828 standard series  105 c page 35 of 39 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "general technical information" soldering, cleaning agents do not allow halogenated hydrocarbons to come into contact with aluminum electrolytic capacitors. 11.6 "cleaning agents" passive flammability avoid external energy, such as fire or electricity. 8.1 "passive flammability" active flammability avoid overload of the capacitors. 8.2 "active flammability" reference chapter "capacitors with screw terminals" breakdown strength of insulating sleeves do not damage the insulating sleeve, especially when ring clips are used for mounting. "screw terminals  accessories" b41828, b43828 standard series  105 c page 36 of 39 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german c capacitance kapazit?t c r rated capacitance nennkapazit?t c s series capacitance serienkapazit?t c s,t series capacitance at temperature t serienkapazit?t bei temperatur t c f capacitance at frequency f kapazit?t bei frequenz f d case diameter, nominal dimension geh?usedurchmesser, nennma? d max maximum case diameter maximaler geh?usedurchmesser esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatzserienwiderstand esr f equivalent series resistance at frequency f ersatzserienwiderstand bei frequenz f esr t equivalent series resistance at temperature t ersatzserienwiderstand bei temperatur t f frequency frequenz i current strom i ac alternating current (ripple current) wechselstrom i ac,rms root-mean-square value of alternating current wechselstrom, effektivwert i ac,f ripple current at frequency f wechselstrom bei frequenz f i ac,max maximum permissible ripple current maximal zul?ssiger wechselstrom i ac,r rated ripple current nennwechselstrom i ac,r (b) rated ripple current for base cooling nennwechselstromstrom fr bodenkhlung i leak leakage current reststrom i leak,op operating leakage current betriebsreststrom l case length, nominal dimension geh?usel?nge, nennma? l max maximum case length (without terminals and mounting stud) maximale geh?usel?nge (ohne anschlsse und gewindebolzen) r resistance widerstand r ins insulation resistance isolationswiderstand r symm balancing resistance symmetrierwiderstand t temperature temperatur d t temperature difference temperaturdifferenz t a ambient temperature umgebungstemperatur t c case temperature geh?usetemperatur t b capacitor base temperature temperatur des becherbodens t time zeit d t period zeitraum t b service life (operating hours) brauchbarkeitsdauer (betriebszeit) b41828, b43828 standard series  105 c page 37 of 39 please read cautions and warnings and important notes at the end of this document.
symbol english german v voltage spannung v f forming voltage formierspannung v op operating voltage betriebsspannung v r rated voltage, dc voltage nennspannung, gleichspannung v s surge voltage spitzenspannung x c capacitive reactance kapazitiver blindwiderstand x l inductive reactance induktiver blindwiderstand z impedance scheinwiderstand z t impedance at temperature t scheinwiderstand bei temperatur t tan d dissipation factor verlustfaktor l failure rate ausfallrate e 0 absolute permittivity elektrische feldkonstante e r relative permittivity dielektrizit?tszahl w angular velocity; 2  p  f kreisfrequenz; 2  p  f note all dimensions are given in mm. b41828, b43828 standard series  105 c page 38 of 39 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, deltacap, digisimic, dssp, formfit, miniblue, minicell, mkk, mkd, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trade- marks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 39 of 39


▲Up To Search▲   

 
Price & Availability of B43828F2474M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X