![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
description and applications the military data bus specification, mil-std-1553, has brought about the need for versatile pulse transformers that meet all the electrical requirements of manchester ii serial bi-phase data transmission. the b-2200/2300/3200 series of transformers provide the turns ratio con- figurations, component isolation, and common mode rejection ratio characteristics necessary for mil-std-1553a and b compliance. the step-up and step-down ratios that are available with the b- 2200/2300/3200 series complement ddc?s entire mil-std-1553 product line. these transformers are low-profile, modular units that are multi- tapped to accommodate existing system configurations. encapsulated in accordance with mil-prf-21038, their sn63 solder-dipped copper-clad steel leads conveniently accommodate printed circuit board mounting. sinusoidal or trapezoidal waveforms are accurately processed, making the b-2200/2300/3200 series of transformers an excellent choice for any mil- std-1553a or b application. features fully qualified to desc specification no. 21038/27 ? for use with mil-std-1553a and b, macair a-5690, a-5232, and a-4905 low-profile -55 c to +130 c operating temperature range built and tested to mil-prf-21038 and mil-std-202 listed on qpl-21038-31 qualification validated annually n : 1 e out e = 10 v rms at 1 mhz in calc: cmr = 20 log (see note) e in e out e in 1 : n e out (see note) e = 250 khz square wave, 27.0 volts peak-to-peak with in a rise and fall time no greater than 100 ns. calc : droop = x 100%. (see figure 1 for e ) d e d e out e in (see note) 360 ? e out e d e d e out t r 10% 90% % droop = x 100% overshoot and ringing 1 v max e d e out t f figure 1. waveform integrity figure 2. circuit for common mode rejection figure 3. circuit for waveform integrity note: input to be applied and output to be measured for all dash numbers are as shown. n represents highest turns winding in each test. mil-std-1553 transformers fully qualified to desc specification mil-prf-21038/27 ? 1989, 1999 data device corporation b-2200/2300/3200 series a subsidiary of data device corporation 40 orville drive, bohemia, ny 11716-2529 phone: (631) 244-7393; fax: (631) 244-8893 web site: www.bttc-beta.com
2 beta transformer technology corp 40 orville drive bohemia ny 11716-2529 631-244-7393 fax 631-244-8893 3 2 1 8 7 6 5 4 0.625 max (15.88) 0.500 (12.70) 0.375 min (9.53) 0.625 max (15.88) 0.200 4pl (5.08) 0.100 4pl (2.54) (see table) a awg #24 top view 1 2 3 4 5 6 7 8 notes: (1) dimensions are in inches (mm). (2) unless otherwise specified, tolerance is 0.010 inches (0.25mm) flame resistant, diallyl phthalate sn63 solder-dipped copper-clad steel 2 pounds applied force, method 211, mil-std-202, test condition a method 301, mil-std-202 in accordance with mil-prf-21038 at 250 vdc using method 302, test condition b, mil-std-202 tested using figure 3 with resulting figure 1 waveform. tested using figure 3 with resulting figure 1 waveform. tested using figure 3 with resulting figure 1 waveform. see respective electrical characteristics table tested using figure 2. tested using figure 3 with resulting figure 1 waveform. see respective electrical characteristics table see respective electrical characteristics table 0.175 (5) max 2 100 10,000 min 1,000 min 2 <1 45 min -55 to +130 20 max oz (gm) lbs vrms hrs m ohm s v ns db c % ohm ohm case terminals weight terminal strength dielectric withstanding voltage life (expectancy ?x?) insulation resistance pulse width (of output pulse) overshoot rise time (of output pulse) common mode rejection operating temperature range droop dc resistance input impedance remark value unit parameter table 1. b-2200/2300/3200 series specifications beta p/n desc p/n turns ratio primary secondary ?a? (max) dc resistance ? ? (max) impedance ? ? (min) b-2202 m-21038/27-01 1:1 3% 1:0.707 3% 1-3 1-3 4-8 5-7 0.300 1-3 3.0 4-8 3.0 (1-3) 4,000 b-2203 m-21038/27-02 1.4:1 3% 2:1 3% 1-3 1-3 4-8 5-7 0.250 1-3 3.5 4-8 3.0 (1-3) 7,200 B-2204 m-21038/27-03 1.25:1 3% 1.66:1 3% 1-3 1-3 4-8 5-7 0.250 1-3 3.2 4-8 3.0 (1-3) 4,000 b-2205 m-21038/27-04 2.3:1 3% 3.2:1 3% 1-3 1-3 4-8 5-7 0.300 1-3 1.2 4-8 3.0 (5-7) 3,000 b-3226 b-2385 m-21038/27-26 m-21038/27-10 1:2.5 3% 1:1.79 3% 2.12:1 3% 1.5:1 3% 1-3 1-3 4-8 5-7 4-8 5-7 1-3 1-3 0.250 0.250 1-3 1.0 4-8 3.5 1-3 1.0 4-8 3.0 (4-8) 4,000 (4-8) 4,000 table 2. electrical characteristics - configuration a configuration a 1 2 3 5 4 6 8 7 circuit diagram for dash numbers -01, -02, -03, -10 and -26 circuit diagram for dash number -04 note: wave soldering method shall preheat leads to a temperature of 100 c minimum and 140 c maximum at a rate of 2 c per second. so lder wave temperature to be 245 c nominal, 265 c maximum, with a nominal dwell time of 3 seconds and a maximum dwell time of 5 seconds. output risetime (max) 150 ns 150 ns 150 ns 150 ns 250 ns 200 ns beta transformer technology corp 40 orville drive bohemia ny 11716-2529 631-244-7393 fax 631-244-8893 3 6 4 2 0.350 max (8.89) 0.400 (10.16) 0.375 min (9.53) 0.500 max (12.70) 0.200 (5.08) 0.100 (2.54) awg #24 5 3 1 0.250 max (6.35) 0.34 (8.6) 0.080 (2.0) top view notes: (1) dimensions are in inches (mm). (2) unless otherwise specified, tolerance is 0.010 inches (0.25mm) 1 3 5 2 4 6 circuit diagram b-2210 b-3230 b-3229 b-3228 m-21038/27-09 m-21038/27-30 m-21038/27-29 m-21038/27-28 1:2 3% 1:2.5 3% 1:1.79 3% 1:1.5 3% 1-5 1-5 1-5 1-5 2-6 2-6 2-6 2-6 1-5 1.3 2-6 2.6 1-5 1.0 2-6 2.8 1-5 0.90 2-6 2.5 1-5 0.90 2-6 2.5 (2-6) 3,000 (2-6) 3,000 (2-6) 3,000 (2-6) 3,000 beta p/n desc p/n turns ratio primary secondary dc resistance ? ? (max) impedance ? ? (min) b-2207 m-21038/27-06 1:1 3% 1-5 2-6 1-5 2.5 2-6 2.8 (1-5) 3,000 m-21038/27-07 1:1.41 3% 1-5 2-6 1-5 2.2 2-6 2.7 (2-6) 3,000 b-2209 m-21038/27-08 1:1.66 3% 1-5 2-6 1-5 1.5 2-6 2.4 (2-6) 3,000 table 3. electrical characteristics - configuration b b-2208 configuration b note: wave soldering method shall preheat leads to a temperature of 100 c minimum and 140 c maximum at a rate of 2 c per second. so lder wave temperature to be 245 c nominal, 265 c maximum, with a nominal dwell time of 3 seconds and a maximum dwell time of 5 seconds. output risetime (max) 200 ns 250 ns 150 ns 150 ns 150 ns 150 ns 150 ns 4 beta transformer technology corp 40 orville drive bohemia ny 11716-2529 631-244-7393 fax 631-244-8893 4 3 0.350 max (8.89) 0.400 (10.16) 0.375 min (9.53) 0.500 max (12.70) 0.200 (5.08) awg #24 2 1 0.250 max (6.35) 0.34 (8.6) 0.080 (2.0) top view notes: (1) dimensions are in inches (mm). (2) unless otherwise specified, tolerance is 0.010 inches (0.25mm) table 4. electrical characteristics - configuration c (3-4) 3,000 1-2 2.2 3-4 2.7 3-4 1-2 1:1.41 3% m-21038/27-05 b-2206 impedance ? ? (min) dc resistance ? ? (max) secondary primary turns ratio desc p/n beta p/n circuit diagram 1 2 3 4 configuration c note: wave soldering method shall preheat leads to a temperature of 100 c minimum and 140 c maximum at a rate of 2 c per second. so lder wave temperature to be 245 c nominal, 265 c maximum, with a nominal dwell time of 3 seconds and a maximum dwell time of 5 seconds. 150 ns output risetime (max) 3 2 1 8 7 6 5 4 0.625 max (15.88) 0.200 (5.08) 0.200 (5.08) 0.625 max (15.88) 0.250 0.030 (6.35 0.76) 0.100 typ 4 places 0.032 r typ 0.275 max (6.99) 0.004 min (0.10) 0.015 max (0.38) 0.070 0.015 (1.78 0.38) awg #24 8 places top view notes: (1) dimensions are in inches (mm). (2) unless otherwise specified, tolerance is 0.010 inches (0.25mm) 1 2 3 4 5 6 7 8 circuit diagram for dash numbers -11, -12, -13, -15, and -27 1 2 3 5 4 6 8 7 circuit diagram for dash number -14 b-3227 b-2390 m-21038/27-27 m-21038/27-15 1:2.5 3% 1:1.79 3% 2.12:1 3% 1.5:1 3% 1-3 1-3 4-8 5-7 4-8 5-7 1-3 1-3 1-3 1.0 4-8 3.5 1-3 1.0 4-8 3.0 (4-8) 4,000 (4-8) 4,000 b-2389 m-21038/27-14 2.3:1 3% 3.2:1 3% 4-8 5-7 1-3 1-3 1-3 1.2 4-8 3.0 (5-7) 3,000 beta p/n desc p/n turns ratio primary secondary dc resistance ? ? (max) impedance ? ? (min) b-2386 m-21038/27-11 1:1 3% 1:0.707 3% 1-3 1-3 4-8 5-7 1-3 3.0 4-8 3.0 (1-3) 4,000 m-21038/27-12 1.4:1 3% 2:1 3% 1-3 1-3 4-8 5-7 1-3 3.5 4-8 3.0 (1-3) 7,200 b-2388 m-21038/27-13 1.25:1 3% 1.66:1 3% 1-3 1-3 4-8 5-7 1-3 3.2 4-8 3.0 (1-3) 4,000 table 5. electrical characteristics - configuration d b-2387 configuration d beta transformer technology corp 40 orville drive bohemia ny 11716-2529 631-244-7393 fax 631-244-8893 5 note: 1) these transformers have been classified as level 5a per ipc-9503 and must be processed accordingly. to ensure product integri ty and maintain the product warranty, these transformers require a 24 hour bake at +125 c prior to any solder reflow processing. dried transformers must be reflowed within 24 hours. j-std-033 precondition- ing (dry-pack) can be provided by beta upon request. reflow process must not cause the peak body temperature of the device to ex ceed 225 c and must not expose the device to temperatures above 183 c for more than 90 seconds. 2) by providing surface mount parts that have been dried per ipc-9503 (moisture sensitivity classification for non-ic component s) and dry-packed in accordance with j- std-033 (standard for handling, packing, shipping and use of moisture /reflow sensitive surface mount devices), beta has signif icantly reduced the possibility of moisture sensitivity/reflow induced ?pop-corning? or bulging during customer?s reflow soldering process. experiments performed by beta and data provided by manufacturers of simi- lar devices indicate that post reflow visual/mechanical anomolies can be reduced by more than 90%. since customer reflow profile s and cca density can vary, beta recom- mends that the customer verify solder process compatibility and yield assessment of these devices. output risetime (max) 250 ns 200 ns 150 ns 150 ns 150 ns 150 ns 6 beta transformer technology corp 40 orville drive bohemia ny 11716-2529 631-244-7393 fax 631-244-8893 3 2 1 8 7 6 5 4 0.625 max (15.88) 0.200 (5.08) 0.200 (5.08) 0.625 max (15.88) 0.100 typ 4 places (2.54) 0.275 max (6.99) 0.500 min (12.70) awg #24 8 places 0.137 0.015 ( 3.48 0.38 ) top view notes: (1) dimensions are in inches (mm). (2) unless otherwise specified, tolerance is 0.010 inches (0.25mm) 1 2 3 4 5 6 7 8 circuit diagram for dash numbers -16, -17, -18, -20 and -31 1 2 3 5 4 6 8 7 circuit diagram for dash number -19 b-3231 b-2391 m-21038/27-31 m-21038/27-20 1:2.5 3% 1:1.79 3% 2.12:1 3% 1.5:1 3% 1-3 1-3 4-8 5-7 4-8 5-7 1-3 1-3 1-3 1.0 4-8 3.5 1-3 1.0 4-8 3.0 (4-8) 4,000 (4-8) 4,000 b-2343 m-21038/27-17 1.4:1 3% 2:1 3% 1-3 1-3 4-8 5-7 1-3 3.5 4-8 3.0 (1-3) 7,200 m-21038/27-18 1.25:1 3% 1.66:1 3% 1-3 1-3 4-8 5-7 1-3 3.2 4-8 3.0 (1-3) 4,000 b-2345 m-21038/27-19 2.3:1 3% 3.2:1 3% 4-8 5-7 1-3 1-3 1-3 1.2 4-8 3.0 (5-7) 3,000 b-2344 beta p/n desc p/n turns ratio primary secondary dc resistance ? ? (max) impedance ? ? (min) b-2342 m-21038/27-16 1:1 3% 1:0.707 3% 1-3 1-3 4-8 5-7 1-3 3.0 4-8 3.0 (1-3) 4,000 table 6. electrical characteristics - configuration e configuration e note: 1) these transformers have been classified as level 5a per ipc-9503 and must be processed accordingly. to ensure product integri ty and maintain the product warranty, these transformers require a 24 hour bake at +125 c prior to any solder reflow processing. dried transformers must be reflowed within 24 hours. j-std-033 precondition- ing (dry-pack) can be provided by beta upon request. reflow process must not cause the peak body temperature of the device to ex ceed 225 c and must not expose the device to temperatures above 183 c for more than 90 seconds. 2) by providing surface mount parts that have been dried per ipc-9503 (moisture sensitivity classification for non-ic component s) and dry-packed in accordance with j- std-033 (standard for handling, packing, shipping and use of moisture /reflow sensitive surface mount devices), beta has signif icantly reduced the possibility of moisture sensitivity/reflow induced ?pop-corning? or bulging during customer?s reflow soldering process. experiments performed by beta and data provided by manufacturers of similar devices indicate that post reflow visual/mechanical anomolies can be reduced by more than 90%. since customer reflow profiles an d cca density can vary, beta recommends that the customer verify solder process compatibility and yield assessment of these devices. 250 ns 200 ns 150 ns 150 ns 150 ns output risetime (max) 150 ns beta transformer technology corp 40 orville drive bohemia ny 11716-2529 631-244-7393 fax 631-244-8893 7 3 2 1 8 7 6 5 4 0.625 max (15.88) 0.500 (12.70) 0.375 min (9.53) 0.625 max (15.88) 0.200 4pl (5.08) 0.100 4pl (2.54) #24 awg 8 pls 0.275 max (6.99) 0.020 (.508) top view notes: (1) dimensions are in inches (mm). (2) unless otherwise specified, tolerance is 0.010 inches (0.25mm) 1 2 3 4 5 6 7 8 circuit diagram b-3222 table 7. electrical characteristics - configuration f (1-3) 4,000 1-3 3.2 4-8 3.0 4-8 5-7 1-3 1-3 1.25:1 3% 1.66:1 3% m-21038/27-23 b-3223 (1-3) 7,200 1-3 3.5 4-8 3.0 4-8 5-7 1-3 1-3 1.4:1 3% 2:1 3% m-21038/27-22 (1-3) 4,000 1-3 3.0 4-8 3.0 4-8 5-7 1-3 1-3 1:1 3% 1:0.707 3% m-21038/27-21 b-3221 impedance ? ? (min) dc resistance ? ? (max) secondary primary turns ratio desc p/n beta p/n (4-8) 4,000 1-3 1.2 4-8 3.0 4-8 5-7 1-3 1-3 1:2.12 3% 1:1.50 3% m-21038/27-24 b-3224 (4-8) 4,000 1-3 1.0 4-8 3.5 4-8 5-7 1-3 1-3 1:2.5 3% 1:1.79 3% m-21038/27-25 b-3225 configuration f note: wave soldering method shall preheat leads to a temperature of 100 c minimum and 140 c maximum at a rate of 2 c per second. so lder wave temperature to be 245 c nominal, 265 c maximum, with a nominal dwell time of 3 seconds and a maximum dwell time of 5 seconds. 150 ns 150 ns 150 ns output risetime (max) 200 ns 250 ns the information in this data sheet is believed to be accurate; however, no responsibility is assumed by beta transformer technology corporation for its use, and no license or rights are granted by implication or otherwise in connection therewith. specifications are subject to change without notice. visit our web site at www.bttc-beta.com for the latest information k-01/05-0 8 a subsidiary of data device corporation 40 orville drive, bohemia, ny 11716-2529 phone: (631) 244-7393; fax: (631) 244-8893 web site: www.bttc-beta.com printed in the u.s.a. |
Price & Availability of B-2204
![]() |