Part Number Hot Search : 
X1202M UP6018 E002514 10FT2 T6M81A EPA2465 2N6509T GPC130B
Product Description
Full Text Search
 

To Download AF4410NS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  af4410n n-channel enha ncement mode power mosfet this datasheet contains new product information. anachip corp. re serves the rights to modify the product specification without notice. no liability is assumed as a result of the use of this product. no rights under any patent accompany the sale of the product. rev. 1.1 aug 30, 2005 1/5 ? features - simple drive requirement - low on-resistance - fast switching ? product summary bv dss (v) r ds(on) (m ? ) i d (a) 30 13.5 10 ? pin assignments so-8 5 6 7 8 4 3 2 1 d d d d s s s g ? general description the advanced power mosfet provides the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. ? pin descriptions pin name description s source g gate d drain ? ordering information a x 4410n x x x pn package feature f :mosfet s: so-8 lead free blank : normal l : lead free package packing blank : tube or bulk a : tape & reel
af4410n n-channel enha ncement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.1 aug 30, 2005 2/5 ? absolute maxi mum ratings symbol parameter rating units v ds drain-source voltage 30 v v gs gate-source voltage 25 v t a =25oc 10 i d continuous drain current (note 1) t a =70oc 8 a i dm pulsed drain current (note 2) 50 a total power dissipation 2.5 w p d linear derating factor t a =25oc 0.02 w/oc t stg storage temperature range -55 to 150 oc t j operating junction temperature range -55 to 150 oc ? thermal data symbol parameter maximum units rthj-amb thermal resistance junction-ambient (note 1) max. 50 oc/w ? electrical characteristics at t j =25oc unless otherwise specified symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v ? bv dss / ? t j breakdown voltage temperature coefficient reference to 25 o c, i d =1ma - 0.037 - v/ o c v gs =10v, i d =10a - - 13.5 r ds(on) static drain-source on-resistance (note 3) v gs =4.5v, i d =5a - - 22 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =15v, i d =10a - 20 - s drain-source leakage current (t j =25 o c) v ds =30v, v gs =0v - - 1 i dss drain-source leakage current (t j =70 o c) v ds =24v, v gs =0v - - 25 ua i gss gate-source leakage v gs =25v - - 100 na q g total gate charge (note 3) - 13.5 - q gs gate-source charge - 4 - q gd gate-drain (?miller?) charge i d =10a, v ds =15v, v gs =5v - 7 - nc t d(on) turn-on delay time (note 3) - 14 - t r rise time - 16 - t d(off) turn-off delay time - 21 - t f fall-time v ds =25v, i d =1a, r g =3.3 ? , v gs =5v r d =25 ? - 15 - ns c iss input capacitance - 1160 - c oss output capacitance - 240 - c rss reverse transfer capacitance v gs =0v, v ds =15v, f=1.0mhz - 165 - pf ? source-drain diode symbol parameter test conditions min. typ. max. unit v sd forward on voltage (note 3) i s =2.1a, v gs =0v - - 1.2 v t rr reverse recovery time - 17.1 - ns q rr reverse recovery charge i s =5a, v gs =0v, dl/dt=100a/s - 12 - nc note 1: surface mounted on 1 in 2 copper pad of fr4 board, 125 o c/w when mounted on min. copper pad. note 2: pulse width limited by max. junction temperature. note 3: pulse width 300us, duty cycle 2%.
af4410n n-channel enha ncement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.1 aug 30, 2005 3/5 ? typical performance characteristics
af4410n n-channel enha ncement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.1 aug 30, 2005 4/5 ? typical performance charact eristics (continued)
af4410n n-channel enha ncement mode power mosfet anachip corp. www.anachip.com.tw rev. 1.1 aug 30, 2005 5/5 ? marking information so-8 ( top view ) 1 8 4 4 1 0 n aa y w x year code: part number lot code: week code: factory code "a~z": 01~26; "a ~z ": 27~52 "4" =2004 ~ "a~z": 01~26; "a ~z ": 27~52 "x": non-lead free; "x": lead free logo ? package information package type: so-8 l c detail a e e1 a a1 d 8 765 1 234 e b detail a 1. all dimensions are in millimeters. 2. dimension does not include mold protrusions. dimensions in millimeters symbol min. nom. max. a 1.35 1.55 1.75 a1 0.10 0.18 0.25 b 0.33 0.41 0.51 c 0.19 0.22 0.25 d 4.80 4.90 5.00 e 5.80 6.15 6.50 e1 3.80 3.90 4.00 l 0.38 0.71 1.27 0 o 4 o 8 o e 1.27 typ.


▲Up To Search▲   

 
Price & Availability of AF4410NS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X