Part Number Hot Search : 
45TA0 64400 BC10R LCX32 FP150 LM129AH 27C10 BYV38
Product Description
Full Text Search
 

To Download ABC2-FREQ-S-R100-B-H-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions: inch (mm) marking: - xx.xxx frequency - abc2 yyww yyww date code, e.g. 0045 freq (mhz) esr ( ? )max. temp -d 3.500 - 3.999 4.000 - 5.999 6.000 - 9.999 10.00 - 13.99 14.00 - 30.00 200 150 100 80 50 150 100 80 60 60 table 1 frequency range operation mode operating temperature storage temperature frequency tolerance @ 25c frequency stability equivalent series resistance shunt capacitance c0 load capacitance cl drive level aging (first year) @ 25c 3c insulation resistance abracon is a b r a c o n i s iso 9001 / qs 9000 i s o 9 0 0 1 / q s 9 0 0 0 certified c e r t i f i e d abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com ||||||||||||||| abc2 ceramic smd microprocessor crystal c e r a m i c s m d m i c r o p r o c e s s o r c r y s t a l ceramic smd microprocessor crystal 11.5 x 5.5 x 2.0mm standard specifications: options and part identification (left blank if standard) : outline drawing: freq stability options: y for 30 ppm h for 35 ppm z for 100 ppm temperature options: e for 0c to +70c b for -20c to +70c c for -30c to +70c n for -30c to +85c d for -40c to +85c* abc2 - frequency - cl - esr - temperature - tolerance - stability - packaging packaging option: t for tape and reel (1,000pcs/reel) esr option: rxxx (value in ohms) load capacitance option: please specify cl for pf or s for series freq tolerance options: 4 for 30 ppm max. special requirements: this product is rohs compliant. pb in glass (exempt per rohs 2002/95/ec) annex (5) alternate marking: - c aaym y for year, e.g. 6 for 2006, m for month, refer to table - xx.xxxm xx.xxx for frequency in mhz rev2.1-4/06 applications:  commercial applications  industrial applications  communication, test equipment  measureing equipment features:  rohs compliant  low frequency in small size smd  2.0mm height ideal for high density circuit boards  excellent enviromental and heat resisting due to ceramic package  extended temperature -40c to + 85c for industrial applications *rohs compliant month mark 1 2 3 4 5 6 7 8 9 10 11 12 1 2 3 4 5 6 7 8 9 x y z parameters 3.5 mhz to 30.0 mhz fundamental, at - 10c to + 60c (see options) - 55c to + 125c 50 ppm max. (see options) 50 ppm max. (see options) see table 1 7 pf max. 18 pf (see options) 100 w max. 5ppm max. 500 m ? min at 100vdc 15 vdc


▲Up To Search▲   

 
Price & Availability of ABC2-FREQ-S-R100-B-H-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X