Part Number Hot Search : 
A1585 2412Z MBR2515L ICS571M 25C040ST TA124 000A0 IRF7416
Product Description
Full Text Search
 

To Download 4184-0-00-01-00-00-33-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?product?number:?4184-0-00-01-00-00-33-0 description: ?4184 - nail head pin packaging: packaged in bulk mill-max part number shell?plating contact?plating rohs compliant 4184-0-00-01-00-00-33-0 200 - 300 " tin/lead over nickel 00 ?shell?material: phosphor?bronze (uns c54400) per astm b 139 properties?of?phosphor?bronze: used for pins requiring more durability than brass. stock diameters available.072/.078" chemical composition: cu 88%, sn 4%, zn 4%, pb 4%? hardness as machined: 83 rockwell b density: .321 lbs/in3 electrical conductivity: 19% iacs* melting point: 1000c/930c (liquidus/solidus) ?(3 to 4% lead is used to permit "free machining" and is permitted by ec directive 2002/95annex 6; so all pin materials are rohs compliant) *international annealed copper standard, i.e. as a % of pure copper. certificate?of?compliance: this is to certify that the product described above is manufactured to mill-max quality standards in accordance with all applicable specifications and drawing. mill-max certifies this product to be free from defects of materials and workmanship. this certificate of compliance covers the following requirements: dimensional (all features verified to be within tolerances described on the applicable drawing). raw material (materials and properties verified to be as described on the applicable drawing). plating (platings as required, thickness verified, and performance including solderability per mil-standard). performance (insertion extraction or other force requirements as described on the applicable drawing). compliance?statement?for?registration,?evaluation,?authorization?and?restriction?of?chemicals?(reach)? mill-max mfg. corp. datasheet last modified 2/1/2011 page 1 of 2
reference: 1. regulation ec no 1907/2006 of the european parliament and of the council of 18 december 2006, concerning the registration, evaluation, authorization and restriction of chemicals (reach) 2. echa, candidate list of substances of very high concern (svhc) http://echa.europa.eu/reach_en.asp mill-max is aware of the regulation and the svhc list the eu published (referenced above). mill-max does not produce or sell any of the listed substances in their homogeneous form. these substances are not intentionally added during the manufacturing of any mill-max products. to our knowledge, our products do not contain the substances described on the echa svhc list. testing is not performed for materials and substances that were not intentionally added. no warranty, liability of indemnification is expressed or implied with this information. mill-max maintains surveillance of the echa website to obtain the latest information and periodically reviews the svhc list for changes and additions. mill-max mfg. corp. datasheet last modified 2/1/2011 page 2 of 2


▲Up To Search▲   

 
Price & Availability of 4184-0-00-01-00-00-33-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X