Part Number Hot Search : 
RLM682M3 0901F B99032 LV033MU 21M50 C0912A ST2SC 00BZXI
Product Description
Full Text Search
 

To Download 350874-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  te.com/powerconnectors 2-piece power connectors te connectivity quick reference guide 2-piece power connectors things to consider when choosing power connectors application. does the application require a board-to-board, wire-to-board, wire-to-wire, bus bar, card edge or a combination of these types of connectors? current and voltage. does the connector require power only, or a combination of power and signal? how much current is required in the application? keep in mind that power connector performance is typically measured in amperes (or amps). the voltage is also very important as it defnes the spacing between the contacts. hot-pluggability. will the application be mated while under electrical load? if so, a hot-pluggable connector is required. many of the products in this guide have been approved for use in hot-plug applications. typical power connector applications ? ac to dc and dc to dc ? power supplies ? high end computers ? servers ? data storage equipment ? telecommunications switches ? high density power distribution ? uninterruptible power supplies (ups) ? removable battery packs ? board stacking ? power distribution te.com /powerconnectors
te.com/powerconnectors 2-piece power connectors te connectivity application: hot swappable power supplies (500wC5kw) characteristics connector multi-beam xle flatpaq minipak hdl current rating up to 75 a* 32 amps* up to 40 amps* vented housings l l licensed second source l l height (mm) 12 mm 14 mm 8 mm - 9 mm modular l active guides l customizable l l l multi-beam xle connector ? new 6 beam power contact ofers up to 75 a current rating and delivers more than 200 amps/linear inch ? new 25a low power contact occupies 50% less pcb space than multi-beam xl power contacts ? new slim guide sockets reduce the overall pcb footprint ? vented housing allows for better heat dissipation ? hot-plug capable reference part numbers* 6450830-2 6450850-2 flatpaq connectors ? 32 amp high-performance crown band power contacts ? true hot-plug power contacts available ? versatile modular design allows low volume customized confgurations to meet your specifc application requirements ? solder and compliant press-ft termination options available ? rugged design features active guide pins reference part numbers* 6646597-1 6646722-1 minipak hdl connector ? high-density, low profle, power/signal, blind-mate connector ? developed to meet next generation 1u application by reducing airfow impedance ? hot-pluggable power supplies ? contacts rated up to 40 amps and deliver more than 150 amps per linear inch reference part numbers* 2-1926732-5 2-1926733-5 1926845-6 rechargeable batteries (for portable/hand-held electronic devices) battery interconnects ? current capacity 7 amps/single contact at 30 t-rise ? choice of right angle or vertical mount headers with left, right or keyless polarization ? 5 mm pitch headers available for 7.2, 10.8 and 12.0 volts rechargeable batteries rechargeable batteries part number pitch (mm) no. of positions mount style 1827684-1 2 7 vertical surface mount receptacle 1827654-1 2 7 right angle thru-hole plug 1-1123688-7 2.5 10 vertical surface mount receptacle 6123978-1 2.5 4 right angle thru-hole plug 120591-1 / 1 horizontal thru-hole coin cell 5787430-1 5 / vertical solder right hand plug 5787441-1 5 / right angle solder keyless plug te.com/products/multibeamxle te.com/products/minipakhdl *part numbers listed are examples of some available samples, please visit website for additional and mating part numbers. * single contact current rating
te.com/powerconnectors 2-piece power connectors te connectivity application: backplanes products amps/linear inch universal power module multigig rt iccon minipak hde stacked iccon < 125 l 125 C 175 l l 175 C 225 l > 225 l universal power module (upm) connectors (slim upm shown) ? varieties of upm include: standard, high current, slim, low profle ? 2 performance levels ? standard 10 amp contact ? high current 16 amp contacts ? true hot-plug contacts ? high reliability up to 250 cycles ? diferent confgurations include right angle, vertical, coplanar and mezzanine reference part numbers* 1903977-1 (slim upm), 1645498-2 (vertical plug), 5646954-2 (r/a plug) multigig rt connectors ? 2 mm backplane connectors ? 20 amp contacts ? three contact mating lengths are available in 1.5 mm sequence levels ? 1 and 2 row versions to provide maximum trace routing fexibility ? true hot-plug contacts reference part numbers* 1-1410271-1 (plug) 1410270-2 (receptacle) iccon connectors ? with and without locking feature ? 35a current rating ? slimline version available, 30% smaller footprint ? board-to-board, boardCto-busbar, and wire-to-board application options ? durable, quick connect/disconnect function for high current space constrained applications reference part numbers* 6643274-1 (vertical pin), 6643228-1 (r/a pin), 6643220-1 (slimline socket) minipak hde connectors ? designed to compliment other backplane connectors ofered by te including z-pack hm-zd, z-pack tinman and other connectors ? very high current density 18 amps per contact, over 250 amps/linear inch ? two levels of contact sequencing for mate-frst-break-last operation reference part numbers* 1926226-1 (2x6), 1926229-1 (2x9) stacked iccon connector ? very high current density up to 200 amps per inch ? occupies less pcb edge space than separate iccon power and guide modules ? designed to compliment z-pack and other backplane connectors ? right angle connector to mate motherboard-to-daughterboard power distribution systems ? ground pin, power pin and mate-frst-break-last pin options reference part numbers* 2085181-1 (r/a socket) 1766663-1 (vertical pin) te.com/products/minipakhde *part numbers listed are examples of some available samples, please visit website for additional and mating part numbers. te.com/products/iccon te.com/products/upm te.com/products/iccon
te.com/powerconnectors 2-piece power connectors te connectivity application: cable power multi-beam xle cable receptacles ? x, y, z foat mount, blind-mate connectors for drawer type applications ? allows more angular misalignment than the original multi-beam xl connector ? modular design to meet any application ? hot-pluggable ? panel mount, slide-to-lock and squeeze-to-release confgurations are available cable power products wire size current rating specialty multi-beam xle 26-8 awg up to 50 amps low, high power options in same connector et power 14-10 awg up to 35 amps low profle rapid lock 12-0 awg 50-250 amps busbar quick connect/ disconnect high current universal mate-n-lok 30-10 awg up to 35 amps panel mount or free hanging versions amp power series 300mcm-0 awg 15-275 amps single & 2 pole quick connect/disconnect wave crimp flat cable 40-110 amps flat ampower wave crimp system ? flat cable, dissipates heat better than round wire ? termination of fat cable requires no stripping. provides a reliable low resistance, gas tight interface ? lower operating temperature than standard round/discrete wires ? easily formed into shape, without cable ties ? lower cost than laminated bus bars amp power series connectors ? single pole and 2-pole connector housings, crimp snap-in contacts, and accessories ? rugged contact design ? open barrel contacts 6-20awg on reels for automatic and semiautomatic machine termination ? compatible with industry alternate standard versions te.com/products/multibeamxle te.com/products/amppowerseries te.com/products/wavecrimp high current universal mate-n-lok ii connectors ? available in 2-15 circuit sizes for free hanging, panel mount, or wire-to-board connection ? louvertac band and screw machined contacts provide very high current with low contact resistance ? no extraction tools required/economical ? pin and sockets can be intermixed in the same housing rapid lock bus bar connectors ? locking feature retains each contact to mating pin ? no installation tools required ? fast, reliable replacement for power lugs ? up to 250 amps per contact; very low contact resistance et power connector ? up to 35amps per contact ? end-to-end stackability ? low profle, less than 8 mm above pcb ? cable-to-pcb applications ? positive latch retention ? right angle and vertical mounts te.com/products/universalmatenlok te.com/products/etpower te.com/products/rapidlock
te.com/powerconnectors 2-piece power connectors te connectivity industry standards products standards z1 power connector minipak hd guide hardware multi-beam xle advanced tca 1766500-1 1-1469373-1 picmg microtca.0 1469920-1 vita 41 1410465-1 vita 46 1410956-1 vita 62 6450843-6 advancedtca the picmg 3.0 advancedtca standard defnes architecture for modular computing components within communications network infrastructure. the standardization focuses on providing superior power and cooling capabilities in solutions that are cost efective, highly available and highly scalable. microtca the picmg microtca.0 standard is complimentary to the advancedtca standard, but is optimized for smaller scale and more price sensitive applications. vita 46 based on vmebus technology, the standard is defned for 3u and 6u formats and merges the latest in connector and packaging technology with the latest in bus and serial fabric technology. vita 62 the latest in vita standards, vita 62 is currently being defned and will use the standard vpx 3v16u form factor and comply to requirements defned in vita. 48.0. vita 62 will defne the power generation requirements for a module that can be used to power systems that support a vita 62 slot on the vpx backplane. vita 41 referred to as vxs- vme switched serial in the next generation of vme backplanes and introduces features like improved bandwidth, backward compatibility and increased power delivery into the existing vmebus technology. guide hardware ? guide modules are available for the advancedtca, vita 41.0 vxs and the vita 46.0 vpx standards ? most guide modules are keyed to prevent misalignment during board- to-board mating ? atca guide modules are available for a variety of applications including front board, mid plane, backplane and rear transition modules as specifed in the advancedtca specifcation ? multigig rt guide modules meet the vita 46.0 vpx and vita 41 vxs standards minipak hd connectors ? designed to the microtca.0 standard ? 30 microinches gold plating over nickel ? hot-plug contact design controls arc during hot-mate/un-mate cycles ? available to carry up to 14.5 amps per contact fully loaded z1 power connector ? designed to picmg 3.0 advancedtca standard ? combines 8 high conductivity size 16 pin & socket contacts with 22 size 22 pin & socket contacts ? capable of carrying 20 amps per contact and the signals are capable of carrying 2 amps per contact multi-beam xle connector ? vita 62 standard developed around multi-beam xle connector ? new 6 beam power contacts ofer a 50a current rating and lower mating force ? new 20a low power contact occupies 50% less pcb space than multi-beam xl power contacts ? vented housing allows for better heat dissipation for more information on te industry standard products visit: te.com/products/atca advancedtca, microtca and picmg are trademarks of picmg-pci industrial computer manufacturers group, inc. vita, vmebus, vpx, and vxs are trademarks of vita. note: part numbers listed in the above table are some available samples for each standard. there are other part numbers and confgurations to choose from. te.com/products/guidehardware te.com/products/multibeamxle te.com/products/atcapower te.com/products/minipakhd
te.com/powerconnectors 2-piece power connectors te connectivity for more information te technical support center usa: +1 (800) 522-6752 canada: +1 (905) 475-6222 mexico +52 (0) 55-1106-0800 latin/s. america: +54 (0) 11-4733-2200 germany: +49 (0) 6251-133-1999 uk: +44 (0) 800-267666 france: +33 (0) 1-3420-8686 netherlands: +31 (0) 73-6246-999 china: +86 (0) 400-820-6015 part numbers in this brochure are rohs compliant*, unless marked otherwise. *as defned www.te.com/leadfree most products in this brochure have been qualifed by ul and/or csa. te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company. all rights reserved. 4-1773458-1 cis lug fp 1m 02/2012 amp, ampower, crown band, flatpaq, iccon, mate-n-lok, minipak hde, minipak hdl, multi-beam xl, multi-beam xle, multigig rt, rapid lock, z-pack, z-pack tinman, te connectivity, te connectivity (logo) and te (logo) are trademarks. other logos, product and/or company names might be trademarks of their respective owners. while te has made every reasonable effort to ensure the accuracy of the information in this brochure, te does not guarantee that it is error-free, nor does te make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. te reserves the right to make any adjustments to the information contained herein at any time without notice. te expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or ftness for a particular purpose. the dimensions in this catalog are for reference purposes only and are subject to change without notice. specifcations are subject to change without notice. consult te for the latest dimensions and design specifcations. integrated backplane power systems ? universal power modules (upm) ? minipak hde connectors ? multigig rt power modules ? guide hardware ? z1 power (advancedtca) connectors power board-to-board ? multi-beam xle connectors ? flatpaq modular connectors ? minipak hdl connectors ? minipak hd (microtca) connectors bus bar-to-board ? iccon connectors ? rapid lock connectors power cable-to-cable/board ? universal mate-n-lok product ? ampower wave crimp system ? et power connector ? multi-beam xle cable receptacles ? rapid lock connectors laptops/portables ? battery interconnects application diagram visit us on the web! for your power connector needs go to: te.com/products/powerconnectors check out our selection of videos on youtube! refer to our catalog: power connectors & interconnection systems catalog # 1773096 sample kits! sample kits are available for various power connectors. contact your local te sales representative for more information or visit www.te.com


▲Up To Search▲   

 
Price & Availability of 350874-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X