Part Number Hot Search : 
UPC258C5 40221 1N4151 P4SMA91A MD100 HC123 GS1MWG CTN393
Product Description
Full Text Search
 

To Download 19-0025-213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series 200 thru 216 male/female dip jumpers note: aries specializes in custom design and production. in addition to the standard products shown on this page, special materials, platings, sizes, and configurations can be furnished, depending on quantities. aries reserves the right to change product specifications without notice. features: ? aries offers a wide array of dip jumper configurations for all your programming needs. ? reliable, electronically tested solder connections. ? protective covers are ultrasonically welded on and provide strain relief for cables. ? 10-color cable allows for easy identification and tracing. ? consult factory for jumper lengths under 2.000 [50.80]. specifications: ? all body material is black ul 94 v-0 glass-filled 4/6 nylon. ? solder tail pins are brass, 1/2 hard. ? socket contacts grade a spring-tempered phosphor bronze per qq-b-750. ? pin and contact plating is 10 [.25m] min. gold per mil-g- 45204 over 50 [1.27m] min. nickel per sae-ams-qq-n- 290. ? cable insulation is ul style 2697 polyvinyl chloride (pvc). ? laminate is clear pvc, self-extinguishing. ? conductors are 28 awg, 7/36 strand, tinned copper per astm b 33. ? cable current rating=1 amp @ 10c [50f] above ambient. ? cable voltage rating=300 volts. ? cable temperature rating=176f [80c]. ? cable capacitance=13.0 pf/ft. [42.7pf/meter] nominal @1 mhz. ? crosstalk: 10 sample, 5 ns rise time with 2 lines driven. near end=4.7%; far end=4.3% nominal. ?propagation delay=1.5 ns/ft. [4.9 ns/meter] nominal. ?insulation resistance=1010 ohms (10 ft. [3 meters] min.). mounting considerations: ?suggested pcb hole size=.033 .002 [.86 .05]. a ll dimensions : inches [ millimeters ] see data sheet no. 11013 for other configurations and additional information. header/socket det ail header det ail ordering informa tion xx-xxxx-xxxxx no. of conductors (see table) jumper series cable length in inches ex: 2 = -002- 2.5 = -002.5- min. cable length = 2 [50.80mm] centers ?c ? dim. ?d ? dim. ?h ? available sizes .300 [7.62] .395 [10.03] .390 [9.90] 8, 14 thru 20 .400 [10.16] .495 [12.57] .490 [12.45] 22 .600 [15.24] .695 [17.65] .690 [17.54] 24, 28, 40 note: 18, 20 and 28 position headers do not have numbers on covers. a=(no. of conductors x .050 [1.27]) + .095 [2.41] b=(no. of conductors - 1) x .050 [1.27] e=(no. of conductors + 1) x .050 [1.27] f=(no. of conductors - 1) x .050 [1.27] series 200 series 214 all tolerances .005 [.13] unless otherwise specified optional suffix: st=stripped and tinned ends (series 206, 210) l .125 l .125 printouts of this document may be out of date and should be considered uncontrolled 11012 rev. f bristol, pa usa tel: (215) 781-9956 fax: (215) 781-9845 http://www.arieselec.com ? info@arieselec.com abc


▲Up To Search▲   

 
Price & Availability of 19-0025-213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X