Part Number Hot Search : 
337M0 T940004 M29F4 BC317 SAA71 UPB554C 11SRWA Z8420AD1
Product Description
Full Text Search
 

To Download 0430450402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product name cross-ref catalog literature industries standards contact us about us investors careers connectors sockets i/o connectors cable assemblies fiber optics printed circuit products industrial products lighting products molex.com register | login my parts ( 0 items ) search site: search: enter part no. or keyword go switch language english need assistance? contact us find a distributor order samples tech library ecocare electrical models printer-friendly page email this page home pcb headers datasheet part number: 0430450402 status: active overview: micro-fit, 3.0? description: 3.00mm (.118") pitch micro-fit 3.0? header, surface mount compatible, dual row, right angle, with snap-in plastic peg pcb lock, 4 circuits, 0.76m (30") gold (au) selective plating, glow wire compatible documents: note - please disable browser pop-up blockers for documents on www.molex.com drawing (pdf) product specification ps-43045 (pdf) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free for a multiple part number rohs certificate of compliance, click here molex connector part number - 0430450402 page 1 of 4 c:\temp\04192010\mole\0430450402.mht 20-apr-2010
product literature (pdf) 3d model datasheet (pdf) rohs certificate of compliance (pdf) order products: check distributor inventory add to my parts request samples part detail: (show all) general general physical physical electrical electrical agency certification agency certification solder process data solder process data material info material info reference - drawing numbers reference - drawing numbers general product family pcb headers series 43045 application wire-to-board comments glow wire equivalent part number 430450402 high temperature, square pin, solder type overview micro-fit, 3.0? product literature order no usa-106 product name micro-fit 3.0? need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non- product compliance questions. search parts in this series 43045 series mates with 43025 molex connector part number - 0430450402 page 2 of 4 c:\temp\04192010\mole\0430450402.mht 20-apr-2010
physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant yes mated height (in) 0.405 in mated height (mm) 10.29 mm material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical (please review the product specification for specific details.) current - maximum per contact 5a voltage - maximum 250v agency certification csa lr19980 tuv r72081037 ul e29179 molex connector part number - 0430450402 page 3 of 4 c:\temp\04192010\mole\0430450402.mht 20-apr-2010
solder process data duration at max. process temperature (seconds) 30 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers product specification ps-43045, rps-43045-003, rps-43045-004 sales drawing sd-43045-001 copyright 2005-2010 feedback privacy legal site map help find us on: molex connector part number - 0430450402 page 4 of 4 c:\temp\04192010\mole\0430450402.mht 20-apr-2010


▲Up To Search▲   

 
Price & Availability of 0430450402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X