Part Number Hot Search : 
DM631 U1000 78M12CDT 3842D S9015 TMP87 00AXC TSOP484
Product Description
Full Text Search
 

To Download 0026232081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/16/2009 please check www.molex.com for latest part information part number: 0026232081 status: active overview: description: 3.96mm (.156") pitch kk? wire-to-board header, vertical round pin, 8 circuits, gold (au) plating, with mating pin length of 11.43mm (.450") documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb headers series 3192 application board-to-board application wire-to-board overview kk® product name kk? physical breakaway no circuits (loaded) 8 circuits (maximum) 8 color - resin natural first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating gold material - plating termination gold material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.175 in pc tail length (mm) 4.45 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 20 plating min: mating (m) 0.5 plating min: termination (in) 20 plating min: termination (m) 0.5 polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating 0c to +75c termination interface: style through hole electrical current - maximum 7a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 3192 series
ul e29179 voltage - maximum 250v solder process data lead-free process capability wave capable (th only) material info old part number 319208ag this document was generated on 11/16/2009 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0026232081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X