Part Number Hot Search : 
AAMDA EDDTRPB UPA1874 P82C202A 10640 ICL7650S 05487 RC1210
Product Description
Full Text Search
 

To Download WT1206ML180A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050915 website europe tel: +49 2302 662-107 americas tel: +1 404 699-7820 asia tel: +852 26 14-1108 china tel: +86 21 6432 5146 www.wickmanngroup .com e-mail: sales@wickmann.com e-mail: service@wickmannusa.com e-mail: sales@wickmann.com.hk e-mail: sales@wickmann.cn order order order order order qty. qty. qty. qty. qty. order- order- order- order- order- t t t t t ype ype ype ype ype t t t t t erminal code packaging erminal code packaging erminal code packaging erminal code packaging erminal code packaging information information information information information number number number number number wt1206ml560 a p t v v v v v aristors aristors aristors aristors aristors dimensions (mm) dimensions (mm) dimensions (mm) dimensions (mm) dimensions (mm) tvs 1206 smd tvs 1206 smd tvs 1206 smd tvs 1206 smd tvs 1206 smd specifications specifications specifications specifications specifications packaging packaging packaging packaging packaging tape and reel t 7 inch reel (3.000 pcs.) q 13 inch reel (10.000 pcs.) material material material material material body: ceramic (zno) terminals: ni/sn plated (code ?p?) ag/pt/pd non plated (code ?n? on request) operating t operating t operating t operating t operating t emperature emperature emperature emperature emperature -55 to +125c solderability solderability solderability solderability solderability acc. to iec 60068-2-58 235c, 2s soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance soldering heat resistance 260oc, 10 sec. (iec 60068-2-58) 280oc, 5 sec. (iec 60068-2-58) response t response t response t response t response t ime ime ime ime ime <0.5ns t t t t t emperature emperature emperature emperature emperature c c c c c oefficient ( oefficient ( oefficient ( oefficient ( oefficient ( v) of v) of v) of v) of v) of c c c c c lamping lamping lamping lamping lamping v v v v v oltage (vc) @ specified test current oltage (vc) @ specified test current oltage (vc) @ specified test current oltage (vc) @ specified test current oltage (vc) @ specified test current <0.01%/c power dissipation power dissipation power dissipation power dissipation power dissipation 0.1w max. standards standards standards standards standards iec 61000-4-2 mil-std-883c multilayer ceramic t multilayer ceramic t multilayer ceramic t multilayer ceramic t multilayer ceramic t ransient ransient ransient ransient ransient v v v v v oltage suppressor oltage suppressor oltage suppressor oltage suppressor oltage suppressor standard capacity standard capacity standard capacity standard capacity standard capacity features features features features features thin layer, high precise techniques lead free bi-directional clamping standard and low capacity available with nickel/tin end termination applications applications applications applications applications circuit board and esd, eft protection of: ? i/o ports ? keyboards ? lcd?s ? sensors w w w w w eblinks eblinks eblinks eblinks eblinks further infos see: further infos see: further infos see: further infos see: further infos see: www.wickmanngroup.com further technical infos see technical further technical infos see technical further technical infos see technical further technical infos see technical further technical infos see technical varistor file: varistor file: varistor file: varistor file: varistor file: www.wickmanngroup.com/download/ techvaristor.pdf specifications are subject to change without notice 3.20?0.20 1.60?0.20 1.60 0.50?0.25 typ. inductance max. cont. working voltage max. non-repetitive surge current (8/20 s) type max. non-repetitive surge energy (10/1000 s) max. clamping voltage at spec. current (8/20 s) nominal voltage at 1ma (dc) test current typ. capacitance wt1206ml030a wt1206ml050a wt1206ml090a wt1206ml120a wt1206ml140a WT1206ML180A wt1206ml220a wt1206ml260a wt1206ml300a wt1206ml380a wt1206ml450a wt1206ml560a wt1206ml680a v m(ac) (v) 2,5 4,0 6,0 9,0 11,0 14,0 17,0 20,0 25,0 30,0 35,0 40,0 50,0 v m(dc) (v) 3,3 5,5 9,0 12,0 14,0 18,0 22,0 26,0 30,0 38,0 45,0 56,0 68,0 i tm (a) 150 150 150 150 150 150 150 120 120 180 120 180 180 w tm (j) 0,40 0,40 0,40 0,50 0,40 0,40 0,60 0,40 0,40 1,00 0,60 1,00 1,00 v c (v@a) 14,0 @ 10 15,5 @ 10 20,0 @ 10 25,0 @ 10 30,0 @ 10 40,0 @ 10 44,0 @ 10 58,0 @ 10 65,0 @ 10 77,0 @ 10 86,0 @ 10 110,0 @ 10 135,0 @ 10 v n(dc)min. (v) 3,8 7,1 10,0 14,0 16,0 22,0 24,3 29,5 35,0 42,3 50,0 61,2 74,0 v n(dc)max. (v) 7,0 9,8 14,5 18,5 21,0 28,0 30,0 38,0 43,0 51,7 61,0 74,0 90,0 1khz c typ. (pf) 7900 9200 3450 2200 1200 1070 870 800 560 460 430 315 270 l typ. (nh) 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 1,8 maximum ratings (125c) maximum ratings (125c) maximum ratings (125c) maximum ratings (125c) maximum ratings (125c) specifications (25c) specifications (25c) specifications (25c) specifications (25c) specifications (25c) 1mhz c typ. (pf) 7100 8000 3000 1900 1000 920 750 680 500 400 350 280 250 this product is not recommended for new designs. please refer to littelfuse series mla.
website europe tel: +49 2302 662-107 americas tel: +1 404 699-7820 asia tel: +852 26 14-1108 china tel: +86 21 6432 5146 www.wickmanngroup .com e-mail: sales@wickmann.com e-mail: service@wickmannusa.com e-mail: sales@wickmann.com.hk e-mail: sales@wickmann.cn 050915 v/i characteristics v/i characteristics v/i characteristics v/i characteristics v/i characteristics wt1206ml680a wt1206ml560a wt1206ml450a wt1206ml380a wt1206ml300a wt1206ml260a wt1206ml220a WT1206ML180A wt1206ml140a wt1206ml120a wt1206ml090a wt1206ml050a wt1206ml030a 3,3 5,5 14,0 22,0 26,0 30,0 9,0 12,0 18,0 38,0 45,0 56,0 68,0 3,3 5,5 14,0 22,0 26,0 30,0 9,0 12,0 18,0 38,0 45,0 56,0 68,0 v v v v v aristors aristors aristors aristors aristors tvs 1206 smd tvs 1206 smd tvs 1206 smd tvs 1206 smd tvs 1206 smd maximum surge current: wt1206ml030a - wt1206ml220a maximum surge current: wt1206ml030a - wt1206ml220a maximum surge current: wt1206ml030a - wt1206ml220a maximum surge current: wt1206ml030a - wt1206ml220a maximum surge current: wt1206ml030a - wt1206ml220a
050915 website europe tel: +49 2302 662-107 americas tel: +1 404 699-7820 asia tel: +852 26 14-1108 china tel: +86 21 6432 5146 www.wickmanngroup .com e-mail: sales@wickmann.com e-mail: service@wickmannusa.com e-mail: sales@wickmann.com.hk e-mail: sales@wickmann.cn maximum surge current: wt1206ml260a - wt1206ml300a, wt1206ml450a maximum surge current: wt1206ml260a - wt1206ml300a, wt1206ml450a maximum surge current: wt1206ml260a - wt1206ml300a, wt1206ml450a maximum surge current: wt1206ml260a - wt1206ml300a, wt1206ml450a maximum surge current: wt1206ml260a - wt1206ml300a, wt1206ml450a tvs 1206 smd tvs 1206 smd tvs 1206 smd tvs 1206 smd tvs 1206 smd maximum surge current: wt1206ml380a, wt1206ml560a - wt1206ml680a maximum surge current: wt1206ml380a, wt1206ml560a - wt1206ml680a maximum surge current: wt1206ml380a, wt1206ml560a - wt1206ml680a maximum surge current: wt1206ml380a, wt1206ml560a - wt1206ml680a maximum surge current: wt1206ml380a, wt1206ml560a - wt1206ml680a v v v v v aristors aristors aristors aristors aristors


▲Up To Search▲   

 
Price & Availability of WT1206ML180A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X