Part Number Hot Search : 
S29GL256 T520C GRM31MR 74HCT08N SD1411 EPA3372S 12003 FSL234R
Product Description
Full Text Search
 

To Download VFTX300-JCDG-10MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508-435-5289 ? www.valpeyfisher.com revb0307 1 vcc code specification f 3.0v d 5.0v features ? frequency range of 10mhz to 40mhz ? very low phase noise ? excellent frequency stability ? clipped sine wave output ? low aging, vacuum sealed crystal ? available as a vcxo stability code specification l 0.5ppm k 1.0ppm j 1.5ppm h 2.0ppm g 2.5ppm temperature range code specification a 0c to 50c c -10c to +60c d -20c to 70c f -30c to +85c g -40c to 85c pulling code specification t tcxo a 5ppm b 8ppm c 10ppm d 12ppm e 15ppm f 18ppm g 20ppm freq. vs temp availability temp (c) l: 0.5ppm k: 1.0ppm j: 1.5ppm h: 2.0ppm g: 2.5ppm 0c to +50c ? ? ? ? ? -10c to +60c ? ? ? ? ? -20c to +70c ? ? ? ? ? -30c to +85c ? ? ? ? ? -40c to +85c o ? ? ? ? o case by case ? available pin #1 vc or gnd #2 gnd #3 output #4 vcc vftx300 tcxo with voltage control option 3 .2x2.5mm surface mount , cli pp ed sine applications ? optical networki ng, sonet/sdh ? 10 gbit ethernet ? frequen cy transl ation sm d ref lo w p ro fi le 0 50 100 150 200 250 0 2 0 4 0 6 0 8 0 100 120 140 160 tim e, s te mp eratu re, c how to order v ftx300 frequency , mhz
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508-435-5289 ? www.valpeyfisher.com revb0307 2 absolute maximum ratings input break down voltage vcc -0.5 7.0 v storage temp. ts -55 125 c contr. voltage vc -1 9 v electrical frequency range f 10 40 mhz input voltage vcc 4.75 2.8 5.00 3.0 5.25 3.3 v min. frequency 26mhz input current icc 50 ohm load 2.5 ma frequency stability f/f vs. temperature vs. vcc aging 0.5 5 0.2 1 ppm ppm/v ppm/year refer selection table output clipped sine, 0.8vp-p minimum load 10k ? //10pf start up time ts 2 10 ms ssb phase noise @100 hz @1 khz @10 khz -115 -135 -150 dbc/hz fo=13mhz input impedance 10 m ? control voltage vc 0.5 0.5 4.55 2.5 v 5vcc 3vcc environmental and mechanical operating temp. range -20c to 70c (-40c to 85c available) refer to selection table mechanical shock per mil-std-202, method 213, cond. e thermal shock per mil-std-883, method 1011, cond. a vibration per mil-std-883, method 2007, cond. a soldering conditions 230c for 90s max hermetic seal leak rate less than 5x10 -8 atm.cc/s of helium (crystal only) electrical connections pin out pin #1- voltage control or gnd pin #2 - gnd pin #3 ? output pin #4 - vcc specifications parameter symb condition min typ max unit note vftx300 tcxo with voltage control option 3.2x2.5mm smd cli pp ed sine wave


▲Up To Search▲   

 
Price & Availability of VFTX300-JCDG-10MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X