Part Number Hot Search : 
MP810 MAX814 673AB 2SC945P RJK03 LVC1G0 LVC1G0 MM3Z2XVC
Product Description
Full Text Search
 

To Download VB30100SG-E38W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v30100sg, vf30100sg, vb30100sg & vi30100sg vishay general semiconductor document number: 88996 revision: 24-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 new product high-voltage trench mos barrier schottky rectifier ultra low v f = 0.437 v at i f = 5 a features ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? low thermal resistance ? meets msl level 1, per j-std-020, lf maximum peak of 245 c (for to-263ab package) ? solder bath temperature 275 c maximum, 10 s, per jesd 22-b106 (for to-220ab, ito-220ab, and to-262aa package) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high frequency converters, switching power supplies, freewheeling diodes, or-ing diode, dc-to-dc converters and reverse battery protection. mechanical data case: to-220ab, ito-220a b, to-263ab and to-262aa molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs comp liant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 30 a v rrm 100 v i fsm 250 a v f at i f = 30 a 0.76 v t j max. 150 c v30100sg vf30100sg vi30100sg vb30100sg pin 1 pin 2 pin 3 k 1 2 3 1 k 2 3 to-220ab to-263ab nc a k heatsink nc a k pin 1 pin 2 pin 3 pin 1 pin 2 case pin 3 to-262aa tmbs ? ito-220ab 1 2 3 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol v30100sg vf30100sg vb30100sg vi30100sg unit maximum repetitive peak reverse voltage v rrm 100 v maximum average forward rectified current (fig. 1) i f(av) 30 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 250 a non-repetitive avalanche energy at t j = 25 c, l = 90 mh e as 230 mj peak repetitive reverse current at t p = 2 s, 1 khz, t j = 38 c 2 c i rrm 1.0 a voltage rate of change (rated v r ) dv/dt 10 000 v/s isolation voltage (ito-220ab only) from terminal to heatsink t = 1 min v ac 1500 v operating junction and storage temperature range t j , t stg - 40 to + 150 c
new product v30100sg, vf30100sg, vb 30100sg & vi30100sg vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88996 revision: 24-jun-09 2 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit breakdown voltage i r = 10 ma t a = 25 c v br 105 (minimum) - v instantaneous forward voltage (1) i f = 5 a i f = 10 a i f = 30 a t a = 25 c v f 0.50 0.60 0.92 - - 1.00 v i f = 5 a i f = 10 a i f = 30 a t a = 125 c 0.44 0.55 0.76 - - 0.83 reverse current (2) v r = 70 v t a = 25 c t a = 125 c i r 8.8 6.5 - - a ma v r = 100 v t a = 25 c t a = 125 c 43 18 350 35 a ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol v30100sg vf30100sg vb30100sg vi30100sg unit typical thermal resistance per leg r jc 2.0 3.0 2.0 2.0 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab v30100sg-e3/4w 1.88 4w 50/tube tube ito-220ab vf30100sg-e3/4w 1.74 4w 50/tube tube to-263ab vb30100sg-e3/4w 1.37 4w 50/tube tube to-263ab vb30100sg-e3/8w 1.37 8w 800/reel tape and reel to-262aa vi30100sg-e3/4w 1.45 4w 50/tube tube figure 1. forward current derating curve case temperat u re (c) a v erage for w ard c u rrent (a) 25 30 35 20 15 10 5 0 0 25 50 75 100 125 150 v (b,i)30100sg v f30100sg resisti v e or ind u cti v e load figure 2. forward power loss characteristics 0 4 8 12 16 20 24 2 8 32 04 8 12 16 20 24 2 8 32 36 d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0. 8 d = 1.0 a v erage for w ard c u rrent (a) a v erage po w er loss ( w ) d = t p /t t p t
new product v30100sg, vf30100sg, vb30100sg & vi30100sg vishay general semiconductor document number: 88996 revision: 24-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics figure 5. typical junction capacitance 0.1 1 10 100 0 0.2 0.4 0.6 0. 8 1.0 1.2 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t a = 150 c t a = 125 c t a = 25 c 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 8 0 90 100 percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent (ma) t a = 150 c t a = 125 c t a = 25 c 100 1000 10 000 0.1 1 10 100 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p re v erse v oltage ( v ) j u nction capaci tance (pf) figure 6. typical transient thermal impedance figure 7. typical transient thermal impedance 0.001 0.01 0.1 1 10 0.01 0.1 1 10 100 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case v (i)30100sg 0.1 1 10 0.01 0.1 1 10 100 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case v f30100sg
new product v30100sg, vf30100sg, vb 30100sg & vi30100sg vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88996 revision: 24-jun-09 4 package outline dimensions in inches (millimeters) to-220ab 0.113 (2. 8 7) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) 0.415 (10.54) max. 0.635 (16.13) 0.625 (15. 8 7) pi n 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.02 8 (0.70) 0.154 (3.91) 0.14 8 (3.74) 1 3 2 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) ito-220ab 0.076 (1.93) ref. 45 ref. pi n 3 2 1 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4. 8 5) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.025 (0.64) 0.015 (0.3 8 ) 0.105 (2.67) 0.095 (2.41) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32) 7 ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) to-262aa 0.401 (10.19) 0.3 8 1 (9.6 8 ) 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.40) 0.045 (1.14) 0.110 (2.79) 0.100 (2.54) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.35) k 123 0.055 (1.40) 0.047 (1.19) 0.510 (12.95) 0.470 (11.94) pi n 0.411 (10.45) max. 0.250 (6.35) mi n . 30 (typ.) (ref.) 0.035 (0.90) 0.02 8 (0.70) 0.205 (5.20) 0.195 (4.95) 0.104 (2.65) 0.096 (2.45) 0.057 (1.45) 0.045 (1.14) 0.160 (4.06) 0.140 (3.56) 0.950 (24.13) 0.920 (23.37) to-263ab 0.670 (17.02) 0.591 (15.00) 0.105 (2.67) 0.095 (2.41) 0.0 8 (2.032) mi n . 0.15 (3. 8 1) mi n . 0.33 ( 8 .3 8 ) mi n . 0.42 (10.66) mi n . n ca k k 0.140 (3.56) 0.110 (2.79) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0 to 0.01 (0 to 0.254) 0.055 (1.40) 0.047 (1.19) 0.055 (1.40) 0.045 (1.14) 0.190 (4. 8 3) 0.160 (4.06) 0.205 (5.20) 0.195 (4.95) 0.624 (15. 8 5) 0.591 (15.00) 0.037 (0.940) 0.027 (0.6 8 6) 0.105 (2.67) 0.095 (2.41) 0.360 (9.14) 0.320 ( 8 .13) 0.411 (10.45) 0.3 8 0 (9.65) 0.245 (6.22) mi n . mountin g pad layout
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VB30100SG-E38W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X