Part Number Hot Search : 
88523 FRF9150H 2N5962 T1105 TA1370FG T260XW01 S1500 CDB5321
Product Description
Full Text Search
 

To Download SSL0618T-150M-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yageo corporation smd inductor / beads ssl0618 series smd power inductors for ssl series provide excellent current carrying capabilities in a small footprint. they have a fat top for reliable pick and place operations and features robust temperature defection. in addition to the standard versions shown here, custom inductors are available to meet your exact require - ment. ssl - - p r od uct i d e n ti f icati on international no. tolerance inductance packaging style dimensions product symbol e lectrical c haracteristics p art no . i nd uc ta n ce sr f d c isat ** irms *** ( h 20%) * ( m hz) resista n ce (a) (a) ( ? +0 ) ssl0618t-1r0m-s 1.0 230 0.04 2.50 2.30 ssl0618t-1r5m-s 1.5 180 0.06 2.20 2.10 ssl0618t-2r2m-s 2.2 140 0.07 1.80 1.70 ssl0618t-3r3m-s 3.3 110 0.12 1.40 1.30 ssl0618t-4r7m-s 4.7 100 0.15 1.20 1.10 ssl0618t-6r8m-s 6.8 80 0.20 1.10 1.00 ssl0618t-100m-s 10 60 0.26 1.00 0.90 SSL0618T-150M-S 15 45 0.40 0.80 0.70 ssl0618t-220m-s 22 35 0.54 0.60 0.50 ssl0618t-330m-s 33 30 0.74 0.50 0.45 ssl0618t-470m-s 47 22 1.10 0.45 0.40 ssl0618t-680m-s 68 20 1.60 0.35 0.35 ssl0618t-101m-s 100 15 2.30 0.30 0.30 ssl0618t-151m-s 150 10 3.50 0.25 0.25 ssl0618t-221m-s 220 9 5.70 0.20 0.18 ssl0618t-331m-s 330 8 8.20 0.16 0.16 ssl0618t-471m-s 470 7 10.8 0.14 0.12 ssl0618t-681m-s 680 5 17.2 0.12 0.10 ssl0618t-102m-s 1000 4 22.6 0.08 0.08 * inductance tested at 100 khz , 0.1 vrms ** dc current at which the inductance drops 10% (typ) from its value without current. *** averafe current for a 40c rise above 25c ambient. **** operating temperature range -40c to +85c ***** electroical specifcations at 25c descri p ti on ? 2mm max height ? inductance range from 1h to 1000h ? current range from 2.3amps to 0.08amps ? very competitive cost design. en vir onm e n tal data storage temperature range: -40c to +125c operating ambient temperature range: -40c to +85c (range is application specifc). temperature rise is approximately 40c at rated rms current infrared reflow temperature : +240c for 30 seconds. app licati on s digital cameras, cd players, cellular phones, and pdas pcmcia cards gps systems sha p es a nd d i m e n si on s dimensions : mm 6.5 1.24 3.81 2.35 4 1.4 2.0 1.8 5.3 + / - 0.1
253 temperature c for: lead solder for: lead-free solder time:second pre-heating 60 second 120 second 80 second 5~10 second soldering natural cooling 260 c 230 c 160 c 150 c rec omm e nd s o l d eri n g c ond iti on s for:cl/ clh/ sqv/ smd power inductors/ smd chip beads/ smd filters, transformers, current sensors


▲Up To Search▲   

 
Price & Availability of SSL0618T-150M-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X