Part Number Hot Search : 
ZPD30 DEVICE 2SK1188 MBG3363K BFU520W 35479E3 JANSR2N TDA7437
Product Description
Full Text Search
 

To Download SDR0302-3R3M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. max. max. typ. (mhz) (mhz) ( ? ? ) (a) (a) sdr0302-1r0m_ 1.0 20 20 7.96 125.0 0.06 2.100 2.700 sdr0302-1r2m_ 1.2 20 22 7.96 100.0 0.07 2.000 2.500 sdr0302-1r5m_ 1.5 20 23 7.96 95.0 0.07 1.900 2.300 sdr0302-1r8m_ 1.8 20 23 7.96 85.0 0.08 1.800 2.000 sdr0302-2r2m_ 2.2 20 22 7.96 75.0 0.09 1.650 1.850 sdr0302-2r7m_ 2.7 20 22 7.96 72.0 0.10 1.500 1.700 SDR0302-3R3M_ 3.3 20 23 7.96 68.0 0.11 1.400 1.600 sdr0302-3r9m_ 3.9 20 24 7.96 50.0 0.12 1.300 1.500 sdr0302-4r7m_ 4.7 20 18 7.96 45.0 0.15 1.200 1.350 sdr0302-5r6m_ 5.6 20 18 7.96 42.0 0.16 1.100 1.300 sdr0302-6r8m_ 6.8 20 18 7.96 40.0 0.18 1.000 1.200 sdr0302-8r2m_ 8.2 20 16 7.96 35.0 0.20 0.900 1.050 sdr0302-100m_ 10.0 20 18 2.52 34.0 0.25 0.800 0.900 sdr0302-120m_ 12.0 20 15 2.52 33.0 0.28 0.750 0.850 sdr0302-150m_ 15.0 20 20 2.52 32.0 0.40 0.650 0.800 sdr0302-180m_ 18.0 20 18 2.52 28.0 0.46 0.580 0.750 sdr0302-220m_ 22.0 20 23 2.52 22.0 0.66 0.520 0.650 sdr0302-270m_ 27.0 20 23 2.52 20.0 0.75 0.480 0.550 sdr0302-330k_ 33.0 10 20 2.52 18.0 0.85 0.420 0.500 sdr0302-390k_ 39.0 10 24 2.52 18.0 1.12 0.380 0.450 sdr0302-470k_ 47.0 10 23 2.52 17.0 1.27 0.360 0.400 sdr0302-560k_ 56.0 10 18 2.52 16.0 1.45 0.340 0.350 sdr0302-680k_ 68.0 10 24 2.52 14.0 1.85 0.300 0.320 sdr0302-820k_ 82.0 10 24 2.52 12.0 2.10 0.280 0.300 sdr0302-101k_ 100.0 10 40 0.796 10.0 2.85 0.260 0.280 sdr0302-121k_ 120.0 10 40 0.796 10.0 3.20 0.220 0.250 sdr0302-151k_ 150.0 10 38 0.796 9.0 4.60 0.200 0.230 sdr0302-181k_ 180.0 10 45 0.796 8.5 5.00 0.185 0.210 sdr0302-221k_ 220.0 10 40 0.796 8.0 5.70 0.170 0.190 sdr0302-271k_ 270.0 10 45 0.796 7.0 8.60 0.150 0.170 sdr0302-331k_ 330.0 10 40 0.796 6.0 10.00 0.130 0.150 sdr0302-391k_ 390.0 10 40 0.796 5.5 10.80 0.120 0.140 sdr0302-471k_ 470.0 10 42 0.796 5.0 14.30 0.105 0.130 sdr0302-561k_ 560.0 10 43 0.796 4.8 16.00 0.095 0.120 sdr0302-681k_ 680.0 10 43 0.796 4.3 18.00 0.085 0.110 sdr0302-821k_ 820.0 10 45 0.796 4.0 22.50 0.080 0.100 sdr0302-102k_ 1000.0 10 40 0.252 3.2 26.00 0.070 0.090 sdr0302-122k_ 1200.0 10 40 0.252 3.0 30.00 0.060 0.080 sdr0302 series - smd power inductors features available in e12 series low profile of only 2.5 mm low inductance values lead free version available (see how to order) lead free versions are rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communication equipment ? camcorders ? lcd tvs ? car radios electrical specifications product dimensions recommended layout 3.0 0.3 (.118 .012) max. max. 2.5 0.3 (.098 .012) general specifications test voltage ........................................1 v reflow soldering....230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature ..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ........................................ferrite dr wire ..............enameled copper wire 130 terminal electrode ......see how to order rated current ....................ind. drop 10 % typ. at isat temperature rise...................40 ? max. at rated irms packaging ..................1000 pcs. per reel 0.9 (.035) max. typ. 2.8 0.3 (.110 .012) 3.0 (.118) 0.8 (.031) 1.4 (.055) 1.4 (.055) typical part marking 100 start finish electrical schematic 14 dimensions: mm (inches) lead free versions are rohs compliant how to order sdr0302 - 100m __ model value/tolerance: from table termination l = ag/ni/sn blank = ag/ni/snpb
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 02/05 sdr0302 series - smd power inductors 10.0 (.394) 12.5 (.492) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications end start user direction of feed 160 (6.299) no component no component components 2.8 (.110) 4000 (157.480) 390 (15.354) 4.0 (.157) 4.0 (.157) 8 (.315) 100 100 100 100 qty: 1000 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SDR0302-3R3M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X