Part Number Hot Search : 
88523 FRF9150H 2N5962 T1105 TA1370FG T260XW01 S1500 CDB5321
Product Description
Full Text Search
 

To Download SC30R022KR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  size l max. d max. l min. d sc10 10.0mm 4.2mm 25mm 0.6mm sc15 10.0mm 4.5mm 30mm 0.6mm sc30 7.0mm 2.8mm 25mm 0.5mm sc55 11.4mm 5.2mm 30mm 0.6mm axial leaded power inductors type sc10, sc15, sc30, sc55 series literature no. 1773282 issued: 10-06 dimensions are shown for reference purposes only. dimensions are in millimetres unless otherwise specified. specifications subject to change. www.tycoelectronics.com passives.tycoelectronics.com key features wide inductance range insulated packaging four sizes flame retardant wide temperature range established reliability fully protected from the environment available from distribution tyco quality and reliability are guaran- teed in this range of insulated and shielded rf inductors. the insulated range has a self-extinguishing polyolefin sleeve. their small size make them ideal for use when space is at a premium. and they are also fully protected from environmental factors. electrostatic and electromagnetic screening is provided by the magnetic enclosure. a wide range of values are available and the self extinguishing polyolefin sleeve enhances environ- mental protection. the sc series was originally designed for military applications but now has widespread industrial use. packaging and marking type ammo pack reeled weight per component marking sc10 500 pieces 1500 pieces lc10 sc15 500 pieces 1500 pieces lc15 sc30 500 pieces 2500 pieces lc30 sc55 500 pieces 1500 pieces 0.6g lc55 type sc10, sc15, sc30, sc55 series characteristics - electrical sc10 sc15 sc30 sc55 inductance range: see table - e12 grid (non-standard values available to special order) selection tolerance: ?0% ?0% ?0% ?0% power rating at 70?: 0.33w see below 0.25w 0.30w isolation voltage: 700v dc or ac peak limits of inductance change: 5% after 1000 hours endurance operating temperature range: -55? to +100? -55? to +100? -55? to +100? -55? to +125? recommended storage temperature: 0? to +35? climatic category: 55/100/21 55/100/21 55/100/21 55/125/21 sc15 power rating values between 0.15uh and 4.7uh - power rating 0.33 watt values between 5.6uh and 330uh - power rating 0.20 watt dimensions characteristics - electrical type sc10 - section 1 inductance inductance test freq. q factor s.r.f. max. dc direct current value - ? code mhz min. mhz min. resistance at 70? ohms at 20? max. ma 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 r10 r12 r15 r18 r22 r27 r33 r39 r47 r56 r68 r82 1r0 1r2 1r5 1r8 2r2 2r7 3r3 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 50 50 50 50 50 50 50 50 50 50 45 45 45 32 32 32 32 32 32 500 475 450 425 400 380 360 330 300 280 260 235 210 190 170 156 140 125 115 0.055 0.060 0.065 0.070 0.075 0.085 0.095 0.11 0.12 0.14 0.16 0.26 0.30 0.50 0.60 0.75 1.10 1.40 1.90 2060 1970 1900 1830 1770 1660 1570 1460 1390 1290 1210 950 880 685 625 560 460 410 350
section 1 was formerly the tyco c10 series, section 2 was formerly the tyco c11 series, section 3 was formerly the tyco c12 ser ies type sc10 - section 3 inductance inductance test freq. q factor s.r.f. max. dc direct current value - ? code mhz min. mhz min. resistance at 70? ohms at 20? max. ma 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 55 55 50 50 40 40 45 45 45 45 45 45 45 45 45 40 11 10 8.5 7.0 6.5 5.5 5.0 4.2 3.8 3.3 3.1 2.9 2.7 2.5 2.3 2.2 8.1 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.5 22.0 24.5 26.5 30.0 33.0 36.5 40.0 170 161 153 146 140 134 125 117 110 103 98 94 88 84 80 76 type sc10 - section 2 inductance inductance test freq. q factor s.r.f. max. dc direct current value - ? code mhz min. mhz min. resistance at 70? ohms at 20? max. ma 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 3r9 4r7 5r6 6r8 8r2 100 120 150 180 220 270 330 390 470 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 45 45 45 45 45 45 55 55 55 55 55 55 55 55 75 65 60 55 50 45 40 35 30 27 25 22 20 18 0.25 0.35 0.40 0.55 0.75 0.9 1.1 1.5 2.7 3.0 4.5 5.2 7.5 9.6 970 820 765 650 560 510 460 395 295 280 230 210 175 156 axial leaded power inductors type sc10, sc15, sc30, sc55 series literature no. 1773282 issued: 10-06 dimensions are shown for reference purposes only. dimensions are in millimetres unless otherwise specified. specifications subject to change. www.tycoelectronics.com passives.tycoelectronics.com characteristics - electrical type sc15 inductance inductance test freq. q factor s.r.f. max. dc direct current value - ? code mhz min. mhz min. resistance at 70? ohms at 20? max. ma 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 r15 r18 r22 r27 r33 r39 r47 r56 r68 r82 1r0 1r2 1r5 1r8 2r2 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 50 45 50 45 45 45 45 50 50 50 50 33 33 33 33 525 480 450 400 360 350 310 280 250 220 200 180 160 150 135 0.030 0.040 0.055 0.070 0.090 0.100 0.120 0.135 0.15 0.22 0.29 0.42 0.50 0.65 0.95 2790 2420 2060 1830 1610 1530 1400 1320 1250 1030 900 750 685 600 495
axial leaded power inductors type sc10, sc15, sc30, sc55 series literature no. 1773282 issued: 10-06 dimensions are shown for reference purposes only. dimensions are in millimetres unless otherwise specified. specifications subject to change. www.tycoelectronics.com passives.tycoelectronics.com characteristics - electrical type sc15 (continued) inductance inductance test freq. q factor s.r.f. max. dc direct current value - ? code mhz min. mhz min. resistance at 70? ohms at 20? max. ma 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 24* 27 30 33 36* 39 43* 47 51* 56 62* 68 75* 82 91* 100 110* 120 130* 150 160* 180 200* 220 240* 270 300* 330 2r7 3r3 3r9 4r7 5r6 6r8 8r2 100 120 150 180 220 240* 270 300 330 360* 390 430* 470 510* 560 620* 680 750* 820 910* 101 111* 121 131* 151 161* 181 201* 221 241* 271 301* 331 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 33 33 33 33 45 50 50 55 65 65 75 75 60 60 65 65 60 60 60 55 55 55 55 55 55 50 50 50 60 65 65 65 65 65 65 65 65 65 65 65 120 110 100 90 60 55 50 45 42 40 34 30 27 25 21 19 15.5 14.5 13.7 13.0 12.7 12.0 11.5 11.0 10.5 10.3 10.0 9.5 8.9 8.7 8.5 8.0 7.5 7.0 6.5 6.2 5.9 5.7 5.4 5.1 1.20 2.00 2.30 2.60 0.32 0.50 0.60 0.90 1.10 1.40 2.25 2.50 2.50 2.60 2.80 3.00 2.50 2.60 2.70 2.75 2.85 3.00 3.15 3.30 3.70 3.90 4.30 4.50 4.90 5.20 5.45 6.05 6.40 6.75 7.10 7.45 7.80 9.00 11.50 12.50 440 340 320 300 690 550 505 415 375 330 260 250 250 242 230 227 250 244 238 235 231 225 220 215 203 200 188 185 176 170 167 160 154 150 147 144 140 131 118 111 * starred items have a standard tolerance of 5% not 10% characteristics - electrical type sc30 inductance inductance test freq. q factor s.r.f. max. dc direct current value - ? code mhz min. mhz min. resistance at 70? ohms at 20? max. ma 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 r022 r027 r033 r039 r047 r056 r068 r082 r10 r12 r15 r18 50 50 50 50 50 50 50 50 25 25 25 25 33 33 33 33 33 33 33 33 40 40 38 35 1245 1200 1175 1130 1060 990 900 750 680 640 600 550 0.006 0.010 0.026 0.033 0.038 0.048 0.055 0.065 0.080 0.090 0.10 0.12 3000 2800 2620 2320 2170 1930 1800 1650 1490 1400 1330 1210 the sc30 series was formerly the tyco c30 series
axial leaded power inductors type sc10, sc15, sc30, sc55 series literature no. 1773282 issued: 10-06 dimensions are shown for reference purposes only. dimensions are in millimetres unless otherwise specified. specifications subject to change. www.tycoelectronics.com passives.tycoelectronics.com characteristics - electrical type sc30 (continued) inductance inductance test freq. q factor s.r.f. max. dc direct current value - ? code mhz min. mhz min. resistance at 70? ohms at 20? max. ma 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 r22 r27 r33 r39 r47 r56 r68 r82 1r0 1r2 1r5 1r8 2r2 2r7 3r3 3r9 4r7 5r6 6r8 8r2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 33 33 30 30 30 30 28 28 25 25 28 30 30 37 45 45 45 50 50 55 55 45 45 50 50 50 45 45 45 45 50 50 50 30 30 30 30 30 30 30 30 30 30 30 30 510 430 410 365 330 300 275 250 230 150 140 125 115 100 90 80 75 65 60 55 50 40 35 30 25 20 24 22 20 18 15 14 13 12 11 10 9 8 7 6.5 6 5 4 3.8 3.4 0.14 0.16 0.22 0.30 0.35 0.50 0.60 0.85 1.00 0.18 0.22 0.30 0.40 0.55 0.85 1.0 1.2 1.8 2.0 2.7 3.7 2.7 2.8 3.1 3.3 3.5 3.4 3.6 4.5 5.7 6.7 7.3 8.0 13.0 15.0 17.0 21.0 25.0 28.0 35.0 42.0 46.0 60.0 65.0 72.0 1120 1050 900 770 710 595 540 455 420 990 895 765 665 565 455 420 384 314 298 256 219 256 251 239 232 225 228 222 198 176 162 156 149 116 108 102 92 84 79 71 65 62 54 52 49 the sc30 series was formerly the tyco c30 series
axial leaded power inductors type sc10, sc15, sc30, sc55 series literature no. 1773282 issued: 10-06 dimensions are shown for reference purposes only. dimensions are in millimetres unless otherwise specified. specifications subject to change. www.tycoelectronics.com passives.tycoelectronics.com sc30 104 k t common part please state code given in data above inductance value k - 10% tolerance packaging sc10 sc15 sc30 sc55 r - reeled t - ammo pack how to order characteristics - electrical type sc55 inductance inductance q test freq s.r.f. max. dc direct current body value (?) code min. mhz mhz min. resistance at 85? marking ohms max. ma 1uh0-k 1uh5-k 2uh2-k 3uh3-k 4uh7-k 6uh8-k 10uh-k 15uh-k 22uh-k 33uh-k 47uh-k 68uh-k mh10-k mh15-k mh22-k mh33-k mh47-k mh68-k 1mh0-k 1r0 1r5 2r2 3r3 4r7 6r8 100 150 220 330 470 680 101 151 221 331 471 681 102 45 65 60 50 50 60 50 55 65 85 70 65 65 80 80 80 80 85 85 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 190.0 155.0 130.0 110.0 95.0 85.0 65.0 55.0 45.0 35.0 20.0 16.0 14.0 9.5 8.0 7.5 6.5 5.0 3.0 0.04 0.05 0.06 0.07 0.12 0.22 0.35 0.60 1.10 2.00 2.50 3.00 4.00 5.80 7.30 12.00 20.00 24.00 30.00 2200 2000 1800 1700 1300 1000 750 600 430 300 270 250 220 230 200 160 120 110 100 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000


▲Up To Search▲   

 
Price & Availability of SC30R022KR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X