Part Number Hot Search : 
120SC MCF52230 K1200S W83877F 50N60 MSL1064 SR1100 NT681
Product Description
Full Text Search
 

To Download QSS-075-01-LM-D-RA-WT-LS1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .250 max ref (typ) 6.35 24 eq spaces @ .0250[.635] 7 eq spaces @ .080[2.03] .096 ref 2.44 .114.003 2.890.08 (typ) (see note 4) n/a on 25 position qss-xxx-01-xx-d-ra-wt-xxx no of positions qts-...-ra-..ls1) & wt-16-02-t) (see note 4) row specification -d: double (use qss-25-01-d-xx-ra) lead style -01 plating specification (per row) -025, -050, -075, -100 -hm: heavy selective gold, matte tin tail (use c-177-01-hm, c-178-01-hm, im-1g18-01-1-h option -ra: right angle & wt-16-02-t) (note: ground plane solder tails & weld tab solder tails "-t" plating) -f: flash gold (use c-177-01-f, c-178-01-f, im-1g18-01-1-f & wt-16-02-t) (see note 5) -l: light gold (use c-177-01-l, c-178-01-l, im-1g18-01-1-l & wt-16-02-t) -h: heavy gold (use c-177-01-h, c-178-01-h, im-1g18-01-1-l & wt-16-02-t) -fm: flash selective gold, matte tin tail (use c-177-01-fm, c-178-01-fm, im-1g18-01-1-f & wt-16-02-t) -lm: light selective gold, matte tin tail (use c-177-01-lm, c-178-01-lm, im-1g18-01-1-l -ls1: locking screw (see fig. 2, sht 3) (for mating with -wt: weld tab .435 ref 11.05 ref .560 ref 14.22 .280 ((no of pos / 25) x .7875[20.003]) + .300[7.62] ref 7.11 6.35 ((no of pos / 25) x .7875[20.003]) + .550[13.97] ref (typ) .250 ref (typ) 3.18 .125 .006 ref 0.15 c1 .110 ref 2.79 f f f f c fig. 1 qss-075-01-xx-d-ra shown f f f f f f f f this design has this design has this design has this design has not been approved not been approved not been approved not been approved by engineering by engineering by engineering by engineering do not distribute do not distribute do not distribute do not distribute this print this print this print this print f:\dwg\sw\exisprod\assembly\pt635mm\qss-xxx-01-xx-d -ra-wt-xxx-asm.slddrw sheet of terminal, ground plane & dimensions are in inches. tolerances are: decimals angles unless otherwise specified, this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or .0020 [.051] material: .635mm double row right angle socket strip by: qss-xxx-01-xx-d-ra-wt-xxx dwg. no. description: proprietary note .xxxx: .005 [.13] .xxx: .01 [.3] 2 .xx: disclosed to others or used for any insulator: lcp, color: black consent of samtec, inc. do not scale drawing kevin b 01/22/02 3 1 sheet scale: 1.5:1 obtained without the expressed written purpose other than that which it was weld tab: phos bronze revision notes: 1. represents a critical dimension. 2. burr allowance: .0010 max. 3. minimum pushout force: 6 oz. 4. weld tabs (wt-16-02-t) not available on -025 pos ition. 5. if needed, -l plating can be substituted for -f plating. 6. im-1g18-01-1-x retention to be 1.0 lbs. minimum prior to second row fill. 7. designed for use with a .062 thick pcb 8. assemblies to be packaged in trays. .130 ref ((no of pos / 25) x .7875[20.003]) + .005[0.13] ref .186 4.71 ref 3.30 ref ref 0.30 8.33 .328 .012 ref (see note 4) ((no of pos / 25) x .7875[20.003]) + .225[5.72] ref ref (typ) 0.64 20.00 .069 ref .7875 1.75 .025 sq .245 ref 6.22 c qss-25-01-d-xx-ra c2 c3 02 01 c l c l l s a m t e c 5 2 0 p a r k e a s t b l v d , n e w a l b a n y , in 4 7 1 5 0 p h o n e : 8 1 2 .9 4 4 .6 7 3 3 f a x : 8 1 2 .9 4 8 .5 0 4 7 e-m ail: in f o @ s a m t e c .c o m c o d e : 5 5 3 2 2 3 cf 4 kb a dp b kb c dp d ts e tw f rc d decker 11/1/2005 ecn-52262 add -fm, -lm and -hm plating options. chg callout from qss-xxx-01-x-d-ra- wt-xxx to qss-xxx-01-xx-d-ra-wt- xxx d decker 9/9/2004 ecn-38846 add note 7. designed for use with a .062 thick pcb. j reid 7/25/2003 ecn-27487 chg callout from qss-xxx-01-x-d-ra- wt-xx to qss-xxx-01-x-d-ra-xxx by chg -ls to -ls1, add "for mating with a qts-...-ra-..ls1") under -ls1 option (callout). j ferry 2/27/2003 ecn-24164 chg callout from qss-xxx-01-x-d-ra- xx to qss-xxx-01-x-d-ra-wt-xx; del .073 ref dia dim, add .0625 ref dia dim (front view, fig. 2, sheet 3). j ferry 2/18/2003 ecn-23933 add -ls option, add sht 3. j reid 6/28/2003 ecn-26969 release for production. notes; note 3: chg push out force from .5 lb to 6 oz. j reid 12/15/2003 ecn-31238 release -ls1 option for production. e messer 3/9/2005 ecn-44272 sheet 2, del tube view; sheet 1, add note 8 for tray packaging
.097 ref 2.45 (see note 4) .244 6.20 .148 3.75 (see note 4) .025 .000[0.00] - .006[0.15] 0.25 2.87 (both rows) ref .058 1.47 .040 .1700 0.102 1.63 .064 0.64 ref 4.318 (see note 4) 4.45 .175 8.42 .332 ref .010 1.02 .0040 .113 ref see table 1 c13 c-178-01-x c-177-01-x im-1g18-01-1-x c12 (see note 4) c4 c6 c7 c8 c9 c10 c11 wt-16-02-t c5 revision f sheet of .635mm double row right angle socket strip by: qss-xxx-01-xx-d-ra-wt-xxx dwg. no. description: proprietary note sheet scale: 6:1 2 3 01/22/02 kevin b do not scale drawing consent of samtec, inc. this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written f:\dwg\sw\exisprod\assembly\pt635mm\qss-xxx-01-xx-d -ra-wt-xxx-asm.slddrw samtec 520 park east blvd, new albany, in 47150 phone: 812.944.6733 fax: 812.948.5047 e-mail: info@samtec.com code: 55322 no of positions coplanarity -025 thru -075 .004[0.10] -100 .006[0.15] table 1
((no of pos / 25) x .7875[20.003]) + .300[7.62] ref .125 3.18 ref (typ) revision f sheet of .635mm double row right angle socket strip by: qss-xxx-01-xx-d-ra-wt-xxx dwg. no. description: proprietary note sheet scale: 1.5:1 3 3 01/22/02 kevin b do not scale drawing consent of samtec, inc. this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written f:\dwg\sw\exisprod\assembly\pt635mm\qss-xxx-01-xx-d -ra-wt-xxx-asm.slddrw ((no of pos / 25) x .7875[20.003]) + .330[8.38] ref .0625 ref 1.588 (same as fig. 1, except as shown) qss-075-01-x-d-ra-ls1 shown fig. 2 samtec 520 park east blvd, new albany, in 47150 phone: 812.944.6733 fax: 812.948.5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of QSS-075-01-LM-D-RA-WT-LS1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X