Part Number Hot Search : 
SD2012 SM540A AN874 MP810 UG18CCT 033EF01 2SD1904Q TEA6842H
Product Description
Full Text Search
 

To Download PCS73-181M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power chip shielded inductors pcs73 15 features ? magnetically shielded ? high energy storage ? low energy loss electrical inductance range: 1.5h to 1000h tolerance: 20% over entrie range, also available in 10% t est frequency: 1khz, 1v operating temp: -40oc ~ 85oc idc: inductance drop 35% typ. at rated idc test equipment (l): hp 4192a lf impedance analyzer pre-heat 150oc, 1 min. physical packaging: 1600 pieces per 13 inch reel. dcr (?) rated current allied part number inductance (h) tolerance (%) test freq. pcs73-2r2m-rc pcs73-3r3m-rc pcs73-6r8m-rc pcs73-100m-rc pcs73-120m-rc pcs73-180m-rc pcs73-270m-rc pcs73-330m-rc pcs73-390m-rc pcs73-470m-rc pcs73-560m-rc pcs73-680m-rc pcs73-820m-rc pcs73-101m-rc 2.2 3.3 6.8 10 12 18 27 33 39 47 56 68 82 100 20 20 20 20 20 20 20 20 20 20 20 20 20 20 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.03 0.04 .060 .072 .098 0.14 0.21 0.24 0.32 0.36 0.47 0.52 0.69 0.79 4.00 3.70 2.00 1.68 1.52 1.20 0.96 0.91 0.77 0.76 0.68 0.61 0.57 0.50 dimensions: inches (mm) allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs pcs73-150m-rc 15 20 1 0.13 1.33 pcs73-220m-rc 22 20 1 0.19 1.07 (a) pcs73-151m-rc PCS73-181M-RC pcs73-221m-rc pcs73-271m-rc 150 180 220 270 20 20 20 20 1 1 1 1 1.27 1.45 1.65 2.31 0.43 0.39 0.35 0.32 pcs73-121m-rc 120 20 1 0.89 0.49 pcs73-331m-rc pcs73-391m-rc 330 390 20 20 1 1 2.62 2.94 0.28 0.26 pcs73-561m-rc pcs73-681m-rc pcs73-821m-rc pcs73-102m-rc 560 680 820 1000 20 20 20 20 1 1 1 1 4.67 5.73 6.54 9.44 0.22 0.19 0.18 0.16 pcs73-471m-rc 470 20 1 4.18 0.24 khz, 1v max ? low dc resistance ? suitable for pick and place resistance to soldering heat solder composition: sn/ag3.0/cu0.5 solder temp: 260oc 5oc immersion time: 10 sec. 1 sec. (rdc): chen hwa 502 (idc): chen hwa 1061 + chen hwa 301a or hp4284a + hp42841a marking: eia inductance code revised 7/28/11 all specifications are subject to change without notice. pcs73-1r5m-rc 1.5 20 1 0.03 4.00


▲Up To Search▲   

 
Price & Availability of PCS73-181M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X