Part Number Hot Search : 
1N6692S 02111 C330F 45000 B25667 ON2830 MK105 002N3
Product Description
Full Text Search
 

To Download P0850NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 755 33966678 ? ? taiwan 886 3 4641811 www.pulseeng.com 77 spm2007 (11/07) in circuit operating parameters 1 package pulse 5 pulse 4,5 national nominal rated max 2 nominal tht part smt part part inductance current et op dcr through surface lead number number number (h) (a dc ) (v-sec) ( ) hole mount diameter p0841nl ? lm267x-l41 22.8 4.9 23.3 .036 km-3.0 ? .035 p0845nl ? lm267x-l45 10.2 4.3 10.0 .026 km-1.1 ? .031 p0846nl ? lm267x-l46 14.8 5.0 17.0 .023 km-2.1 ? .035 p0847nl ? lm267x-l47 10 5.0 13.0 .025 km-2.0 ? .031 p0848nl ? lm267x-l48 50 5.0 40.0 .050 km-4.0 ? .039 p0849nl ? lm267x-l49 33 5.0 36.0 .047 km-4.0 ? .035 P0850NL ? lm267x-l50 23 5.0 24.0 .026 km-3.0 ? .043 ? p0841snl lm267x-l41 22.8 4.9 23.3 .036 ? hci-68 ? p0845snl lm267x-l45 10 4.3 10.0 .050 ? lci-44 ? p0846snl lm267x-l46 15 5.0 17.0 .027 ? lci-50 ? p0847snl lm267x-l47 11 5.0 13.0 .025 ? lci-50 ? p0848snl lm267x-l48 52 6 5.0 40.0 .025 ? bigfoot ? p0849snl lm267x-l49 36 6 5.0 36.0 .019 ? bigfoot ? p0850snl lm267x-l50 24.7 6 5.0 24.0 .013 ? bigfoot electrical specifications @ 25c? operating temperature -40c to +130c 7 tested and recommended by national semiconductor for the lm267x series base material meets flammability requirements of ul 94v-0 available in surface mount and through hole versions pkg a b c d e km-1.1 .350 .580 .715 .290 .110 8,89 14,74 18,17 7,37 2,80 km-2.0 .450 .650 .700 .325 .150 11,43 21,08 17,78 8,26 3,81 km-2.1 .460 .670 .750 .335 .150 11,69 17,02 19,05 8,51 3,81 km-3.0 .450 .830 .950 .415 .150 11,43 21,09 24,13 10,55 3,81 km-4.0 .600 .950 1.350 .475 .225 15,24 24,13 34,29 12,07 5,72 klipmount? series dimensions: inches mm unless otherwise specified, all tolerances are .010 0,25 tht/smt power inductors toroid - designed for national?s 260khz simple switcher ? notes : 1 . inductance values may vary 20%. 2. etop rated at 260khz. 3 . simple switcher? is a trademark of national semiconductor corporation. 4 . for smt parts, optional tape & reel packaging can be ordered by adding a " t " suffix to the part number (i.e. p0841snl becomes p0841snl t ). pulse complies to industry standard tape and reel specification eia481. 5 . the " nl " suffix indicates an rohs-compliant part number. non-nl suffixed parts are not necessarily rohs compliant, but are electrically and mechanically equivalent to nl versions. if a part number does not have the " nl " suffix, but an rohs compliant version is required, please contact pulse for availability. 6 . series connection (pins 2-4 connected) 7 . the temperature of the component (ambient plus temperature rise) must be within the stated operating temperature range.  12'  '3  1 $ $(12 $ $.4.( /       12' 
0 /        /       /  
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 755 33966678 ? ? taiwan 886 3 4641811 www.pulseeng.com 78 spm2007 (11/07) hci-68 lci series bigfoot mechanicals note: coil must clear seating plane by .010 min 0,25 notes: 1. dimension ?d? is measured across terminal blocks only. 2. coil must clear seating plane by .010 min. 0,25 pkg a b c d e f lci-44 .600 .620 .390 .500 .550 .510 15,24 15,75 9,91 12,70 13,97 12,95 lci-50 .670 .700 .390 .580 .620 .590 17,02 17,78 9,91 14,74 15,75 14,99 dimensions: inches mm unless otherwise specified, all tolerances are .010 0,25 weight . . . . . . . . . . . . . .12.1 grams tape & reel . . . . . . . . . . . .100/reel tube . . . . . . . . . . . . . . . . . .40/tube weight . . . . . . . . . . . . . . .18 grams tape & reel . . . . . . . . . . . . .20/reel tube . . . . . . . . . . . . . . . . . .75/tube lci-44 lci-50 weight ......................3.6 grams .............4.8 grams tape & reel .................200/reel ................200/reel tube .............................30/tube .................30/tube tht/smt power inductors toroid - designed for national?s 260khz simple switcher ?                    
&      !" # $!%&%  
      /      /              
              1       
      /         '3  1 $ $(12 $ $.4.(  ' 1       /         /            /          
    1.(4 '5 (     
&   
           e f r 2x .060 1,52 suggested pad layout pe-xxxxx u.s. pat 53091 30 date code country of origin seating plane c max 4 surfaces .005/0,13 d .015 0,38 b max a max


▲Up To Search▲   

 
Price & Availability of P0850NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X