Part Number Hot Search : 
VSH31012 02100 25FU106B B250014 F2010 RF6330J APT60 ISL5585
Product Description
Full Text Search
 

To Download MMSS-06-28C-F-0325-D-K-MDS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print .285 7.24 ref .505 12.83 ref "a" "a" mmss-05-22-x-xx.xx-s shown fig. 1 ipd1-xx-s (no of pos x .100[2.54]) + .055[1.40] ref .300 7.62 ref .200 5.08 ref .010 ref 0.25 (see note 9) 01 02 c l xx.xx (see note 11) section "a"-"a" dwc-xx-10-300 c1 c-179-xx-x mmssx-xx-xxx-x-xx.xx-x-x-xxx no of positions -02 thru -25 -s: single end -d: double end(must choose xus or xds options.) plating specification -f: flash selective (use c-179-xx-f) -l: light selective (use c-179-xx-l) -s: selective (use c-179-xx-s) wire gauge (awg) pvc:-20, -22, -24, -26, -28, -30 fep:-20, -24, -28, 30 end option [must be used on -d end option only & applies to end 2 housing] -lus: plastic latch up, straight -lds: plastic latch down, straight -mus: metal latch up, straight -mds: metal latch down, straight option specify in inches [use dwcx-xx-xx] (single end: 03.00[76.2] inch minimum, double end: 03.25[82.6] inch minimum) assembled length option -k: keyed polarization (use ipd1-xx-s-k) (see fig. 3, sheet 2) (leave blank for no polarization; available to existing customers only) color code c (see table 2) (leave blank for standard black cable) (not available with fep option) fep cable option -t: fep insulation (leave blank for standard pvc insulation) single -m: metal latch (use ipd1-xx-s-x-m) (leave blank for plastic) double xx.xx (see note 11) fig. 2 mmss-05-22-x-xx.xx-d-lus shown c2 c sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [0.3] 2 .xxx: .005 [0.13] .xxxx: .0020 [0.051] material: .100[2.54] socket discreet cable assembly by: mmssx-xx-xxx-x-xx.xx-x-x-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 05/03/2005 3 1 sheet scale: 1.5:1 housing: nylon 6/6, color: white contact: phos bronze cable; insulation: see callout wire: tinned copper c:\enterprisevault\dwg\misc\mktg\mmssx-xx-xxx-x-xx.xx-x-x-xxx-mkt.slddrw notes: 1. represents a critical dimension. 2. burr allowance: .003[0.08] max. 3. parts to be molded to position. 4. minimum pullout force: 5 lbs [2.22 n]. 5. contact must be inserted until retention feature locks into place. 6. all finished goods are to be electrical tested including hi-pot test @ 1000 volts dc. after final electrical test, label each assembly with 1 label-et. 7. tinned copper wire contains lead. 8. parts are to be layer packaged. 9. contacts offset for polarization. 10. refer to crimp specifications print for crimp and strip dimensions, tolerances, and tooling. 11. for lengths less than 12 in, tolerance shall be .125[3.18]. for other lengths, tolerances shall be 2%. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322 revision u
-lus latch- end 1 latch- end 2 [latch up- cable straight] -lds latch- end 1 latch- end 2 [latch down- cable straight] .027 ref 0.68 .023 ref 0.59 ipd1-xx-s-k -k: keyed polarization (mmssx-06-xx-x-xx.xx-x-k-xxx shown) (same as fig. 1, unless otherwise stated) fig. 3 sheet of .100[2.54] socket discreet cable assembly by: mmssx-xx-xxx-x-xx.xx-x-x-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 05/03/2005 3 2 sheet scale: 1.5:1 revision u c:\enterprisevault\dwg\misc\mktg\mmssx-xx-xxx-x-xx.xx-x-x-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322
.618 15.70 ref ipd1-xx-s-x-r ltc-14-01-n .109 - .002 + .003 2.77 - 0.05 + 0.08 .210 - .005 + .010 5.33 - 0.13 + 0.25 c4 c5 (mmssx-06-xx-x-xx.xx-s-m shown) (same as fig. 1, unless otherwise stated) fig. 4 sheet of .100[2.54] socket discreet cable assembly by: mmssx-xx-xxx-x-xx.xx-x-x-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 05/03/2005 3 3 sheet scale: 1:1 revision u c:\enterprisevault\dwg\misc\mktg\mmssx-xx-xxx-x-xx.xx-x-x-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322


▲Up To Search▲   

 
Price & Availability of MMSS-06-28C-F-0325-D-K-MDS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X