dual-in-line pin headers solder tail and wrapost open frame www.mill-max.com ? 516-922-6000 48 series 150, 153 4,22 4 , 2 2 b 4,75 4 , 7 5 3,73 3 , 7 3 4,9 4 , 9 3,96 3 , 9 6 4,5 4 , 5 12,95 1 2 , 9 5 2,79 2 , 7 9 3,4 3 , 4 0,64 dia. 0 , 6 4 d i a . 0,46 dia. 0 , 4 6 d i a . 0,46 dia. 0 , 4 6 d i a . 0,64 0 , 6 4 square s q u a r e 2,79 2 , 7 9 specify plating code xx= 10 ? 90 40 ? pin plating 0,25 m au 5,08 m sn/pb 5,08 m sn total number of pins quantity per tube a b c 2,54 2 , 5 4 solder tail ordering information ? series 150 dil headers are equipped with 0,64 dia. pins mm #0290. see page 182 for details. ? series 153 dil headers have 3-level wraposts mm #5301. see page 194 for details. ? both series have 0,46 dia. solder tails which are pluggable into standard contacts. ? insulators are high temperature thermoplastic. rohs 2002/95/ec xx=plating code see below for electrical, mechanical & enviromental data, see pg. 4 for rohs compliance select ? plating code. 150-xx-210-00-001000 150-xx-304-00-001000 150-xx-306-00-001000 150-xx-308-00-001000 150-xx-310-00-001000 150-xx-314-00-001000 150-xx-316-00-001000 150-xx-318-00-001000 150-xx-320-00-001000 150-xx-322-00-001000 150-xx-324-00-001000 150-xx-328-00-001000 150-xx-420-00-001000 150-xx-422-00-001000 150-xx-424-00-001000 150-xx-428-00-001000 150-xx-432-00-001000 150-xx-624-00-001000 150-xx-628-00-001000 150-xx-632-00-001000 150-xx-636-00-001000 150-xx-640-00-001000 150-xx-642-00-001000 150-xx-648-00-001000 150-xx-650-00-001000 150-xx-652-00-001000 150-xx-950-00-001000 150-xx-952-00-001000 150-xx-964-00-001000 153-10-210-00-001000 153-10-304-00-001000 153-10-306-00-001000 153-10-308-00-001000 153-10-310-00-001000 153-10-314-00-001000 153-10-316-00-001000 153-10-318-00-001000 153-10-320-00-001000 153-10-322-00-001000 153-10-324-00-001000 153-10-328-00-001000 153-10-420-00-001000 153-10-422-00-001000 153-10-424-00-001000 153-10-428-00-001000 153-10-432-00-001000 153-10-624-00-001000 153-10-628-00-001000 153-10-632-00-001000 153-10-636-00-001000 153-10-640-00-001000 153-10-642-00-001000 153-10-648-00-001000 153-10-650-00-001000 153-10-652-00-001000 153-10-950-00-001000 153-10-952-00-001000 153-10-964-00-001000 12,6 5,0 7,6 10,1 12,6 17,7 20,3 22,8 25,3 27,8 30,4 35,5 25,4 27,8 30,4 35,5 40,6 30,4 35,5 40,6 45,7 50,8 53,3 60,9 63,5 66,0 63,5 66,0 81,2 5,08 7,62 7,62 7,62 7,62 7,62 7,62 7,62 7,62 7,62 7,62 7,62 10,16 10,16 10,16 10,16 10,16 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 15,24 22,86 22,86 22,86 7,6 10,1 10,1 10,1 10,1 10,1 10,1 10,1 10,1 10,1 10,1 10,1 12,7 12,7 12,7 12,7 12,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 17,7 25,3 25,3 25,3 40 102 67 50 40 29 25 22 20 18 16 14 20 18 16 14 12 16 14 12 11 10 9 8 8 7 8 7 6 10 4 6 8 10 14 16 18 20 22 24 28 20 22 24 28 32 24 28 32 36 40 42 48 50 52 50 52 64 3 level wrapost
|