Part Number Hot Search : 
R6031635 RFI4019H PN168 100EP11 RFI4019H SC145306 00JU46 4VHC1G
Product Description
Full Text Search
 

To Download MBRF10U60CTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010. 9. 28 1/2 semiconductor technical data MBRF10U60CTA schottky barrier type diode revision no : 0 switching type power supply application. converter & chopper application. features h average output rectified current : i o =10a. h repetitive peak reverse voltage : v rrm =60v. h fast reverse recovery time : t rr =35ns. maximum rating (ta=25 ? ) to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q 1. anode 2. cathode 3. anode r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - - 0.75 v repetitive peak reverse current (note) i rrm v rrm =rated - - 50 a reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ k - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.5 ? /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 60 v average output rectified current (tc=114 ? ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 q 150 ? storage temperature range t stg -55 q 150 ? note : average forward current of centertap full wave connection. note : a value of one cell 3 y m
2010. 9. 28 2/2 MBRF10U60CTA revision no : 0 reverse current i r (ma) reverse voltage v r (v) i r - v r 0.001 0 1020304050 70 60 0.01 0.1 1 10 100 forward current i f (a) forward voltage v f (v) i f - v f 0.1 0.0 0.4 0.2 0.6 0.8 1.0 1 10 100 j t =25 c j t =150 c j t =25 c j t =125 c j t =150 c


▲Up To Search▲   

 
Price & Availability of MBRF10U60CTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X