Part Number Hot Search : 
FS1610BH MEGA161 AJW4515 IDT74FC 93000 PCF2104 AJW4515 Q2CSDC
Product Description
Full Text Search
 

To Download L79L05ACD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/17 december 2005  output current up to 100 ma  output voltages of -5; -6; -8; -9; -12; -15 v  thermal overload protection  short circuit protection  no external components are required  available in either 5% (ac) or 10% (c) selection description the l79l00 series of three-terminal negative regulators employ internal current limiting and thermal shutdown, making them essentially indestructible. if adequate heat-sink is provided, they can deliver up to 100 ma output current. they are intended as fixed voltage regulators in a wide range of applications including local or on-card regulation for elimination of noise and distribution problems associated with single-point regulation. in addition, they can be used with power pass elements to make high-current voltage regulators. the l79l00 series used as zener diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower noise. l79l00 series negative voltage regulators figure 1: schematic diagram so-8 sot-89 to-92 rev. 11
l79l00 series 2/17 table 1: absolute maximum ratings (*) our so-8 package used for voltage regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the die attach flag. this particular frame decreases the total thermal resistance of the package and increases its ability to dissipate power when an appro- priate area of copper on the printed circuit board is available for heat-sinking. the external dimensions are the same as for t he standard so-8. table 2: thermal data (*) considering 6 cm 2 of copper board heat-sink. figure 2: pin connection (top view, bottom view for to-92) symbol parameter value unit v i dc input voltage v o = -5 to -9 v -30 v v o = -12 to -15 v -35 i o output current 100 ma p tot power dissipation internally limited (*) t stg storage temperature range -40 to 150 c t op operating junction temperature range for l79l00c, l79l00ac 0 to 125 c for l79l00ab -40 to 125 c symbol parameter so-8 to-92 sot-89 unit r thj-case thermal resistance junction-case max 20 15 c/w r thj-amb thermal resistance junction-ambient max 55 (*) 200 c/w so-8 to-92 pin 1 = gnd pin 2 = v in pin 3 = v out sot-89
l79l00 series 3/17 table 3: order codes (*) available in tape & reel with the suffix "13tr". (**) available in ammopak with the suffix "-ap" or in tape & reel with the suffix "-tr". please note that in these cases pins a re shaped according to tape & reel specifications. figure 3: test circuits type so-8 (tube)* to-92 (bag)** sot-89 (t&r) output voltage l79l05c l79l05cd l79l05cz -5 v l79l05ac L79L05ACD l79l05acz l79l05acu -5 v l79l05ab l79l05abd l79l05abz l79l05abu -5 v l79l06c l79l06cd l79l06cz -6 v l79l06ac l79l06acd l79l06acz l79l06acu -6 v l79l06ab l79l06abd l79l06abz l79l06abu -6 v l79l08c l79l08cd l79l08cz -8 v l79l08ac l79l08acd l79l08acz l79l08acu -8 v l79l08ab l79l08abd l79l08abz l79l08abu -8 v l79l09c l79l09cd l79l09cz -9 v l79l09ac l79l09acd l79l09acz l79l09acu -9 v l79l09ab l79l09abd l79l09abz l79l09abu -9 v l79l12c l79l12cd l79l12cz -12 v l79l12ac l79l12acd l79l12acz l79l12acu -12 v l79l12ab l79l12abd l79l12abz l79l12abu -12 v l79l15c l79l15cd l79l15cz -15 v l79l15ac l79l15acd l79l15acz -15 v l79l15ab l79l15abd l79l15abz -15 v
l79l00 series 4/17 table 4: electrical characteristics of l79l05 (refer to the test circuits, t j = 0 to 125c, v i = -10v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f unless otherwise specified). table 5: electrical characteristics of l79l06 (refer to the test circuits, t j = 0 to 125c, v i = -12v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -4.6 -5 -5.4 v v o output voltage i o = 1 to 40 ma v i = -7 to -20 v -4.5 -5.5 v i o = 1 to 70 ma v i = -10 v -4.5 -5.5 ? v o line regulation v i = -7 to -20 v t j = 25c 200 mv v i = -8 to -20 v t j = 25c 150 ? v o load regulation i o = 1 to 100 ma t j = 25c 60 mv i o = 1 to 40 ma t j = 25c 30 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.2 ma v i = -8 to -20 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 40 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -8 to -18 v 40 49 db v d dropout voltage 1.7 v symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -5.52 -6 -6.48 v v o output voltage i o = 1 to 40 ma v i = -8.5 to -20 v -5.4 -6.6 v i o = 1 to 70 ma v i = -12 v -5.4 -6.6 ? v o line regulation v i = -8.5 to -20 v t j = 25c 200 mv v i = -9 to -20 v t j = 25c 150 ? v o load regulation i o = 1 to 100 ma t j = 25c 60 mv i o = 1 to 40 ma t j = 25c 30 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.2 ma v i = -8 to -20 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 50 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -9 to -20 v 38 46 db v d dropout voltage 1.7 v
l79l00 series 5/17 table 6: electrical characteristics of l79l08 (refer to the test circuits, t j = 0 to 125c, v i = -14v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f unless otherwise specified). table 7: electrical characteristics of l79l09 (refer to the test circuits, t j = 0 to 125c, v i = -15v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -7.36 -8 -8.64 v v o output voltage i o = 1 to 40 ma v i = -10.5 to -23 v -7.2 -8.8 v i o = 1 to 70 ma v i = -14 v -7.2 -8.8 ? v o line regulation v i = -10.5 to -23 v t j = 25c 200 mv v i = -11 to -23 v t j = 25c 150 ? v o load regulation i o = 1 to 100 ma t j = 25c 80 mv i o = 1 to 40 ma t j = 25c 40 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.2 ma v i = -11 to -23 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 60 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -12 to -23 v 36 45 db v d dropout voltage 1.7 v symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -8.28 -9 -9.72 v v o output voltage i o = 1 to 40 ma v i = -11.5 to -23 v -8.1 -9.9 v i o = 1 to 70 ma v i = -15 v -8.1 -9.9 ? v o line regulation v i = -11.5 to -23 v t j = 25c 250 mv v i = -12 to -23 v t j = 25c 200 ? v o load regulation i o = 1 to 100 ma t j = 25c 80 mv i o = 1 to 40 ma t j = 25c 40 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.2 ma v i = -12 to -23 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 70 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -12 to -23 v 36 44 db v d dropout voltage 1.7 v
l79l00 series 6/17 table 8: electrical characteristics of l79l12 (refer to the test circuits, t j = 0 to 125c, v i = -19v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f unless otherwise specified). table 9: electrical characteristics of l79l15 (refer to the test circuits, t j = 0 to 125c, v i = -23v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -11.1 -12 -12.9 v v o output voltage i o = 1 to 40 ma v i = -14.5 to -27 v -10.8 -13.2 v i o = 1 to 70 ma v i = -19 v -10.8 -13.2 ? v o line regulation v i = -14.5 to -27 v t j = 25c 250 mv v i = -16 to -27 v t j = 25c 200 ? v o load regulation i o = 1 to 100 ma t j = 25c 100 mv i o = 1 to 40 ma t j = 25c 50 i d quiescent current t j = 25c 6.5 ma t j = 125c 6 ? i d quiescent current change i o = 1 to 40 ma 0.2 ma v i = -16 to -27 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 80 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -15 to -25 v 36 42 db v d dropout voltage 1.7 v symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -13.8 -15 -16.2 v v o output voltage i o = 1 to 40 ma v i = -17.5 to -30 v -13.5 -16.5 v i o = 1 to 70 ma v i = -23 v -13.5 -16.5 ? v o line regulation v i = -17.5 to -30 v t j = 25c 300 mv v i = -20 to -30 v t j = 25c 250 ? v o load regulation i o = 1 to 100 ma t j = 25c 150 mv i o = 1 to 40 ma t j = 25c 75 i d quiescent current t j = 25c 6.5 ma t j = 125c 6 ? i d quiescent current change i o = 1 to 40 ma 0.2 ma v i = -20 to -30 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 90 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -18.5 to -28.5 v 33 39 db v d dropout voltage 1.7 v
l79l00 series 7/17 table 10: electrical characteristics of l79l05ab and l79l05ac (refer to the test circuits, v i = -10v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f, t j = 0 to 125c for l79l05ac, t j = -40 to 125c for l79l05ab, unless otherwise specified). table 11: electrical characteristics of l79l06ab and l79l06ac (refer to the test circuits, v i = -12v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f, t j = 0 to 125c for l79l06ac, t j = -40 to 125c for l79l06ab, unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -4.8 -5 -5.2 v v o output voltage i o = 1 to 40 ma v i = -7 to -20 v -4.75 -5.25 v i o = 1 to 70 ma v i = -10 v -4.75 -5.25 ? v o line regulation v i = -7 to -20 v t j = 25c 150 mv v i = -8 to -20 v t j = 25c 100 ? v o load regulation i o = 1 to 100 ma t j = 25c 60 mv i o = 1 to 40 ma t j = 25c 30 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.1 ma v i = -8 to -20 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 40 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -8 to -18 v 41 49 db v d dropout voltage 1.7 v symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -5.76 -6 -6.24 v v o output voltage i o = 1 to 40 ma v i = -8.5 to -20 v -5.7 -6.3 v i o = 1 to 70 ma v i = -12 v -5.7 -6.3 ? v o line regulation v i = -8.5 to -20 v t j = 25c 150 mv v i = -9 to -20 v t j = 25c 100 ? v o load regulation i o = 1 to 100 ma t j = 25c 60 mv i o = 1 to 40 ma t j = 25c 30 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.1 ma v i = -9 to -20 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 50 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -9 to -20 v 39 46 db v d dropout voltage 1.7 v
l79l00 series 8/17 table 12: electrical characteristics of l79l08ab and l79l08ac (refer to the test circuits, v i = -14v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f, t j = 0 to 125c for l79l08ac, t j = -40 to 125c for l79l08ab, unless otherwise specified). table 13: electrical characteristics of l79l09ab and l79l09ac (refer to the test circuits, v i = -15v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f, t j = 0 to 125c for l79l09ac, t j = -40 to 125c for l79l09ab, unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -7.68 -8 -8.32 v v o output voltage i o = 1 to 40 ma v i = -10.5 to -23 v -7.6 -8.4 v i o = 1 to 70 ma v i = -14 v -7.6 -8.4 ? v o line regulation v i = -10.5 to -23 v t j = 25c 175 mv v i = -11 to -23 v t j = 25c 125 ? v o load regulation i o = 1 to 100 ma t j = 25c 80 mv i o = 1 to 40 ma t j = 25c 40 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.1 ma v i = -11 to -23 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 60 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -12 to -23 v 37 45 db v d dropout voltage 1.7 v symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -8.64 -9 -9.36 v v o output voltage i o = 1 to 40 ma v i = -11.5 to -23 v -8.55 -9.45 v i o = 1 to 70 ma v i = -15 v -8.55 -9.45 ? v o line regulation v i = -11.5 to -23 v t j = 25c 225 mv v i = -12 to -23 v t j = 25c 150 ? v o load regulation i o = 1 to 100 ma t j = 25c 80 mv i o = 1 to 40 ma t j = 25c 40 i d quiescent current t j = 25c 6 ma t j = 125c 5.5 ? i d quiescent current change i o = 1 to 40 ma 0.1 ma v i = -12 to -23 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 70 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -12 to -23 v 37 44 db v d dropout voltage 1.7 v
l79l00 series 9/17 table 14: electrical characteristics of l79l12ab and l79l12ac (refer to the test circuits, v i = -19v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f, t j = 0 to 125c for l79l12ac, t j = -40 to 125c for l79l12ab, unless otherwise specified). figure 4: electrical characteristics of l79l15ab and l79l15ac (refer to the test circuits, v i = -23v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f, t j = 0 to 125c for l79l15ac, t j = -40 to 125c for l79l15ab, unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -11.5 -12 -12.5 v v o output voltage i o = 1 to 40 ma v i = -14.5 to -27 v -11.4 -12.6 v i o = 1 to 70 ma v i = -19 v -11.4 -12.6 ? v o line regulation v i = -14.5 to -27 v t j = 25c 250 mv v i = -16 to -27 v t j = 25c 200 ? v o load regulation i o = 1 to 100 ma t j = 25c 100 mv i o = 1 to 40 ma t j = 25c 50 i d quiescent current t j = 25c 6.5 ma t j = 125c 6 ? i d quiescent current change i o = 1 to 40 ma 0.1 ma v i = -16 to -27 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 80 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -15 to -25 v 37 42 db v d dropout voltage 1.7 v symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c -14.4 -15 -15.6 v v o output voltage i o = 1 to 40 ma v i = -17.5 to -30 v -14.25 -15.75 v i o = 1 to 70 ma v i = -23 v -14.25 -15.75 ? v o line regulation v i = -17.5 to -30 v t j = 25c 300 mv v i = -20 to -30 v t j = 25c 250 ? v o load regulation i o = 1 to 100 ma t j = 25c 150 mv i o = 1 to 40 ma t j = 25c 75 i d quiescent current t j = 25c 6.5 ma t j = 125c 6 ? i d quiescent current change i o = 1 to 40 ma 0.1 ma v i = -20 to -30 v 1.5 en output noise voltage b = 10hz to 100khz t j = 25c 90 v svr supply voltage rejection i o = 40 ma f = 120hz t j = 25c v i = -18.5 to -28.5 v 34 39 db v d dropout voltage 1.7 v
l79l00 series 10/17 dim. mm. inch min. typ max. min. typ. max. a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.04 0.010 a2 1.10 1.65 0.043 0.065 b 0.33 0.51 0.013 0.020 c 0.19 0.25 0.007 0.010 d 4.80 5.00 0.189 0.197 e 3.80 4.00 0.150 0.157 e 1.27 0.050 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 k ? (max.) ddd 0.1 0.04 so-8 mechanical data 0016023/c 8
l79l00 series 11/17 dim. mm. mils min. typ max. min. typ. max. a 1.4 1.6 55.1 63.0 b 0.44 0.56 17.3 22.0 b1 0.36 0.48 14.2 18.9 c 0.35 0.44 13.8 17.3 c1 0.35 0.44 13.8 17.3 d 4.4 4.6 173.2 181.1 d1 1.62 1.83 63.8 72.0 e 2.29 2.6 90.2 102.4 e 1.42 1.57 55.9 61.8 e1 2.92 3.07 115.0 120.9 h 3.94 4.25 155.1 167.3 l 0.89 1.2 35.0 47.2 sot-89 mechanical data p025h
l79l00 series 12/17 dim. mm. mils min. typ max. min. typ. max. a 4.32 4.95 170.1 194.9 b 0.36 0.51 14.2 20.1 d 4.45 4.95 175.2 194.9 e 3.30 3.94 129.9 155.1 e 2.41 2.67 94.9 105.1 e1 1.14 1.40 44.9 55.1 l 12.7 15.49 500.0 609.8 r 2.16 2.41 85.0 94.9 s1 0.92 1.52 36.2 59.8 w 0.41 0.56 16.1 22.0 5 5 to-92 mechanical data 0102782/d
l79l00 series 13/17 dim. mm. inch min. typ max. min. typ. max. a 330 12.992 c 12.8 13.2 0.504 0.519 d 20.2 0.795 n 60 2.362 t 22.4 0.882 ao 8.1 8.5 0.319 0.335 bo 5.5 5.9 0.216 0.232 ko 2.1 2.3 0.082 0.090 po 3.9 4.1 0.153 0.161 p 7.9 8.1 0.311 0.319 tape & reel so-8 mechanical data
l79l00 series 14/17 dim. mm. inch min. typ max. min. typ. max. a 180 7.086 c 12.8 13.0 13.2 0.504 0.512 0.519 d 20.2 0.795 n 60 2.362 t 14.4 0.567 ao 4.70 4.80 4.90 0.185 0.189 0.193 bo 4.30 4.40 4.50 0.169 0.173 0.177 ko 1.70 1.80 1.90 0.067 0.071 0.075 po 3.9 4.0 4.1 0.153 0.157 0.161 p 7.9 8.0 8.1 0.311 0.315 0.319 tape & reel sot89 mechanical data
l79l00 series 15/17 dim. mm. inch min. typ max. min. typ. max. a1 4.80 0.189 t 3.80 0.150 t1 1.60 0.063 t2 2.30 0.091 d 0.48 0.019 p0 12.5 12.9 0.492 0.508 p2 5.65 7.05 0.222 0.278 f1, f2 2.44 2.54 2.94 0.096 0.100 0.116 delta h 2 0.079 w 17.5 18.00 19.0 0.689 0.709 0.748 w0 5.7 6.3 0.224 0.248 w1 8.5 9.25 0.335 0.364 w2 0.50 0.20 h 18.50 18.70 0.728 0.726 h0 15.50 16.50 0.610 0.650 h1 25.00 0.984 d0 3.8 4.2 0.150 0.165 t 0.90 0.035 l1 3 0.118 delta p 1 0.039 u 50 1.968 1 360 14.173 2 30 1.181 tape & reel for to-92 mechanical data 1 2 u pull-out direction w w1 w0 w2 a1 d d0 h1 h h0 l l1 f1 f2 p2 p0 delta p delta h t2 t1 t t drawing not in scale
l79l00 series 16/17 table 15: revision history date revision description of changes 14-mar-2005 9 add tape & reel for to-92. 15-mar-2005 10 add note on table 3. 23-dec-2005 11 mistake on ordering table in header.
l79l00 series 17/17 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this publicati on are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2005 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of L79L05ACD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X