Part Number Hot Search : 
428H4B SY89429 KE300 HD74ALVC 4ALVCH16 KBU8D 12N60 120FIB
Product Description
Full Text Search
 

To Download IXKK94N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v gs continuous 20 v i d25 t c = 25 c; note 1 94 a i d100 t c = 100 c, note 1 60 a i d(rms) package lead current limit 45 a e as i o = 10a, t c = 25 c 1800 mj p d t c = 25 c 780 w t j -55 ... +150 c t jm 150 c t stg -55 ... +125 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c f c mounting force 11 ... 65 / 2.4 ...11 n/lb weight 3g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. r ds(on) v gs = 10 v, i d = i d100 , note 30 35 m ? v gs = 10 v, i d = i d100 , note t j = 125 c75m ? v gs(th) v ds = v gs , i d = 4 ma 2 3 4 v i dss v ds = v dss t j = 25 c50 a v gs = 0 v t j = 150 c 400 a i gss v gs = 20 v dc , v ds = 0 200 na g = gate d = drain s = source ds99065b(08/03) advance technical information power mosfet low r ds(on) , high voltage, superjunction mosfet ixkk 94n60c3 v dss = 600 v i d25 = 94 a r ds(on) = 35 m ? ? ? ? ? features z 3 rd generation superjunction power mosfet - high blocking capability - low on resistance - avalanche rated for unclamped inductive switching (uis) z low thermal resistance due to reduced chip thickness applications z switched mode power supplies (smps) z uninterruptible power supplies (ups) z power factor correction (pfc) z welding z inductive heating s g d (tab) to-264
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v, i d = i d100 75 s q g(on) 500 625 nc q gs v gs = 10 v, v ds = 350 v, i d = 40 a 48 nc q gd 240 nc t d(on) 20 ns t r v gs = 10 v, v ds = 380v 27 ns t d(off) i d = 60 a, r g = 2.2 ? 14 ns t f 10 ns r thjc 0.16 k/w r thch 0.15 k/w reverse correction characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. v sd i f = i d100 , v gs = 0 v 1.0 1.2 v note 1 note: 1. pulse test, t 100 300 s, duty cycle d 2 % ixkk 94n60c3 to-264 outline millimeter inches min. max. min. max. a 4.82 5.13 .190 .202 a1 2.54 2.89 .100 .114 a2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 d 25.91 26.16 1.020 1.030 e 19.81 19.96 .780 .786 e 5.46 bsc .215 bsc j 0.00 0.25 .000 .010 k 0.00 0.25 .000 .010 l 20.32 20.83 .800 .820 l1 2.29 2.59 .090 .102 p 3.17 3.66 .125 .144 q 6.07 6.27 .239 .247 q1 8.38 8.69 .330 .342 r 3.81 4.32 .150 .170 r1 1.78 2.29 .070 .090 s 6.04 6.30 .238 .248 t 1.57 1.83 .062 .072 dim.
? 2003 ixys all rights reserved ixkk 94n60c3 fig. 2. extended output characteristics @ 25 deg. c 0 40 80 120 160 200 240 280 320 360 0 2 4 6 8 1012141618 v d s - volts i d - amperes v gs = 10v 7v 5v 6v t p = 300s fig. 3. output characteristics @ 125 deg. c 0 10 20 30 40 50 60 70 80 90 100 01 2345 67 v d s - volts i d - amperes v gs = 10v 5v 4v 4.5v t p = 300s fig. 1. output characteristics @ 25 deg. c 0 10 20 30 40 50 60 70 80 90 100 0 0.5 1 1.5 2 2.5 3 3.5 v d s - volts i d - amperes v gs = 10v 6v 5v 4v 4.5v t p = 300s fig. 4. r ds(on) norm alized to i d100 v alue vs. junction temperature 0.4 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s (on) - normalize d i d = 60a i d = 30a v gs = 10v t p = 300s fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 100 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alized to i d100 value vs. i d 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4 0 40 80 120 160 200 240 280 320 360 i d - amperes r d s (on) - normalize d t j = 125oc t j = 25oc v gs = 10v t p = 300s
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 ixkk 94n60c3 fig. 11. capacitance 10 100 1000 10000 100000 0 10 203040 50607080 90100 v ds - volts capacitance - pf c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 60 120 180 240 300 360 420 480 540 q g - nanocoulombs v g s - volts v ds = 350v i d = 80a i g = 10ma fig. 7. input admittance 0 30 60 90 120 150 180 210 240 22.5 33.5 44.5 55.5 6 v g s - volts i d - amperes t j = 125oc 25oc -40oc fig. 12. maxim um transient therm al resistance 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 1 10 100 1000 pulse width - milliseconds r (th) j c - (oc/w) fig. 8. transconductance 0 20 40 60 80 100 120 140 160 180 0 30 60 90 120 150 180 210 240 i d - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 9. source current vs. source-to- drain voltage 0 20 40 60 80 100 120 140 160 180 200 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 v s d - volts i s - amperes t j = 125oc t j = 25oc


▲Up To Search▲   

 
Price & Availability of IXKK94N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X